Part Number Hot Search : 
DT70V 2SK3279 51011 TB504 VP2019H MAX3890 SA2002 LF114D
Product Description
Full Text Search
 

To Download TDS2000C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital storage oscilloscopes TDS2000C series datasheet the TDS2000C digital storage oscilloscope series provides you with affordable performance in a compact design. packed with standard features - including usb connectivity, 16 automated measurements, limit testing, data logging, and context-sensitive help - the TDS2000C series oscilloscopes help you get more done in less time. key performance specifications 200 mhz, 100 mhz, 70 mhz, 50 mhz bandwidth models 2- and 4-channel models up to 2 gs/s sample rate on all channels 2.5k point record length on all channels advanced triggers including pulse width trigger and line-selectable video trigger key features 16 automated measurements and fft analysis for simplified waveform analysis built-in waveform limit testing automated, extended data logging feature autoset and signal auto-ranging built-in context-sensitive help probe check wizard 11-language user interface 144 mm (5.7 inch) active tft color display small footprint and lightweight - only 124 mm (4.9 inches) deep and 2 kg (4.4 lb) usb 2.0 host port on the front panel for quick and easy data storage usb 2.0 device port on the rear panel for easy connection to a pc or for direct printing to a pictbridge ? -compatible printer includes national instrument's labview signalexpress ? te limited edition and tektronix openchoice ? software for connecting to your bench lifetime warranty. limitations apply. for terms and conditions, visit www.tektronix.com/lifetimewarranty digital precision for accurate measurements with up to 200 mhz bandwidth and 2 gs/s maximum sample rate, no other digital storage oscilloscope offers as much bandwidth and sample rate for the price. tektronix proprietary sampling technology provides real-time sampling with a minimum of 10x oversampling on all channels, all the time to accurately capture your signals. sampling performance is not reduced when using multiple channels. critical tools for troubleshooting your device advanced triggers - rising/falling edge, pulse width, and video - help you quickly isolate your signals of interest. once you've captured a signal, advanced math capabilities and automated measurements can speed your analysis. quickly perform an fft or add, subtract, or multiply waveforms. sixteen automated measurements quickly and reliably calculate important signal characteristics such as frequency or rise time, while the built-in limit test function enables you to easily identify problems in your signal. quickly and easily capture waveforms with advanced triggering.
see all the details other oscilloscopes might miss with tektronix proprietary digital real- time sampling. quickly perform an fft with the advanced math functions. designed to make your work easy the TDS2000C series oscilloscopes are designed with the ease of use and familiar operation you have come to expect from tektronix. intuitive operation the intuitive user interface with dedicated per-channel vertical controls, auto-setup, and auto-ranging makes these instruments easy to use, reducing learning time and increasing efficiency. help when you need it the built-in help menu provides you with important information on your oscilloscope's features and functions. help is provided in the same languages as the user interface. the context-sensitive help system provides important information specific to the task you are working on. probe check wizard check out your probe compensation before making measurements with just one button that starts a fast, easy procedure. limit test the oscilloscope can automatically monitor source signals and output pass or fail results by judging whether the input waveform is within predefined boundaries. specific actions can be triggered on violation including stopping waveform acquisition, stopping limit test functions, saving the failed waveform data or screen image to a usb memory device, or any combination of the above. this is an ideal solution for manufacturing or service applications where you need to make decisions quickly. datasheet 2 www.tektronix.com
limit test provides a quick pass/fail comparison of any triggered input signal to a user- defined template. flexible data transfer the usb host port on the front panel enables you to save your instrument settings, screenshots, and waveform data in a flash. the built-in data logging feature means you can set up your oscilloscope to save user- specified triggered waveforms to a usb memory device for up to 24 hours. you can also select the "infinite" option for continuous waveform monitoring. with this mode you can save your triggered waveforms to an external usb memory device without a duration limitation until the memory device is full. the oscilloscope will then guide you to insert another usb memory device to continue saving waveforms. data logging enables automatic saving of triggered waveforms. conveniently use your usb flash drive to store screenshots and waveform data. easy pc connectivity easily capture, save, and analyze measurement results by connecting to your pc with the rear-panel usb device port and the included copy of openchoice pc communications software. simply pull screen images and waveform data into the stand-alone desktop application or directly into microsoft word and excel. alternatively, if you prefer not to use your pc, you can simply print your image directly to any pictbridge-compatible printer. connect to your bench for intelligent debug every TDS2000C series oscilloscope ships with an included copy of the limited tektronix edition of national instrument's labview signalexpress for basic instrument control, data logging, and analysis. signalexpress supports the range of tektronix bench instruments (for a complete listing of tektronix instruments supported by ni labview signal express, visit: www.tektronix.com/signalexpress) enabling you to connect your entire test bench. you can then access the feature-rich tools packed into each instrument from one intuitive software interface. this allows you to automate complex measurements requiring multiple instruments, log data for an extended period of time, time-correlate data from multiple instruments, and easily capture and analyze your results, all from your pc. only tektronix offers a connected test bench of intelligent instruments to simplify and speed debug of your complex design. TDS2000C digital storage oscilloscopes www.tektronix.com 3
easily capture, save, and analyze measurement results with the included national instrument's labview signalexpress, limited tektronix edition software. performance you can count on in addition to industry-leading service and support, every TDS2000C series oscilloscope comes backed with a lifetime warranty as standard. limitations apply. for terms and conditions, visit www.tektronix.com/ lifetimewarranty . datasheet 4 www.tektronix.com
specifications all specifications apply to all models unless noted otherwise. overview tds2001c tds2002c tds2004c tds2012c tds2014c tds2022c tds2024c display (qvga lcd) tft on all models bandwidth 50 mhz 70 mhz 70 mhz 100 mhz 100 mhz 200 mhz 200 mhz channels 2 2 4 2 4 2 4 external trigger input included on all models sample rate on each channel 500 ms/s 1.0 gs/s 1.0 gs/s 2.0 gs//s 2.0 gs/s 2.0 gs/s 2.0 gs/s vertical system record length 2.5k points at all time bases on all models vertical resolution 8 bits vertical sensitivity 2 mv to 5 v/div on all models with calibrated fine adjustment dc vertical accuracy 3% on all models vertical zoom vertically expand or compress a live or stopped waveform maximum input voltage 300 v rms cat ii; derated at 20 db/decade above 100 khz to 13 v p-p ac at 3 mhz position range 2 mv to 200 mv/div +2 v; >200 mv to 5 v/div +50 v bandwidth limit 20 mhz for all models input impedance 1 m in parallel with 20 pf input coupling ac, dc, gnd on all models horizontal system time base accuracy 50 ppm horizontal zoom horizontally expand or compress a live or stopped waveform trigger system trigger modes auto, normal, single sequence trigger types edge (rising/falling) conventional level-driven trigger. positive or negative slope on any channel. coupling selections: ac, dc, noise reject, hf reject, lf reject video trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards (ntsc, pal, secam) pulse width (or glitch) trigger on a pulse width less than, greater than, equal to, or not equal to, a selectable time limit ranging from 33 ns to 10 s trigger source 2-channel models ch1, ch2, ext, ext/5, ac line 4-channel models ch1, ch2, ch3, ch4, ext, ext/5, ac line trigger view displays the trigger signal while the trigger view button is depressed trigger signal frequency readout provides a frequency readout of the trigger source TDS2000C digital storage oscilloscopes www.tektronix.com 5
acquisition system acquisition modes peak detect high-frequency and random glitch capture. captures glitches as narrow as 12 ns (typical) at all time base settings from 5 s/div to 50 s/div sample sample data only average waveform averaged, selectable: 4, 16, 64, 128 single sequence use the single sequence button to capture a single triggered acquisition sequence roll mode at acquisition time base settings of >100 ms/div waveform measurements automatic waveform measurements period, frequency, +width, -width, rise time, fall time, max, min, peak-to-peak, mean, rms, cycle rms, cursor rms, duty cycle, phase, delay cursors types amplitude and time measurements t, 1/t (frequency), v waveform math operators add, subtract, multiply, fft sources 2-channel models ch1 - ch2, ch2 - ch1, ch1 + ch2, ch1 x ch2 4-channel models ch1 - ch2, ch2 - ch1, ch3 - ch4, ch4 - ch3, ch1 + ch2, ch3 + ch4, ch1 x ch2, ch3 x ch4 fft windows: hanning, flat top, rectangular 2,048 sample points autoset menu single-button, automatic setup of all channels for vertical, horizontal, and trigger systems, with undo autoset. autoset-menu signal-type choices are: square wave single cycle, multicycle, rising or falling edge sine wave single cycle, multicycle, fft spectrum video (ntsc, pal, secam) field: alt, odd, or even line: alt or selectable line number autorange automatically adjust vertical and/or horizontal oscilloscope settings when a probe is moved from point to point, or when a signal exhibits large changes display characteristics display qvga active color tft interpolation sin(x)/x display types dots, vectors persistence off, 1 s, 2 s, 5 s, infinite format yt and xy datasheet 6 www.tektronix.com
input-output interfaces usb ports the usb host port on the front panel supports usb flash drives the usb device port on the back of the instrument supports connection to a pc and to all pictbridge-compatible printers gpib optional nonvolatile storage reference waveform display two 2.5k point reference waveforms waveform storage without usb flash drive tds2001c, tds2002c, tds2012c, tds2022c: two 2.5k point waveforms tds2004c, tds2014c, tds2024c: four 2.5k point waveforms maximum usb flash drive size 64 gb waveform storage with usb flash drive 96 or more reference waveforms per 8 mb setups without usb flash drive 10 front-panel setups setups with usb flash drive 4,000 or more front-panel setups per 8 mb screen images with usb flash drive 128 or more screen images per 8 mb. the actual number of images depends on the file format selected save all with usb flash drive 12 or more save all operations per 8 mb a single save all operation creates 3 to 9 files (setup, image, plus one file for each displayed waveform) power source power source source voltage full range: 100 to 240 v ac rms 10%, installation category ii (covers range of 90 to 264 v ac ) power consumption power consumption: less than 30 w at 85 to 275 v ac input physical characteristics instrument dimensions height 158.0 mm (6.2 inches) width 326.3 mm (12.8 inches) depth 124.2 mm (4.9 inches) instrument weight instrument only 2.0 kg (4.4 lb) instrument with accessories 2.2 kg (4.9 lb) shipping package dimensions height 266.7 mm (10.5 inches) width 476.2 mm (18.7 inches) depth 228.6 mm (9.0 inches) rm2000b rackmount dimensions height 482.6 mm (19.0 inches) width 177.8 mm (7.0 inches) depth 108.0 mm (4.3 inches) TDS2000C digital storage oscilloscopes www.tektronix.com 7
emc, environment and safety temperature operating 0 to +50 c non-operating -40 to +71 c humidity operating up to 80% rh at or below +40 c up to 45% rh up to +50 c non-operating up to 80% rh at or below +40 c up to 45% rh up to +50 c altitude operating up to 3,000 m non-operating up to 3,000 m electromagnetic compatibility meets directive 2004/108/ec, en 61326-2-1 class a; australian emc framework safety ul61010-2004, csa22.2 no. 61010-1:2004, en61010-1:2001, iec61010-1:2001, eu low voltage directive 2006/95/ec datasheet 8 www.tektronix.com
ordering information models tds2001c 50 mhz, 2 ch, 500 ms/s, tft dso tds2002c 70 mhz, 2 ch, 1 gs/s, tft dso tds2004c 70 mhz, 4 ch, 1 gs/s, tft dso tds2012c 100 mhz, 2 ch, 2 gs/s, tft dso tds2014c 100 mhz, 4 ch, 2 gs/s tft dso tds2022c 200 mhz, 2 ch, 2gs/s, tft dso tds2024c 200 mhz, 4 ch, 2 gs/s, tft dso instrument options language options opt. l0 english (front-panel label on instrument) opt. l1 french (front-panel overlay) opt. l2 italian (front-panel overlay) opt. l3 german (front-panel overlay) opt. l4 spanish (front-panel overlay) opt. l5 japanese (front-panel overlay) opt. l6 portuguese (front-panel overlay) opt. l7 simplified chinese (front-panel overlay) opt. l8 traditional chinese (front-panel overlay) opt. l9 korean (front-panel overlay) opt. l10 russian (front-panel overlay) user manual (pdf) in 11 languages are available on the documentation cd and for download from www.tektronix.com/manuals. there are no printed user manuals. power plug options opt. a0 north america power plug (115 v, 60 hz) opt. a1 universal euro power plug (220 v, 50 hz) opt. a2 united kingdom power plug (240 v, 50 hz) opt. a3 australia power plug (240 v, 50 hz) opt. a4 north america power plug (240 v, 50 hz) opt. a5 switzerland power plug (220 v, 50 hz) opt. a6 japan power plug (100 v, 110/120 v, 60 hz) opt. a10 china power plug (50 hz) opt. a11 india power plug (50 hz) TDS2000C digital storage oscilloscopes www.tektronix.com 9
opt. a12 brazil power plug (60 hz) opt. a99 no power cord service options opt. d1 calibration data report probes and accessories are not covered by the oscilloscope warranty and service offerings. refer to the datasheet of each probe and accessory model for its unique warranty and calibration terms. standard accessories probes tpp0101 100 mhz passive probe for tds2001c, tds2002c, and tds2004c (one per channel) tpp0201 200 mhz passive probe for tds2012c, tds2014c, tds2022c, and tds2024c (one per channel) accessories power cord please specify plug option nim/nist traceable certificate of calibration documentation TDS2000C and tds1000c-edu compliance and safety instructions TDS2000C and tds1000c-edu documentation cd openchoice pc communications software enables fast and easy communication between a windows pc and the TDS2000C series using usb. transfer and save settings, waveforms, measurements, and screen images national instruments signalexpress tektronix edition interactive measurement software - base version a fully interactive measurement software environment optimized for the TDS2000C series. enables you to instantly acquire, generate, analyze, compare, import, and save measurement data and signals using an intuitive drag-and-drop user interface that does not require any programming. standard TDS2000C series support for acquiring, controlling, viewing, and exporting your live signal. a 30-day trial period of the professional version provides additional signal processing, advance analysis, mixed signal, sweeping, limit testing, and user-defined step capabilities. order sigexpte for permanent professional version capability. limited lifetime warranty covers labor and parts for defects in materials and workmanship for a minimum of 10 years, excluding probes and accessories. lifetime is defined as 5 years after tektronix discontinues manufacturing the product, but the warranty length shall be at least ten years from date of original purchase. lifetime warranty is nontransferrable. proof of original purchase is required. limitations apply. for terms and conditions visit www.tektronix.com/lifetimewarranty. probes and accessories are not covered by the oscilloscope warranty and service offerings. refer to the datasheet of each probe and accessory model for its unique warranty and calibration terms. datasheet 10 www.tektronix.com
recommended accessories probes tpp0101 10x passive probe, 100 mhz bandwidth tpp0201 10x passive probe, 200 mhz bandwidth p2220 1x/10x passive probe, 200 mhz bandwidth p6101b 1x passive probe (15 mhz, 300 v rms cat ii rating) p6015a 1000x high-voltage passive probe (75 mhz) p5100a 100x high-voltage passive probe (500 mhz) p5200 high-voltage active differential probe (25 mhz) p6021 15 a, 60 mhz ac-current probe a621 2000 a, 5 to 50 khz, ac-current probe a622 100 a, 100 khz, ac/dc current probe/bnc tcp303/tcpa300 150 a, 15 mhz ac/dc current probe/amplifier tcp305/tcpa300 50 a, 50 mhz ac/dc current probe/amplifier tcp312/tcpa300 30 a, 100 mhz ac/dc current probe/amplifier tcp404xl/tcpa400 500 a, 2 mhz ac/dc current probe/amplifier accessories tek-usb-488 gpib-to-usb converter sigexpte national instruments signalexpress tektronix edition internative measurement software - professional version ac2100 soft carrying case for instrument hctek4321 hard plastic carrying case for instrument rm2000b rackmount kit 077-0444-xx programmer manual, english only, pdf only, downloadable from www.tektronix.com/manuals 077-0446-xx service manual, english only, pdf only, downloadable from www.tektronix.com/manuals 174-4401-xx usb host to device cable, 3 feet long tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. product(s) complies with ieee standard 488.1-1987, rs-232-c, and with tektronix standard codes and formats. TDS2000C digital storage oscilloscopes www.tektronix.com 11
datasheet asean / australasia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 2255 4835* brazil +55 (11) 3759 7627 canada 1 800 833 9200 central east europe and the baltics +41 52 675 3777 central europe & greece +41 52 675 3777 denmark +45 80 88 1401 finland +41 52 675 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 820 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 6714 3010 luxembourg +41 52 675 3777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people's republic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 6647564 south africa +41 52 675 3777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 (2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 april 2013 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com . copyright ? tektronix, inc. all rights reserved. tektronix products are covered by u.s. and foreign patents, issued and pending. information in this publication supersedes that in all previously published material. specification and price change privileges reserved. tektronix and tek are registered trademarks of tektronix, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies. 12 apr 2013 3gw-25645-4 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of TDS2000C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X