Part Number Hot Search : 
A3290 SG1825CJ PL375SBR BDS935 HC224 67F090 P4KE100 PA3202
Product Description
Full Text Search
 

To Download SF2L-HF-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount fast recovery rectifier maximum ra tings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. resistive or inductive load. sf1l thru sf5l sod-123fl m a x i m u m r a t ings (@ t a =25 o c unless otherwise noted) electrical characteristics (@t a =25 o c unless otherwise noted) dimensions in inches and (millimeters) fea tures * f a st switching * low le a k a g e * low f orward voltage drop * high current ca p a bility * high currenf surge * high reli a bility mechanical da t a * epoxy: device ha s ul fla m m a bility cla ssif ication 94v - o * mounting position: a n y * w e ight: 0.0 1 6 gra m r a tings maxi mum re current pea k reverse v oltage ma x i mum rms v oltage maxi mum dc blocking v oltage maxi mum a verage forward re ctif ied current at t a = 55 o c pea k forward surge current 8.3 ms single hal f sine-wave superi mposed on rated loa d (jedec method) t typical thermal resistance (note 4) typical current squared time ypical junction ca pa cita nce (note 2) operating a nd storage t e mperature ra n g e symbol v rrm v dc i o i fsm c r qja r qjl j t j , t st g v rms sf1l sf2l sf3l sf4l sf5l units 50 100 400 v olts v olts v olts amps 35 50 420 600 70 100 280 400 600 1.0 20 1.6 32 150 15 -55 to + 150 amps a 2 s pf 0 c 0 c/w 200 140 200 notes : 1. reverse re 4. thermal resistance : mounted on pcb. covery t e st condition s: i f = 0.5a, i r = - 1 .0a, i rr = - 0.25a 2. me a sured at 1 mh z a nd a pplied reverse voltage of 4.0 volts 2010-05 rev:b at rated dc blocking v oltage t a = 25 o c characteristics m axi mum full loa d reverse current full cycle a verage, .375? (9.5mm) lea d length at t l = 55 o c m axi mum reverse recovery t i me (note 1) v f symbol i r trr sf1l sf2l sf3l sf4l sf5l units 1.3 2.0 100 150 250 uamps uamps nse c m axi mum dc reverse current ma x i mum in sta nta neous forward v oltage at 1.0a dc v olts 3. ?fully rohs compli a nt?, ?100% sn plating (pb-free)?. .150 (3.8) .142 (3.6) .052 (1.32) .050 (1.28) .033 (0.85) .030 (0.75) .044 (1.12) .043 (1.08) .033 (0.85) .030 (0.75) .035 (0.90) .028 (0.70) .039 (1.00) .035 (0.90) .077 (1.95) .069 (1.75) .008 (0.20) .114 (2.9) .106 (2.7) i 2 t 5. available in halogen-free epoxy by adding suffix -hf after the part nbr. voltage range 50 to 600 volts current 1.0 ampere
ambient temperature, ( o c) instantaneous reverse current, (ua) 25 1.0 0 0 0.8 0.6 0.4 0.2 75 50 175 100 125 150 rating and characteristics curves ( sf1l thru sf5l ) fig.2 typical forward current derating curve fig.1 test circuit diagram and reverse recovery time characteristic percent of rated peak reverse voltage, (%) average forward current, (a) 0 0.1 10 6 4 2 1 0.6 0.4 0.2 100 60 40 20 60 20 40 80 100 120 140 fig.3 typical reverse characteristics trr +0.5a 50 w noninductive 10 w noninductive 0 -0.25a -1.0a set time base for 60/1 ns/cm notes: 1 rise time = 7ns max. input impedance = 1 megohm. 22pf. 2. rise time = 10ns max. source impedance = 50 ohms. d.u.t 25 vdc (approx) ( - ) ( - ) ( + ) ( + ) 1 non- inductive oscilloscope (note 1) pulse generator (note 2) single phase half wave 60hz resistive or inductive load t a = 25 o c t a = 100 o c
number of cycles at 60hz peak forward surge current, (a) instantaneous forward voltage, (v) 1 1 3 2 5 10 20 instantaneous forward current, (a) 1.0 0.3 0.1 0.03 0.01 3.0 10 20 10 5 50 100 2.5 2.0 1.5 1.0 0.5 0 3.0 3.5 rating and characteristics curves ( sf1l thru sf5l ) fig.4 typical instantaneous forward characteristics fig.5 maximum non-repetitive forward surge current reverse voltage, (v) junction capacitance, (pf) 4 6 40 20 10 60 200 100 0.2 0.1 2 1 0.4 2 1.0 4 10 20 40 100 fig.6 typical junction capacitance 8.3ms single half sine-wave (jeded method) pulse width=300us 1% duty cycle t j = 25 o c t j = 25 o c
mounting pad layout dimensions in inches and (millimeters) 0.1 65 ( 4.19 ) ref .052 min. (1.32 min.) .033 min. (0.85 min.) .044 min. (1.12 min.) .033 min. (0.85 min.)
marking description y w s f x cathode band part no. year ? code: (y:last digit of year& a:2010, b:2011??) voltage-code 1-------50v 4-----400v 2-------100v 5-----600v 3-------200v week ? code: ( w: a, week 01~02 b, week 03~04 c , week 05~06 z, week 51~52 )
packaging of diode and bridge rectifiers reel pack package gross weight(kg) ea per reel component space(mm) tape space (mm) carton size (mm) (mm) ea per carton reel dia packing code sod-123f 2,500 --- --- 178 390*205*310 100,000 5.804 -w
rectron inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. rectron inc or anyone on its behalf assumes no responsibility or liabi- lity for any errors or inaccuracies. data sheet specifications and its information contained are intended to provide a product description only. "typical" paramet- ers which may be included on rectron data sheets and/ or specifications ca- n and do vary in different applications and actual performance may vary over ti- me. rectron inc does not assume any liability arising out of the application or use of any product or circuit. rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other rela- ted applications where a failure or malfunction of component or circuitry may di- rectly or indirectly cause injury or threaten a life without expressed written appr- oval of rectron inc. customers using or selling rectron components for use in such applications do so at their own risk and shall agree to fully indemnify rect- ron inc and its subsidiaries harmless against all claims, damages and expendit- ures. disclaimer notice


▲Up To Search▲   

 
Price & Availability of SF2L-HF-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X