Part Number Hot Search : 
KBPC351 2012A SK09H06 00152 IMP1815 KBPC351 HD66760 S3C9452
Product Description
Full Text Search
 

To Download S7727 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s7726 is designed for high-speed pof (plastic optical fiber) communications. both devices are molded into miniature plastic pac kages with lenses, allowing easy and efficient coupling to a pof. S7727 uses a monolithic photo ic that ensures high resistance to externa l noise and high reliability, and provides p-ecl voltage conversion output. photo ic photo ic for optical link receiver for 156 mbps pof communications S7727 features l photo ic receiver for pof data link l monolithic structure immune from external noise l data rates from 4 mbps to 156 mbps l p-ecl voltage conversion output (note: unlike normal p-ecl output, S7727 output cannot be terminated with 50 w .) l designed to be used with l9534 or l7726 applications l plastic optical fiber communications (fa, office machine, home automation, lan) l data transmission in locations subject to high electromagnetic noise 1 absolute maximum ratings (ta=25 c) parameter symbol value unit supply voltage vcc -0.5 to +7.0 v output voltage vo -0.5 to vcc + 0.5 v output current io 8 ma power dissipation pmax 250 * 1 mw operating temperature topr -20 to +70 c storage temperature ts t g -40 to +85 c soldering - 230 c, 5 s, at least 1.5 mm away from package surface - *1: derate power dissipation at a rate of 1.7 mw/c above ta=25 c electrical and optical characteristics (ta=25 c, vcc=5.0 v) parameter symbol condition min. typ. max. unit data rate fd bi-phase signal nrz conversion 4 - 156 mbps current consumption icc * 2, * 3, * 6 - - 40 ma high level output voltage voh ioh= -1 ma * 2, * 3, * 6 3.9 - 4.3 v low level output voltage vol iol= -0.5 a * 2, * 3, * 6 2.9 - 3.4 v minimum overload pimax * 2, * 3, * 4, * 5, * 6 -2 - - dbm minimum receiver input power pimin * 2, * 3, * 4, * 5, * 6 - - -22 dbm rise time tr - - 3 ns fall time tf 10 to 90 % * 2, * 3, * 6 - - 3 ns pulse width distortion ? t* 2, * 3, * 4, * 6 -3 - 3 ns jitter ? tj * 2, * 3, * 4, * 6 - - 3 ns *2: measured with 156 mbps input signal (bi-phase signal) *3: a 3 pf capacitor is connected to gnd as a capacitive load (including parasitic capacitance such as probes, connectors and evaluation pcb patterns) *4: an optical input waveform is generated with a hamamatsu standard transmitter. *5: a detectable signal level is an average value, measured using a plastic fiber (gh4001 made by mitsubishi rayon). *6: a 3 k ? resistor is externally connected between q and gnd and also between qb and gnd. note) a bypass capacitor (0.1 f) connected at a position within 2 mm from the lead, and a 4.7 f capacitor is also connected to the power supply line nearby. the optical axis of the package lens is exactly aligned with the center axis of the optical plug, and the gap between the lens surface and the optical reference plane of the plug is 0.1 mm. if modulated light at 4 mbps or less (including dc light and no light input) is input to S7727, the high and low levels cannot be discerned.
hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv?gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8 -509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 6 hamamatsu photonics k.k. cat. no. kpic1034e03 jun. 2006 dn photo ic for optical link S7727  dimensional outline (unit: mm) 2 5.0 4.5 ?0.3 (including burr) 5.2 ?0.3 (including burr) 0.5 1.27 (specified at the lead root) 1.27 1.27 0.4 1.4 (2.15) (1.5) 6.6 ?0.4 4.3 (0.9) 10? 10? 5.0 tolerance unless otherwise noted: ?.1, ?? shaded area indicates burr. values in parentheses indicate reference value. (0.9) qb gnd q vcc 1.77 0.97 0.69 10? (0.9) 4.3 0.25 10? 1.8 kpica0029ec


▲Up To Search▲   

 
Price & Availability of S7727

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X