Part Number Hot Search : 
B105M 2SK131 S2600D ADT7421 H11AA4M BZV55C10 6765T ATAB5756
Product Description
Full Text Search
 

To Download S501-16A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d escription ? fast acting ? optional axial leads available ? 5mm x 20mm physical size ? ceramic tube, nickel brass endcap construction ? designed to iec 60127-2 ? rohs compliant version available (-r option) (all amperages except 400ma, 630ma 1a, 1.25a, 1.6a) ordering ? specify product code, option code and packaging code ? for -r option, drop ma or a from product code (i.e. s501-2-r) agency information ? ul recogniz ed card: (50ma and 315ma-10a) guide jd yx2, file e19180 ? semko approval 50ma, 160ma-10a ? vde appro v al 1.25a-10a ? imq approval 50ma, and 2a-10a ? ratings abo v e 6.3a ha v e a 0.8mm diameter lead dimensions drawing not to scale specifica tions voltage interrupting rating typical typical product code rating at rated voltage melting i 2 t (a 2 sec) voltage ac ac ac drop (mv)? s501-50ma 250v 1500a 0.0017 9000 s501-63ma 250v 1500a 0.0005 3300 s501-80ma 250v 1500a 0.0011 2600 s501-100ma 250v 1500a 0.0018 2300 s501-125ma 250v 1500a 0.0037 1900 s501-160ma 250v 1500a 0.008 1600 s501-200ma 250v 1500a 0.020 1350 s501-250ma 250v 1500a 0.027 1300 s501-315ma 250v 1500a 0.010 1400 s501-400ma 250v 1500a 0.018 1200 s501-500ma 250v 1500a 0.038 1050 s501-630ma 250v 1500a 0.064 1200 s501-800ma 250v 1500a 0.097 490 s501-1a 250v 1500a 0.480 230 s501-1.25a 250v 1500a 0.9 200 s501-1.6a 250v 1500a 1.9 180 s501-2a 250v 1500a 2.0 205 s501-2.5a 250v 1500a 3.9 190 s501-3.15a 250v 1500a 8.1 160 s501-4a 250v 1500a 14 160 s501-5a 250v 1500a 25 155 s501-6.3a 250v 1500a 48 150 s501-8a 250v 1500a n/a n/a s501-10a 250v 1500a n/a n/a ? typical voltage drop (voltage drop was measured at 20 ambient temperature at rated current) electrical characteristics 1.5 in 2.1 in 2.75 in 4 in 10 in in min max min max min max max 50ma-3.15a 60 min 30 min 10 ms 2 sec 3 ms 300 ms 20 ms 4a-10a 60 min 30 min 10 ms 3 sec 3 ms 300 ms 20 ms 5mm x 20mm fuses s501 series, fast acting, ceramic tube
time current curve packaging code packaging code description bk 100 pieces of fuses pac k ed into a cardboard car ton bk1 1,000 pieces of fuses packed into a poly bag tr2 1,500 pieces of fuses packed into tape on a reel option code option code description v axial leads - copper tinned wire with nickel plated brass overcaps -r rohs compliant v ersion cooper electronic t echnologies 3601 quantum boule v ard boynton beach, fl 33426-8638 t el: 1-561-752-5000 f ax: 1-561-742-0134 toll free: 1-888-414-2645 cooper bussmann p .o . bo x 14460 st. louis, mo 63178-4460 t el: 1-636-394-2877 f ax: 1-800-544-2570 europe cooper electronic t echnologies cooper (uk) limited burton-on-the-wolds leicestershire ?le12 5th ukt el: +44 (0) 1509 882 737 fax: +44 (0) 1509 882 786 asia pacific cooper electronic t echnologies 1 j alan kilang timor #06-01 pacific tech centre singapore 159303t el: +65 278 6151 fax: +65 270 4160 v isit us on the web at: www .cooperet .com oc-2568 10/05 cooper electronic t echnologies 2005 north america 5mm x 20mm fuses s501 series, fast acting, ceramic tube


▲Up To Search▲   

 
Price & Availability of S501-16A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X