Part Number Hot Search : 
MAX15022 15A02 F538L CMPS5062 M4004 T4700N 256P30 30SC4MT
Product Description
Full Text Search
 

To Download OL4413L-4-W149 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jog - 01006 oki electronics compo nents rev . 3 [1 2 . 2002] ol4413l - 4 - w nnn , ol 5413l - 4 - w nn n ol 6413l - 4 - w nnn preliminary transmitter optical sub - assembly for sfp/sff drawing no: jog - 01006 - 1 - oki electric industry co., ltd. 1. description the ol4413l - 4 - w nnn , ol5413l - 4 - w nnn , ol6413l - 4 - w nnn series consist of a mqw - dfb laser diode, a monitor pd, a single - stage optical isolator, a single - mode fiber - stub, a split sleeve for the optical connector with f 1.25 mm ferrule and a coaxia l package . these modules are transmitter optical sub - assembly for cwdm 2.5gbit/s transmission with high power at high temperature. 2. features fiber output power: pf=4.0mw multi - quantum - well (mqw) dfb structure includes moni tor pd for power control built - in single - stage optical isolator coaxial package wide operation range: ta=0 to +70 c side mode suppression: 32db 3. application cwdm
jog - 01006 oki electronics components drawing no: jog - 01006 - 2 - oki electric industry co., ltd. 4.optical and electr ical characteris tics (ta = 0 to +70 c , unless otherwise specified) parameter symbol test conditions min. typ. max. unit fiber output power pf cw 4.0 mw operation current iop pf=4.0mw,cw 90 ma threshold current ith cw 60 ma ol4413l - 4 - w147 1467 1470 1473 ol4413l - 4 - w149 1487 1490 1493 ol5413l - 4 - w151 1507 1510 1513 ol5413l - 4 - w153 1527 1530 1533 ol5413l - 4 - w155 1547 1550 1553 ol5413l - 4 - w157 1567 1570 1573 ol5413l - 4 - w159 1587 1590 1593 peak wavelength l p p f = 4.0mw , cw, ta =25 c ol6 413l - 4 - w161 1607 1610 1613 nm spectral width d l p f = 4 .0mw, cw, - 20db 0.5 nm ld forward voltage vf p f = 4.0 mw ,cw 1.6 v side - mode suppression ratio smsr pf=4.0mw,cw 32 db rise/fall times tr/tf p peak = 4.0 mw 0.15 ns monitor current im p f = 4.0 mw ,cw 120 2200 m a tracking error tre (rt to wct) - 1 +1 db connector repetability - master pigtail - 0.5 +0.5 db 5.absolute maximum rating (ta = +25 c , unless otherwise specified) parameter symbol rating unit fiber output pow er pf 6 mw ld reverse voltage v r 2 v monitor pd forward current i f 10 ma monitor pd reverse current i r 2 ma monitor pd reverse voltage v r 30 v operating ambient temperature (t a ) ta 0 to +70 c storage temperature tstg - 4 0 to +85 c lead soldering temperature (10s) - 260 c
jog - 01006 oki electronics components drawing no: jog - 01006 - 3 - oki electric industry co., ltd. 6.outline drawing all dimensions in millimeters package no. (unit: mm) b ottom view orp orp: optical reference plane
jog - 01006 oki electronics components drawing no: jog - 01006 - 4 - oki electric industry co., ltd. 7. safety information on this product warning laser beam a laser beam is emitted from this laser diode during operation. the invisible or visible laser beam, directly or indirectly, may cause injury to the eye or loss of eyesight . do not look directly into the laser beam. avoid exposure to the laser beam, any reflected or collimated beam. caution gaas product the product contains gallium arsenide, gaas. gaas vapor and powder are hazardous to human health if inhaled, ingest ed or swallowed. do not destory or burn the product. do not crush or chemically dissolve the product. do not put the product in the mouth. observe related laws and company regulations when discarding this product. the product should be excluded fr om general industrial waste or household garbage. caution optical fiber a glass - fiber is attached on the product. handle with care. when the fiber is broken or damaged, handle carefully to avoid injury from the damaged part or fragments. all specifica tions described herein are subject to change without notice. copyright 2002 oki electric industry co., ltd


▲Up To Search▲   

 
Price & Availability of OL4413L-4-W149

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X