Part Number Hot Search : 
MSK52 A201DL 2GPBF MAX873 R1EX24 NJ8821 KDV240 VPC3243D
Product Description
Full Text Search
 

To Download MPS8050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MPS8050 MPS8050 npn general purpose amplifier this device is designed for general purpose audio amplifier applications at collector currents to 500 ma. sourced from process 30. absolute maximum ratings* ta = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. notes : 1) these ratings are based on a maximum junction temperature of 150 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. thermal characteristics ta = 25c unless otherwise noted symbol characteristic max units MPS8050 p d total device dissipation derate above 25 c 625 5.0 mw mw/ c r q jc thermal resistanc e, j unction to case 83.3 c/w r q ja thermal resistanc e, j unction to ambient 200 c/w symbol parameter value units v ceo collector-emitter voltage 25 v v cbo collector-bas e voltage 40 v v ebo emitter-base voltage 6.0 v i c collector current - continuous 1.0 a t j , t stg operating and storage j unction temperature range -55 to +150 c c b e to-92 discrete power & signal technologies ? 1997 fairchild semiconductor corporation
MPS8050 electrical characteristics ta = 25c unless otherwise noted off characteristics symbol parameter test conditions min max units on characteristics v (br)ceo collector-emitter sustaining voltage* i c = 30 ma, i b = 025v v (br)cbo collector-bas e breakdown voltage i c = 100 m a, i e = 0 40 v v (br) ebo emitter-base breakdown voltage i e = 100 m a, i c = 0 6.0 v i cbo collector-cutoff current v cb = 35 v, i e = 0 0.1 m a i ces collector-cutoff current v ce = 20 v, i e = 0 75 na h fe dc current gain i c = 5.0 ma, v ce = 1.0 i c = 100 ma, v ce = 1.0 i c = 800 ma, v ce = 1.0 45 80 40 300 v ce( sat ) collector-emitter saturation voltage i c = 800 ma, i b = 80 ma 0.5 v v be( sat ) base-emitter saturation voltage i c = 800 ma, i b = 80 ma 1.2 v * pulse test: pulse width 300 m s, duty cycle 1.0% typical characteristics base-emitter saturation voltage vs collector current 10 100 1000 0.4 0.6 0.8 1 1.2 i - collector current (ma) v - base emitter voltage (v) c besat b b = 10 - 40 oc 25 c 125 c npn general purpose amplifier (continued) typical pulsed current gain vs collector current p30 1 10 100 1000 50 100 150 200 250 300 i - collector current (a) h - typical pulsed current gain fe - 40 oc 25 c c v = 1v ce 125 c collector-emitter saturation voltage vs collector current p30 10 100 1000 0 0.1 0.2 0.3 0.4 i - collector current (ma) v - collector emitter voltage (v) c cesat b b = 10 - 40 oc 25 c 125 c base emitter on voltage vs collector current p30 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 i - collector current (ma) v - base emitter on voltage (v) c beon v = 1v ce - 40 oc 25 c 125 c
MPS8050 typical characteristics (continued) npn general purpose amplifier (continued) collector-cutoff current vs. ambient temperature 25 50 75 100 125 0.001 0.01 0.1 1 10 t - ambient temperature ( c) i - collector current (na) a cbo o v = 40v cb collector saturation region p30 20 00 40 00 60 00 80 00 20 00 0 40 00 0 0 0.5 1 1.5 2 i - base current (ua) v - collector-emitter voltage (v) ce b 100ma 800ma 5 ma ta = 25 c ic = input and output capacitance vs reverse voltage 0.1 1 10 100 0.1 1 10 100 v - collector voltage(v) capacitance (pf) cib cob f = 1.0 mhz ce gain bandwidth product vs collector current 1 10 20 50 100 0 200 400 600 800 1000 i - collector current (ma) f - gain bandwidth product (mhz) c t v = 10v ce collector-emitter breakdown voltage with resistance between emitter-base 0.1 1 10 100 1000 32 33 34 35 36 37 38 resistance (k ) bv - breakdown voltage (v) w w cer power dissipation vs ambient temperature 0 25 50 75 100 125 150 0 100 200 300 400 500 600 700 temperature ( c) p - power dissipation ( mw) d o to-92
trademarks acex? coolfet? crossvo l t? e 2 cmos tm f act? f act quiet series? f ast ? f as t r? g t o? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy f airchilds products are not authorized for use as critical components in life suppo r t devices or systems without the express written appro v al of f airchild semiconduc t or corpor a tion. as used herein: isoplanar? microwire? pop? power t rench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 t inylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the bod y , or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use r . 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to a f fect its safety or e f fectiveness. product s t a tus definitions definition of t erms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconducto r . the datasheet is printed for reference information onl y . formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein to improve reliabilit y , function or design. fairchild does not assume any liability arising out of the applic a tion or use of any product or circuit described herein; neither does it convey any license under its pa tent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of MPS8050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X