Part Number Hot Search : 
KMI15 S1201 A3155 SAA7185B 2SD16 G12864 74F323PC F800B5
Product Description
Full Text Search
 

To Download KBP208G-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds21205 rev. 10 - 2 1 of 3 kbp2005g-kbp210g www.diodes.com  diodes incorporated kbp2005g - kbp210g 2.0a glass passivated bridge rectifier c e g h j k l m n p + _ a b d kbp dim min max a 14.25 14.75 b 10.20 10.60 c 2.29 typical d 14.25 14.73 e 3.56 4.06 g 0.76 0.86 h 1.17 1.42 j 2.8 x 45 chamfer k 0.80 1.10 l 3.35 3.65 m 3 nominal n 2 nominal p 0.30 0.64 all dimensions in mm characteristic symbol kbp 2005g kbp 201g kbp 202g kbp 204g kbp 206g kbp 208g kbp 210g unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t c = 105c i o 2.0 a non-repetitive peak forward surge current, 8.3 ms single half-sine-wave superimposed on rated load i fsm 65 a forward voltage per element @ i f = 2.0a v fm 1.1 v peak reverse current @ t c = 25c at rated dc blocking voltage @ t c = 125c i rm 5.0 500 a typical total capacitance per element (note 2) c t 25 pf typical thermal resistance (note 1) r  jc 14 c/w operating and storage temperature range t j ,t stg -65 to +150 c  case: kbp  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish - tin. plated leads, solderable per mil-std-202, method 208  polarity: marked on body  ordering information: see last page  marking: type number  weight: 1.52 grams (approximate) mechanical data  glass passivated die construction  high case dielectric strength of 1500v rms  low reverse leakage current  surge overload rating to 65a peak  ideal for printed circuit board applications  ul listed under recognized component index, file number e94661  lead free finish, rohs compliant (note 3) single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified notes: 1. thermal resistance from junction to case per element. unit mounted on 75 x 75 x 1.6mm aluminum plate heat sink. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7. features
ds21205 rev. 10 - 2 2 of 3 kbp2005g-kbp210g www.diodes.com 0 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 150c j t=25c j 0 80 20 60 40 100 1 10 100 i , peak forward surge current (a) fsm number of cycles at 60 hz fig. 3 max non-repetitive peak forward sur g e current t = 150c single half sine wave j 1 10 100 1 10 100 c , total capacitance (pf) t v , reverse voltage (v) fi g .4 t y pical total capacitance, per element r t=25c f=1mhz j 0.01 0.1 1.0 10 100 1000 10 , 000 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma) r percent of rated peak reverse voltage (%) fi g .5 t y pical reverse characteristics t = 125c j t = 100c j t=25c j t = 150c j 0 0.5 1.0 1.5 2 . 0 0 50 100 150 i o , average rectified current (a) t, temperature (c) fi g . 1 forward current deratin g curve ambient case lead
ds21205 rev. 10 - 2 3 of 3 kbp2005g-kbp210g www.diodes.com device packaging shipping kbp2005g kbp 35 pieces per tube kbp201g kbp 35 pieces per tube kbp202g kbp 35 pieces per tube kbp204g kbp 35 pieces per tube kbp206g kbp 35 pieces per tube kbp208g kbp 35 pieces per tube kbp210g kbp 35 pieces per tube notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf. ordering information (note 4) important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of KBP208G-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X