Part Number Hot Search : 
2060CT ARF1733 0000T AKD5385A MC33897D APW706 M4T27 Z5243B
Product Description
Full Text Search
 

To Download JMK107BJ106KD-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ?y features  goyordering code ; my applications 40 j m k 3 1 6 b j 1 0 6 m l _ t  6 7 8 5 4 3 2 1 9 10 11 k 0.45 a 0.8 d 0.85 f 1.15 g 1.25 h 1.5 l 1.6 n 1.9 y 2.0max m 2.5  f y5v 30?85? 22 h82? b j x 7r 55?125? ?15? b j x 5r 55?85? ?15? k ?10 m ?20 z 80 20 p 2.5 a 4 j 6.3 l 10 e 16 t 25 g 35 u 50 k plated 1 rated voltage vdc 3 end termination 5 temperature characteristics code 7 capacitance tolerances  %   standard products 9 t tape & reel 8 thickness mm 4 dimensions  case size  mm 10 11 packaging internal code 107 0603 1.60.8 212 0805 2.01.25 316 1206 3.21.6 325 1210 3.22.5 m multilayer ceramic capacitors 2 series name special code  standard products 1blank space 1blank space 6 nominal capacitance pf example 473 47,000 105 1,000,000 k 0.45 a 0.8 d 0.85 f 1.15 g 1.25 h 1.5 l 1.6 n 1.9 y 2.0max m 2.5 t ???a?e?? 107 0603 1.60.8 212 0805 2.01.25 316 1206 3.21.6 325 1210 3.22.5 k ?10 % m ?20 % z % p 2.5 a 4 j 6.3 l 10 e 16 t 25 g 35 u 50 k y?? ? 1  ?y vdc 3 7 0??0)  a j x?7 9 a
4  y
go  eia  l  w  mm  10 ptgg? 11 2 3???  a j ? 1?? z? ?? 8
a ?? mm 6 ? ?
i ?0?pf ? 473 47,000 105 1,000,000 f y b j ?10 30 80 5 9 s ?
q % 1?? m
u
??? 80 20 ~ ?? t ni   ? ?; `z z? ?? ? ty???`ok?\qt?? z x ?i ? z
q s?| 1 ?
q tby? z ???3????q?r c
\ d cz?m ?t
q??`?b ~ sa ? ? esr u ?^xz??u )
qtby?om?b{ ~ ?t????s?|??? ?r???t z`h ? ?m?0??? ?v ? ?m  ?ypk?su? ? y
? ?z u ?yu?x ?t
qtby?om? sw ? ?uk??b ~ the use of nickel(ni) as material for both the internal and external elec - trodes improves the solderability and heat resistance characteristics. this almost completely eliminates migration and raises the level of reli - ability signi?cantly. ~ low equivalent series resistance(esr) provides excellent noise absorp - tion characteristics. ~ compared to tantalum or aluminum electrolytic capacitors these ceramic capacitors offer a number of excellent features, including: higher permissible ripple current values smaller case sizes relative to rated voltage improved reliability due to higher insulation resistance and break - down voltage. ~ general digital circuit ~ power supply bypass capacitors liquid crystal modules liquid crystal drive voltage lines ls i, i c, converters(both for input and output) ~ smoothing capacitors dc-dc converters (both for input and output) switching power supplies (secondary side) ~ ???s?
? ` ~ ?o????  t??;  ? ? ?y???; ?o ?yw?mlsiziczop??; ~ ??? dc-dc???  ??z z? ; ????? ?o 2 ; g0?
u
??????? high value multilayer ceramic capacitors operating temp.  25 ? 85 ?  55 ? 125 ?  55 ? 85 ?  25 ? 85 ?  30 ? 85 ? bj f b x7 r x5 r f y5 v t emp.characteristics code operating t emp. range
?
goyexternal dimensions capacitors 4 41 ty pe  eia  l w t e 0.45 ? 0.05 k ? mk107 1.6 ? 0.10 *3,*4 0.8 ? 0.10 *3,*4  0.018 ? 0.002  0.35 ? 0.25 (0603 )  0.063 ? 0.004   0.031 ? 0.004  0.8 ? 0.10 *3,*4 a  0.014 ? 0.010   0.031 ? 0.004  0.45 ? 0.05 k  0.018 ? 0.002  ? mk212 2.0 ? 0.10 *1,*3 1.25 ? 0.10 *1,*3 0.85 ? 0.10 d 0.5 ? 0.25  0805   0.079 ? 0.004   0.049 ? 0.004   0.033 ? 0.004   0.020 ? 0.010  1.25 ? 0.10 *1,*3 g  0.049 ? 0.004  0.85 ? 0.10 d  0.033 ? 0.004  1.15 ? 0.10 f ? mk316 3.2 ? 0.15 *3 1.6 ? 0.15 *3  0.045 ? 0.004  0.5 0000 (1206 )  0.126 ? 0.006   0.063 ? 0.006  1.25 ? 0.10 g  0.020 yy   0.049 ? 0.004  1.6 ? 0.20 l  0.063 ? 0.008  0.85 ? 0.10 d  0.033 ? 0.004  1.15 ? 0.10 f  0.045 ? 0.004  ? mk325 3.2 ? 0.30 2.5 ? 0.20 *2 1.5 ? 0.10 h 0.6 ? 0.3 (1210 )  0.126 ? 0.012   0.098 ? 0.008   0.059 ? 0.004   0.024 ? 0.012  1.9 ? 0.20 n  0.075 ? 0.008  1.9  0. 1  0. 2 y 2.5 ? 0.20 *2 m  0.098 ? 0.008   0.35  0.25  0.014  0.010  0.004  0.008  0.075  unit  mm  inch  ? 1. 0.15mm?)k? ?2. 0.3mm?)k? ?3. 0.2mm?)k? ?4. 0.15/0.1mm?)k? note: 1. inclulding dimension tolerance 0.15mm  ?0.006 inch . note: 2. inclulding dimension tolerance0.3mm ?0.012 inch . note: 3. inclulding dimension tolerance0.2mm ?0.008 inch . note: 4. inclulding dimension tolerance0.15/0.1mm 0.006/0.004 inch . ?t??3 y available capacitance range bj ji s b  25 ? 85 20 ? 10 ? 20  m  2.5%max.** ei a x 7r*  55 ? 125 25 ? 15 ? 10  k  f ji s f  25 ? 85 20 7.0%max.** ei a y 5v  30 ? 85 25 9 s c? ?  t emperatur e range , j9 s ?  ref. t emp.
i ?0?!=p ?  capacitance change 9 s ?
q ? ? t emp. char .code
i ?0??0) ?  capacitance tolerance tan  ?  dissipation factor 9 s ?
q t emperatur e characteristics  z   80  20 j?f applicable standar d  30 ?  80  22 ?  82 ? 
u
???????y low pro?le multilayer ceramic capacitors ca p  f 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 22 47 ty pe tc vdc 3[digits ] 223 333 473 683 104 154 224 334 474 684 105 155 225 335 475 685 106 226 476 107 10 k 6.3 k k 16 k b/x5r 4 k k x5r 6.3 k k b/x7r b/x5r x5r f/y5 v f/y5 v b/x5r x5r b/x7 r 325 316 212 b/x5r f /y5r b/x7r 50 d d 25 d d 16 d d d d 10 d 16 d ~ k d d d 25 d d 10 k d d 6. 3 k d 6. 3 k d ~ k d 4 d 10 d 10 d 50 d 50 f 25 d f f 16 f f 6. 3 d 25 d 16 d d 10 d d d 6. 3 f f ~ d 16 d 10 d 6. 3 d d 10 d f 50 g 50 h 35 g 6. 3 d 25 d h 16 d d 25 d 50 h 35 h 10 f 10 d d d cap  f 0.022 0.033 0.047 0.068 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 22 47 100 t ype tc vdc 3[digits ] 223 333 473 683 104 154 224 334 474 684 105 155 225 335 475 685 106 226 476 107 b/x7r b/x5r x5r x5 r 107 212 316 325 f/y5 v x5r b/x7r b/x5r f/y5v b/x7r b/x5r f/y5v b/x7r b/x5r f/y5 v 25 a 16 a a a a a a a 10 a a a 35 a a a 50 a 25 a a a a a a a 16 a a a 10 a a 10 a 6.3 a 6. 3 a a a 4 a 2.5 a 25 a 16 a a a a 10 a a 6. 3 g g g 6. 3 g g 6. 3 g 6. 3 l 6. 3 l l 50 a 35 g g 25 g 16 g g g 10 g g g g 50 g g g g g 35 g 25 g g 25 g 16 g g g g 10 g g 10 g 6. 3 m 6. 3 n 6. 3 y m. n y x5r 6. 3 l l 4 l 50 g 16 g 10 g g 50 g g 50 l l 35 l l 25 l l 16 l l 10 l l l 10 l l 10 l 25 l l l 16 l l l 50 l 35 l 35 n 25 l 16 l 10 l 50 m 25 n n 16 n 10 n 35 n n 25 n m. n 16 n m m 10 m. y m 10 m 16 n 10 n a part numbers ?
q
$ electrical characteristics a packaging ?t
q reliability data ?; w ?? precautions selection guide * * x 5r 0 b???auk??b{ ?ix??aa?? xi^m{ ** e $s ??gl`om?b{ ?ix??aa ?? xi^m{ * * some of the parts are only applicable to x 5 r. please refer to part numbers table. ** the ?gure indicates typical value. please refer to part numbers table. p. 42 p. 46 p. 84 p. 88 p. 94 p. 10 etc ????wg?x
a ?w?g?pb{y note : letter code in shaded areas are thickness code. ????wg?x
a ?w?g?pb{y note : letter code in shaded areas are thickness code.


▲Up To Search▲   

 
Price & Availability of JMK107BJ106KD-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X