Part Number Hot Search : 
2SK859 OP910W BUX48 1N581 CXL1501M BT401 23Z247SM 0128A
Product Description
Full Text Search
 

To Download HDK5361 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  differential lvds crystal clock oscillators 300 fs jitter HDK5361 series +2.5v +3.3v ?k? fam ily mercury since 1973 mercury www.mercury-crystal.com ? f emto second integrated phase jitter ( 300 fs typical, 12 khz to 20 mhz). ? superior phase noise (-138 dbc/hz at 10 khz and -142 dbc/hz at 100 khz offset). ? high performance with surprisingly low price. ? 2.5v or 3.3v supply voltage. general specification s product series HDK5361; ? k ? family characteristics. tri-state on pad 1 frequency range 40 mhz ~ 200 mhz. output logic differential lvds square wave frequency stability vs operating temperature range stability code commercial ? c ?: : -10c to +70c industrial ? i ?: -40c to +85c 25 ppm a d 50 ppm b e 100 ppm c f custom xx ppm c x x i x x if custom, use ?temperature range code + desired stability in ppm? for the stability code. example: ? c20 ? (20 ppm over -10 to +70c). supply voltage v cc +2.5 v 5 % (voltage code is ? 25 ?); or +3.3 v 5 % (voltage code is ? 3 ?) output voltage high ?1?, v oh 1.43v typical; 1.6v max, rl=100 ohms. output voltage low ?0?, v ol 0.9v min; 1.1v typical, rl=100 ohms output swing 250 mv min; 350 mv typical; 450 mv max. rl=100 ohms current consumption 16 ma typical; 27 ma max. load (rl) 100 ohms between output an d complimentary output rise time (tr) 0.2 n sec. typ; 0.4 n sec. max. 20% ? 80% of waveform fall time (tf) 0.2 n sec. typ; 0.4 n sec. max. 80% ? 20% of waveform duty cycle 50% 5% max. measured at 50% waveform tri-state function on pad no. 1 if no connection or v dd *70% min is applied: output. internal pull-up. oscillation disable time: 0.2 u sec. max. if v dd *30% max is applied: high impedance. oscillation enable time: 2.0 m sec. max. current consumption is 10 ua typical phase jitter (rms) 300 fs typical (12 khz to 20 mhz integrated) ssb phase noise (dbc/hz). typical offset 10 hz 100 hz 1 khz 10 khz 100 khz 1 mhz 10 mhz 125 mhz -60 -90 -120 -136 -142 -145 -148 start-up time 3 ms typical; 10 m sec. max. aging 3 ppm / year max. packaging 180 mm reel; 16 mm tape, 8.0 mm pitch. 1000 pcs per reel. (1) inclusive of 25c tolerance, operating temperature range, 10% input voltage variation, load ch ange, aging at +25c, shock and vibration taiwan: tel (886)-2-2406-2779, fax (886 )-2-2496-0769, e-mail: sale s-tw@mercury-crystal.com u.s.a.: tel (1)-909-466-042 7, fax (1)-909- 466-0762, e-mail: sales-us@mercury-crystal.com mercur y page 1 of 4 date: january 24, 2011 rev. 0
differential lvds crystal clock oscillators 300 fs jitter HDK5361 series +2.5v +3.3v ?k? fam ily mercury since 1973 mercur absolute maximum rating permanent damage may be created if operate beyond limits specified ta=25 c, vss=0v parameters rating min. max. supply voltage vss-0.5 v 5.0 v input voltage vss-0.5 v v dd +0.5 v output voltage vss-0.5 v v dd +0.5 v environmental performance specifications green requirement rohs 6/6 ( 2002/95/ec) and weee (2002/96/ec) complian t msl level level 1 per ipc/jedec j-std-020d.1 storage temp. range -55c to +125c humidity 85% rh, 85c, 48 hours hermetic seal leak rate 2x10 -8 atm-cm 3 / sec max. solderability mil-std-202f method 208e reflow 260c for 10 sec max.. 2 times max. vibration mil-std-202f method 204, 35g, 50 to 2000 hz shoc k mil-std-202f method 213b, test condi. e, 1000gg ? sine wave esd protection 2kv max. human body model. contact pad surface finish gold (0.3~1.0 um) on nickel (1.27~8.89 um) weight per uni t 160 mg typical part number format and examples : example : 3HDK5361-a-155.520; 25HDK5361-a-155.520 explanation : +3.3v HDK5361 series lvlvds output clock os cillator, frequency stability is 25 ppm over -10c to +70c, 155.520 mhz " " " : customer to specify 3 HDK5361 ? a ? 155.520 c d e f c: v dd voltage codes: ? 3 ? for +3.3 v; ? 25 ? for +2.5 v d : HDK5361 product series. ? h ? for clock; ? d ? for lvds; ? k ?: for ?k? family characteristics.? 536 ? for 3.2x5 mm smd with 6 pads. ? 1 ? for tri-state on pad 1. e : frequency stability code: ? a ? ~ ? f ? or custom. see table above. f : frequency in mhz 25HDK5361 and 3HDK5361 test circuit and waveform: y page 4 of 4 date: january 24, 2011 rev. 0 + - 0.1uf v a supply voltage 50 1 2 3 6 5 4 - + 50 ohms ohms od v lvds lvds os v 20% 80% 0.0v tr tf differential lvds lvds differential v duty cycle 50% m e c HDK5361
differential lvds crystal clock oscillators 300 fs jitter HDK5361 series +2.5v +3.3v ?k? fam ily mercury since 1973 mercur HDK5361 package dimensions and recommended solder pad layout : unit mm[inches] typical phase noise plot 3HDK5361-a-125.000 y page 4 of 4 date: january 24, 2011 rev. 0
differential lvds crystal clock oscillators 300 fs jitter HDK5361 series +2.5v +3.3v ?k? fam ily mercury since 1973 mercur HDK5361 recommended solder reflow profile (from ipc/jedec j-std-020d.1) profile feature sn-pb eutectic assembly pb-free assembly preheat/soa k - temperature min. (ts min.) - temperature max. (ts max.) - time (ts) (ts min. to ts max.) 100? c 150? c 60 to 120 seconds 150? c 200? c 60 to 180 seconds ramp-up rate (t l to tp) 3 ? c / sec. max. 3 ? c / sec. max. liquidous temperature (t l ) time (t l ) maintained above t l 183? c 60 to 150 seconds 217? c 60 to 150 seconds peak package body temperature (tp) 235? c 260? c time (tp) within 5 ? c of the classification temperature tc 10 to 30 seconds 20 to 40 seconds ramp-down rate (tp to t l ) 6? c / second max. 6 ? c / second max. time 25 ? c to peak temperature 6 minutes max. 8 minutes max. all temperatures refer to topside of the pack age, measured on the package body surface. y page 4 of 4 date: january 24, 2011 rev. 0


▲Up To Search▲   

 
Price & Availability of HDK5361

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X