Part Number Hot Search : 
TPCA80 E30A2CDS SBP13 D471K SMB5361 KBPC6 TLP25 2SC18
Product Description
Full Text Search
 

To Download ES01001-SEF-DN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subje ct to change, please call your nearest foxconn sales representative for update information . specifications isa c onnector es series vertical type 2.54 mm [. 100 ?] pitch 20 pos . mechanical contact retention force: 1.80 kg f min. mating f orce: 340gf max. per contact p air unmating f orce: 28gf min. per contact p air durability: 500 cycles electrical current rating: 3 a max. current voltage: 250v ac contact resistance: 15 m w max. initial dielectric withstanding voltage: 10 00v insulation resistance: 50 00m w min. physical housing: thermoplastic, ul 94v - 0 rated, in black c olor contact: copper alloy plating: see ?ordering information? oper ating temperature: - 55 j to +85 j drawing ordering information 2.54 [.100] picth series prefix no. of pos. termination type 0=straight 10=20 pos. edge card conn. 0=3.18 [.125] tail length type product no.: es 0 1 0 0 * - sef - df plating type dn=tin/lead df=lead free extension code 7=15u" gold 2=20u" gold 6=10u" gold 3=30u" gold 1=gold flash contact area plating


▲Up To Search▲   

 
Price & Availability of ES01001-SEF-DN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X