Part Number Hot Search : 
PG3202 C40H0 D1157 DTC114EK STP5N MC908 A6810EA DMSB15D
Product Description
Full Text Search
 

To Download EEEFPC221XAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fp ? eee-47 ? 22 fp j capacitance ( f) series identification lot number negative polarity marking (? rated voltage mark mark for lead-free products black dot (square) a 0.2 w () reference size l d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. pressure relief ( 10 and larger) features low esr (30 % to 50 % less than fk series) endurance: 2000 h at 105 c vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant surface mo unt type series: fp type: v fp high temperature lead-free re? ow (suf? x:a ? ) speci? cations di men sions in mm(not to scale) marking example:6. 3 v 22 f marking colo r: black category temp. range 55 c to +10 5 c rated w.v. range 6.3 v.dc to 50 v.dc nomi nal cap. range 10 f to 1800 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached standard pr oducts list characteristics at low temperature w.v. (v) 6.3 10 16 25 35 50 (impedance ratio at 120 hz) z( ? 5 ? )/ z( +2 0 ? )2 22222 z( ? 0 c) /z (+ 20 ? )3 33333 z( ? 5 c) /z (+ 20 ? )4 44333 endurance after applying rated working voltage at +105 ? ? ? for 2000 hours the capacitors shall meet the limits speci? ed below. post-test requirement at +20 ? capacitance change ?0 % of initial measured value tan < 200 % of initial speci ed value dc leakege current < initial speci ed value shelf life after storag e for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, ca pacitors shall meet the limits speci ed in endurance. (with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value size code dl a, b h i w p k b 4.0 5.8?.30 4.3 5.5 max. 1.8 0.65?.1 1.0 0.35 - 0.20 c 5.0 5.8?.30 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 - 0.20 d 6.3 5.8?.30 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 d8 6.3 7.7?.30 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 e 8.0 6.2?.30 8.3 9.5 max. 3.4 0.65?.1 2.2 0.35 - 0.20 f 8.0 10.2?.30 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.20 g 10.0 10.2?.30 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.20 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 cap (f) frequency (hz) 120 1 k 1 0 k 100 k to 10 to 470 0.65 0.85 0.95 1.00 560 to 1800 0. 75 0.90 0.95 1.00 frequency correction factor for ripple current (unit : mm) j 6.3 v a 10 v c 16 v rated volt age mark e 25 v v 35 v h 50 v 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fp ? eee-48 ? standard products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+105 ?) e.s.r. (100 khz) (+20 ?) tan (120 hz) (+20 ?) taping (v) (?) ( mm) (mm) (ma r.m.s.) (  )(pcs) 6.3 22 4 5.8 b 1 60 0.85 0.26 eeefp0j220ar (5) 2 000 47 45.8(b)160 0.85 0.26 eeefpj470uar (5) 2 000 55.8c240 0.36 0.26 eeefp0j470ar (5) 1 000 100 55.8(c)240 0.36 0.26 eeefpj101uar (5) 1 000 6.3 5.8 d 300 0.26 0.26 eeefp0j101ap (5) 1 000 220 6.3 5.8 d 3 00 0.26 0.26 eeefp0j221ap (5) 1 000 330 6.3 7.7 d8 600 0.16 0.26 eeefpj331xap (5) 900 86.2e500 0.18 0.26 eeefp0j331ap (6) 1 000 470 8 10.2 f 85 0 0.08 0.26 eeefp0j471ap (6) 500 1 000 8 10.2 f 85 0 0.08 0.26 eeefp0j102ap (6) 500 1500 10 10.2 g 1190 0.06 0.26 eeefp0j152ap (6) 500 1800 10 10.2 (g) 850 0.08 0.26 eeefpj182uap (6) 500 10 22 4 5.8 b 1 60 0.85 0.19 eeefp1a220ar (5) 2 000 33 45.8(b)160 0.85 0.19 eeefpa330uar (5) 2 000 55.8c240 0.36 0.19 eeefp1a330ar (5) 1 000 150 6.3 5.8 d 3 00 0.26 0.19 eeefp1a151ap (5) 1 000 220 6.3 7.7 d8 60 00.160 .19 eeefpa221xap (5) 900 86.2e500 0.18 0.19 eeefp1a221ap (6) 1 000 330 8 10.2 f 85 0 0.08 0.19 eeefp1a331ap (6) 500 470 8 10.2 f 85 0 0.08 0.19 eeefp1a471ap (6) 500 680 8 10.2 f 85 0 0.08 0.19 eeefp1a681ap (6) 500 1000 10 10.2 g 1190 0.06 0.19 eeefp1a102ap (6) 500 1200 10 10.2 (g) 850 0.08 0.19 eeefpa122uap (6) 500 16 10 4 5.8 b 1 60 0.85 0.16 eeefp1c100ar (5) 2 000 22 45.8(b)160 0.85 0.16 eeefpc220uar (5) 2 000 55.8c240 0.36 0.16 eeefp1c220ar (5) 1 000 47 55.8(c)240 0.36 0.16 eeefpc470uar (5) 1 000 6.3 5.8 d 300 0.26 0.16 eeefp1c470ap (5) 1 000 68 6.3 5.8 d 3 00 0.26 0.16 eeefp1c680ap (5) 1 000 100 6.3 5.8 d 300 0.26 0.16 eeefp1c101ap (5) 1 000 6.3 7.7 d8 60 00.160 .16 eeefpc101xap (5) 900 150 6.3 7.7 d8 600 0.1 60.16 eeefpc151xap (5) 900 220 6.3 7.7 d8 60 00.160 .16 EEEFPC221XAP (5) 900 86.2e500 0.18 0.16 eeefp1c221ap (6) 1 000 330 8 10.2 f 85 0 0.08 0.16 eeefp1c331ap (6) 500 470 8 10.2 f 85 0 0.08 0.16 eeefp1c471ap (6) 500 680 10 10.2 g 1190 0.06 0.16 eeefp1c681ap (6) 500 820 10 10.2 (g) 850 0.08 0.16 eeefpc821uap (6) 500 25 10 4 5.8 b 1 60 0.85 0.14 eeefp1e100ar (5) 2 000 22 5 5.8 c 2 40 0.36 0.14 eeefp1e220ar (5) 1 000 33 55.8(c)240 0.36 0.14 eeefpe330uar (5) 1 000 6.3 5.8 d 300 0.26 0.14 eeefp1e330ap (5) 1 000 47 6.3 5.8 d 3 00 0.26 0.14 eeefp1e470ap (5) 1 000 68 6.3 5.8 d 3 00 0.26 0.14 eeefp1e680ap (5) 1 000 100 6.3 7.7 d8 60 00.160 .14 eeefpe101xap (5) 900 86.2e500 0.18 0.14 eeefp1e101ap (6) 1 000 150 8 10.2 f 85 0 0.08 0.14 eeefp1e151ap (6) 500 220 8 10.2 f 85 0 0.08 0.14 eeefp1e221ap (6) 500 330 8 10.2 f 85 0 0.08 0.14 eeefp1e331ap (6) 500 470 10 10.2 g 1190 0.06 0.14 eeefp1e471ap (6) 500 560 10 10.2 (g) 850 0.08 0.14 eeefpe561uap (6) 500 ? size code( ):miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j  j, 1a  a, 1c  c, 1e  e, 1v  v ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 c 2000 h 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fp ? eee-49 ? standard products ? size code( ):miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j  j, 1a  a, 1c  c, 1e  e, 1v  v ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length ? size code ripple current (100 khz) (+105 ?) e.s.r. (100 khz) (+20 ?) tan (120 hz) (+20 ?) taping (v) (?) ( mm) (mm) (ma r.m.s.) (  )(pcs) 35 10 4 5.8 (b) 1 60 0.85 0.12 eeefpv100uar (5) 2 000 22 5 5.8 c 2 40 0.36 0.12 eeefp1v220ar (5) 1 000 33 6.3 5.8 d 3 00 0.26 0.12 eeefp1v330ap (5) 1 000 47 6.3 5.8 d 3 00 0.26 0.12 eeefp1v470ap (5) 1 000 68 6.3 7.7 d8 600 0.1 60.12 eeefpv680xap (5) 900 100 6.3 7.7 d8 60 00.160 .12 eeefpv101xap (5) 900 810.2f850 0.08 0.12 eeefp1v101ap (6) 500 150 8 10.2 f 85 0 0.08 0.12 eeefp1v151ap (6) 500 220 8 10.2 f 85 0 0.08 0.12 eeefp1v221ap (6) 500 330 10 10.2 g 1190 0.06 0.12 eeefp1v331ap (6) 500 390 10 10.2 (g) 850 0.08 0.12 eeefpv391uap (6) 500 50 100 8 10.2 f 67 00.180 .10 eeefp1h101ap (6) 500 220 10 10.2 g 900 0.12 0.10 eeefp1h221ap (6) 500 endurance : 105 c 2000 h 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEEFPC221XAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X