Part Number Hot Search : 
BZV55B62 SBU10G UFXXTA1 SBU10G C09AN 2810M3 M12864 LBN14057
Product Description
Full Text Search
 

To Download E1SFA10-73728M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs e1sfa10-7.3728m e1s f a 10 -7.3728m series rohs compliant (pb-free) resistance welded short hc-49/up smd crystal frequency tolerance/stability 30ppm at 25c, 50ppm over -40c to +85c mode of operation at-cut fundamental nominal frequency 7.3728mhz load capacitance 10pf parallel resonant electrical specifications nominal frequency 7.3728mhz frequency tolerance/stability 30ppm at 25c, 50ppm over -40c to +85c aging at 25c 5ppm/year maximum load capacitance 10pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 120 ohms maximum mode of operation at-cut fundamental drive level 1mwatt maximum storage temperature range -40c to +125c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications fine leak test mil-std-883, method 1014 condition a gross leak test mil-std-883, method 1014 condition c lead termination sn 2m - 6m mechanical shock mil-std-202, method 213 condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007 condition a mechanical dimensions (all dimensions in millimeters) line marking 1 e7.3728m e=ecliptek designator m=mhz www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 1 of 4 3.20 max 13.30 max 4.85 max 4.88 0.20 0.50 min (x2) 11.60 max 0.80 0.30 (x2) no te: coplanar ity 0.360 max
e1sfa10-7.3728m 4.0 2.0 (x2) 5.5 (x2) www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 2 of 4 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x2) all dimensions in millimeters
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods e1sfa10-7.3728m high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 3 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods e1sfa10-7.3728m low temperature infrared/convection 245c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 2 times / 230c maximum 1 time time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 4 of 4


▲Up To Search▲   

 
Price & Availability of E1SFA10-73728M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X