Part Number Hot Search : 
LTC3851 AN7C31BH Q0370RNA BC857B DL6NF TA79L09F LM190 D1929
Product Description
Full Text Search
 

To Download CT6EP102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s part name 1 2 3 4 5 6 7 8 9 ! 0 o ring base element rotor electrode wiper resistive element terminal pin material flammability housing rubber cushion adhesive t please refer to the list of part numbers when placing orders. ct-6 single turn cermet trimmers ruo 2 cermet ceramic epoxy ag-pd cermet multi metal alloy silicone rubber silicone rubber pbt(polybutyleneterephthalate) internal structure  features rohs compliant various configurations to choose from wide variety (14 types) ??ring sealed and washable  part number designation c t - 6 e t v 5 k ( 5 0 2 ) series name form of packaging t  taping (ammo pack type) m  magazine (stick) blank  bulk in plastic bag resistance code resistance value product shape p  top adjustment s  side adjustment w  top adjustment x  side adjustment r  top adjustment h  side adjustment v  top adjustment n  side adjustment f  rear adjustment ul-94v-0 ul-94hb ul-94v-0 1 2 3 4 5 6 7 8 9 ! 0  sn (lead-free) copper, tin-plated rohs compliant
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s 1 2 3 1 2 3 1 2 3 1 2 3 3 2 1 1 2 3 1 2 3 13 2 1 2 3 top adjustment side adjustment ( a adjustment direction) rear adjustment pieces in package adjustment position shape of terminal (top view) form of packaging taping magazine (stick) plastic bag remarks  list of part numbers 1000 pcs./taping 75 pcs./stick 50 pcs./pack a ct-6er ct-6eth ammo pack type ct-6ems ct-6es ct-6ex ct-6eh ct-6en a ct-6ef the pin length of ct-6ems is different from ct-6es. the pin length of ct-6eth is different from ct-6eh. ct-6etv ammo pack type ct-6ev ct-6ew ct-6emp ct-6etp ammo pack type ct-6ep the pin length of ct-6etp & ct-6emp is different from ct-6ep. t the above part numbers are all available with the respective combination of (fig. 1). t verify the above part numbers when placing orders. t taping and magazine specifications are not sold separately and must be purchased in taping or stick units.  not manufactured the products indicated by a mark are manufactured upon receipt of order basis. a nominal resistance values ? fig. 1 a 10 a 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k 100 k 200 k 500 k 1 m 2 m ct-6 cermet trimmers
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s nominal resistance values ( ) resistance code maximum input voltage (v) maximum wiper current (ma) test item test conditions specifications thermal shock humidity shock vibration load life low temp. operation high temp. exposure immersion seal soldering heat mechanical angle operating torque stop strength rotational life thrust to rotor solderability teminal strength nominal resistance range resistance tolerance power ratings resistance law maximum input voltage maximum wiper current effective electrical angle end resistance c.r.v. operating temp. range temp. coefficient insulation resistance dielectric strength net weight ? r/r  change in total resistance s.s.  setting stability  electrical characteristics  mechanical characteristics 10 ~ 2 m 10 % 0.5 w (70 c) 0 w (120 c) linear law dc200 v or power rating, whichever is smaller 100 ma or power rating, whichever is smaller 220 (1 turn) 1 % or 2 , whichever is greater 1 % or 3 , whichever is greater ? 55 ~ 120 c 10 ~ 20 : 250 10 -6 /c maximum 50 ~ 2 m : 100 10 -6 /c maximum 1000 m minimum (dc500 v) ac900 v, 60 s approx. 0.51 g (ct-6ep, ew, er, ev) approx. 0.65 g (ct-6es, ex, eh, en) approx. 0.92 g (ct-6ef) 260 (1 turn) 2 ~ 20 mnm {20 ~ 204 gfcm} 50 mnm {510 gfcm} minimum 200 cycles [ ? r/r ? (2 + 3 %)] 10 n {1.02 kgf} minimum 245 3 c, 2 ~ 3 s 10 n {1.02 kgf} minimum  tensile strength   environmental characteristics ? 65 ~ 125 c (0.5 h), 5 cycles [ ? r/r ? 1 %] [s.s. ? 1 %] ? 10 ~ 65 c (80 ~ 98 %), 10 cycles, 240 h [ ? r/r ? 2 %] 981 m/s 2 , 6 ms 6 directions for 3 times each [ ? r/r ? 1 %] [s.s. ? 1 %] amplitude 1.52 mm or acceleration 196 m/s 2 , 10 ~ 2000 hz, 3 directions, 12 times each 70 c, 0.5 w, 1000 h [ ? r/r ? 3 %] [s.s. ? 1 %] ? 55 c, 2 h [ ? r/r ? 2 %] [s.s. ? 2 %] 120 c, 250 h [ ? r/r ? 3 %] [s.s. ? 2 %] 85 c, 60 s no leaks (no continuous bubbles) [ ? r/r ? 1 %]  maximum input ratings a 10 100 1.00 100 a 20 200 2.00 100 50 500 5.00 100 100 101 7.07 70.7 200 201 10.0 50.0 500 501 15.8 31.6 1 k 102 22.4 22.4 2 k 202 31.6 15.8 5 k 502 50.0 10.0 10 k 103 70.7 7.07 20 k 203 100 5.00 50 k 503 158 3.16 100 k 104 200 2.00 200 k 204 200 1.00 500 k 504 200 0.40 1 m 105 200 0.20 2 m 205 200 0.10 the products indi- cated by a mark are manufactured upon receipt of order basis. ct-6 cermet trimmers { }  reference only flow    ? z ~ t uxpujnft nbyjnvn manual soldering  380 10 c, 3 ~ 4 s
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s 7.5 2 resistance code & production date code 7 8.2 4.6 + 0.4 0 7 + 0.4 C 0.1 3.5 2.5 2.5 2.5 3 1 2 adjustment 0.6 w 2.6 l 1.6 d 3 C 0.45 lead-free identification mark 5.8 7 3 1 2 2.5 2.5 16 2 13.5 2 260 nom. 7 resistance code & production date code 3 C 0.45 0.6 w 2.6 l 1.6 d lead-free identification mark 5.8 7 2 7 3 1 2 1.3 1.8 1.8 0.6 260 nom. 7 resistance code & production date code 3 C 0.45 0.6 w 2.6 l 1.6 d lead-free identification mark 5.8 7 2 7 260 nom. 7 resistance code & production date code lead-free identification mark 3 C 0.45 3 1 2 2.5 2.5 2.5 0.6 w 2.6 l 1.6 d ct-6 cermet trimmers  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm) ct-6ep top adjustment ct-6ew top adjustment ct-6ev top adjustment ct-6es side adjustment  pin pitch in w type is different from p type. cw rotation 1 2 3
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s ct-6en side adjustment ct-6ex side adjustment ct-6eh side adjustment  terminals 1 & 3 position in n type is different from x type. 10 2 resistance code & production date code 8.2 4.6 3.5 2.5 2.5 2.5 1 3 2 adjustment 7 + 0.4 0 0.6 w 2.6 l 1.6 d 7 + 0.4 C 0.1 3 C 0.45 lead-free identification mark 9.5 2 resistance code & production date code 7 8.2 4.6 + 0.4 0 3 C 0.45 7 + 0.4 C 0.1 3.5 2.5 2.5 3 1 2 adjustment 7 2 0.6 w 2.6 l 1.6 d lead-free identification mark 7.5 2 resistance code & production date code 7 8.2 4.6 + 0.4 0 7 + 0.4 C 0.1 3.5 2.5 2.5 2.5 3 1 2 adjustment 0.6 w 2.6 l 1.6 d 3 C 0.45 lead-free identification mark cw rotation 1 2 3 ct-6 cermet trimmers  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm)
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s ct-6 cermet trimmers taping version is packaged in 1000 pcs. per reel. orders will be accepted for units of 1000 pcs., i.e., 1000, 2000, 3000 pcs., etc. taping version (ammo pack type) is boxed with one reel (1000 pcs.).  packaging specifications ammo pack type ammo pack ct-6ef rear adjustment ct-6er top adjustment ? semi-standard products ? ? semi-standard products ? 5.8 7 2 7 3 1 2 2.5 2.5 2.5 260 nom. 7 resistance code & production date code 3 C 0.45 0.6 w 2.6 l 1.6 d lead-free identification mark 4.4 4.4 3 1 2 3 C 0.45 4.4 10.5 max. 7.6 5.5 2 0.3 resistance code& production date code 0.6 w 2.6 l 1.6 d lead-free identification mark cw rotation 1 2 3 #1 terminal direction of feed direction of feed #3 terminal 330 330 45 1 3 package size: 330 mm 330 mm 45 mm the leader and end of the tape have an empty part of minimum 300 mm respectively. there are two tape outlets on the package for different terminal alignment directions, for which details refer to the sketch above. (e.g.) when the tape is fed from the right outlet marked 3 , #3 terminal comes out first. gross weight of the boxing version etv : approx. 840 g eth : approx. 930 g etp : approx. 850 g  outline dimensions unless otherwise specified, tolerance: 0.3 (unit: mm)
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s ct-6eth side adjustment ct-6etv top adjustment unless otherwise specified, tolerance: 0.3 (unit: mm) 12.7 1 7 260 nom. resistance code & production date code 18 0.5 6 0.5 0.5 max. 3 min. 24.8 1 19 0.75 2.5 2.5 6.35 0.5 12.7 0.3 0.45 0.02 4 0.2 9 + 0.7 C 0.5 1 3 0.9 7 5.8 2 max. 0.6 w 2.6 l 1.6 d ? 2 max. ? lead-free identification mark cw rotation 1 2 3 12.7 1 resistance code & production date code 18 0.5 6 0.5 0.5 max. 3 min. 27.2 1 2.5 2.5 6.35 0.5 12.7 0.3 0.45 0.02 4 0.2 9 + 0.7 C 0.5 1 3 0.9 8.2 19 0.75 7 + 0.4 0 7 + 0.4 C 0.1 4.6 3.5 2 max. 2 max. 0.6 w 2.6 l 1.6 d ? ? 260 nom. lead-free identification mark ct-6 cermet trimmers
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s plastic magazine length = 580 mm (without rubber cap) plastic magazine type 9.1 16.6 9.8 ct-6emp ct-6ems 9.1 16.6 7.4 unless otherwise specified, tolerance: 0.3 (unit: mm) ct-6etp top adjustment 12.7 1 2.5 1 6.35 0.5 12.7 0.3 0.45 0.02 2.5 7 24.8 1 19 0.75 16 1 3 min. 0.5 max. 6 0.5 18 0.5 5.8 7 2 max. C0.5 +0.7 9 4 0.2 2.5 0.9 2 max. 3 260 nom. 0.6w 2.6l 1.6d resistance code & production date code lead-free identification mark cw rotation 1 2 3 ct-6 cermet trimmers magazine is packaged 75 pcs. per stick. orders will be accepted for units of 75 pcs. i.e., 150, 225 pcs., etc. magazine is packed 3000 pcs. sticks per box.
 specifications are subject to change without notice. specifications in this catalog are for reference. the formal specification sheets will be submitted upon request. copal elec t r o nic s ct-6ems side adjustment unit of bulk pack in a plastic bag is 50 pcs. per pack. boxing of bulk in a plastic bag is performed with 200 pcs. (ct-6ef is 100 pcs.) per box. ct-6emp top adjustment cw rotation 1 2 3 5.8 3.1 7 260 nom. 7 resistance code & production date code 3 1 2 2.5 2.5 2.5 3 C 0.45 0.6 w 2.6 l 1.6 d lead-free identification mark 3.1 resistance code & production date code 7 8.2 4.6 +0.4 0 7 +0.4 C0.1 3.5 2.5 2.5 2.5 3 1 2 adjustment 3 C 0.45 0.6 w 2.6 l 1.6 d lead-free identification mark unless otherwise specified, tolerance: 0.3 (unit: mm) ct-6 cermet trimmers  adjustment tool, model ta-64 copal electronics 130 12 12 2 2 2.7 2.7 10 + bit tip thickness 0.5 0.05 tip 2.4 C bit tip thickness 0.5 0.05 tip 2.0 0 C0.1 good for both minus and cross slot rotors / shafts. recommended for use with the following copal trimmers. material : polyoxymethylene recommended models + bit ? bit ct-6 st-4 ft-63 rj-4 rj-6 tm-7 t note : please do not use the tool for purposes other than adjustment of electronic components. unless otherwise specified, tolerance: 0.3 (unit: mm)


▲Up To Search▲   

 
Price & Availability of CT6EP102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X