Part Number Hot Search : 
CSN105B BR0540 C1206 XC6108 SR40150P IFD08845 BU402 A8423KL
Product Description
Full Text Search
 

To Download CPCI-3510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3u cpci blades http://www.adlinktech.com/cpci/ CPCI-3510 series specifcations processor & system cpu ufc-bga intel ? core? i7-4700eq processor, 6m cache, up to 3.40 ghz, 47/37w by ctdp ufc-bga intel ? core? i5-4402e processor, 3m cache, up to 2.70 ghz, 25w supports intel ? hyper-threading and turbo boost technology, vt-x, vt-d, vpro technology chipset intel ? qm87 pch chipset memory ddr3l-1600 sdram with ecc soldered, up to 8gb bios ami ? efi bios, 64mbit spi flash memory compactpci bus pci 32bit, 33/66 mhz, 3.3v or 5v universal v(i/o) supports operation in system slot as master or in peripheral slot as stand-alone blade without connectivity to compactpci ? bus (satellite mode) picmg standards picmg 2.0 compactpci r3.0 picmg 2.1 hot swap r2.0 picmg 2.9 system management picmg 2.30 compactpci plusio connectivity pmc/xmc optional one pci 64bit/66mhz pmc site or pci express x1 xmc site ethernet one intel ? i217lm controller for one gigabit ethernet front panel port with intel ? amt 9.0 support three intel ? i210 controllers for one gigabit ethernet front panel port and two rear ports additional two intel ? 82574l controllers for two gigabit ethernet front panel ports on riser card (CPCI-3510l only) graphics integrated in intel ? processor, 3d engine one dvi-i (digital+analog) port on front panel, analog switchable to rear, supports up to qxga 2048x1536 pixels @75hz, 32-bits two displayports on riser card, support up to 25601440 pixels @60hz, dvi, vga and hdmi interfaces are available by adapter cables (CPCI-3510g only) three independent displays with different /contents usb single usb 3.0 port on front panel, and up to three usb 2.0 ports on selected skus three usb ports to rear, two on rtm panel serial port up to four serial ports one rs-232/422/485 selectable port on front panel one rs-232/422/485 10pin header on riser card (CPCI-3510g only) two serial ports on rear panel: one with tx, rx signal only, one converted from usb port supporting rs-232/422/485 audio line-in and line-out ports on front panel (CPCI-3510d only) storage sbc one sata 6 gb/s direct connector for 2.5 onboard hdd (8hp & 12hp version only) cfast socket optional onboard 32gb ssd (by replacing cfast adapter board) rtm three 7-pin sata signal connectors supports sata raid 0/1/5/10 operat ing system os microsoft windows 7/8, 32/64-bit red hat enterprise linux 6.4 fedora 18 wind river vxworks 6.9, 32/64-bit (please contact adlink for other os supports) miscellaneous led power (green), wdt(amber), storage drive (blue), overheat (red) battery coin cell lithium battery onboard for rtc cmos ram for bios confguration watchdog timer system reset and nmi, with programmable interval, 1-65535 sec or 1-65535 minutes hardware monitor monitors cpu temperature, system temperature and dc voltages by ipmi mechanical & environmental form factor 3u 4hp/8hp/12hp compactpci 100mm x 160mm (lxw) operating temperature -20c to 70c (core i7-4700eq 47w) -40c to 85c (core i5-4402e & core i7-4700eq 47w adjusted to 37w by intel ctdp) storage temperature -50c to 100c rh humidity 95% non-condensing shock 20g peak-to-peak, 11ms duration, non-operating vibration 2 grms random vibration between 5-500hz in 3 axis certifcation ce/ fcc 3u compactpci ? 4th generation intel ? core? i7 processor blade with ecc features quad-core 4th generation intel ? core? i7 processor up to 8gb ddr3l-1600 ecc soldered memory onboard supports three independent displays system/peripheral slot operation picmg 2.30 compactpci plusio compliant CPCI-3510 CPCI-3510g CPCI-3510d CPCI-3510l CPCI-3510m 4 4-3
note: all specifcations are subject to change without further notice. i/o table ordering information model number description/confguration cpu board CPCI-3510/4700e/m8/s32 1-slot (4hp) CPCI-3510 with intel ? core? i7-4700eq processor and 8gb ddr3l-1600 ecc soldered memory, dvi, 2 x gbe, 1 x usb 3.0 and onboard 32gb ssd CPCI-3510d/4700e/m4 2-slot (8hp) CPCI-3510 with intel ? core? i7-4700eq processor and 4gb ddr3l-1600 ecc soldered memory, dvi, 2 x gbe, 1 x usb 3.0, com, 2 x usb 2.0, ps/2 kb/ms, line-in, line-out, cfast and on board sata drive space CPCI-3510g/4700e/m4 2-slot (8hp) CPCI-3510 with intel ? core? i7-4700eq processor and 4gb ddr3l-1600 ecc soldered memory , dvi, 2 x gbe, 1 x usb 3.0, rj-45 com, 2 x displayport, ps/2 kb/ms, 1x usb 2.0, cfast socket and on board sata drive space CPCI-3510l/4700e/m4 2-slot (8hp) CPCI-3510 with intel ? core? i7-4700eq processor and 4gb ddr3l-1600 ecc soldered memory , dvi, 4 x gbe, 1 x usb 3.0, 1 x usb 2.0, rj-45 com, cfast socket and on board sata drive space CPCI-3510p/4700e/m4 3-slot (12hp) CPCI-3510 with intel ? core? i7-4700eq processor and 4gb ddr3l-1600 ecc soldered memory , dvi, 2 x gbe, 1 x usb 3.0, com, 2 x usb 2.0, ps/2 kb/ms, line-in, line-out, cfast, on board sata drive space and pmc/xmc rear transition module cpci-r3p00 8 hp rear i/o module with gbex2,comx2, usbx2, satax3, vga, 50mm depth cpci-r3p00t 8 hp rear i/o module with gbex2,comx2, usbx2, satax3, vga, 80mm depth accessories db-3cfast cfast socket adapter board db-3ssd 32gb ssd adapter board dp-dvi cable displayport to dvi adapter cable (one is included in CPCI-3510g package by default) dp-vga cable displayport to vga adapter cable dp-hdmi cable displayport to hdmi adapter cable contact us for different cpu, memory, hdd and cfast combinations. (1) switched from front port. (2) available by replacing cfast socket adapter board to ssd adapter board gbe usb 3.0 usb 2.0 com vga dvi dp ps/2 kb/ms sata cfast on board ssd line-in line-out CPCI-3510 faceplate 2 1 1 dvi-i onboard 1 optional (2) CPCI-3510d faceplate 2 1 2 1 (db-9) 1 dvi-i 1 onboard 1 1 optional (2) 1 1 CPCI-3510g faceplate 2 1 1 1 (rj-45) 1 dvi-i 2 1 onboard 1 (10-pin) 1 1 optional (2) CPCI-3510l faceplate 4 1 1 1(db-9) 1 dvi-i onboard 1 1 optional (2) cpci-r3p00(t) faceplate 2 2 2 1 (1) onboard 3 lan sata usb com vga cpci-r3p00(t) 4-4 7 2 1 3 4 5 6 9 8 6u cpci blades 6u cpci platforms 3u cpci blades ssds ipc accessories 3u cpci platforms embedded computing systems advancedtca industrial computers


▲Up To Search▲   

 
Price & Availability of CPCI-3510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X