Part Number Hot Search : 
11N451 PBPC801 DRC4143E SFBUX18 1E101 LTC17 D42C1 D3FK60
Product Description
Full Text Search
 

To Download C3D06060A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 d a t a s h e e t : c 3 d 0 6 0 6 0 a r e v . c C3D06060A Csilicon carbide schottky diode z -r ec ? r ectifier v rrm = 600 v i f(avg) = 8 a ( t c < 135c) q c = 16 nc features ? 600-volt schottky rectifer ? zero reverse recovery current ? zero forward recovery voltage ? high-frequency operation ? temperature-independent switching behavior ? extremely fast switching ? positive temperature coeffcient on v f benefts ? replace bipolar with unipolar rectifers ? essentially no switching losses ? higher effciency ? reduction of heat sink requirements ? parallel devices without thermal runaway applications ? switch mode power supplies ? power factor correction ? motor drives package to-220-2 maximum ratings symbol parameter value unit test conditions note v rrm repetitive peak reverse voltage 600 v v rsm surge peak reverse voltage 600 v v dc dc blocking voltage 600 v i f(avg) average forward current 6 8 a t c <150?c t c <135?c see fig. 3 i frm repetitive peak forward surge current 41 27 a t c =25?c, t p = 10 ms, half sine wave, d=0.3 t c =110?c, t p =10 ms, half sine wave, d=0.3 i fsm non-repetitive peak forward surge current 70 55 a t c =25?c, t p = 10 ms, half sine wave, d=0.3 t c =110?c, t p = 10 ms, half sine wave, d=0.3 i fsm non-repetitive peak forward surge current 200 a t c =25?c, t p = 10 s, pulse p tot power dissipation 79 34 w t c =25?c t c =110?c t j , t stg operating junction and storage temperature -55 to +175 ?c to-220 mounting torque 1 8.8 nm lbf-in m3 screw 6-32 screw pin 1 pin 2 case part number package marking C3D06060A to-220-2 c3d06060 subject to change without notice. www.cree.com
2 60 70 80 90 100 reverse current (ua) reverse characteristics 0 10 20 30 40 50 0 200 400 600 800 1000 1200 i r reverse current (ua) v r reverse voltage (v) electrical characteristics symbol parameter typ. max. unit test conditions note v f forward voltage 1.6 1.9 1.8 2.4 v i f = 6 a t j =25c i f = 6 a t j =175c i r reverse current 10 20 50 200 a v r = 600 v t j =25c v r = 600 v t j =175c q c total capacitive charge 16 nc v r = 600 v, i f = 6a d i /d t = 500 a/ s t j = 25c c total capacitance 294 27 26 pf v r = 0 v, t j = 25c, f = 1 mhz v r = 200 v, t j = 25?c, f = 1 mhz v r = 400 v, t j = 25?c, f = 1 mhz note: 1. this is a majority carrier diode, so there is no reverse recovery charge. thermal characteristics symbol parameter typ. unit r jc thermal resistance from junction to case 1.9 c/w typical performance figure 1. forward characteristics figure 2. reverse characteristics 100 90 80 70 60 50 40 30 20 10 0 0 200 400 600 800 1000 1200 v r reverse voltage (v) i r reverse current ( a) 12 11 10 9 8 7 6 5 4 3 2 1 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 v f forward voltage (v) i f forward current (a) 8 10 12 forward current (a) forward characteristics 0 2 4 6 0 0.5 1 1.5 2 2.5 3 i f forward current (a) v f forward voltage (v) t j = 25c t j = 75c t j = 1 25c t j = 175c t j = 25c t j = 75c t j = 1 25c t j = 175c C3D06060A rev. c
3 25 30 35 40 45 peak forward current (a) c3d06060 current derating 0 5 10 15 20 25 25 50 75 100 125 150 175 i f(peak) peak forward current (a) tc case temperature ( c) figure 3. current derating figure 4. capacitance vs. reverse voltage figure 5. transient thermal impedance typical performance 45 40 35 30 25 20 15 10 5 0 25 50 75 100 125 150 175 i f(peak) peak forward current (a) 20% duty* 30% duty* 50% duty* 70% duty* dc t c case temperature ( c ) * frequency > 1khz 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.e-07 1.e-06 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 time (s) zth (c/w) 350 300 250 200 150 100 50 0 1 10 100 1000 c capacitance (pf) v r reverse voltage (v ) 200 250 300 350 c capacitance (pf) capacitance vs. reverse voltage 0 50 100 150 200 1 10 100 1000 c capacitance (pf) v r reverse voltage (v) series1 C3D06060A rev. c
4 80 70 60 50 40 30 20 10 0 power dissipation (w) t c case temperature ( c ) 25 50 75 100 125 150 175 figure 6. power derating typical performance 50.0 60.0 70.0 80.0 power dissipation (w) 0.0 10.0 20.0 30.0 40.0 25 50 75 100 125 150 175 power dissipation (w) t c case temperature (c) C3D06060A rev. c
5 a c e d g h b j l m n f p q s t u v w x y m i n m a x m i n m a x a . 3 9 5 . 4 1 0 1 0 . 0 3 3 1 0 . 4 1 4 b . 2 3 5 . 2 5 5 5 . 9 6 9 6 . 4 7 7 c . 1 0 2 . 1 1 2 2 . 5 9 1 2 . 8 4 5 d . 3 3 7 . 3 3 7 8 . 5 6 0 8 . 5 6 0 e . 5 9 0 . 6 1 0 1 4 . 9 8 6 1 5 . 4 9 4 f . 1 4 9 . 1 5 3 3 . 7 8 5 3 . 8 8 6 g 1 . 1 2 7 1 . 1 4 7 2 8 . 6 2 6 2 9 . 1 3 4 h . 5 3 0 . 5 5 0 1 3 . 4 6 2 1 3 . 9 7 0 j l . 0 2 8 . 0 3 6 . 7 1 1 . 9 1 4 m . 0 4 5 . 0 5 5 1 . 1 4 3 1 . 3 9 7 n . 1 9 5 . 2 0 5 4 . 9 5 3 5 . 2 0 7 p . 1 7 0 . 1 8 0 4 . 3 1 8 4 . 5 7 2 q . 0 4 8 . 0 5 4 1 . 2 1 9 1 . 3 7 1 s 3 5 3 5 t 3 5 3 5 u 3 5 3 5 v . 1 0 0 . 1 1 0 2 . 5 4 2 . 7 9 4 w . 0 1 4 . 0 2 1 . 3 5 6 . 5 3 3 x 3 5 3 5 y . 3 9 5 . 4 1 0 1 0 . 0 3 3 1 0 . 4 1 4 z . 1 3 0 . 1 5 0 3 . 3 0 2 3 . 8 1 0 i n c h e s m i l l i m e t e r s p o s r 0 . 0 1 0 r 0 . 2 5 4 1 2 z package dimensions package to-220-2 pos inches millimeters min max min max a .381 .410 9.677 10.414 b .235 .255 5.969 6.477 c .100 .120 2.540 3.048 d .223 .337 5.664 8.560 e .590 .615 14.986 15.621 f .143 .153 3.632 3.886 g 1.105 1.147 28.067 29.134 h .500 .550 12.700 13.970 j r 0.197 r 0.197 l .025 .036 .635 .914 m .045 .055 1.143 1.397 n .195 .205 4.953 5.207 p .165 .185 4.191 4.699 q .048 .054 1.219 1.372 s 3 6 3 6 t 3 6 3 6 u 3 6 3 6 v .094 .110 2.388 2.794 w .014 .025 .356 .635 x 3 5.5 3 5.5 y .385 .410 9.779 10.414 z .130 .150 3.302 3.810 note: 1. dimension l, m, w apply for solder dip finish pin 1 pin 2 case C3D06060A rev. c
6 6 v t r t diode model csd06 060 vf t = v t + if*r t v t= 0.975 + (t j * - 1.0*10 - 3 ) r t= 0.09 + (t j * 0.51*10 - 3 ) recommended solder pad layout part number package marking C3D06060A to-220-2 c3d06060 the levels of environmentally sensitive, persistent biologically toxic (pbt), persistent organic pollutants (pop), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with eu directive 2002/95/ec on the restriction of the use of certain hazardous substances in electrical and electronic equipment (rohs), as amended through april 21, 2006. to-220-2 note: t j = diode junction temperature in degrees celcius diode model C3D06060A rev. c this product has not been designed or tested for use in, and is not intended for use in, applications implanted into the human body nor in applications in which failure of the product could lead to death, personal injury or property damage, including but not limited to equipment used in the operation of nuclear facilities, life-support machines, cardiac defbrillators or similar emergency medical equipment, aircraft navigation or communication or control systems, air traffc control systems, or weapons systems. copyright ? 2013 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree and the cree logo are registered trademarks and z-rec is a trademark of cree, inc. cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 fax: +1.919.313.5451 www.cree.com/power


▲Up To Search▲   

 
Price & Availability of C3D06060A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X