Part Number Hot Search : 
HYB25 LT3526N BD233 BAS19 24D05 2SC558 2E103K HT684L
Product Description
Full Text Search
 

To Download AZ100LVEL16VTNA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.azmicrotek.com 1630 s stapley dr, suite 127 +1 - 480- 962- 5881 mesa, az 85204 usa request a sample may 2012, rev 2.0 d escription the az100lvel16v t is a specialized oscillator gain stage with a high gain output buffer including an enable function. the q hg / q hg outputs have voltage gain several times greater than the q output. it provides a q hg / q hg enable that allows continuous oscillator operation via the q outputs. the az100lvel16v t also provides a 4ma internal pull - down current source for q outputs . internal input biasing further reduces the number of needed external components . b lock d iagram f eatures ? minimizes external components ? high bandwidth for 1ghz ? similar operation as az100 lv el16v r except in disabled condition, q hg is high ? - 147 dbc/hz typical noise floor a pplications ? crystal or saw oscillators that require minimal external components. p ackage a vailability ? mlp8 o green/rohs compliant/pb - free az 100lvel16v t pecl/ecl oscillator gain stage & buffer with selectable enable order number package marking AZ100LVEL16VTNA+ 1 mlp 8 p9+ 2 az100lvel16vtnb+ 1 mlp 8 p8+ 2 1 tape & reel - add 'r1' at end of pn for 7in (1k parts), 'r2' (2.5k) for 13in 2 see www.azmicrotek.com f or date code format www.azmicrotek.com
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 2 request a sample may 2012, rev 2.0 p in d escription and c onfiguration table 1 - pin description az100lvel16v tna+ pin name type function 1 d input data input 2 d input inverting data input 3 v bb output reference voltage 4 en input output enable 5 q hg output high gain inverting pecl output 6 q hg output high gain pecl output 7 v cc power positive supply 8 q output inverting pecl output 9 v ee power negative supply table 2 - pin description az100lvel16v tnb+ pin name type function 1 d input data input 2 v bb output reference voltage 3 en input output enable 4 v ee power negative supply 5 q hg output high gain inverting pecl output 6 q hg output high gain pecl output 7 v cc power positive supply 8 q output inverting pecl output 9 nc - n/a figure 1 - pin configuration for az100lvel16v tna+ figure 2 - pin configuration f or az100lvel16v tnb+ d 4 3 2 1 6 5 8 7 q hg q hg q v bb v cc v ee en d d 4 3 2 1 6 5 8 7 q hg q hg q v bb v ee v cc leave pad open or connect to v ee en
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 3 request a sample may 2012, rev 2.0 e ng ineering n otes the az100lvel16vt is a specialized oscillato r gain stage with a high gain output buffer including an enable. the q hg / q hg outputs have a voltage gain several times greater than the q output . when the en input is low, the q and q hg / q hg outputs follow the data inputs . when en is high, the q hg output is forced high and the q hg output is forced l ow. for the az100lvel16 vtna , both d and d inputs are brought out and tied to the v bb pin through 470 ? internal bias resistor s. in the az100lvel16 vtnb , the d input is internally tied directly to the v bb pin and the d input is tied to the v bb pin through a 470 ? internal bias resistor. bypassing v bb to ground with a 0.01 f capacitor is recommended. q hg q d en q q hg figure 3 - timing diagram
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 4 request a sample may 2012, rev 2.0 figure 4 - s11 figure 5 - s12
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 5 request a sample may 2012, rev 2.0 figure 6 ? s 2 1 figure 7 ? s22
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 6 request a sample may 2012, rev 2.0 p erformance data table 3 ? absolute maximum ratings a bsolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic condition rating unit v cc pecl power supply v ee = 0v 0 to + 6.0 v v i pecl input voltage v ee = 0v 0 to + 6.0 v v d/d d/ d input voltage referenced to v bb 0.75 v i out output current continuous q/ q 25 ma surge q/ q 50 continuous q hg / q hg 50 surge q hg / q hg 100 t a operating temperature range - - 40 to +85 c t stg storage temperature range - - 65 to +150 c esd hbm human body model electro static discharge - 2500 v esd mm machine model electro static discharge - 200 v esd cdm charged device model electro static discharge - 2000 v table 4 - 100k ecl dc characteristics 100k ecl dc characteristics (v ee = - 3.0 v to - 5.5v, v cc = gnd) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1 - 1045 - 835 - 1025 - 835 - 1025 - 835 - 1025 - 835 mv v ol output low voltage 1 - 1925 - 1555 - 1900 - 1620 - 1900 - 1620 - 1900 - 1620 mv v bb reference voltage - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 mv v ih input high voltage d/ d , en - 1165 - 740 - 1165 - 740 - 1165 - 740 - 1165 - 740 mv v il input low voltage d/ d , en - 1900 - 1475 - 1900 - 1475 - 1900 - 1475 - 1900 - 1475 mv i ih input high current en 150 150 150 150 a i il input low current en 0.5 0.5 0.5 0.5 a i ee power supply current 1 48 48 48 5 4 ma 1. specified with q hg / q hg terminated through 50 ? resistors to v cc - 2v.
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 7 request a sample may 2012, rev 2.0 table 5 - 100k lvpecl dc characteristics 100k lv p ecl dc characteristics (vee = gnd, vcc = +3.3v) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1,2 2255 2465 2275 2465 2275 2465 2275 2465 mv v ol output low voltage 1 ,2 1375 1745 1400 1680 1400 1680 1400 1680 mv v bb reference voltage 1 - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 mv v ih input high voltage d/ d , en 1 2135 2560 2135 2560 2135 2560 2135 2560 mv v il input low voltage d/ d , en 1 1400 1825 1400 1825 1400 1825 1400 1825 mv i ih input high current en 150 150 150 150 a i il input low current en 0.5 0.5 0.5 0.5 a i ee power supply current 2 48 48 48 54 ma 1. for supply voltages other that 3.3v, use the ecl table values and add supply voltage value. 2. specified with q hg / q hg terminated through 50 ? resistors to v cc - 2v. table 6 - 100k pecl dc characteristics 100k p ecl dc characteristics (vee = gnd, vcc = + 5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1 ,2 3955 4165 3975 4165 3975 4165 3975 4165 mv v ol output low voltage 1,2 3075 3445 3100 3380 3100 3380 3100 3380 mv v bb reference voltage 1 - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 - 1390 - 1250 mv v ih input high voltage d/ d , en 1 3835 4260 3835 4260 3835 4260 3835 4260 mv v il input low voltage d/ d , en 1 3100 3525 3100 3525 3100 3525 3100 3525 mv i ih input high current en 150 150 150 150 a i il input low current en 0.5 0.5 0.5 0.5 a i ee power supply current 2 48 48 48 54 ma 1. for supply voltages other that 5.0v, use the ecl table values and add supply voltage value. 2. specified with q hg / q hg terminated through 50 ? resistors to v cc - 2v.
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 8 request a sample may 2012, rev 2.0 table 7 - ac characteristics ac characteristics (v ee = - 3.0v to - 5.5v; v cc =gnd or v ee =gnd; v cc = +3.0v to +5.5v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max t plh /t phl propagation delay d to q / q 1 350 350 350 350 ps d to q hg / q hg 2 450 450 450 450 ps t skew duty cycle skew 3 5 20 5 20 5 20 5 20 ps vpp (ac) input swing 4 differential 80 1000 80 1000 80 1000 80 1000 mv single ended 150 2000 150 2000 150 2000 150 2000 mv t r /t f output rise/fall 1,2 (20% - 80%) 100 2 4 0 100 2 4 0 100 2 4 0 100 2 4 0 ps 1. q output specified with 50 ? termination to v cc - 2v. 2. q hg / q hg terminated through 50 ? resistors to v cc - 2v. 3. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 4. the peak - to - peak input swing is the range for which ac parameters are guaranteed. d and d must remain within the range of 750 mv with respect to v bb . the device has a voltage gain of 20 to the q outputs and a voltage gain of 100 to the q hg / q hg outputs.
arizona microtek, inc. az100lvel16v t pecl/ecl oscillator gain stage & buffer with sele ctable enable www.azmicrotek.com +1 - 480- 962- 5881 9 request a sample may 2012, rev 2.0 p ackage d iagram mlp8 green/rohs compliant/pb - free msl=1 arizona micr otek, inc. reserves the right to change circuitry and specifications at any time without prior notice. arizona microtek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ari zona microtek, inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. arizona microtek, inc. do es not convey any license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buyer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify and hold arizona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death ass ociated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL16VTNA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X