Part Number Hot Search : 
2SD176 HMT325 D4132 TMF1500A 32R0525 SMF28CA E1010 88ALP01
Product Description
Full Text Search
 

To Download AP9563GK12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power p-channel enhancement mode electronics corp. power mosfet simple drive requirement bv dss -40v lower gate charge r ds(on) 40m fast switching characteristic i d -6.8a description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w w/ t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 45 /w data and specifications subject to change without notice 201208013 1 ap9563gk rating -40 + 25 -6.8 parameter drain-source voltage gate-source voltage continuous drain current 3 storage temperature range continuous drain current 3 -5.4 pulsed drain current 1 -30 0.02 linear derating factor rohs-compliat product thermal data parameter total power dissipation 2.8 -55 to 150 operating junction temperature range -55 to 150 g d s d d s g sot-223 advanced power mosfets from apec provide the designer with the best combination of fast switching, low on-resistance and cost- effectiveness.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -40 - - v bv dss / t j breakdown voltage temperature coefficient reference to 25 , i d =-1ma - -0.03 - v/ r ds(on) static drain-source on-resistance 2 v gs =-10v, i d =-6a - - 40 m ? v gs =-4.5v, i d =-4a - - 60 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 - -3 v g fs forward transconductance v ds =-10v, i d =-6a - 10 - s i dss drain-source leakage current v ds =-40v, v gs =0v - - -1 ua drain-source leakage current (t j =70 o c) v ds =-32v, v gs =0v - - -25 ua i gss gate-source leakage v gs =+ 25v, v ds =0v - - + 100 na q g total gate charge i d =-6a - 20 30 nc q gs gate-source charge v ds =-32v - 4 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 10 - nc t d(on) turn-on delay time v ds =-20v - 12 - ns t r rise time i d =-1a - 6 - ns t d(off) turn-off delay time r g =3.3 -70- ns t f fall time v gs =-10v - 36 - ns c iss input capacitance v gs =0v - 1600 2560 pf c oss output capacitance v ds =-25v - 240 - pf c rss reverse transfer capacitance f=1.0mhz - 185 - pf r g gate resistance f=1.0mhz - 5.8 8.7 source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-2.2a, v gs =0v - - -1.3 v t rr reverse recovery time i s =-6a, v gs =0 v , - 28 - ns q rr reverse recovery charge di/dt=100a/s - 30 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 ap9563gk 3.surface mounted on 1 in 2 copper pad of fr4 board, t < 10sec ; 120 /w when mounted on min. copper pad.
ap9563g k fig 1. typical output characteristics fig 2. typical output characteristics fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0 10 20 30 40 50 03691215 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -7.0v -5.0v -4.5v v g = - 3 .0v 0 10 20 30 40 50 03691215 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =150 o c -10v -7.0v -5.0v -4.5v v g = - 3 .0v 25 35 45 55 65 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d =-4a t a =25 0.4 0.8 1.2 1.6 2.0 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =-6a v g =-10v 0.5 0.8 1.1 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) 0 2 4 6 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c
ap9563g k fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. transfer characteristics fig 12. gate charge waveform 4 q v g -4.5v q gs q gd q g charge 100 1000 10000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 2 4 6 8 10 12 0 1020304050 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -6a v ds = -32v 0.01 0.1 1 10 100 0.01 0.1 1 10 100 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =120 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 10 20 30 0246 -v gs , gate-to-source voltage (v) -i d , drain current (a) t j =150 o c t j =25 o c v ds =-5v operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP9563GK12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X