Part Number Hot Search : 
2406KL BUL52 BR6005G 1000A TDA5103 GROMMETS E11ED8AE ISL65
Product Description
Full Text Search
 

To Download AP5521GM-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n and p-channel enhancement electronics corp. mode power mosfet simple drive requirement n-ch bv dss 100v low gate charge r ds(on) 150m fast switching performance i d 2.5a rohs compliant & halogen-free p-ch bv dss -100v r ds(on) 160m description i d -2.5a absolute maximum ratings symbol parameter rating units n-channel p-channel v ds drain-source voltage 100 -100 v v gs gate-source voltage + 20 + 20 v i d @t a =25 continuous drain current 3 2.5 -2.5 a i d @t a =70 continuous drain current 3 2.0 -2.0 a i dm pulsed drain current 1 10 -10 a p d @t a =25 total power dissipation w t stg storage temperature range -55 to 150 t j operating junction temperature range -55 to 150 symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 62.5 /w data and specifications subject to change without notice 201009241 parameter 1 thermal data AP5521GM-HF halogen-free product 2 g2 d2 s2 g1 d1 s1 s1 g1 s2 g2 d1 d1 d2 d2 so-8 advanced power mosfets from apec provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost- effectiveness. the so-8 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters.
n-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 100 - - v v gs =10v, i d =2a - 120 150 m ? v gs =5v, i d =1a - 145 250 m v gs(th) gate threshold voltage v ds =v gs , i d =250ua 1 1.4 3 v g fs forward transconductance v ds =10v, i d =2a - 3.3 - s i dss drain-source leakage current v ds =80v, v gs =0v - - 10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =2a - 6 10 nc q gs gate-source charge v ds =50v - 1.5 - nc q gd gate-drain ("miller") charge v gs =4.5v - 3 - nc t d(on) turn-on delay time 2 v ds =50v - 4.5 - ns t r rise time i d =1a - 6.5 - ns t d(off) turn-off delay time r g =3.3 -16- ns t f fall time v gs =10v - 5.5 - ns c iss input capacitance v gs =0v - 420 670 pf c oss output capacitance v ds =15v - 70 - pf c rss reverse transfer capacitance f=1.0mhz - 50 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =1.5a, v gs =0v - - 1.3 v t rr reverse recovery time 2 i s =2a, v gs =0v - 35 - ns q rr reverse recovery charge di/dt=100a/s - 50 - nc 2 AP5521GM-HF r ds(on) static drain-source on-resistance 2
AP5521GM-HF p-ch electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -100 - - v v gs =-10v, i d =-2a - 125 160 m ? v gs =-5v, i d =-1a - 145 250 m ? v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -1 -2 -3 v g fs forward transconductance v ds =-10v, i d =-2a - 8 - s i dss drain-source leakage current v ds =-80v, v gs =0v - - -10 ua i gss gate-source leakage v gs =+ 20v, v ds =0v - - + 100 na q g total gate charge 2 i d =-2a - 14 22.5 nc q gs gate-source charge v ds =-50v - 4 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 7 - nc t d(on) turn-on delay time 2 v ds =-50v - 10 - ns t r rise time i d =-1a - 5 - ns t d(off) turn-off delay time r g =3.3 -50- ns t f fall time v gs =-10v - 21 - ns c iss input capacitance v gs =0v - 1400 2240 pf c oss output capacitance v ds =-15v - 135 - pf c rss reverse transfer capacitance f=1.0mhz - 90 - pf source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-1.5a, v gs =0v - - -1.3 v t rr reverse recovery time 2 i s =-2a, v gs =0v - 40 - ns q rr reverse recovery charge di/dt=-100a/s - 80 - nc notes: 1.pulse width limited by max. junction temperature. 2.pulse test 3.surface mounted on 1 in 2 copper pad of fr4 board ; 135 /w when mounted on min. copper pad. this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 3 r ds(on) static drain-source on-resistance 2
AP5521GM-HF n-channel fig 1. typical output characteristics fig 2. typical output characteristics 30 -30 fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 4 0 4 8 12 16 20 02468 v ds , drain-to-source voltage (v) i d , drain current (a) t a =25 10v 7.0v 6.0v 5.0v v g = 4.0v 0 4 8 12 16 0246810 v ds , drain-to-source voltage (v) i d , drain current (a) t a =150 10v 7.0v 6.0v 5.0v v g =4.0v 100 120 140 160 180 246810 v gs , gate-to-source voltage (v) r ds(on0 (m ) i d = 1a t a = 25 o c 0.2 0.6 1.0 1.4 1.8 2.2 2.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d =2a v g =10v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 v sd , source-to-drain voltage (v) i s (a) t j =25 o c t j =150 o c 0.4 0.6 0.8 1.0 1.2 1.4 -50 0 50 100 150 t j , junction temperature ( o c) normalized v gs(th) (v)
AP5521GM-HF n-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics 30 -30 fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 5 q v g 4.5v q gs q gd q g charge 0 2 4 6 8 10 024681012 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =2a v ds =50v 0 100 200 300 400 500 600 1 5 9 1317212529 v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)
AP5521GM-HF p-channel fig 1. typical output characteristics fig 2. typical output characteristics 30 -30 fig 3. on-resistance v.s. gate voltage fig 4. normalized on-resistance v.s. junction temperature fig 5. forward characteristic of fig 6. gate threshold voltage v.s. reverse diode junction temperature 6 0 4 8 12 16 20 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a =25 o c -10v -8.0v -7.0v -6.0v v g = - 5.0v 0 2 4 6 8 10 12 02468 -v ds , drain-to-source voltage (v) -i d , drain current (a) t a = 150 o c -10v -8.0v -7.0v -6.0v v g = - 5.0v 120 130 140 150 160 246810 -v gs , gate-to-source voltage (v) r ds(on) (m ) i d = -1 a t a =25 o c 0.2 0.6 1.0 1.4 1.8 2.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized r ds(on) i d = -2 a v g = - 10v 0 2 4 6 8 0 0.2 0.4 0.6 0.8 1 1.2 1.4 -v sd , source-to-drain voltage (v) -i s (a) t j =25 o c t j =150 o c 0.4 0.6 0.8 1.0 1.2 1.4 1.6 -50 0 50 100 150 t j , junction temperature ( o c) normalized -v gs(th) (v)
AP5521GM-HF p-channel fig 7. gate charge characteristics fig 8. typical capacitance characteristics 30 -30 fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 7 q v g -4.5v q gs q gd q g charge 0 2 4 6 8 10 0.0 8.0 16.0 24.0 32.0 q g , total gate charge (nc) -v gs , gate to source voltage (v) i d = -2a v ds = -50v 0 400 800 1200 1600 2000 1 5 9 1317212529 -v ds , drain-to-source voltage (v) c (pf) f =1.0mhz c iss c oss c rss 0.01 0.1 1 10 100 0.01 0.1 1 10 100 1000 -v ds , drain-to-source voltage (v) -i d (a) t a =25 o c single pulse 100us 1ms 10ms 100ms 1s dc 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t , pulse width (s) normalized thermal response (r thja ) p dm duty factor = t/t peak t j = p dm x r thja + t a r thja =135 o c/w t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse t d(on) t r t d(off) t f v ds v gs 10% 90% operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP5521GM-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X