Part Number Hot Search : 
S1ZB20 GMPSA94S SM5S18A R1C10 141471JM MAX1842 DAN217W 01502
Product Description
Full Text Search
 

To Download AP02N60P-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 600v fast switching characteristics r ds(on) 8 simple drive requirement i d 2a halogen free & rohs compliant description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj t stg t j operating junction temperature range thermal data symbol value units rthj-c maximum thermal resistance, junction-case 3.2 /w rthj-a maximum thermal resistance, junction-ambient 62 /w data & specifications subject to change without notice halogen-free product storage temperature range -55 to 150 6 39 linear derating factor 0.31 + 30 2 1.26 parameter rating 600 201211203 1 AP02N60P-HF 130 -55 to 150 parameter g d s g d s to-220 the to-220 package is universally preferred for all commercial- industrial applications. the device is suited for dc-dc, dc-ac converters for telecom, industrial and consumer environment.
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =250ua 600 - - v bv dss / t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.6 - v/ r ds(on) static drain-source on-resistance 3 v gs =10v, i d =1a - - 8 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =1a - 0.2 - s i dss drain-source leakage current v ds =600v, v gs =0v - - 10 ua drain-source leakage current (t j =125 o c) v ds =480v , v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 30v, v ds =0v - - + 100 na q g total gate charge 3 i d =2a - 14 20 nc q gs gate-source charge v ds =480v - 2 - nc q gd gate-drain ("miller") charge v gs =10v - 8.5 - nc t d(on) turn-on delay time 3 v dd =300v - 9.5 - ns t r rise time i d =2a - 12 - ns t d(off) turn-off delay time r g =10 -21- ns t f fall time v gs =10v - 9 - ns c iss input capacitance v gs =0v - 155 240 pf c oss output capacitance v ds =25v - 27 - pf c rss reverse transfer capacitance f=1.0mhz - 14 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.5v - - 2 a i sm pulsed source current ( body diode ) 1 --6 a v sd forward on voltage 3 t j =25 , i s =2a, v gs =0v - - 1.5 v notes: 1.pulse width limited by max. junction temperature. 2.starting t j =25 o c , v dd =50v , l=50mh , r g =25 , i as =1.6a. 3.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. 2 AP02N60P-HF
ap02n60p-h f fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.8 0.9 1 1.1 1.2 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =1a v g =10v 0 0.5 1 1.5 0 5 10 15 20 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 6.0v 5.5v 5.0v v g = 4.5 v 0 0.3 0.6 0.9 0 5 10 15 20 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 6.0v 5.5v 5.0v v g = 4.5 v 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o c t j = 25 o c 1 2 3 4 5 -50 0 50 100 150 t j , junction temperature ( o c ) v gs(th) (v)
AP02N60P-HF fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 t d(on) t r t d(off) t f v ds v gs 10% 90% q v g 10v q gs q gd q g charge 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss 0 4 8 12 16 048121620 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =2a v ds =320v v ds =400v v ds =480v 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0.01 0.1 1 10 1 10 100 1000 10000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 1ms 10ms 100ms 1s dc operation in this area limited by r ds(on)


▲Up To Search▲   

 
Price & Availability of AP02N60P-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X