Part Number Hot Search : 
M74HC257 V375B B2300 CY28442 SWG25000 C106M S3F441FX SC417
Product Description
Full Text Search
 

To Download AK8116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asahi kasei [AK8116] ms0520-j-02 2008/2 - 1 - AK8116 single clock generator AK8116? pll ig??`ic ? 33.75mhz? 27.0mhz ?74.250mhz????? ?????on/off ??? ??k???????? ??????? L ??R 2.7 3.6v M 3.8ma typ. ?? 33.75mhz (?) ?? clkout 27.0mhz/74.2 50mhz ( ??on/ off, ?) ? clkout 15pf max. ?? clkout 15ps typ. (1) ???` 6?son (U?`) body size: 2.6mmx1.6mm clkin vdd vss input buffer clkout output buffer oe pll fsel
asahikasei [AK8116] ms0520-j-02 2008/2 - 2 - 1. h ? ?Ch ? ( ? ) h 1 vdd (pwr) ? . 2 vss (pwr) ?? . 3 clkout (do) ? . fsel ?O? 27.0mhz 74.250mhz ?? . ?`r ?l? ??? . 4 oe (di) clkout ?`? . ? ?l? r pll ??` clkout ?? . 100k??? . 5 fsel (di) ??O . ?l? r 74.250mhz ?h? r 27.0mhz ? . 100k??? . 6 clkin di ?? 33.75mhz . ????`?B? . o??????? pwr ? do ? di ? 4:oe 5:fsel 6:clkin 1:vdd 2:vss 3:clkout
asahikasei [AK8116] ms0520-j-02 2008/2 - 3 - 2. ?? ~?? M vdd3.0v ta25 *1 clkout ?o??r27mhz r clkout ????M?idd1 + 27mhz *?*vdd ??? *2 clkout ?o??r74.25mhz r clkout ????M?idd2 + 74.25 mhz*?*vdd ??? ? ? min max g q ??R vdd -0.3 4.6 v ?? vss 0 0 v ?R vin vss-0.3 vdd+0.3 v iin -10 10 ma ? tstg -55 130 ? ? min typ max g q ? ta -20 85 ??R vdd 2.7 3.0 3.6 v ? cpl 15 pf clkout ? ? min typ max g q M idd1 3.3 ma *1 M idd2 3.8 ma *2 ????????rM oe= ? l ? ipd 0 10 a fsel=l ? open r
asahikasei [AK8116] ms0520-j-02 2008/2 - 4 - vdd2.73.6vta- 2085 vdd2.73.6ta- 2085 *1 O? *2 ? vdd ?R_??0.1???rg ? min typ max g q ?????R clkin fsel oe 0.8*vdd v ?????R ? 0.2*vdd v ??? 1 clkin -10 +10 a ??? 2 oe fsel -10 +75 a ?????R clkout 0.8*vd d v vdd=3.0v,ta=25 ioh=-4ma ?????R clkout 0.2* vdd v vdd=3.0v,ta=25 iol=4ma ? min typ max g q ? clk ? clkin 33.75 mhz ? clk ??????????? clkin 50 % clk ?rg clkout - 3.5 ns cp1=15pf 0.2*vdd0.8*vdd *1 clk rg clkout - 3.5 ns cp1=15pf 0.8*vdd0.2*vdd *1 clk ? clkout 15 ps cp1=15pf ??(1) *1 clk ??????????? clkout 45 50 55 % cp1=15pf *1 ????????rg clkout 1 ms *2
asahikasei [AK8116] ms0520-j-02 2008/2 - 5 - 3. ??`?? son6 g? ?`?? ? ?? ? ? ?`???` 116 AK8116 ? ?` ddd 3 ? 1 1 6 d d d a b c 1.60.2 0.8max 0.130.05 0.5 0.5 2.60.1 0.20.1 (0.1) (0.1) bottom view 0.2 0.1 (0.1) ( 1.24 ) (0.1) ( 0.4) s 3.00.1 (0.1) 0.1 s + 0.1 m
asahikasei [AK8116] ms0520-j-02 2008/2 - 6 - ?? ?d?u??u???????u??? ????????H???d ????I???s?I?_J ?d???????S?I? ?????????????? ? ?du??Q???Y ( ???? ) ? ??H????S??? ?C??C?C???C? ???g???]?b???p????? ???O??m??????u????? ??????? ?????u???????? p????????? ??????????o???u???? ??p?????????a????


▲Up To Search▲   

 
Price & Availability of AK8116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X