Part Number Hot Search : 
MC33793D 5810A UGP15D 82C55A 1N5408 PSBT54 855377 33MVM
Product Description
Full Text Search
 

To Download 6000-0IA1-54001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. applications high-performance supertrunking links high-power distribution networks redundant ring architectures fttx networks rfo g applications optimized for international catv systems dwdm node splitting features single or dual optical outputs qam loading to 1003 mhz dual power supplies, redundant & hot swappable front panel rf test point vacuum fluorescent status display omi / rf gain adjustment agc select: cw, video, manual (no agc) industry leading field adjustable sbs suppression the i-type medallion 6000 series the i-type medallion 6000 series is a fami ly of state-of-the-ar t high-performance 1550 nm externally-modulated catv fiber optic transmitters optimized for international network applications that employ an 85 mhz forward / reverse path split frequency. packaged in a convenient 1 ru housing, this line of optical transmitters couples high optical output power, up to 10.0 dbm, with low optical linewidth re sulting in unmatched performance. the optical modulator, combined with proprietary pre-dist ortion circuitry, provides superior ctb and cso performance with adjustable sbs suppressi on levels of greater than 19 dbm. the i-type transmitter?s exceptional performance is enabled by emcore?s proprietary high power, narrow linewidth cw (continuous wave) laser technology. when deployed with one or more emcore optical amplifie rs, transmissions of 150 km can be achieved. the feature-rich web gui and snmp interface bring a whole suite of advanced operator monitoring and configuration options to the platform, allowing for secure, simplified and future-ready functionality for the next generation of intelligent networks. advanced features such as built-in field adjustable sbs control allow these transmitters to be quickly optimized in the field for any link or application without the need to procure specifically tuned transmitters. i-type transmitters are specially designed and opt imized to support fiber optic links of up to 150 km for the international marketplace and other markets with similar requirements. monitoring and configuration is supported via a convenient front panel display, an rs-232 port, and an ethernet port with snmp, telnet, and web gui. the platform is mechanically designed for flexibility and space efficiency including universal rack-mount features, modular front panel design, and optional front and rear port placement. dual redundant field-replaceable fans and power supplies are standard. i-ty pe medallion 6000 1550 nm externally-modulated transmitter
datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. optical characteristics property units 6000-0ie1 comments performance (note 1-9) specified link length l (km) 65 65 other fiber lengths supported. see note 8 channel plan ntsc 80-ch pal 60-ch other channel plans supported. note 9 optical output power po (dbm) 7.0/7.0 8.5/8.5 min. 10 dbm version avail. see chart noise bandwidth bw (mhz) 4 5 sbs suppression (dbm) 13 to 19 13 to 19 min. carrier to noise ratio cnr (db) 52.5 52.5 min. composite second order cso (dbc) -65 -65 max. port 1 composite triple beat ctb (dbc) -65 -65 max. @ +25 ? c composite triple beat ctb (dbc) -64 -64 max. @ 0 o c to 50 o c notes: 1. unless stated otherwise all spec ifications apply over full temper ature range with no digital loading. 2. unless stated otherwise specif ications apply for nominal rf input level as defined below, after a 30 minute stabilization p eriod. 3. specifications separated by a slash are port1 / port 2. 4. units are tested per the te st / link configuration table 5. noise figure for the edfa = 4.5 ~ 5.5 db 6. corning smf-28 single mode fiber 7. receiver responsivity is 0.95 ma/mw, equivalent noise current is 7 pa/(hz)1/2 8. fiber lengths from 0 to 100 km can be supported. see figure 2 for cso performance. 9. the lowest frequency of all channel plans shall be > 119.25 mh z. a 2 db penalty of cnr may occur for channels from 85 to 11 2.25 mhz. see the electrical specif ications table for correct input power for other channel plans. test/link configuration property edfa link received power 2 i-type 16 dbm 65 km 0.0 dbm at the receiver figure 1 i-t y pe medallion 6000 1550 nm externally-modulated transmitter
datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. electrical specifications property requirement comments catv nominal input power 18 dbmv/ch (78 dbuv/ch) 19 dbmv/ch (79 dbuv/ch) 80 ntsc channels 60 pal channels catv composite level -11.7 dbm 0 db on fp display (all channel plans) catv input range +2/-8 db from nominal input optimal performance at nominal input catv rf gain / omi adjustment range +2/-8 db from nominal setting catv performance may vary slightly over range catv frequency range 45 mhz ? 1003 mhz catv flatness +/- 0.50 db +/- 0.75 db 45 mhz ? 550 mhz 45 mhz ? 1003 mhz catv input impedance 75? catv input return loss 16 db min 45 mhz ? 1003 mhz catv front panel rf tap -20 +/- 1 db down from rf input catv front panel rf tap flatness +/- 1 db 45 mhz ? 1003 mhz figure 2 medallion 6000 i-type sbs suppression and cso generation 80 ch ntsc channel load vs fiber length w ith varying sbs settings single edfa fiber link 10 15 20 25 30 35 40 1 10 100 fiber length (km) sbs suppression (dbm) -80 -75 -70 -65 -60 -55 -50 sbs=19 dbm sbs=18 dbm sbs=17 dbm sbs=16 dbm sbs=15 dbm sbs=14 dbm sbs=13 dbm 13 d b m c s o 14 d b m c s o 15 d b m c s o 19 d b m c s o 18 d b m c s o 17 d b m c s o 16 d b m c s o emcore proprietary information worst case cso generation due to fiber effects (db) a ll data show n is typical performance i-t y pe medallion 6000 1550 nm externally-modulated transmitter
datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. general and mechanical specifications property requirement comments wavelength 1555+/-5 nm various options + itu-grid available ? see model number information channel plan various ? see specification tables optical connector sc/apc other styles available monitoring interfaces 100 base-t ethernet (snmp) rear panel rs-232 interface vfd screen front panel controls vfd- (vacuum fluorescent display) operating temperature 0? c to 50 ? c storage temperature -20 ? c to 70 ? c power consumption 65 w max agency listings emi : en50083-2:2006 (us catv) en55022:2006 (us it) en61000-3-2 (harmonics) en61000-3-3 (flicker) fcc: part 15, subpart b, class ?a? unintentional radiators ices-003 (canada) an/nzs 3548, class a (australia) vcci, class a (japan) safety : fda/cdrh laser safety governed by code of federal regulations title 21, volume 8, part 1040 iec 60950-1 iec 60728-11 laser iec 60825-1 cb certification transportation vibration gr-2853-core in shipping package transportation shock gr-2853-core in shipping package operating humidity 20% to 85% non-condensing supply range (vac) (vdc) 90 to 265 vac, 50/60 hz +/- (36 ? 72) vdc dimensions 19.0? w x 15.0? d x 1.72? h (width includes 19? front panel ears, depth includes, connectors, fans & front panel) ? see drawing i-t y pe medallion 6000 1550 nm externally-modulated transmitter
datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. outline drawing i-t y pe medallion 6000 1550 nm externally-modulated transmitter
datasheet | november 2013 fiber optics | rev 2013.11 information contained herein is deemed reliable and accurate as of the issue date. emcore reserves the right to change the desi gn or specification at any time without notice. model number information note 3 6000 ? - logo & customer specific link type pout (dbm min) note 1 loading type optics rf wavelength (nm) power supply 0 ? emcore logo i ? 0 to 100 km d ? 10/10 note 4 1 ? all channel plans 1 ? sc/apc, rear 1 ? rf in rear, tp front 00 ?1555+/- 5.0 nm 1 ? ac primary, no secondary 1 ? no logo a ? 7.0/7.0 2 ? fc/apc, rear 2 ? rf in front, tp front 01 ? 1550+/- 5.0 nm 2 ? dc primary, no secondary 3 ? e2000/apc, rear 3 ? rf in front, tp rear xx ? itu channel +/- 0.1 nm note 2 3 ? ac primary, ac secondary 4 ? sc/apc, front 4 ? rf in rear, tp rear 4 ? ac primary, dc secondary 5 ? fc/apc, front 5 ? dc primary, dc secondary 6 ? e2000/apc, front note 1: options available for indicated types only note 2: itu grid wavelengths can be specified from channel 18 to 40 note 3: not all configurations are available, contact factory note 4: cso port 2 degraded by 1db note 5: contact factory for model type availability additional kits g3708-006-001 - replaceable ac power supply modules g3708-005-001 - replaceable dc power supply modules g7914-076-001 - replaceable blank power module plate g3906-008-001 - replaceable fans laser safety information this product meets the applicable requiremen ts of 21 cfr 1010 & 1040 and is classified as a class 1m laser product. during use as intended, the laser energy is fully contained within the fiber net work such that there is no accessible laser radiation. this p roduct has been issued accession number 0820466-001. i-t y pe medallion 6000 1550 nm externally-modulated transmitter


▲Up To Search▲   

 
Price & Availability of 6000-0IA1-54001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X