Part Number Hot Search : 
07PBF W0603 C3320 106K0 75185 SMC5342B LF347D 29LV256
Product Description
Full Text Search
 

To Download 3600BP15M600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  integrated passive component packaging 1. taping specifications a. tape dimensions (units: mm) b. quantities per reel according to component size 2. reel dimensions (units: mm) jti size code size eia size metric a a? b c d t t 2.0 0.6 2.0 0.20 max. 07 0402 1005 0.1 4.00.1 0.1 1.10.1 0.1 0.05 1 4.0 0.95 2.0 0.20 max. 14 0603 1608 0.1 4.00.1 0.1 1.800.1 0.05 0.05 0.85 4.0 1.6 2.0 0.20 max. 15 0805 2012 0.1 4.00.1 0.1 2.40.1 0.1 0.05 1.3 4.0 2.35 2.0 0.22 max. 39 1008 2520 0.1 4.00.1 0.1 2.80.1 0.1 0.05 1.45 4.0 1.9 2.0 0.20 max. 18 1206 3216 0.1 4.00.1 0.1 3.50.1 0.1 0.05 1.4 4.0 2.68 2.0 0.23 max. 41 1210 3225 0.1 4.00.1 0.1 3.460.1 0.1 0.05 1.84 8.0 4.18 2.0 0.24 max. 43/44 1812 4532 0.1 4.00.1 0.1 4.950.1 0.1 0.05 1.95 jti size code 07 14 15 39 18 41 43/44 size eia 0402 0603 0805 1008 1206 1210 1812 size metric 1005 1608 2012 2520 3216 3225 4532 quantity/reel 10,000pcs 4,000pcs 4,000 pcs 3,000 pcs 3,000 pcs 2,000 pcs 2,000 pcs tape material paper paper plastic (embossed) plastic (embossed) plastic (embossed) plastic (embossed) plastic (embossed) label: customer?s name, johanson p/n, q?ty, date 1.5 +0.1/-0.0 a? t d 8 0.2 3.5 0.1 1.75 0.1 c t a b 178 2.0 60 0.5 1.4 w 19.5 label d:21.8 0.8 d:13.0 0.3 2.0 0.5
3. leader and trailer tape (plastic material) 4. peel-off force peel-off force should be in the range of 0.1 ? 0.6 n at a peel-off speed of 30010 mm/min. 5. storage conditions ? temperature: 15 - 35 c and relative humidity (rh): 45 - 75%. ? non-corrosive environment ? it is recommended that product be used within 18 months of receipt 6. the following p/n's require vacuum sealed packaging when stored (due to ag (silver) termination): 7. notes the contents of this data sheet are subject to change without notice. please confirm the specifications and delivery conditions when placing your order. 0400fa15a0400 1810bp07b200 2450bp14d0100 2500bp15m400 0866bl15c200 1900hp41b500 2450bp14e0100 2500fb16a0400 0869ld14d1810 1900hp41c0500 2450bp15d100 2595fb16a0100 0892dp15a1940 1906bp18c027 2450bp15e0100 2595fb39a0050 0892lp07a0136 1906bp39b027 2450bp15f0100 2600bp14m0200 0896bl14b050 2345fb16a0100 2450bp15g0100 3500fb16a0100 0896bm15a0001 2345fb39a0050 2450bp15m0100 3500fb39a0050 0896fb15a0100 2450bm15b0003 2450bp15p0100 3600bp14m0600 0900bl15c050 2450fb15l0001 2450bp39d100c 3600BP15M600 1200bp44a575 2450fb15a0100 2450bp39d100e 5525bp15b0750 1200lp41b0500 2450bp07a0100 2450bp39f100a 1200lp41c0500 2450bp07a0100 2450hp15a100 peeling direction to p c o v e r ta p e carrier tape <10 0 trailer end trailer (80mm min.) cover tape only 60mm min. leader end empty compartments with cover tape (80mm min.)


▲Up To Search▲   

 
Price & Availability of 3600BP15M600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X