Part Number Hot Search : 
8MNR2G UNA0228 2SC4728R 0443065 SB05W05C 01006 LM321 PC3H715
Product Description
Full Text Search
 

To Download 2SK1593 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1.80 +0.1 -0.1 4.50 +0.1 -0.1 2.50 +0.1 -0.1 0.80 +0.1 -0.1 4.00 +0.1 -0.1 0.53 +0.1 -0.1 0.48 +0.1 -0.1 1.50 +0.1 -0.1 0.44 +0.1 -0.1 2.60 +0.1 -0.1 0.40 +0.1 -0.1 3.00 +0.1 -0.1 sot-89 unit: mm 1. base 2. collector 3. emiitter 1. source 2. drain 3. gate 1 2 3 1gate 2drain 3source 2SK1593 features directly driven by ics having a 5v power supply. has low on-state resistance. r ds(on) =6.0 max.@v gs =4.0v,i d =0.3a r ds(on) =5.0 max.@v gs =10v,i d =0.3a absolute maximum ratings ta = 25 parameter symbol rating unit drain to source voltage v dss 100 v gate to source voltage v gss 20 v drain current (dc) i d 500 ma drain current(pulse) * i d 1.0 a power dissipation p d 2.0 w channel temperature t ch 150 storage temperature t stg -55to+150 *pw 10ms, duty cycle 5% electrical characteristics ta = 25 parameter symbol testconditons min typ max unit drain cut-off current i dss v ds =100v,v gs =0 1.0 a gate leakage current i gss v gs = 20v,v ds =0 10 a gate to source cutoff voltage v gs(off) v ds =10v,i d =1ma 0.8 1.2 2.0 v forward transfer admittance y fs v ds =10v,i d =0.5a 400 570 ms v gs =4.0v,i d =0.3a 4.0 6.0 v gs =10v,i d =0.3a 3.4 5.0 input capacitance c iss 55 pf output capacitance c oss 25 pf reverse transfer capacitance c rss 4.5 pf turn-on delay time t d(on) 60 ns rise time t r 140 ns turn-off delay time t d(off) 140 ns fall time t f 90 ns v ds =10v,v gs =0,f=1mhz i d =0.3a,v gs(on) =4v,r l =33 ,v dd =10v,r g =10 drain to source on-state resistance r ds(on) marking marking np 4008-318-123 sales@twtysemi.com 1 of 1 http://www.twtysemi.com smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of 2SK1593

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X