Part Number Hot Search : 
1345T BTS7750G BC857 MB90456S 8205A 7510D 74LVX B45197
Product Description
Full Text Search
 

To Download 2102060-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i n t r o d u c i n g m e z a l o k c o n n e c t o r ( h i g h r e l i a b i l i t y m e z z a n i n e c o n n e c t o r )
description rugged surface mount mezzanine connector incorporating super-redundant mini-box contact system for separable interface. designed for 10mm and 12mm stack heights in both 60 and 114 positions. applications stacking or mezzanine applications 114 position is designed to support vita 61 xmc architecture as rugged alternative to vita 42 xmc 60 position designed for custom architecture stacking applications electrical stacking or mezzanine applications 114 position is designed to support vita 61 xmc architecture as rugged alternative to vita 42 xmc 60 position designed for custom architecture stacking applications mechanical 500 mating cycles durability mating force: 0.30 lb. max. times number of contacts -65?c to +125?c operating temperature shock and vibration per vita 47 requirements materials pin assembly: lcp plastic housings, white in color socket assembly: lcp plastic housings, white in color contacts: high performance copper alloy, 50 au in mating interface (sn/pb and sac305 solder balls are available) standards & specs 114 position conforms to requirement of vita 61 (vita 42 alternate) vita 42 and vita 61 are not intermateable, but are footprint and xmc architecture compatible application tooling product is installed via standard bga surface mount processes. mezalok connector tyco electronics i mezalok key features 60 and 114 positions mini-box contact system provides 4 points of contact for ultra reliability lcp plastic housings offer superior thermal stability and are low-outgassing compliant bga board attach supports standard surface mount processing and excellent thermal stability 114 position footprint compatible to xmc foot- print and all dimensional constraints
o r d e r i n g i n f o r m a t i o n m e z a l o k i t y c o e l e c t r o n i c s m e z a l o k c o n n e c t o r p a r t n u m b e r d e s c r i p t i o n 1 1 4 p o s i t i o n : 2 1 0 2 0 6 0 - 1 a s s e m b l y , p i n h o u s i n g , t i n - l e a d , 1 . 2 7 m m g o l d 2 1 0 2 0 6 0 - 2 a s s e m b l y , p i n h o u s i n g , l e a d - f r e e , 1 . 2 7 m m g o l d 2 1 0 2 0 6 0 - 3 a s s e m b l y , p i n h o u s i n g , t i n - l e a d , 0 . 7 6 m m g o l d 2 1 0 2 0 6 0 - 4 a s s e m b l y , p i n h o u s i n g , l e a d - f r e e , 0 . 7 6 m m g o l d 2 1 0 2 0 6 1 - 1 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 0 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 6 1 - 2 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 0 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 6 1 - 3 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 2 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 6 1 - 4 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 2 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 6 1 - 5 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 0 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 6 1 - 6 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 0 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 6 1 - 7 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 2 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 6 1 - 8 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 2 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 6 1 - 9 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 8 m m , 1 . 2 7 m m g o l d 1 - 2 1 0 2 0 6 1 - 0 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 8 m m , 1 . 2 7 m m g o l d 1 - 2 1 0 2 0 6 1 - 1 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 8 m m , 0 . 7 6 m m g o l d 1 - 2 1 0 2 0 6 1 - 2 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 8 m m , 0 . 7 6 m m g o l d 6 0 p o s i t i o n : 2 1 0 2 0 7 9 - 1 a s s e m b l y , p i n h o u s i n g , t i n - l e a d , 1 . 2 7 m m g o l d 2 1 0 2 0 7 9 - 2 a s s e m b l y , p i n h o u s i n g , l e a d - f r e e , 1 . 2 7 m m g o l d 2 1 0 2 0 7 9 - 3 a s s e m b l y , p i n h o u s i n g , t i n - l e a d , 0 . 7 6 m m g o l d 2 1 0 2 0 7 9 - 4 a s s e m b l y , p i n h o u s i n g , l e a d - f r e e , 0 . 7 6 m m g o l d 2 1 0 2 0 8 0 - 1 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 0 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 8 0 - 2 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 0 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 8 0 - 3 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 2 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 8 0 - 4 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 2 m m , 1 . 2 7 m m g o l d 2 1 0 2 0 8 0 - 5 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 0 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 8 0 - 6 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 0 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 8 0 - 7 a s s e m b l y , s o c k e t h o u s i n g , t i n - l e a d , 1 2 m m , 0 . 7 6 m m g o l d 2 1 0 2 0 8 0 - 8 a s s e m b l y , s o c k e t h o u s i n g , l e a d - f r e e , 1 2 m m , 0 . 7 6 m m g o l d p i n 2 1 0 2 0 6 0 s o c k e t 2 1 0 2 0 6 1 4 p i n c o n t a c t
t y c o e l e c t r o n i c s c o r p o r a t i o n h a r r i s b u r g , p a t y c o e l e c t r o n i c s . c o m ? 2 0 1 0 t y c o e l e c t r o n i c s c o r p o r a t i o n 2 - 1 7 7 3 4 5 7 - 3 a d m f p 2 . 5 m 1 0 / 1 0 t e ( l o g o ) a n d t y c o e l e c t r o n i c s a r e t r a d e m a r k s . f o r m o r e i n f o r m a t i o n t e c h n i c a l s u p p o r t i n t e r n e t : w w w . t y c o e l e c t r o n i c s . c o m / a d m e - m a i l : p r o d u c t . i n f o @ t y c o e l e c t r o n i c s . c o m u s a : + 1 ( 8 0 0 ) 5 2 2 - 6 7 5 2 c a n a d a : + 1 ( 9 0 5 ) 4 7 0 - 4 4 2 5 m e x i c o : + 5 2 ( 0 ) 5 5 - 1 1 0 6 - 0 8 1 4 c . a m e r i c a : + 5 2 ( 0 ) 5 5 - 1 1 0 6 - 0 8 1 4 s o u t h a m e r i c a : + 5 5 ( 0 ) 1 1 - 2 1 0 3 - 6 0 0 0 g e r m a n y : + 4 9 ( 0 ) 6 2 5 1 - 1 3 3 - 1 9 9 9 g r e a t b r i t a i n : + 4 4 ( 0 ) 8 7 0 6 - 0 8 0 2 0 8 f r a n c e : + 3 3 ( 0 ) 1 - 3 4 2 0 - 8 6 8 6 n e t h e r l a n d s : + 3 1 ( 0 ) 7 3 - 6 2 4 6 - 9 9 9 c h i n a : + 8 6 ( 0 ) 4 0 0 - 8 2 0 - 6 0 1 5


▲Up To Search▲   

 
Price & Availability of 2102060-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X