Part Number Hot Search : 
807DTRP KBPC35S CS4300U AS23AH 5L20C MBRB2 ON1406 ON2847
Product Description
Full Text Search
 

To Download 200-25254-102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p/n: 200-25254-102 advanced thumbscrew hold-down carlisle interconnect technologies / 5300 w. franklin drive, franklin, wi 53132 toll free - 800.327.9473 / fax - 414.421.5301 / carlisleit.com safety ? resists vibration and shock even when not fully engaged function ? secure racheting locking mechanism ? easy engagement and dis-engagement materials ? corrosion resistant steel with passivation or nickel plated components ? acetal/delrin ? rohs compliant fasteners ? installation via #6-32 (.138-32) unc screws using standard tooling conforms to ? asna2168 designed for use with equipment: ? arinc 404a ? arinc 704a ? arinc 600 ? arinc 738a-1 ? arinc 628 weight ? 57g max patent pending thumbscrew hold-down p/n: 200-23558-101 tray pivot angle of hold-down securing lru equipment features & benefits construction specifications ec s: 2 00-25254- 10 2
p/n: 200-25254-102 temperature ? cat d3 per section 4.0 of rtca/do-160g maximum working load ? 465 lbf (207 dan) operational shock ? 6g 11ms ? sine shock pulse (3 shocks in all 6 directions) crash safety impulse ? 15g 11ms ? sine shock pulse (1 shock in all 6 directions) ? 20gs per section 7.3.1 of rtca/do-160g (1 shock in all 6 directions) crash safety sustained ? 12g (1min all 6 directions) ? 20gs per section 7.3.3 of rtca/do-160g (3 seconds in all 6 directions) robust vibration ? sinusoidal (3 hours for each direction up to 2.5g) ? random cat r, curve b & b1 per section 8.7.2 of rtca/do-160g ? bps-c-157 section 3.6.4 unbalance (tire burst) ? 36 seconds up to 10g in each direction max flight acceleration ? 6.5g up, 4.5g down, 3g other directions for 3min windmilling ? sweep (9-30hz) for 160 minutes between 4 & 5.6g, 1 sweep 9-2hz at 3g mechanical endurance ? 1,000 cycles flammability ? f3 horizontal per title 14 cfr 25.853(a), appendix f, part i (a)(1)(iv) optical smoke density ? title 14 cfr 25.853(d), appendix f, part v ? bss 7238 ? aitm 2.0007 per abd0031 (6.3) (7.3 & 7.31 & 7.3.2 table 1) generation of toxic gasses ? bss 7239 ? aitm 3.0005 per abd0031 (7.4) tested to meet the following requirements carlisle interconnect technologies / 5300 w. franklin drive, franklin, wi 53132 toll free - 800.327.9473 / fax - 414.421.5301 / carlisleit.com ? carlisle interconnect technologies, 2012. all trademarks, service marks and trade names are property of their respective holding companies. all rights reserved. pa tent pending ? 1.01 [25.7] .56 [14.3] 2.95 [75] .80 [20.3] .610 [15.49] .430 [10.92] .60 max. [15.4] .50 [12.7] #6-32 unc-2b self locking 2.10 max. extension [53.3] mechanically limited 3d view scale 5/2 .66 [16.7] .42 [10.7] 45 30 max. 25 max. rev. 121812-3000


▲Up To Search▲   

 
Price & Availability of 200-25254-102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X