Part Number Hot Search : 
MBT2222A EKA8564A SA5777A TW0161A WL30NC 25V10 BAS21 24S12
Product Description
Full Text Search
 

To Download 15TQ06006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  major ratings and characteristics i f(av) rectangular 15 a waveform v rrm 60 v i fsm @ tp = 5 s sine 1000 a v f @ 15 apk, t j = 125c 0.56 v t j range - 55 to 150 c characteristics values units description/features the 15tq060 schottky rectifier has been optimized for very low forward voltage drop, with moderate leakage. the proprietary barrier technology allows for reliable operation up to 150 c junction temperature. typical applications are in switching power supplies, converters, free-wheeling di- odes, and reverse battery protection. 150 c t j operation high purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance very low forward voltage drop high frequency operation guard ring for enhanced ruggedness and long term reliability schottky rectifier 15 amp 15tq060 15tq060s bulletin pd-20563 rev. b 06/06 1 www.irf.com case styles 15tq060 15tq060s to-220ac anode 1 3 c athode base cathode d 2 pak anod e 1 3 base cathode 2 n /c i f(av) = 15 amp v r = 60v
15tq060, 15tq060s 2 bulletin pd-2 0563 rev. b 06/06 www.irf.com part number 15tq060 v r max. dc reverse voltage (v) v rwm max. working peak reverse voltage (v) voltage ratings i f(av) max. average forward current 15 a 50% duty cycle @ t c = 104 c, rectangular wave form * see fig. 5 i fsm max. peak one cycle non-repetitive 1000 5 s sine or 3 s rect. pulse surge current * see fig. 7 260 10ms sine or 6ms rect. pulse e as non-repetitive avalanche energy 6 mj t j = 25 c, i as = 1.50 amps, l = 11.5 mh i ar repetitive avalanche current 1.50 a current decaying linearly to zero in 1 sec frequency limited by t j max. v a = 1.5 x v r typical parameters 15tq units conditions a absolute maximum ratings v fm max. forward voltage drop (1) 0.62 v @ 15a * see fig. 1 0.82 v @ 30a 0.56 v @ 15a 0.71 v @ 30a i rm max. reverse leakage current (1) 0.80 ma t j = 25 c * see fig. 2 45 ma t j = 125 c c t max. junction capacitance 720 pf v r = 5v dc , (test signal range 100khz to 1mhz) 25 c l s typical series inductance 8.0 nh measured lead to lead 5mm from package body dv/dt max. voltage rate of change 10000 v/ s (rated v r ) t j = 25 c t j = 125 c v r = rated v r electrical specifications parameters 15tq units conditions t j max. junction temperature range -55 to 150 c t stg max. storage temperature range -55 to 150 c r thjc max. thermal resistance junction 3.25 c/w dc operation * see fig. 4 to case r thcs typical thermal resistance, case to 0.50 c/w mounting surface , smooth and greased heatsink wt approximate weight 2 (0.07) g (oz.) t mounting torque min. 6 (5) max. 12 (10) marking device 15tq060 case style to-220 15tq060s case style d 2 pak kg-cm (ibf-in) thermal-mechanical specifications parameters 15tq units conditions (1) pulse width < 300 s, duty cycle < 2% following any rated load condition and with rated v rrm applied 60
15tq060, 15tq060s 3 bulletin pd-20563 rev. b 06/06 www.irf.com fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics fig. 1 - maximum forward voltage drop characteristics 1 10 100 1000 0 0.4 0.8 1.2 1.6 2 instantaneous forward current - i (a) f fm t = 150c t = 125c t = 25c j j j forward voltage drop - v (v) 0.001 0.01 0.1 1 10 100 1000 0 102030405060 r r 125c 100c 75c 50c 25c reverse current - i (ma) t = 150c j reverse voltage - v (v) 100 1000 0 102030405060 r t reverse voltage - v (v) junction capacitance - c (pf) t = 25c j t 1 , rectangular pulse duration (seconds) thermal impedance - z thjc (c/w) 0 .001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 single pulse (thermal resistance) d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 notes: 1. duty factor d = t1/ t2 2. peak tj = pdm x zthjc + tc 2 t 1 t p dm
15tq060, 15tq060s 4 bulletin pd-2 0563 rev. b 06/06 www.irf.com fig. 8 - unclamped inductive test circuit fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - maximum non-repetitive surge current free- w heel diode 40hfl40s 02 current monitor hig h-speed switch irfp460 l dut rg = 25 o h m vd = 25 volt + 80 90 100 110 120 130 140 150 0 5 10 15 20 25 dc allowable case temperature - (c) f(av) see note (2) square wave (d = 0.50) 80% rated v applied r average forward current - i (a) 100 1000 10 100 1000 10000 fsm non-repetitive surge current - i (a) p at any rated load condition and with rated v applied following surge rrm square wave pulse duration - t (microsec) 0 2 4 6 8 10 12 14 0246810121416182022 dc average power loss - (watts) f(av) rms limit d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 average forward current - i (a) (2) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm @ (i f(av) / d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r @ v r1 = 80% rated v r
15tq060, 15tq060s 5 bulletin pd-20563 rev. b 06/06 www.irf.com outline table conform to jedec outline to-220ac dimensions in millimeters and (inches) conform to jedec outline d 2 pak (smd-220) dimensions in millimeters and (inches)
15tq060, 15tq060s 6 bulletin pd-2 0563 rev. b 06/06 www.irf.com lot code assembly rectifier international example: in the assembly line "c" assembled on ww 19, 2001 lot code 1789 logo line c part number date code week 19 year 1 = 2001 this is a 15tq060 part marking information d 2 pak dimensions in millimeters and (inches) tape & reel information to-220ac 15tq060s assembled on ww 02, 2000 lot code 8024 this is a 15tq060s logo lot code assembly rectifier international year 0 = 2000 date code week 02 line c part number
15tq060, 15tq060s 7 bulletin pd-20563 rev. b 06/06 www.irf.com ordering information table 15 t q 060 s - device code 1 5 24 3 1 - current rating (15 = 15a) 2 - package t = to-220 3 - schottky "q" series 4 - voltage rating (060 = 60v) 5 - y none = to-220 y s=d 2 pak 6 - y none = standard production y pbf = lead-free tube standard pack quantity : 50 pieces 6 ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7309 visit us at www.irf.com for sales contact information. 06/06 data and specifications subject to change without notice. this product has been designed and qualified for industrial level. qualification standards can be found on ir's web site.


▲Up To Search▲   

 
Price & Availability of 15TQ06006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X