Part Number Hot Search : 
M74HC Z15GDB G914D 4QTDV01 00ETT T54FCT M85049 PJS6809
Product Description
Full Text Search
 

To Download 151-00135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  material polyamide 6.6 (pa66) operating temperature -40 c to +85 c continuous, (+105 c for 500 h) flammability ul94 v2 (excluding adhesive) article-no. type length (l) width (w) height (h) fixing hole ? (fh) fixing hole centres (f) strap width max. (g) material colour adhesive 151-01808 mb2am 13.0 13.0 4.1 C C 2.7 pa66 natural (na) C 151-01802 mb2a 13.0 13.0 4.1 C C 2.7 pa66 natural (na) synthetic rubber 151-01806 mb2am 13.0 13.0 4.1 C C 2.7 pa66 black (bk) C 151-00135 mb2a 13.0 13.0 4.1 C C 2.7 pa66 black (bk) synthetic rubber 151-28359 mb3 19.0 19.0 3.8 3.1 13.2 4.1 pa66 natural (na) C 151-28349 mb3a 19.0 19.0 3.8 3.1 13.2 4.1 pa66 natural (na) synthetic rubber 151-28320 mb3a 19.0 19.0 3.8 3.1 13.2 4.1 pa66 black (bk) synthetic rubber 151-28725 mb3 19.0 19.0 3.8 3.1 13.2 4.1 pa66 natural (na) C 151-00115 mb3 19.0 19.0 3.8 3.1 13.2 4.1 pa66 black (bk) C 151-28430 mb4a3 28.0 28.0 4.7 4.0 20.2 5.4 pa66 black (bk) acrylate 151-28479 mb4 28.0 28.0 4.7 4.0 20.2 5.4 pa66 natural (na) C 151-28423 mb4 28.0 28.0 4.7 4.0 20.2 5.4 pa66 black (bk) C 151-28425 mb4 28.0 28.0 4.7 4.0 20.2 5.4 pa66 natural (na) C 151-28469 mb4a 28.0 28.0 4.7 4.0 20.2 5.4 pa66 natural (na) synthetic rubber 151-28412 mb4a 28.0 28.0 4.7 4.0 20.2 5.4 pa66 black (bk) synthetic rubber 151-28459 mb4ca 29.0 29.0 5.7 4.2 C 5.4 pa66 natural (na) synthetic rubber 151-28529 mb5a 37.7 37.7 6.9 4.7 25.3 10.0 pa66 white (wh) synthetic rubber 151-28449 mb4cas* 29.0 29.0 5.7 4.2 C 5.4 pa66 natural (na) synthetic rubber 151-28519 mb5 38.0 38.0 6.4 4.7 25.3 10.0 pa66 natural (na) C 151-28602 mb5a 37.7 37.7 6.9 4.7 25.3 10.0 pa66 black (bk) synthetic rubber 151-28530 mb5a3 38.0 38.0 6.4 4.7 25.3 10.0 pa66 black (bk) acrylate all dimensions in mm. subject to technical changes. * plastic box cable ties and fixings cable tie mounts 1.4 116 please note! not every product listed carries these approvals! cable tie mounts mb3-5(a) cable tie mounts mb and ty. cable tie mounts mb2a cable tie mounts mb4ca features and benefits available in either screw or self adhesive mounting this range offers a safe and secure fixing base.. simple to install with a screw or bolt they give excellent security, particularly in areas of high vibration. the self adhesive mounts are designed to offer the maximum surface area, and in conjunction with the specially developed adhesive ensures that a very high pull-off force is achieved. the mb mounts offer '4-way' entry for the cable tie enabling quicker and more flexible installation. application for more information on the types of adhesive used please turn to page 114. material data technical table designed specifically for holding heavier cable bundles these mounting bases can be used in many industries from agriculture to truck manufacture. they offer a very secure fixing and can be used with a wide variety of heavy duty cable ties up to 8mm wide. mb self adhesive cable tie mounts cable tie mounts mb3a 114_132_chapter 1.4_prod 07_uk.qxp 31.07.2007 12:00 seite 116


▲Up To Search▲   

 
Price & Availability of 151-00135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X