Part Number Hot Search : 
GMA1505 AKD5383 DZ950N P6SMB16 FMY4A 1V221M AR709LT ATMEGA
Product Description
Full Text Search
 

To Download 1206CS-220XFLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 1206cs series (3216) document 104-1 document 104-1 revised 01/11/12 inductance 2 percent srf min 5 dcr max 6 i rms 7 part number 1 (nh) tolerance 3 q min 4 (mhz) (ohms) (ma) 1206cs-030x_l_ 3.3 @ 100 mhz 5 30 @ 300 mhz 6200 0.050 1000 1206cs-060x_l_ 6.8 @ 100 mhz 5 30 @ 300 mhz 5500 0.070 1000 1206cs-100x_l_ 10 @ 100 mhz 5 40 @ 300 mhz 4000 0.080 1000 1206cs-120x_l_ 12 @ 100 mhz 5,2 40 @ 300 mhz 3200 0.080 1000 1206cs-150x_l_ 15 @ 100 mhz 5,2 40 @ 300 mhz 3200 0.100 1000 1206cs-180x_l_ 18 @ 100 mhz 5,2 50 @ 300 mhz 2800 0.100 1000 1206cs-220x_l_ 22 @ 100 mhz 5,2 50 @ 300 mhz 2200 0.100 1000 1206cs-270x_l_ 27 @ 100 mhz 5,2 50 @ 300 mhz 1800 0.110 1000 1206cs-330x_l_ 33 @ 100 mhz 5,2 55 @ 300 mhz 1800 0.110 1000 1206cs-390x_l_ 39 @ 100 mhz 5,2 55 @ 300 mhz 1800 0.120 1000 1206cs-470x_l_ 47 @ 100 mhz 5,2 55 @ 300 mhz 1500 0.130 1000 1206cs-560x_l_ 56 @ 100 mhz 5,2,1 55 @ 300 mhz 1450 0.140 1000 1206cs-680x_l_ 68 @ 100 mhz 5,2,1 55 @ 300 mhz 1200 0.260 900 1206cs-820x_l_ 82 @ 100 mhz 5,2 ,1 55 @ 300 mhz 1200 0.210 900 1206cs-101x_l_ 100 @ 100 mhz 5,2,1 55 @ 300 mhz 1100 0.260 850 1206cs-121x_l_ 120 @ 100 mhz 5,2 ,1 60 @ 300 mhz 1100 0.260 800 1206cs-151x_l_ 150 @ 100 mhz 5,2 ,1 60 @ 300 mhz 950 0.310 750 1206cs-181x_l_ 180 @ 50 mhz 5,2 ,1 60 @ 300 mhz 900 0.430 700 1206cs-221x_l_ 220 @ 50 mhz 5,2 ,1 60 @ 300 mhz 760 0.500 670 1206cs-271x_l_ 270 @ 50 mhz 5,2 ,1 55 @ 300 mhz 730 0.560 630 1206cs-331x_l_ 330 @ 50 mhz 5,2 ,1 45 @ 150 mhz 650 0.620 590 1206cs-391x_l_ 390 @ 50 mhz 5,2 ,1 45 @ 150 mhz 600 0.750 530 1206cs-471x_l_ 470 @ 50 mhz 5,2 ,1 45 @ 150 mhz 550 1.30 490 1206cs-561x_l_ 560 @ 35 mhz 5,2 ,1 45 @ 150 mhz 470 1.34 460 1206cs-621x_l_ 620 @ 35 mhz 5,2 ,1 45 @ 150 mhz 470 1.58 460 1206cs-681x_l_ 680 @ 35 mhz 5,2 ,1 45 @ 150 mhz 450 1.58 430 1206cs-751x_l_ 750 @ 35 mhz 5,2 ,1 45 @ 150 mhz 440 2.25 320 1206cs-821x_l_ 820 @ 35 mhz 5,2 ,1 45 @ 150 mhz 420 1.82 400 1206cs-911x_l_ 910 @ 35 mhz 5,2 ,1 45 @ 150 mhz 410 2.95 310 1206cs-102x_l_ 1000 @ 35 mhz 5,2 ,1 45 @ 150 mhz 400 2.80 320 1206cs-122x_l_ 1200 @ 35 mhz 5,2 ,1 45 @ 150 mhz 380 3.20 300 1. when ordering, specify tolerance , termination and packaging codes: 1206cs-122x jlc tolerance: f = 1% g = 2% j = 5% (table shows stock tolerances in bold.) termination: l = rohs compliant silver-palladium-platinum-glass frit. e = halogen free component. rohs compliant silver- palladium-platinum-glass frit terminations. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fxture in an agilent/hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. tolerances in bold are stocked for immediate shipment. 4. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fxture. 5. srf measured using an agilent/hp 8720d network analyzer and a coilcraft smd-d test fxture. 6. dcr measured on a cambridge technology micro-ohmmeter and a coilcraft ccf840 fxture. 7. current that causes a 15c temperature rise from 25c ambient. 8. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. refer to doc 174 color coding for the explanation of color dots. ? high srf and excellent q values ? tight tolerances, many values at 1% ? 31 inductance values from 3.3 to 1200 nh request free evaluation samples by contacting coilcraft or visiting www.coilcraft.com. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 104-2 document 104-2 revised 01/11/12 typical q vs frequency typical l vs frequency 1000 10000 100 10 1 100 10 frequency (mhz) inductance (nh) 1000 1 1200 nh 560 nh 150 nh 47 nh 18 nh 3.3 nh 0 10 20 30 40 50 60 70 80 90 100 110 120 10 100 1000 1000 0 frequency (mhz) q f actor 15 nh 3.3 nh 33 nh 150 nh 680 nh 330 nh -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 pe r cent of rated rms i 25c irms derating designers it c320 contains 10 each of all 5% values core material ceramic environmental rohs compliant, halogen free optional terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 19.5 C 23.0 mg ambient temperature C40c to +125c with i rms current, +125c to +140c with derated current storage temperature component: C40c to +140c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +25 to +125 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000/7 f reel; 7500/13 f reel. plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing, 1.6 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf a max b max c max d ref e f h i 0.140 0.085 0.060 0.020 0.056 0.020 0.080 0.076 0.040 0.070 3,56 2,16 1,52 0,51 1,42 0,51 2,03 1,93 1,02 1,78 a b ov erall c d te r minal wraparound: appro x 0.015/0,38 both ends i i j f f g h recommended land p attern e ter minal pic k and place mater ial note: height dimension (c) is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. 1206cs series (3216)


▲Up To Search▲   

 
Price & Availability of 1206CS-220XFLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X