Part Number Hot Search : 
NTFS2415 GRM319 UN2112 TMXW341 B5819 UPA1774G 7805S SM5520TE
Product Description
Full Text Search
 

To Download 03-09-2021 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/20/2012 please check www.molex.com for latest part information part number: 03-09-2021 status: active overview: standard .093" description: 2.36mm diameter standard .093" pin and socket plug housing, 2 circuits, with standard mounting ears documents: 3d model product specification ps-42477 (pdf) drawing (pdf) product specification ps-43660-9999 (pdf) product specification ps-02-09 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family crimp housings series 1545 application power, wire-to-wire comments polarized to mating part, 17.0a max. can be achieved when housing is used with 42477 or 42478 terminals molexkits yes overview standard .093" product name standard .093" physical breakaway no circuits (maximum) 2 circuits detail 1x2 color - resin natural flammability 94v-2 gender dual glow-wire compliant no keying to mating part none lock to mating part yes material - resin nylon number of rows 1 packaging type bag panel mount yes pitch - mating interface 6.30mm pitch - termination interface 6.30mm stackable no temperature range - operating -40c to +105c electrical current - maximum per contact 14a material info old part number 1545-p upc 800753614802 reference - drawing numbers product specification ps-02-09, ps-42477, ps-43660-9999 sales drawing sd-1545-* series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 1545 series mates with 42191 pin and socket receptacle use with 1189 crimp terminals, 1190 crimp terminals, 1376 male pc tail terminals, 1377 female pc tail terminals, 1380 male crimp terminals, 1381 female crimp terminals, 1433 crimp terminals, 1434 male crimp terminals, 1973 male
this document was generated on 06/20/2012 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 03-09-2021

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X