Part Number Hot Search : 
16F20 2P103 LR3114Z AN3404 FM5818 1725708 AT29LV VSC1237
Product Description
Full Text Search
 

To Download TM3C226K6R3LZZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tm3 www.vishay.com vishay sprague revision: 02-jul-13 1 document number: 40166 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum surface mount chip capacitors t antamount ? , molded case, for medical instruments performance/electrical characteristics operating temperature: - 55 c to + 125 c ? (above 85 c, voltage derating is required) capacitance range: 1 f to 220 f capacitance tolerance: 10 %, 20 % standard voltage rating: 4 v dc to 20 v dc features ? for non-life support medical applications ? high reliability ? weibull grading options ? 100 % surge current tested (b, c, d, e cases) ? terminations: 100 % matte tin and tin/lead ? standard eia 535baac case sizes (a through e) ? manufacturing location is ce rtified to medical standard iso 13485 ? compliant terminations ? mounting: surface mount ? dry pack as per ipc/jedec j-std-033 standard ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information about parts that are ? rohs-compliant and/or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information/tables in this datasheet for details. note ? glue pad (non-conductive, part of molded case) is dedicated for glue atta chment (as user option). available available ordering information tm3 c 226 k 6r3 c b a type case code capacitance capacitance tolerance dc voltage rating at + 85 c termination and packaging reliability level surge current see ratings and case codes table. this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. k = 10 % m = 20 % this is expressed in volts. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v). c: matte tin/ 7" (178 mm) reel h: matte tin/ 7" (178 mm) ? reel e: tin/lead/ 7" (178 mm) reel l: tin/lead/ 7" (178 mm) ? reel b = 0.1 % weibull frl s = hi-rel std. (40 h burn-in) z = non- established reliability a = 10 cycles at + 25 c, 1.1 rv z = no surge (for a case only) dimensions in inches (millimeters) case code eia size l w h p t w t h (min.) a 3216-18 0.126 0.008 [3.2 0.20] 0.063 0.008 [1.6 0.20] 0.063 0.008 [1.6 0.20] 0.031 0.012 [0.80 0.30] 0.047 0.004 [1.2 0.10] 0.028 [0.70] b 3528-21 0.138 0.008 [3.5 0.20] 0.110 0.008 [2.8 0.20] 0.075 0.008 [1.9 0.20] 0.031 0.012 [0.80 0.30] 0.087 0.004 [2.2 0.10] 0.028 [0.70] c 6032-28 0.236 0.012 [6.0 0.30] 0.126 0.012 [3.2 0.30] 0.098 0.012 [2.5 0.30] 0.051 0.012 [1.3 0.30] 0.087 0.004 [2.2 0.10] 0.039 [1.0] d 7343-31 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30] 0.110 0.012 [2.8 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] e 7343-43 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30 0.157 0.012 [4.0 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] h w t w p l t h (min.) g lue pad g lue pad
tm3 www.vishay.com vishay sprague revision: 02-jul-13 2 document number: 40166 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 1.0 a 1.5 a a 2.2 a a a/b b 3.3 a a a/b b 4.7 a/b a/b c 6.8 b b b b/c 10 a/b a/b b/c c 15 b/c b/c 22 a/b/c b/c b/c/d c/d 33 b b/c/d d d 47 b/c/d c/d c/d e 68bddd 100 d d d d/e 150 d d 220 d/e d/e e marking a case voltage code volts code 4.0 g 6.3 j 10 a 16 c 20 d 25 e 35 v 50 t marking capacitor marking includes an anode (+) polarity band, capacitanc e in microfarads and the voltage rating. a case capacitors u se a letter code for the voltage and eia capacitance code. the vishay sprague ? trademark is included if space permits. capacitors rated at 6.3 v are marked 6 v. a manufacturing date code is marked on all capacitors. call the factory for further explanation. capacitance code, pf indicate s tm3 s erie s polarity band (+) voltage code j 225m a case date code vi s hay s prague logo indicate s tm3 s erie s voltage capacitance f polarity band (+) 22 m10 xx 2 b, c, d, e cases
tm3 www.vishay.com vishay sprague revision: 02-jul-13 3 document number: 40166 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) 4 v dc at + 85 c; 2.7 v dc at + 125 c 68 b tm3b686(1)004(2)(3)a 2.7 6 1.90 0.21 100 d tm3d107(1)004(2)(3)a 4.0 6 0.70 0.46 150 d tm3d157(1)004(2)(3)a 6.0 8 0.60 0.50 220 d tm3d227(1)004(2)(3)a 8.8 8 0.60 0.50 220 e tm3e227(1)004(2)(3)a 8.8 8 0.50 0.57 6.3 v dc at + 85 c; 4 v dc at + 125 c 2.2 a tm3a225(1)6r3(2)(3)z 0.5 6 7.60 0.10 3.3 a tm3a335(1)6r3(2)(3)z 0.5 6 6.30 0.11 6.8 b tm3b685(1)6r3(2)(3)a 0.5 6 3.40 0.16 10 a tm3a106(1)6r3(2)(3)z 0.6 6 3.40 0.15 10 b tm3b106(1)6r3(2)(3)a 0.6 6 2.90 0.17 22 a tm3a226(1)6r3(2)(3)z 1.3 6 2.90 0.16 22 b tm3b226(1)6r3(2)(3)a 1.3 6 2.00 0.21 22 c tm3c226(1)6r3(2)(3)a 1.3 6 1.80 0.25 33 b tm3b336(1)6r3(2)(3)a 2.0 6 1.90 0.21 47 b tm3b476(1)6r3(2)(3)a 2.8 6 1.90 0.21 47 c tm3c476(1)6r3(2)(3)a 2.8 6 1.40 0.28 47 d tm3d476(1)6r3(2)(3)a 2.8 6 0.80 0.43 68 d tm3d686(1)6r3(2)(3)a 4.1 6 0.70 0.46 100 d tm3d107(1)6r3(2)(3)a 6.0 6 0.14 1.04 150 d tm3d157(1)6r3(2)(3)a 9.0 8 0.60 0.50 220 d tm3d227(1)6r3(2)(3)a 13.2 8 0.60 0.50 220 e tm3e227(1)6r3(2)(3)a 13.2 8 0.50 0.57 10 v dc at + 85 c; 7 v dc at + 125 c 1.5 a tm3a155(1)010(2)(3)z 0.5 6 8.00 0.10 2.2 a tm3a225(1)010(2)(3)z 0.5 6 6.30 0.11 3.3 a tm3a335(1)010(2)(3)z 0.5 6 5.50 0.12 4.7 a tm3a475(1)010(2)(3)z 0.5 6 5.00 0.12 4.7 b tm3b475(1)010(2)(3)a 0.5 6 3.40 0.16 6.8 b tm3b685(1)010(2)(3)a 0.7 6 2.90 0.17 10 a tm3a106(1)010(2)(3)z 1.0 6 3.40 0.15 10 b tm3b106(1)010(2)(3)a 1.0 6 2.50 0.18 15 b tm3b156(1)010(2)(3)a 1.5 6 2.00 0.21 15 c tm3c156(1)010(2)(3)a 1.5 6 1.80 0.25 22 b tm3b226(1)010(2)(3)a 2.2 6 1.90 0.21 22 c tm3c226(1)010(2)(3)a 2.2 6 0.35 0.56 33 b tm3b336(1)010(2)(3)a 3.3 6 1.90 0.21 33 c tm3c336(1)010(2)(3)a 3.3 6 1.40 0.28 33 d tm3d336(1)010(2)(3)a 3.3 6 0.80 0.43 47 c tm3c476(1)010(2)(3)a 4.7 6 1.10 0.32 47 d tm3d476(1)010(2)(3)a 4.7 6 0.70 0.46 68 d tm3d686(1)010(2)(3)a 6.8 6 0.70 0.46 100 d tm3d107(1)010(2)(3)a 10.0 6 0.60 0.50 220 e tm3e227(1)010(2)(3)a 22.0 8 0.50 0.57 note ? part number definitions: (1) capacitance tolerance: k, m (2) termination and packaging: c, e, h, l (3) reliability level: b, s, z
tm3 www.vishay.com vishay sprague revision: 02-jul-13 4 document number: 40166 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 16 v dc at + 85 c; 10 v dc at + 125 c 1.0 a tm3a105(1)016(2)(3)z 0.5 4 9.30 0.09 1.5 a tm3a155(1)016(2)(3)z 0.5 6 6.70 0.11 2.2 a tm3a225(1)016(2)(3)z 0.5 6 4.00 11.00 2.2 b tm3b225(1)016(2)(3)a 0.5 6 4.60 0.14 3.3 a tm3a335(1)016(2)(3)z 0.5 6 3.50 0.15 3.3 b tm3b335(1)016(2)(3)a 0.5 6 3.50 0.16 4.7 a tm3a475(1)016(2)(3)z 0.8 6 5.00 0.12 4.7 b tm3b475(1)016(2)(3)a 0.8 6 2.90 0.17 6.8 b tm3b685(1)016(2)(3)a 1.1 6 2.50 0.18 10 b tm3b106(1)016(2)(3)a 1.6 6 2.00 0.21 10 c tm3c106(1)016(2)(3)a 1.6 6 1.80 0.25 15 b tm3b156(1)016(2)(3)a 2.4 6 2.00 0.21 15 c tm3c156(1)016(2)(3)a 2.4 6 0.40 0.52 22 b tm3b226(1)016(2)(3)a 3.5 6 1.90 0.21 22 c tm3c226(1)016(2)(3)a 3.5 6 1.40 0.28 22 d tm3d226(1)016(2)(3)a 3.5 6 0.80 0.43 33 d tm3d336(1)016(2)(3)a 4.2 6 0.70 0.46 47 c tm3c476(1)016(2)(3)a 7.5 6 1.00 0.33 47 d tm3d476(1)016(2)(3)a 7.5 6 0.70 0.46 68 d tm3d686(1)016(2)(3)a 10.9 6 0.60 0.50 100 d tm3d107(1)016(2)(3)a 16.0 8 0.60 0.50 100 e tm3e107(1)016(2)(3)a 16.0 8 0.60 0.52 20 v dc at + 85 c; 13 v dc at + 125 c 2.2 b tm3b225(1)020(2)(3)a 0.5 6 3.50 0.16 3.3 b tm3b335(1)020(2)(3)a 0.7 6 3.00 0.17 4.7 c tm3c475(1)020(2)(3)a 0.9 6 2.30 0.22 6.8 b tm3b685(1)020(2)(3)a 1.4 6 2.50 0.18 6.8 c tm3c685(1)020(2)(3)a 1.4 6 1.90 0.24 10 c tm3c106(1)020(2)(3)a 2.0 6 1.70 0.25 22 c tm3c226(1)020(2)(3)a 4.4 6 1.10 0.32 22 d tm3d226(1)020(2)(3)a 3.5 6 0.70 0.46 33 d tm3d336(1)020(2)(3)a 6.6 6 0.70 0.46 47 e tm3e476(1)020(2)(3)a 7.5 6 0.60 0.52 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance: k, m (2) termination and packaging: c, e, h, l (3) reliability level: b, s, z
tm3 www.vishay.com vishay sprague revision: 02-jul-13 5 document number: 40166 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended voltage de rating guidelines (for temperatures below + 85 c) standard conditions. for example: output filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.3 10 5.0 16 8.0 20 10 severe conditions. for example: input filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.6 10 6.0 16 10 20 12 power dissipation case code maximum permissible power di ssipation at + 25 c (w) in free air a 0.075 b 0.085 c 0.110 d 0.150 e 0.165 standard packaging quantity case code units per reel 7 " full reel 7 " half reel a 2000 1000 b 2000 1000 c 500 250 d 500 250 e 400 200 product information guide for molded ta ntalum capacitors www.vishay.com/doc?40074 pad dimensions packaging dimensions moisture sensitivity www.vishay.com/doc?40135 selector guides solid tantalum selector guide www.vishay.com/doc?49053 solid tantalum chip capacitors www.vishay.com/doc?40091 faq frequently asked questions www.vishay.com/doc?40110
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TM3C226K6R3LZZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X