Part Number Hot Search : 
N2115 MP6K31 AD7312LF SF201 MMBT222 HD74HC SMC120 220M4
Product Description
Full Text Search
 

To Download TIC226A12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tic226a, tic226b, tic226c, tic226d, tic226e, tic226m, tic226n, tic226s 30/10/2012 comset semiconductors 1 | 4 semiconductors silicon bidirectional triode thyristor ? 8 a rms ? 70 a peak ? glass passivated wafer ? 100 v to 800 v off-state voltage ? max i gt of 50 ma (quadrants 1-3) ? high-temperature, high-current and high-voltage applications ? compliance to rohs description this device is a bidirectional triode thyristor (triac ) which may be triggered from the off-state to the on- state by either polarity of gate signal wi th main terminal 2 at either polarity. absolute maximum ratings symbol ratings value unit a b c d e m s n v drm repetitive peak off-state voltage (see note1) 100 200 300 400 500 600 700 800 v i t(rms) full-cycle rms on-state current at (or below) 70c case temperature (see note2) 8 a i tsm peak on-state surge current full-sine-wave (see note3) 70 a i tsm peak on-state surge current half-sine-wave (see note4) 8 a i gm peak gate current 1 a p gm peak gate power dissipation at (or below) 85c case temperature (pulse width 200 s) 2.2 w p g(av) average gate power dissipation at (or below) 85c case (see note5) 0.9 w t c operating case temperature range -40 to +110 c t st g storage temperature range -40 to +125 c t l lead temperature 1.6 mm from case for 10 seconds 230 c
tic226a, tic226b, tic226c, tic226d, tic226e, tic226m, tic226n, tic226s 30/10/2012 comset semiconductors 2 | 4 semiconductors thermal characteristics symbol ratings value unit r ? jc junction to case thermal resistance 1.8 c/w r ? ja junction to free air thermal resistance 62.5 electrical characteristics tc=25c unless otherwise noted symbol ratings test condition(s) min typ max unit i drm repetitive peak off-state current v d = rated v drm , , i g = 0 t c = 110c - - 2 ma i gt gate trigger current v su pp l y = +12 v?, r l = 10 ? , t p(g) = > 20 s - 2 50 ma v su pp l y = +12 v?, r l = 10 ? , t p(g) = > 20 s - -12 -50 v su pp l y = -12 v?, r l = 10 ? , t p(g) = > 20 s - -9 -50 v su pp l y = -12 v?, r l = 10 ? , t p(g) = > 20 s - 20 - v gt gate trigger voltage v su pp l y = +12 v?, r l = 10 ? , t p(g) = > 20 s - 0.7 2 v v su pp l y = +12 v?, r l = 10 ? , t p(g) = > 20 s - -0.8 -2 v su pp l y = -12 v?, r l = 10 ? , t p(g) = > 20 s - -0.8 -2 v su pp l y = -12 v?, r l = 10 ? , t p(g) = > 20 s - 0.9 2 i h holding current v supply = +12 v?, i g = 0 initiating i tm = 100 ma - 5 30 ma v supply = -12 v?, i g = 0 initiating i tm = -100 ma - -9 -30 i l latching current v su pp l y = +12 v? (seenote7) - - 50 ma v su pp l y = -12 v? (seenote7) - - -50 v tm peak on-state voltage i tm = 12 a, i g = 50 ma (see note6) - 1.6 2.1 v dv/dt critical rate of rise of off-state voltage v drm = rated v drm , i g = 0 t c = 110c - 100 - v/s dv/dt ? critical rise of communication voltage v drm = rated v drm , i trm = 12a t c = 85c 5 - - ? all voltages are whit respect to main terminal 1.
tic226a, tic226b, tic226c, tic226d, tic226e, tic226m, tic226n, tic226s 30/10/2012 comset semiconductors 3 | 4 semiconductors notes: 1. these values apply bidirectionally for any value of resistance between the gate and main terminal 1. 2. this value applies for 50-hz full-sine-wav e operation with resistive load. above 85c derate linearly to 110c case temperature at the rate of 320 ma/c. 3. this value applies for one 50-hz full-sine-wa ve when the device is operating at (or below) the rated value of on-state current. surge may be repeated after the device has returned to original thermal equilibrium. during the surge, gate control may be lost. 4. this value applies for one 50-hz half-sine-wa ve when the device is operating at (or below) the rated value of on-state current. surge may be repeated after the device has returned to original thermal equilibrium. during the surge, gate control may be lost. 5. this value applies for a maximum averaging time of 20 ms. 6. this parameters must be measured using pulse techniques, t w = 1ms, duty cycle 2 %, voltage-sensing contacts, separate fr om the courrent-carryi ng contacts are located within 3.2mm (1/8 inch) from de device body. 7. the triacs are triggered by a 15-v (open circui t amplitude) pulse supplied by a generator with the following characteristics : r g = 100 ? , t p(g) = 20 s, t r = 15ns, f = 1 khz. mechanical data case to-220
tic226a, tic226b, tic226c, tic226d, tic226e, tic226m, tic226n, tic226s 30/10/2012 comset semiconductors 4 | 4 semiconductors pinning revised september 2012 ????????? ? information furnished is believed to be accurate and reliable. ho wever, comset semiconductors assumes no responsibility for the consequences of use of such information nor for any infringement of patents or ot her rights of third parties which may results from its use. da ta are subject to change without notice. co mset semiconductors makes no warranty, representation or guarantee re garding the suitability of its products for any particular purpose, nor does comset semicond uctors assume any liability aris ing out of the application or us e of any product and specifica lly disclaims any and all liability, including without limitation consequential or in cidental damages. comset semiconductors? products are not au thorized for use as critical components in life support devices or systems. ? ? www.comsetsemi.com info@comsetsemi.com pin 1 : kathode pin 2 : anode pin 3 : gate


▲Up To Search▲   

 
Price & Availability of TIC226A12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X