Part Number Hot Search : 
AT28C AK442010 SP485 05010 AT49F002 GS001 12013 1A336
Product Description
Full Text Search
 

To Download TF200313 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com type 2003 2004 2005 2006 2007 2009 power rating (w @ 70 c ) 0.125 0.25 0.40 0.70 1.5 3.0 working voltage (rms) 100 250 750 2000 10000 20000 available resistances at each tolerance tolerance 0.5% upon request 1% 100 - 10m 10k - 10m 10k - 22m 100k - 100m 100k - 100m 100k - 100m 2% 100 - 25m 10k - 100m 10k - 200m 100k - 250m 100k - 500m 100k - 500m 5% 100 - 150m 10k - 250m 10k - 500m 100k - 1g 100k - 2g 100k - 2g 10% 100 - 500m 10k - 1g 10k - 10g 100k - 10g 100k - 10g 100k - 20g available resistances at each temperature coeffcient 100 ppm/k 25m 50m 250m 250m 250m 250m 250 ppm/k > 25m > 50m > 250m > 250m > 250m > 250m tf2000 series ? resistances from 100 to 20gohms ? power rating 0.125 to 3watts ? resistance tolerances to 1% ? tcrs to 100ppm/k ? voltage ratings to 20kv ? voltage coeffcient : 50ppm/v (max) ? thick film resistance element specifications specifcation value resistance range 100 ohms to 20g ohms tolerances 1% to 10% temperature coeffcient 100ppm/k / 250ppm/k temperature range -55c to +125c insulation resistance >10000 mohms shelf life stability 1% / 5 years climatic category 55/125/56 max soldering temperature +260c / 10s voltage coeffcient < 5ppm/v thick film resistors 0 25 50 75 100 125 150 175 200 0 20 40 60 80 100 120 power ( % ) ambient temperature (c) power derating curve 6/13
riedon inc. 300 cypress avenue alhambra ca 91801 (626) 284-9901 (626) 284-1704 www.riedon.com specifications (continued) part description: part type - resistance - tolerance - tcr example: tf2009 100 mohms 2% 100ppm ( note: if no tcr is specifed / the highest value will be supplied ) tf2000 series thick film resistors type h (max) l (max) t (max) w 0.015 [0.4mm] tf2003 0.236 [6.0] 0.197 [5.0] 0.100 [2.5] 0.100 [2.5] tf2004 0.236 [6.0] 0.287 [7.3] 0.100 [2.5] 0.200 [5.1] tf2005 0.236 [6.0] 0.492 [12.5] 0.100 [2.5] 0.400 [10.2] tf2006 0.236 [6.0] 0.886 [22.5] 0.100 [2.5] 0.800 [20.3] tf2007 0.354 [9.0] 1.535 [39.0] 0.100 [2.5] 1.400 [35.6] tf2009 0.354 [9.0] 3.071 [78.0] 0.100 [2.5] 2.900 [73.7] type h (max) l (max) t (max) tfc2004 0.153 [3.9] 0.260 [6.6] 0.032 [0.8] tfc2005 0.153 [3.9] 0.465 [11.8] 0.032 [0.8] tfc2006 0.153 [3.9] 0.866 [22.0] 0.032 [0.8] tfc2007 0.26 [6.6] 1.512 [38.4] 0.032 [0.8] ordering information 6/13


▲Up To Search▲   

 
Price & Availability of TF200313

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X