Part Number Hot Search : 
LM393 BM6201FS UPC14305 NCP346 ABI1103 NCP346 ABI1103 LSJ507
Product Description
Full Text Search
 

To Download TAJT336004NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  26 107 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) m tolerance k=10% m=20% 010 rated dc voltage 002=2.5vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc r packaging r = 7" t/r (lead free since production date 1/1/04) s = 13" t/r (lead free since production date 1/1/04) a = gold plating 7" reel b = gold plating 13" reel taj series low profile ? general purpose smt chip tantalum series ? cv range: 0.10-1000f / 2.5-50v ? 9 case sizes in low profile option available case dimensions: millimeters (inches) code eia eia l0.20 (0.008) w+0.20 (0.008) h max. w 1 0.20 a+0.30 (0.012) s min. code metric -0.10 (0.004) (0.008) -0.20 (0.008) f 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) k 1206 3216-10 3.20 (0.126) 1.60 (0.063) 1.00 (0.039) 1.20 (0.047) 0.80 (0.031) 0.40 (0.016) p 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) 1.0 0.1 0.50 (0.020) 0.85 (0.033) (0.0390.004) r 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) 1.0 0.1 0.50 (0.020) 0.85 (0.033) (0.0390.004) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) x 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w 1 dimension applies to the termination width for a dimensional area only. technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 1000 f capacitance tolerance: 10%; 20% rated voltage (v r ) +85c: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level termination finished: sn plating (standard), gold and snpb plating upon request meets requirements of aec-q200 technical specifications how to order for part marking see page 132 lead-free compatible component nj specification suffix nj = standard suffix additional characters may be added for special requirements v = dry pack option (selected codes only) taj type c case size see table above
27 taj series low profile capacitance rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 0.10 104 r/s r/s s 0.15 154 r/s r r/s s 0.22 224 r/s r r/s s 0.33 334 r/s r r/s s/t 0.47 474 r/s r/s r/s/t s/t 0.68 684 r/s r/s/t r/s p/s/t 1.0 105 r/s r/s/t r/s/t p/r/s p/s/t w 1.5 155 r/s r/s r/s p/r/s/t p/s/t t w 2.2 225 r/s r/s r/s r/s/t p/r/s/t t t 3.3 335 r/s r/s r/s/t r/s/t t t/w w y 4.7 475 r r/s r/s/t r/s/t k/p/s/t t t/w w y 6.8 685 r r/s/t r/s/t p/r/s/t s/t t w y y 10 106 r/s r/s/t p/r/s/t k/p/r (m) /s/t t/w w w x/y 15 156 r r/s/t k/p/r/s/t s/t/w t (m) /w w y y 22 226 p/r k/p/r/s/t k/p (m) /s/t/w t/w w w/y y y 33 336 k/p/s k/p (m) /s/t/w t/w w w/y x/y y 47 476 p (m) /s t/w t/w w/y w/x/y x/y y 68 686 t t/w w w/y f/x/y y 100 107 t/w t (m) /w w/y w/x/y f (m) /y 150 157 t (m) /w w/y w/x/y f/x (m) /y y (m) 220 227 w/y w/x/y f/x/y y 330 337 w (m) /y f/x/y y 470 477 f/y y y 680 687 y y (m) 1000 108 y (m) capacitance and voltage range, vr (voltage code) range (letter denotes case size) released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standards.
28 rated dcl df esr avx case cap voltage (a) % max. () part no. size (f) (v) max. max. @100khz 2.5 volt @ 85oc (1.7 volt @ 125oc) tajr475*002#nj r 4.7 2.5 0.5 6 20 tajr685*002#nj r 6.8 2.5 0.5 6 20 tajr106*002#nj r 10 2.5 0.5 8 4.5 tajs106*002#nj s 10 2.5 0.5 6 8 tajr156*002#nj r 15 2.5 0.5 8 4.1 tajp226*002#nj p 22 2.5 0.5 8 3.5 tajr226*002#nj r 22 2.5 0.5 8 3.8 tajk336*002#nj k 33 2.5 0.8 8 1.7 tajp336*002#nj p 33 2.5 0.7 8 3.5 tajs336*002#nj s 33 2.5 0.7 8 1.5 tajp476 m 002#nj p 47 2.5 1.2 12 3.2 tajs476*002#nj s 47 2.5 1.2 8 1.6 tajt686*002#nj t 68 2.5 1.4 8 1.5 tajt107*002#nj t 100 2.5 2.5 15 1.3 tajw107*002#nj w 100 2.5 2.5 8 0.4 tajt157 m 002#nj t 150 2.5 3.8 18 1.2 tajw157*002#nj w 150 2.5 3.8 8 0.3 tajw227*002#nj w 220 2.5 5.5 8 0.3 tajy227*002#nj y 220 2.5 5.5 8 0.3 tajw337 m 002#nj w 330 2.5 8.2 12 0.3 tajy337*002#nj y 330 2.5 8.2 8 0.3 tajf477*002#nj f 470 2.5 11.8 12 0.3 tajy477*002#nj y 470 2.5 11 12 0.2 tajy687*002#nj y 680 2.5 17 12 0.2 tajy108 m 002#nj y 1000 2.5 25 30 0.2 4 volt @ 85oc (2.7 volt @ 125oc) tajr225*004#nj r 2.2 4 0.5 6 25 tajs225*004#nj s 2.2 4 0.5 6 25 tajr335*004#nj r 3.3 4 0.5 6 20 tajs335*004#nj s 3.3 4 0.5 6 18 tajr475*004#nj r 4.7 4 0.5 6 12 tajs475*004#nj s 4.7 4 0.5 6 10 tajr685*004#nj r 6.8 4 0.5 6 5.2 tajs685*004#nj s 6.8 4 0.5 6 8 tajt685*004#nj t 6.8 4 0.5 6 6 tajr106*004#nj r 10 4 0.5 6 7 tajs106*004#nj s 10 4 0.5 6 6 tajt106*004#nj t 10 4 0.6 6 5 tajr156*004#nj r 15 4 0.6 8 4 tajs156*004#nj s 15 4 0.6 8 4 tajt156*004#nj t 15 4 0.6 6 2 tajk226*004#nj k 22 4 0.9 8 1.8 tajp226*004#nj p 22 4 0.9 8 5 tajr226*004#nj r 22 4 0.9 8 3.8 tajs226*004#nj s 22 4 0.9 8 3.5 tajt226*004#nj t 22 4 0.9 6 1.9 tajk336*004#nj k 33 4 1.3 10 1.7 tajp336 m 004#nj p 33 4 1.3 8 3.4 tajs336*004#nj s 33 4 1.3 8 1.7 tajt336*004#nj t 33 4 1.3 6 1.7 tajw336*004#nj w 33 4 1.3 6 0.6 tajt476*004#nj t 47 4 1.9 10 2 tajw476*004#nj w 47 4 1.9 6 0.5 tajt686*004#nj t 68 4 2.7 15 1.5 tajw686*004#nj w 68 4 2.7 6 0.4 tajt107 m 004#nj t 100 4 4 14 1.4 tajw107*004#nj w 100 4 4 6 1.3 tajw157*004#nj w 150 4 6 6 1.3 tajy157*004#nj y 150 4 6 6 0.4 tajw227*004#nj w 220 4 8.8 8 1.2 tajx227*004#nj x 220 4 8.8 8 0.9 tajy227*004#nj y 220 4 8.8 8 0.3 tajf337*004#nj f 330 4 13.2 10 0.3 taj series low profile ratings & part number reference rated dcl df esr avx case cap voltage (a) % max. () part no. size (f) (v) max. max. @100khz tajx337*004#nj x 330 4 13.2 8 0.3 tajy477*004#nj y 470 4 18.8 14 0.9 tajy687 m 004#nj y 680 4 27.2 25 0.2 6.3 volt @ 85oc (4 volt @ 125oc) tajr155*006#nj r 1.5 6.3 0.5 6 2 tajs155*006#nj s 1.5 6.3 0.5 6 25 tajr225*006#nj r 2.2 6.3 0.5 6 20 tajs225*006#nj s 2.2 6.3 0.5 6 18 tajr335*006#nj r 3.3 6.3 0.5 6 12 tajs335*006#nj s 3.3 6.3 0.5 6 9 tajr475*006#nj r 4.7 6.3 0.5 6 7 tajs475*006#nj s 4.7 6.3 0.5 6 7.5 tajt475*006#nj t 4.7 6.3 0.5 6 6 tajr685*006#nj r 6.8 6.3 0.5 8 7 tajs685*006#nj s 6.8 6.3 0.5 6 2.6 tajt685*006#nj t 6.8 6.3 0.5 6 5 tajr106*006#nj r 10 6.3 0.6 8 6 tajs106*006#nj s 10 6.3 0.6 8 4 tajt106*006#nj t 10 6.3 0.6 6 4 tajk156*006#nj k 15 6.3 0.9 6 2 tajp156*006#nj p 15 6.3 0.9 8 3.5 tajr156*006#nj r 15 6.3 0.9 8 4.1 tajs156*006#nj s 15 6.3 0.9 8 4 tajt156*006#nj t 15 6.3 0.9 6 3.5 tajk226*006#nj k 22 6.3 1.3 10 1.8 tajp226 m 006#nj p 22 6.3 1.3 8 3.8 tajs226*006#nj s 22 6.3 1.3 10 1.8 tajt226*006#nj t 22 6.3 1.4 8 2.5 tajw226*006#nj w 22 6.3 1.3 6 0.6 tajt336*006#nj t 33 6.3 2.1 10 2.5 tajw336*006#nj w 33 6.3 2.1 6 1.8 tajt476*006#nj t 47 6.3 2.8 10 1.6 tajw476*006#nj w 47 6.3 3 6 1.5 tajw686*006#nj w 68 6.3 4.3 6 1.5 tajw107*006#nj w 100 6.3 6.3 6 0.9 tajy107*006#nj y 100 6.3 6.3 6 0.9 tajw157*006#nj w 157 6.3 9 8 0.3 tajx157*006#nj x 150 6.3 9.5 6 0.9 tajy157*006#nj y 150 6.3 9 6 0.4 tajf227*006#nj f 220 6.3 13.2 10 0.3 tajx227*006#nj x 220 6.3 13.2 8 0.3 tajy227*006#nj y 220 6.3 13.9 10 0.9 tajy337*006#nj y 330 6.3 20.8 12 0.4 tajy477*006#nj y 470 6.3 28.2 20 0.2 10 volt @ 85oc (7 volt @ 125oc) tajr105*010#nj r 1 10 0.5 4 25 tajs105*010#nj s 1 10 0.5 4 25 tajr155*010#nj r 1.5 10 0.5 6 20 tajs155*010#nj s 1.5 10 0.5 6 20 tajr225*010#nj r 2.2 10 0.5 6 15 tajs225*010#nj s 2.2 10 0.5 6 12 tajr335*010#nj r 3.3 10 0.5 6 8 tajs335*010#nj s 3.3 10 0.5 6 8 tajt335*010#nj t 3.3 10 0.5 6 6 tajr475*010#nj r 4.7 10 0.5 6 9 tajs475*010#nj s 4.7 10 0.5 6 5 tajt475*010#nj t 4.7 10 0.5 6 5 tajp685*010#nj p 6.8 10 0.7 6 5 tajr685*010#nj r 6.8 10 0.7 6 5.2 tajs685*010#nj s 6.8 10 0.7 6 4 tajt685*010#nj t 6.8 10 0.7 6 4 tajk106*010#nj k 10 10 1 6 2.2 tajp106*010#nj p 10 10 1 8 6 all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for 10% and m for 20% # standard plating C insert r for 7" reel and s for 13" reel capacitance tolerance # gold plating C insert a for 7" reel and b for 13" reel note: avx reserves the right to supply a higher voltage rating or tighter toler- ance part in the same case size, to the same reliability standards.
29 taj series low profile ratings & part number reference all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for 10% and m for 20% # standard plating C insert r for 7" reel and s for 13" reel capacitance tolerance # gold plating C insert a for 7" reel and b for 13" reel note: avx reserves the right to supply a higher voltage rating or tighter toler- ance part in the same case size, to the same reliability standards. rated dcl df esr avx case cap voltage (a) % max. () part no. size (f) (v) max. max. @100khz tajr106 m 010#nj r 10 10 1 20 6 tajs106*010#nj s 10 10 1 8 4 tajt106*010#nj t 10 10 1 6 3 tajs156*010#nj s 15 10 1.5 6 2 tajt156*010#nj t 15 10 1.5 8 2.8 tajw156*010#nj w 15 10 1.5 6 0.7 tajt226*010#nj t 22 10 2.2 8 2.2 tajw226*010#nj w 22 10 2.2 6 0.6 tajw336*010#nj w 33 10 3.3 6 1.6 tajw476*010#nj w 47 10 4.7 6 1.4 tajy476*010#nj y 47 10 4.7 6 0.5 tajw686*010#nj w 68 10 6.8 6 1.3 tajy686*010#nj y 68 10 6.8 6 0.9 tajw107*010#nj w 100 10 10 6 0.4 tajx107*010#nj x 100 10 10 8 0.9 tajy107*010#nj y 100 10 10 6 0.9 tajf157*010#nj f 150 10 15 10 0.3 tajx157 m 010#nj x 150 10 15 6 0.3 tajy157*010#nj y 150 10 15 6 1.2 tajy227*010#nj y 220 10 22 10 0.5 16 volt @ 85oc (10 volt @ 125oc) tajr684*016#nj r 0.68 16 0.5 4 25 tajs684*016#nj s 0.68 16 0.5 4 25 tajr105*016#nj r 1 16 0.5 4 20 tajs105*016#nj s 1 16 0.5 4 15 tajt105*016#nj t 1 16 0.5 4 5 tajr155*016#nj r 1.5 16 0.5 6 10 tajs155*016#nj s 1.5 16 0.5 6 12 tajr225*016#nj r 2.2 16 0.5 6 6.5 tajs225*016#nj s 2.2 16 0.5 6 6 tajt225*016#nj t 2.2 16 0.5 6 6.5 tajr335*016#nj r 3.3 16 0.5 8 5 tajs335*016#nj s 3.3 16 0.5 6 5 tajt335*016#nj t 3.3 16 0.5 6 5 tajk475*016#nj k 4.7 16 0.8 6 3.1 tajp475*016#nj p 4.7 16 0.8 8 5 tajs475*016#nj s 4.7 16 0.8 8 4.5 tajt475*016#nj t 4.7 16 0.8 6 3.1 tajs685*016#nj s 6.8 16 1.1 8 2.4 tajt685*016#nj t 6.8 16 1.1 6 3.5 tajt106*016#nj t 10 16 1.6 8 2.2 tajw106*016#nj w 10 16 1.6 6 2 tajt156 m 016#nj t 15 16 2.4 6 2 tajw156*016#nj w 15 16 2.4 6 0.7 tajw226*016#nj w 22 16 3.5 6 1.6 tajw336*016#nj w 33 16 5.3 6 1.5 tajy336*016#nj y 33 16 5.3 6 0.9 tajw476*016#nj w 47 16 7.5 6 0.4 tajx476*016#nj x 47 16 7.5 6 0.9 tajy476*016#nj y 47 16 7.5 6 0.7 tajf686*016#nj f 68 16 10.9 10 0.4 tajx686*016#nj x 68 16 10.9 8 0.6 tajy686*016#nj y 68 16 10.9 6 0.9 tajf107 m 016#nj f 100 16 16 10 0.4 tajy107*016#nj y 100 16 16 8 0.9 tajy157 m 016#nj y 150 16 24 15 03 20 volt @ 85oc (13 volt @ 125oc) tajr104*020#nj r 0.1 20 0.5 4 25 tajs104*020#nj s 0.1 20 0.5 4 25 tajr154*020#nj r 0.15 20 0.5 4 25 tajs154*020#nj s 0.15 20 0.5 4 25 tajr224*020#nj r 0.22 20 0.5 4 25 tajs224*020#nj s 0.22 20 0.5 4 25 tajr334*020#nj r 0.33 20 0.5 4 25 tajs334*020#nj s 0.33 20 0.5 4 25 rated dcl df esr avx case cap voltage (a) % max. () part no. size (f) (v) max. max. @100khz tajr474*020#nj r 0.47 20 0.5 4 25 tajs474*020#nj s 0.47 20 0.5 4 25 tajr684*020#nj r 0.68 20 0.5 4 20 tajs684*020#nj s 0.68 20 0.5 4 25 tajt684*020#nj t 0.68 20 0.5 4 15 tajr105*020#nj r 1 20 0.5 4 20 tajs105*020#nj s 1 20 0.5 4 12 tajt105*020#nj t 1 20 0.5 4 9 tajp155*020#nj p 1.5 20 0.5 6 9.6 tajr155*020#nj r 1.5 20 0.5 6 9.6 tajs155*020#nj s 1.5 20 0.5 6 5.4 tajt155*020#nj t 1.5 20 0.5 6 6.5 tajp225*020#nj p 2.2 20 0.5 6 8.3 tajr225*020#nj r 2.2 20 0.5 6 6 tajs225*020#nj s 2.2 20 0.5 6 4.5 tajt225*020#nj t 2.2 20 0.5 6 6 tajt335*020#nj t 3.3 20 0.7 6 3 tajt475*020#nj t 4.7 20 0.9 6 3.1 tajt685*020#nj t 6.8 20 1.4 6 2.6 tajw106*020#nj w 10 20 2 6 1.9 tajw156*020#nj w 15 20 3 6 1.7 tajw226*020#nj w 22 20 4.4 6 1.6 tajy226*020#nj y 22 20 4.4 6 0.9 tajx336*020#nj x 33 20 6.6 6 0.5 tajy336*020#nj y 33 20 6.6 6 0.6 tajx476*020#nj x 47 20 9.4 6 0.4 tajy476*020#nj y 47 20 9.4 6 0.9 tajy686*020#nj y 68 20 13.6 6 0.9 25 volt @ 85oc (17 volt @ 125oc) tajr154*025#nj r 0.15 25 0.5 4 24 tajr224*025#nj r 0.22 25 0.5 4 21 tajr334*025#nj r 0.33 25 0.5 4 17 tajr474*025#nj r 0.47 25 0.5 4 15 tajs474*025#nj s 0.47 25 0.5 4 14 tajr684*025#nj r 0.68 25 0.5 4 13 tajs684*025#nj s 0.68 25 0.5 4 10 tajp105*025#nj p 1 25 0.5 4 11 tajr105*025#nj r 1 25 0.5 4 8 tajs105*025#nj s 1 25 0.5 4 8 tajp155*025#nj p 1.5 25 0.5 6 9.6 tajs155*025#nj s 1.5 25 0.5 6 5.4 tajt155*025#nj t 1.5 25 0.5 6 5 tajt225*025#nj t 2.2 25 0.6 6 4.5 tajt335*025#nj t 3.3 25 0.8 6 3.5 tajw335*025#nj w 3.3 25 0.8 6 1.6 tajt475*025#nj t 4.7 25 1.2 6 3.1 tajw475*025#nj w 4.7 25 1.2 6 1.2 tajw685*025#nj w 6.8 25 1.7 6 2 tajw106*025#nj w 10 25 2.5 6 1.8 tajy156*025#nj y 15 25 3.8 6 1 tajy226*025#nj y 22 25 5.5 6 0.9 tajy336*025#nj y 33 25 8.3 6 0.5 tajy476*025#nj y 47 25 11.8 6 0.9 35 volt @ 85oc (23 volt @ 125oc) tajr104*035#nj r 0.1 35 0.5 4 29 tajs104*035#nj s 0.1 35 0.5 4 24 tajr154*035#nj r 0.15 35 0.5 4 24 tajs154*035#nj s 0.15 35 0.5 4 21 tajr224*035#nj r 0.22 35 0.5 4 21 tajs224*035#nj s 0.22 35 0.5 4 18 tajr334*035#nj r 0.33 35 0.5 4 17 tajs334*035#nj s 0.33 35 0.5 4 15 tajr474*035#nj r 0.47 35 0.5 4 15 tajs474*035#nj s 0.47 35 0.5 4 12 tajt474*035#nj t 0.47 35 0.5 4 10
30 taj series low profile ratings & part number reference all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for 10% and m for 20% # standard plating C insert r for 7" reel and s for 13" reel capacitance tolerance # gold plating C insert a for 7" reel and b for 13" reel note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards. rated dcl df esr avx case cap voltage (a) % max. () part no. size (f) (v) max. max. @100khz tajp684*035#nj p 0.68 35 0.5 4 13 tajs684*035#nj s 0.68 35 0.5 4 8 tajt684*035#nj t 0.68 35 0.5 4 8 tajp105*035#nj p 1 35 0.5 4 11 tajs105*035#nj s 1 35 0.5 4 7.5 tajt105*035#nj t 1 35 5 4 6.5 tajt155*035#nj t 1.5 35 0.5 6 5.2 tajt225*035#nj t 2.2 35 0.8 6 4.2 tajw335*035#nj w 3.3 35 1.2 6 1.6 tajw475*035#nj w 4.7 35 1.6 6 2.2 tajy685*035#nj y 6.8 35 2.3 6 0.9 tajx106*035#nj x 10 35 3.5 6 0.7 tajy106*035#nj y 10 35 3.5 6 1 tajy156*035#nj y 15 35 5.3 6 0.6 tajy226*035#nj y 22 35 7.7 6 0.5 50 volt @ 85oc (33 volt @ 125oc) tajs104*050#nj s 0.1 50 0.5 4 19 tajs154*050#nj s 0.15 50 0.5 4 16 tajs224*050#nj s 0.22 50 0.5 4 13 tajs334*050#nj s 0.33 50 0.5 4 11 tajt334*050#nj t 0.33 50 0.5 4 11 tajs474*050#nj s 0.47 50 0.5 4 9.5 tajt474*050#nj t 0.47 50 0.5 4 9.5 tajw105*050#nj w 1 50 0.5 6 4.4 tajw155*050#nj w 1.5 50 0.8 6 3.1 tajy335*050#nj y 3.3 50 1.7 4 1.7 tajy475*050#nj y 4.7 50 2.4 6 1.2 tajy685*050#nj y 6.8 50 3.4 6 0.9


▲Up To Search▲   

 
Price & Availability of TAJT336004NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X