Part Number Hot Search : 
15SMC220 CM1484 15SMC220 EPB018A5 MAX14 AD5323 6707QT 20500
Product Description
Full Text Search
 

To Download SFAF1001G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ul recognized file # e-326243 ? high efficiency, low vf. ? high current capavility ? high reliability ? high surge current capability SFAF1001G ito-220ac 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sfaf 1001g sfaf 1002g sfaf 1003g sfaf 1004g sfaf 1005g sfaf 1006g sfaf 1007g sfaf 1008g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a ua ua trr ns cj pf r jc o c/w t j o c t stg o c SFAF1001G - sfaf1008g 10.0amps. isolated glass passi vated super fast rectifiers ito-220ac features ? low power loss. ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? cases: ito-220ac molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 o c/10 seconds ? weight: 1.70 grams parameter maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 150 a maximum instantaneous forward voltage (note 1) @ 10 a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 400 maximum reverse recovery time (note 2) 35 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. typical junction capacitance (note 3) 170 140 typical thermal resistance 4 operating temperature range - 65 to + 150 version:e13 ordering information(example) part no. package packing packing code packing code (green) c0g storage temperature range - 65 to + 150
version:e13 ratings and characteristic curves (SFAF1001G thru sfaf1008g) 0 2 4 6 8 10 12 050100150 average forward a current (a) case temperature ( o c) fig.1- maximum forward current derating curve resistive or inductiveload with heat sink 0 50 100 150 200 250 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current 8.3ms single half sine wave jedec method ta=25 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current. (ua) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics ta=25 ta=100 0 50 100 150 200 250 300 1 10 100 1000 capacitance (pf) reverse voltage. (v) fig. 4- typical junction capacitance ta=25 o c SFAF1001G~sfaf1004g sfaf1005g ~ sfaf1008g 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current. (a) forward voltage. (v) fig. 5- typical forward characteristics ta=25 o c pulse width=300us 1% duty cycle sfaf1005g-sfaf1006g SFAF1001G-sfaf1004g sfaf1007g-sfaf1008g
ito-220ac dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.10 0.098 0.122 c 2.30 2.90 0.091 0.114 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h - 1.60 - 0.063 i 0.95 1.45 0.037 0.057 j 0.50 0.90 0.020 0.035 k 2.40 3.20 0.094 0.126 l 14.80 15.50 0.583 0.610 m - 4.10 - 0.161 n - 1.80 - 0.071 o 12.60 13.80 0.496 0.543 p 4.95 5.20 0.195 0.205 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram sfaf100xg 50 / tube note: "x" is device code from "1" thru "8".


▲Up To Search▲   

 
Price & Availability of SFAF1001G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X