Part Number Hot Search : 
C229PDR L692807 30302 HER1601G B655M C229PDR A12JVAA NME1205
Product Description
Full Text Search
 

To Download SBC86834 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  147 * all specifcations and photos are subject to change without notice. www.axiomtek.com dualvi ew system fe atures lga775 intel ? 945gc 6 com lv ds/vga 6 usb 2.0 ac'97 audio usb dom inte l ? gma 950 graphics core ? memor y s ize memor y s ize in tel ? dvmt 3.0 compliant ? 1 x v g a 1 x l vds; 18/24-bit sin g le/dual channel 1 x dvi-d (SBC86834dgga on l y) display pa cking list ordering information s b c8683 4d gg a lg a775 mini itx s b c wit h v g a/dvi-d/l vd s (p/n: e386834101) l cd, 2 10/100/1000m b ps et h ernet, 6 usb, 6 co m p orts s b c 8 6 834v gg a l ga775 mini itx sbc wit h vga/l vds lcd , ( p/n: e 38683 41 00) 2 10/100/1000mb p s ethernet, 6 usb, 6 com ports lga775 socket intel ? core? 2 duo mini itx sbc with intel ? 945gc + ich7 chipset, dvi-d/l vds, 6 usb and 6 com SBC86834 i/o  lga775 socket for intel ? core?2 duo/ p entium ? d/ pe ntium ? 4/ celeron ? d processor with fsb 800/533 mhz  intel ? 945gc + ich7 chipset  6 com ports for transaction terminal applications  dual 10/100/1000mbps etherne t  6 usb 2.0 ports  dvi-d output (optional) 1 x ps/2 ke y board 1 x p s / 2 mouse 6 x rs-232; wit h +5v/+12v powere d s at a s at a 2 x s ata- 300 detect cpu/system temperature, vo l tage an d f an spee d e t h e rn et e t h e rn et 2 p orts as 10/100/1000mb p s su pp ort w ake-on-lan, r pl/pxe boot r o m wit h re a l te k r tl8111b a c'97 codec audio as mic-in/line-out/s p eaker- o ut wit h re a l te k al c 203 usb usb 6 x usb 2.0 s y stem mana g ement bus f or a d vance d monitorin g/ co n t r ol in te r face di g ital i/o di g ital i/o 8 channels ( 3-in & 5-out ) l ga775 socket for intel ? core ? ? 2 duo/ p entium ? ? ? 4/ ? p ent i um ? / c e l eron ? processors with fsb 533/800 mhz ? system memory system memory 2 x 240-pin dimm supports ddr2-400/533/667 max. up to 2 g b inte l ? 945gc + ich7 ? bi os bi os p h oe nix-a wa rd 1 x compactf l as h ? type-ii (optional) ? w atchdo g ti mer w atchdo g ti mer 2 55 levels, 1~255 sec. 1 x p c ie x4 f or 1 x p c ie x4 or 4 x p c ie x1 d evices b atter y b atter y l i t hi u m 3v /22 0 mah inte l ? core ? ? 2 duo e45 00 2 . 2 g hz , 2g b ddr 2 max. rms: +5v_sby @ 0.023a, +3.3v @ 0.588a, +5v @ 2 . 399 a , +1 2 v @ 2 . 0 7a , -1 2 v @ 0 . 0 74a s ize s ize 170 x 170 mm 1. 6 mm t emperature t emperature 0 c ~ + 6 0 c (32 f ~ 140 f ), operat i on 10% ~ 95% relative humidit y , non-condensin g q uic k insta ll ation g ui d e, user's manua l /uti l it y cd, ca bl e pa rt number 593826a0000e descr i pt i on sa ta si g nal cables 500mm q ty 1 audio vga/dvi-d com 1/2 com 1/2 usb 5/6 pcie x4 sata ide lvds ddr2 dimm k/b+m/s ethernet+usb 3/4 ethernet+usb 1/2 20-pin atx power conn. com 3/4/5/6 side view


▲Up To Search▲   

 
Price & Availability of SBC86834

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X