Part Number Hot Search : 
RM220C MDDMB8M MAN3680A GC500 LC72135M R4S2454 DI156 2SK2938
Product Description
Full Text Search
 

To Download RT71619PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rt360 ? circular connectors rt360? industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert arrangements with a variety of wire gauge options. rt360 industrial circular connectors were designed to be intermateable with other industry standard connectors, such as the souriau trim trio utg and utp industrial connector families and cannon trident series. shells zinc alloy backshells and cable glands coupling ring aluminum coupling spring spring stainless steel interfacial seal silicone insert glass-flled thermoplast ul94-v0 finish nickel rohs compliant yes operating temp -40c to +105c insulation resistance 5000 m min. durability 500 matings and unmatings vibration resistance per mil-std202 method 204 thermal shock per mil-std202 method 207 corrosion salt spray per mil-std 202, method 101; 48h (standard version), 96h (black anodised coupling ring) *higher salt spray resistance (200/500h) upon request. degree of water protection per din 40050 dynamic ip67 / ip68 in mated condition and in combination with sealed back shell. features & benefts rt series ? 6 shell sizes and 11 insert confgurations ? offer standard insert arrangements from 4-28 contacts, mixed power and signal arrangements ? operating voltage of 300v ? current rating: 13a(signal contacts) ? alternate keying positions available ? plastic inserts with fammability rating of ul94-vo ? rohs compliant rtow series ? 6 shell sizes and 5 insert confgurations ? mating with mil-c-24682 series connectors ? high density arrangements from 6-32 contacts ? operating voltage of 150v ? current rating of 7.5a with machined contacts and 5a with stamped and formed contacts ? alternate keying positions available ? plastic inserts with fammability rating of ul94-vo ? rohs compliant rthp series ? 4 shell sizes and 5 insert confgurations ? single pole high power arrangements ? 3.6mm-10mm contact sizes ? operating voltage of 630v ? current rating: 56a-455a (see page 5) ? plastic inserts with fammability rating of ul94-vo ? rohs compliant part ordering guide : rt/rtow/rthp series plugs & receptacles reference rt360? circular connector catalog. rt o 16 19 p n * * * series shell type shell size insert arrangement type of contacts insert polarization application plating design variation rt o: standard 10, *12, *14, *16, 18, *20 see catalog p: pin contacts n: standard see catalog see catalog see catalog rtow 6: high density *rthp only s: socket contacts *w, x, y, z: custom orientation rthp 7: jam nut recep. *rt/rtow only www.sineco.com
rt360? series insert confgurations rt rtow rthp radsok? #16 contacts (1.6mm) 13a/250v vde versions mixed power/signal contacts (2.5mm) #20 contacts (1.0mm) 5a/150v (1) 7.5a/150v (2) single pin power note: specifc to rtow, (1) refers to stamped and formed contacts; (2) refers to machined contacts. shell 10 10-4 10-2 2x#16(13a)/2x#20(5a) 350v ac/dc n/a 10-6 n/a shell 12 12-3 12-8 n/a n/a 12-10 12-1 1x3.6mm (86a) 600v ac/dc shell 14 14-12 1x3.6mm 14-2 2x2.5(23a)/2x#16(13a) 350v ac/dc 14-4 (23a) 350v ac/dc 14-19 14-1 1x6mm (116a) 600v ac/dc shell 16 16-19 16-4 4x3.6(46a) 400 ac/dc 16-9 4x2.5mm 5x#16 n/a 16-26 16-1 1x8mm (185a) 600v ac/dc shell 18 18-23 n/a 18-8 (23a) 375v ac/dc 18-32 n/a shell 20 20-28 n/a n/a 20-41 20-1 1x10mm (342a) 600v ac/dc note: all dimensions are in mm. face views are not actual size and are only meant as a representation. john blood, program manager toll free: 1.800.394.7732 ext. 8641 blood@sineco.com ? 2011 amphenol sine systems corporation. ever y effor t has been made to ensure that the information contained in this document is accurate at the time of publication. specifcations or information stated in this document are subject to change without notice. www.sineco.com


▲Up To Search▲   

 
Price & Availability of RT71619PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X