Part Number Hot Search : 
MBR1540 H1302 SMBJ17 FDLL333 TDA72 DTA115T DTA115T BC848BW
Product Description
Full Text Search
 

To Download RFPA2189TR7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 11 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . ordering information bifet hbt ldmos 1 2 3 4 rfin gnd rfout/vcc gnd rfpa2189 gaas hbt power amplifier 0.5w, 400mhz to 2700mhz the rfpa2189 is a single-stage gaas hbt power amplifier specifically designed for wireless infrastructure applications. it offe rs ultra-linear operation at a comparably low dc power making it ideal for next generation radios requiring high efficiency. its external matching allows for use across various radio platforms within 400mhz to 2700mhz. the rfpa2189 offers low noise figure making it an excellent solution for 2nd and 3rd stage lnas. features ? -60dbc acpr at 16dbm wcdma ? 0.5w output power (p1db) ? excellent linearity to dc power ratio ? nf=3.0db at 880mhz ? single-supply 5v operation ? class 1c (1000v) hbm esd applications ? gaas pre-driver for base station amplifiers ? pa stage for commercial wireless infrastructure ? 2nd or 3rd stage lnas ? class ab operation for gsm, dcs, pcs, umts, wimax, lte transceiver applications ds110420 ? package: sot-89 rfpa2189 gaas hbt power ampli- fier 0.5w, 400mhz to 2700mhz rfpa2189sr 7? reel with 100 pieces rfpa2189sq sample bag with 25 pieces RFPA2189TR7 7? reel with 2500 pieces rfpa2189pck-410 869mhz to 894mhz pcba with 5-piece sample bag rfpa2189pck-411 2110 mhz to 2170 mhz pcba with 5-piece sample bag
2 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . absolute maximum ratings parameter rating unit supply voltage (v cc )6.0v dc supply current (i c )380ma cw input power, 50 ? output 20 dbm output load vswr at p3db 5:1 operating junction temperature 160 c operating temperature range (t l )-40 to +85 c storage temperature -55 to +150 c esd rating ? human body model (hbm) class 1c moisture sensitivity level msl 1 notes: 1. the maximum ratings must all be met simultaneously. 2. p diss =p dc +p rfin -p rfout 3. t j =t l +p diss *r th parameter specification unit condition min. typ. max. 869mhz to 894mhz v cc =5.0v, i cq =155ma frequency 869 880 894 mhz evb tuned for optimum acpr input power (pin) 13 dbm max recomm ended continuous input power, v cc <5.25v, load vswr<2:1 gain (s21) 19.5 db oip3 43 dbm 15dbm/tone, tone spacing=1mhz p1db 27.5 dbm evb tuned for linear operation input return loss (s11) 13 db output return loss (s22) 13 db noise figure 2.8 db wcdma channel power at -55dbc acpr 17 dbm 3gpp 3.5, test model 1, 64 dpch umts 2100mhz v cc =5.0v, i cq =155ma frequency 2110 2140 2170 mhz evb tuned for optimum acpr input power (pin) 18 dbm max recomm ended continuous input power, v cc <5.25v, load vswr<2:1 gain (s21) 14.5 db oip3 42.5 dbm 15dbm/tone, tone spacing=1mhz p1db 27 dbm evb tuned for linear operation input return loss (s11) 13 db output return loss (s22) 13 db noise figure 2.8 db wcdma channel power at -55dbc acpr 16.8 dbm 3gpp 3.5, test model 1, 64 dpch power supply operating current (quiescent) 155 ma at v cc =5.0v operating voltage (v cc ) 5.0 5.25 v max recommended collector voltage for contin- uous operation thermal resistance (r th )58c/wat v cc =5.0v caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rfmd green: rohs compliant per eu directive 2002/95/ec, halogen free per iec 61249-2-21, < 1000ppm each of antimony trioxide in polymeric materials and red phosphorus as a fl ame retardant, and <2% antimony in solder.
3 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance ? 869mhz to 894mhz application circuit -30 -25 -20 -15 -10 -5 0 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 s11 (db) frequency (ghz) s11 versus frequency -40c 25c 85c 13 14 15 16 17 18 19 20 21 22 23 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 s21 (db) frequency (ghz) s21 versus frequency -40c 25c 85c -40 -35 -30 -25 -20 -15 -10 -5 0 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 s12 (db) frequency (ghz) s12 versus frequency -40c 25c 85c -30 -25 -20 -15 -10 -5 0 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 s22 (db) frequency (ghz) s22 versus frequency -40c 25c 85c 19 21 23 25 27 29 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 p1db (dbm) frequency (ghz) p1db versus frequency +25c -40c +85c 0 1 2 3 4 5 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 nf (db) frequency (ghz) nf versus frequency +25c +85c
4 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance ? 869mhz to 894mhz application circuit -80 -75 -70 -65 -60 -55 -50 -45 -40 8 9 10 11 12 13 14 15 16 17 18 19 acp (dbc) channel power out (dbm) acp versus power out (25 c) 869 mhz 880 mhz 894 mhz wcdma_tm1_64dpch_1c -80 -75 -70 -65 -60 -55 -50 -45 -40 8 9 10 11 12 13 14 15 16 17 18 19 acp (dbc) channel power out (dbm) acp versus power out (880mhz) +25c -40c +85c wcdma_tm1_64dpch_1c 38 40 42 44 46 48 0.860 0.865 0.870 0.875 0.880 0.885 0.890 0.895 0.900 oip3 (dbm) frequency (ghz) oip3 versus frequency (15dbm tones) +25c -40c +85c 38 40 42 44 46 48 10 12 14 16 18 20 oip3 (dbm) power out per tone (dbm) oip3 versus power out (880 mhz) +25c -40c +85c 130 150 170 190 210 230 250 270 290 0 4 8 12 16 20 24 28 32 -4 -2 0 2 4 6 8 10 12 14 16 18 c u r r e n t ( m a ) power out (dbm) power in (dbm) pout & current versus pin @ 880mhz pout_25c pout_-40c pout_85c icc_25c icc_-40c icc_85c 0 50 100 150 200 250 300 350 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 current (ma) vcc (v) current vs. voltage icq_25c icq_-40c icq+85c
5 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board schematic 869mhz to 894mhz application circuit evaluation board bill of materials (bom) 869mhz to 894mhz application circuit description reference designator manufacturer manufacturer's p/n pcb pa2189410(a) gaas hbt power amplifier u1 rfmd rfpa2189 cap, 10 uf, 20%, 10 v, tant-a c1 kemet t491a106m010at cap, 1000pf, 10%, 50v, x7r, 0603 c4 panasonic ecj-1vb1h102k cap, 0.1uf, 10%, 16v, x7r, 0603 c3 murata electronics grm188r71c104ka01d cap, 10pf, 5%, 50v, c0g, 0603 c5 johanson technology 500r14n100jv4 cap, 10pf, 5%, 50v, c0g, 0402 c6 murata electronics grm1555c1h100jz01e cap, 3.9pf, +/-0.25pf, 50v, c0g, 0402 c7 murata electronics grm1555c1h3r9cz01e cap, 56pf, 5%, 50v, c0g, 0402 c8 murata electronics grm1555c1h560jz01d conn, sma, end lnch, mini, flt, 0.068" j1, j2 emerson networks 142-0741-851 ind, 24nh, 5%, w/w, 0603 l1 coilcraft, inc. 0603hc-24nxjlw ind, 56nh, 5%, m/l, 0402 l2 toko ll1005-fhl56nj ind, 3.3nh, +/- 0.3nh, m/l, 0603 l3 toko ll1608-fsl3n3s ind, 2.2nh, +/-0.3nh, m/l, 0603 l4 toko ll1608-fsl2n2s conn, hdr, st, plrzd, 2-pin, 0.100" p1 itw pancon mpss100-2-c res, 160 ? , 5%, 1/16w, 0402 r2 kamaya, inc rmc1/16s-161jth res, 2k, 5%, 1/16w, 0402 r3 panasonic erj-2gej202 res, 3.9k, 5%, 1/16w, 0402 r4 panasonic erj-2gej392 dnp r1, c2, j3, j4 j1 rfin j2 rfout l2 56nh + c1 10uf c5 10pf l1 24nh 1 2 p1 hdr_1x2 c4 1000pf vcc gnd vcc r2 160 gnd 4 rfin 2 rfout 3 u1 c3 0.1uf l3 3.3nh r3 2k c6 10pf l4 2.2nh c7 3.9pf c8 56pf r4 3.9k gnd 1
6 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board assembly drawing 869mhz to 894mhz application circuit (refer to schematic and bom for specific component requirements, some items in the evb drawing are dnp)
7 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance ? 2110mhz to 2170mhz application circuit -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 s11 (db) frequency (ghz) s11 versus frequency -40c 25c 85c 7 8 9 10 11 12 13 14 15 16 17 2.11 2.12 2.13 2.14 2.15 2.16 2.17 s21 (db) frequency (ghz) s21 versus frequency -40c 25c 85c -40 -35 -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 s12 (db) frequency (ghz) s12 versus frequency -40c 25c 85c -30 -25 -20 -15 -10 -5 0 2.11 2.12 2.13 2.14 2.15 2.16 2.17 s22 (db) frequency (ghz) s22 versus frequency -40c 25c 85c 0 1 2 3 4 5 2.11 2.12 2.13 2.14 2.15 2.16 2.17 nf (db) frequency (ghz) nf versus frequency +25c +85c 19 21 23 25 27 29 2.11 2.12 2.13 2.14 2.15 2.16 2.17 p1db (dbm) frequency (ghz) p1db versus frequency +25c -40c +85c
8 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance ? 2110mhz to 2170mhz application circuit -80 -75 -70 -65 -60 -55 -50 -45 -40 8 9 10 11 12 13 14 15 16 17 18 19 acp (dbc) channel power out (dbm) acp versus power out (2140 mhz) +25c -40c +85c wcdma_tm1_64dpch_1c -80 -75 -70 -65 -60 -55 -50 -45 -40 8 9 10 11 12 13 14 15 16 17 18 19 acp (dbc) channel power out (dbm) acp versus power out (25 c) 2.11 ghz 2.14 ghz 2.17 ghz wcdma_tm1_64dpch_1c 36 38 40 42 44 46 10 12 14 16 18 20 oip3 (dbm) power out per tone (dbm) oip3 versus power out (2140 mhz) +25c -40c +85c 130 150 170 190 210 230 250 270 290 0 4 8 12 16 20 24 28 32 -4 -2 0 2 4 6 8 10 12 14 16 18 c u r r e n t ( m a ) power out (dbm) power in (dbm) pout & current versus pin @ 2140mhz pout_25c pout_-40c pout_85c icc_25c icc_-40c icc_85c 36 38 40 42 44 46 2.11 2.12 2.13 2.14 2.15 2.16 2.17 oip3 (dbm) frequency (ghz) oip3 versus frequency (15dbm tones) +25c -40c +85c
9 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board schematic 2110mhz to 2170mhz application circuit evaluation board bill of materials (bom) 2110mhz to 2170mhz application circuit description reference designator manufacturer manufacturer's p/n pcb pa2189411(a) gaas hbt power amplifier u1 rfmd rfpa2189 cap, 10uf, 20%, 10v, tant-a c1 kemet t491a106m010at cap, 1000pf, 10%, 50v, x7r, 0603 c4 panasonic ecj-1vb1h102k cap, 0.1uf, 10%, 16v, x7r, 0603 c3 murata electronics grm188r71c104ka01d cap, 10pf, 5%, 50v, c0g, 0603 c5 johanson technology 500r14n100jv4 cap, 1.8pf, +/-0.1pf, 50v, c0g, 0402 c6 murata electronics grm1555c1h1r8bz01e cap, 3pf, +/-0.1pf, 50v, c0g, 0402 c7 murata electronics grm1555c1h3r0bz01e cap, 1pf, +/-0.1pf, 50v, hi-q, 0402 c8 johanson technology 500r07s1r0bv4td cap, 2.2pf, +/-0.1pf, 50v, hi-q, 0402 c9 johanson technology 500r07s2r2bv4td conn, sma, end lnch, mini, flt, 0.068" j1, j2 emerson networks 142-0741-851 ind, 24nh, 5%, w/w, 0603 l1 coilcraft, inc. 0603hc-24nxjlw conn, hdr, st, plrzd, 2-pin, 0.100" p1 itw pancon mpss100-2-c res, 750 ? , 1%, 1/16w, 0402 r2 panasonic erj-2rkf7500x dnp r1, c2, j3, j4 j1 rfin j2 rfout + c1 10uf c5 10pf l1 24nh 1 2 p1 hdr_1x2 c4 1000pf vcc gnd vcc c3 0.1uf c6 1.8pf c7 3.0 pf r2 750 c8 1.0pf c9 2.2pf gnd 4 rfin 2 rfout 3 u1 gnd 1
10 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board assembly drawing 2110mhz to 2170mhz application circuit (refer to schematic and bom for specific component requirements, some items in the evb drawing are dnp)
11 of 11 rfpa2189 ds110420 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pin names and description package marking package drawing dimensions in millimeters [inches] refer to drawing posted at www.rfmd.com for tolerances. pin function description 1rf in rf input. external dc block is required. 2gnd dc and rf ground 3rf out/vcc rf output, device collector 4gnd dc and rf ground. must be soldered to evb ground plane over a bed of vias for thermal and rf perfor- mance. 1 2 3 4 pa2189 trace code trace code to be assigned by the assembly subcon. 0.06 [1.50] 0.02 [0.40] 0.06 [1.60] 0.06 [1.65] 0.02 [0.47] 0.10 [2.50] 0.18 [4.50] 0.02 [0.42] 0.12 [3.00] 0.04 [1.04] 0.02 [0.40]


▲Up To Search▲   

 
Price & Availability of RFPA2189TR7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X