Part Number Hot Search : 
2N90H TXV1N 10230 1808792 SK156 HC40600 SC1531A Z20107
Product Description
Full Text Search
 

To Download R141277000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  introduction the bnc connector, the most popular coaxial connector series in the world, features a two--pin bayonet coupling system for quick and reliable engagement and disengagement. f wide range : radiall?s bnc connectors are available with two characteristic impedances 50 ! and 75 ! ; and, they are completely intermateable with one another. the bnc range offers cable connectors for both flexible or semi--rigid cables, panel and pcb mount receptacles including press mount, through hole and press fit pins connectors. in series adapters and between series adapters including push--on type are also available. radiall offers you also a low cost range called commercial bnc, whose characteristics are compared to those of the standard bnc in the chart here under. f convenient 3--piece design : a range of crimp type cable connectors (straight and right angle models) features : a 3 piece design : single piece body + center contact + outer ferrule, you can find them with the ?single piece body? mention on note. f fast and reliable cable attachment : the cable connectors can be either fully crimped or soldered/crimped, offering full flexibility for high volume production with standard manual or pneumatic tooling : fast and reliable. . the center contact can be either crimped or soldered, . the outer contact is attached to the cable by crimping a ferrule. bnc 6 standard bnc commercial bnc applications  military telecommunications  civil telecommunications  measurement and instrumentation  general electronics     civil telecommunications  datacommunications  measurement and instrumentation  broadcast application  security & video systems  antennas  automotive industry  general electronics impedance 50 ! 75 ! 50 ! 75 ! codification r141 xxx xxx r142 xxx xxx r141 xxx 161 r142 xxx 161 frequency range dc -- 4 ghz dc -- 1 ghz dc -- 1.5 ghz temperature range -- 6 5 _ c / + 165 _ c -- 3 5 _ c/+70 _ c durability 500 matings 100 matings coupling nut cross knurl straight knurl material coupling nut insulator female center contact brass ptfe beryllium c opper die cast zinc polypropylen brass radiall also offers a complete range of microwave components : terminations, attenuators, etc. designed around the bnc interface (page 41--44). for further details, please ask for our : . push--on adapters d1 036 de . between series adapters d1 191 ce . attenuators d3 200 ce . terminations d3 100 ce . soldering device d1 035 de


▲Up To Search▲   

 
Price & Availability of R141277000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X