Part Number Hot Search : 
1004CL HN4B04J SM3200AS CR100 STR80145 GP1U78R CT100 10N301C
Product Description
Full Text Search
 

To Download OX2180A-LX-3-FREQ-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ocxo raltron electronics corp. 10651 n.w. 19 th st miami, florida 33172 u.s.a . phone: +001(305) 593 - 6033 fax: +001(305)594 - 3973 e - mail: sales@raltron.com internet: http:/www.raltron.com ocxo series 8000 n features small ocxo in 1? sq. package frequencies up to 38.880 mhz at and sc - cut option n electrical performance parameter ocxo series 8000 at cut crystal sc cut crystal supply voltage, nom. 5v 5% standard (3.3v optional) power dissipation steady state 1.5 watt max. heat up power 3 watt max heat up time. 3 min max frequency range 1 to 38.880 mhz standard frequency adjustment 10ppm min (0 to 5v) 0.7ppm min (0 to 5v) 0.05 ppm 0.1 ppm 0.25 ppm 0.01 ppm 0.02 ppm 0.03 ppm freq. stability vs. temperature lx: 0c to 60c fz: - 30c to 70c d3: - 40c to 85 (standard, contact factory for different temp ranges and stabilities) freq. stability vs. supply changes 0.015 ppm max for 5% change 0.010 ppm max for 5% change freq. stability vs. load changes 0.01 ppm max for 5% change 0.005 ppm max for 5% change long term stability (aging) 4 ppm max for 10 years 0.005 ppm/day max. 1 ppm max for 10 years 0.002 ppm/day max. output hcmos/ttl/sine 0 to +7dbm (low voltage cmos available) harmonics, sub harmonics - 30dbc(sine output) spurious - 75dbc(sine output) duty cycle 40/60% to 60/40%(hcmos) rise / fall time 10ns max. (hcmos,10%~90%vout, 90%~10%vout) short term stability (10mhz) 1 e - 10 /se c 5 e - 11 /sec phase noise typical under static condition (sine output 10mhz) offset phase noise 10hz - 90 dbc/hz 100hz - 125 dbc/hz 1000hz - 135 dbc/hz 10000hz - 150 dbc/hz offset phase noise 10hz - 110 dbc /hz 100hz - 130 dbc/hz 1000hz - 140 dbc/hz 10000hz - 150 dbc/hz note: all t ypical parameters for a 10mhz output and 5v s upply . f or different frequencies consult factory .
ocxo raltron electronics corp. 10651 n.w. 19 th st miami, florida 33172 u.s.a . phone: +001(305) 593 - 6033 fax: +001(305)594 - 3973 e - mail: sales@raltron.com internet: http:/www.raltron.com n how to order (part number) prefix output type cut ty pe series revision temperature range stability frequency supply voltage ox 2:hcmos 4:lvcmos 6:sine 0:at (no vcontrol ) 1: sc (no vcontrol ) 4: at (elect vcontrol) 5: sc (elect vcontrol) 80:8000 a first letter lowest temperature, second letter highest temperature: from a= - 55c to z=+70c, then: 1=+75c, 2=+80c, 3=+85c? in 5c steps example: lz: +0c to +70c lx: +0c to +60c fz: - 30c to +70c d3: - 40c to +85c value x 10e - 2 in ppm example 28= 0.28ppm 10= 0.1ppm in mh z 5; 5v 3.3; 3.3v example : ox2580a - lz - 3 - 10.000 ? 5 frequency 10 mhz temp stability = 3 x 10e - 2 = 0.03 ppm operating temp range = 0c to +70c revision "a" series 8000 sc cut crystal, electrical control voltage output hcmos prefix: ocxo supply voltage 5v n mechanical specification height, max. ?h?: 0.52? / 13.2mm outline tolerance: 0.015? / 0.4mm pin functions: [1] rf output [2] ground [3] n/c or control voltage [4] not connected [5] supply voltage


▲Up To Search▲   

 
Price & Availability of OX2180A-LX-3-FREQ-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X