Part Number Hot Search : 
PWR1111 C240M BFA1560R P1A10 251902C MAX3274 BCR8UM PDTA144
Product Description
Full Text Search
 

To Download NHL16007Z750R0JJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 30208 for tec hnical questions, contact: ww2bresistors@vishay.com www.vishay.com revision: 23-feb-11 1 wirewound resistors, industrial power, tubular (hl), non-inductive tubular (nhl) hl, nhl vishay dale features ? high temperature silicon coating ? complete welded construction ? available in non-inductive styles (model nhl) with aryton-perry winding ? tight tolerance of 5 % for values above 1 w ? excellent stability in operation (< 3 % change in resistance) ? compliant to rohs directive 2002/95/ec standard electrical specifications global model historical model power rating p 25 c w resistance range ? resistance range ? weight (typical) g 5 % 10 % hl011 nhl011 hl-11 nhl-11 11 1.0 to 70k 1.0 to 4.7k 0.10 to 70k 1.0 to 4.7k 10.50 hl012 nhl012 hl-12 nhl-12 12 1.0 to 58k 1.0 to 3.9k 0.10 to 58k 1.0 to 3.9k 6.69 hl015 nhl015 hl-15 nhl-15 15 1.0 to 60k 1.0 to 4.3k 0.10 to 60k 1.0 to 4.3k 8.64 hl020 nhl020 hl-20 nhl-20 20 1.0 to 95k 1.0 to 6.8k 0.10 to 95k 1.0 to 6.8k 12.57 hl025 nhl025 hl-25 nhl-25 25 1.0 to 115k 1.0 to 8.8k 0.10 to 115k 1.0 to 8.8k 20.72 hl026 nhl026 hl-26 nhl-26 26 1.0 to 170k 1.0 to 11.8k 0.10 to 170k 1.0 to 11.8k 15.34 hl050 nhl050 hl-50 nhl-50 50 1.0 to 112k 1.0 to 21.5k 0.10 to 112k 1.0 to 21.5k 42.08 hl051 nhl051 hl-51 nhl-51 51 1.0 to 124k 1.0 to 22.9k 0.10 to 124k 1.0 to 22.9k 51.96 hl060 nhl060 hl-60 nhl-60 60 1.0 to 145k 1.0 to 27.2k 0.10 to 145k 1.0 to 27.2k 65.64 hl065 nhl065 hl-65 nhl-65 65 1.0 to 170k 1.0 to 31.4k 0.10 to 170k 1.0 to 31.4k 64.82 hl080 nhl080 hl-80 nhl-80 80 1.0 to 190k 1.0 to 38.3k 0.10 to 190k 1.0 to 38.3k 121.58 hl100 nhl100 hl-100 nhl-100 100 1.0 to 260k 1.0 to 48.5k 0.10 to 260k 1.0 to 48.5k 91.37 hl120 nhl120 hl-120 nhl-120 120 1.0 to 330k 1.0 to 64.1k 0.10 to 330k 1.0 to 64.1k 183.82 hl130 nhl130 hl-130 nhl-130 130 1.0 to 380k 1.0 to 70.2k 0.10 to 380k 1.0 to 70.2k 192.36 hl160 nhl160 hl-160 nhl-160 160 1.0 to 470k 1.0 to 105k 0.10 to 470k 1.0 to 105k 245.86 hl175 nhl175 hl-175 nhl-175 175 1.0 to 500k 1.0 to 112k 0.10 to 500k 1.0 to 112k 250.80 hl225 nhl225 hl-225 nhl-225 225 1.0 to 645k 1.0 to 121k 0.10 to 645k 1.0 to 121k 309.97 global part number information global part numbering example: nhl10006z10r00jj global model terminal designation terminal finish resistance value tolerance packaging code special nhl100 (see standard electrical specifications table above for additional p/ns) 02 05 06 07 14 15 e = lead (pb)-free z = tin/lead n = nickel r = decimal k = thousand 10r00 = 10.0 ? 1k000 = 1 k ? j = 5.0 % k = 10.0 % e = lead (pb)-free skin pack j (1) = skin pack (j01) (dash number) (up to 2 digits) from 1 to 99 as applicable note (1) tin/lead for type z, lead (pb)-free for type n historical part numbering example: nhl-100-06z 10 ? 5 % j01 nhl-100 06z 10 ? 5 % j01 historical model terminal/finish resistance value tolerance packaging * pb containing terminations are not rohs compliant, exemptions may apply ** please see document vishay material category policy: www.vishay.com/doc?99902 hl10006z1 0r00j j n
www.vishay.com for technical questions, contact: ww2bresistors@vishay.com document number: 30208 2 revision: 23-feb-11 hl, nhl vishay dale wirewound resistors, industrial power, tubular (hl), non-inductive tubular (nhl) dimensions (includes coating and terminal band) note (1) brackets are available for mounting hl series resistors - see mounting hardware section. terminal dimensions terminal finish e finish - 100 % sn coated steel. z finish - 60/40 snpb coated steel. n finish - nickel coated steel. finish for terminal style 14 and 15 limited to nickel plated steel (n). a global model dimensions in inches [millimeters] a (max.) core dimensions terminal setback 0.31 [ 0.79] distance between terminals (ref.) terminal designation bracket types (1) length 0.062 [ 1.59] o.d. i.d. 0.031 [ 0.79] standard optional hl011 0.469 1.750 0.375 0.188 0.094 1.187 02 - 101, 204, 301 nhl011 [11.91] [44.45] [9.53] [4.76] [2.38] hl012 0.406 1.750 0.313 0.188 0.094 1.187 05 14 101, 204, 301 nhl012 [10.32] [44.45] [7.94] [4.76] [2.38] hl015 0.563 1.500 0.438 0.313 0.094 0.937 02 14 101, 203, 301 nhl015 [14.29] [38.10] [11.11] [7.94] [2.38) hl020 0.563 2.000 0.438 0.313 0.094 1.437 02 14 101, 203, 301 nhl020 [14.29] [50.8] [11.11] [7.94] [2.38] hl025 0.688 2.000 0.563 0.313 0.094 1.312 06 15 101, 203, 301 nhl025 [17.46] [50.8] [14.29] [7.94] [2.38] hl026 0.563 3.000 0.438 0.313 0.094 2.437 02 14 101, 203, 301 nhl026 [14.29] [76.2] [11.11] [7.94] [2.38] hl050 0.688 4.000 0.563 0.313 0.094 3.312 06 15 101, 203, 301 nhl050 [17.46] [101.6] [14.29] [7.94] [2.38] hl051 0.906 3.500 0.750 0.500 0.125 2.75 06 15 102, 206, 303 nhl051 [23.02] [88.9] [19.05] [12.70] [3.18] hl060 0.906 4.000 0.750 0.500 0.125 3.250 06 15 102, 206, 303 nhl060 [23.02] [101.6] [19.05] [12.70] [3.18] hl065 0.906 4.500 0.750 0.500 0.125 3.750 06 15 102, 206, 303 nhl065 [23.02] [114.3] [19.05] [12.70] [3.18] hl080 1.313 4.000 1.125 0.500 0.219 2.812 07 15 103, 205, 303 nhl080 [33.34] [101.6] [28.58] [12.70] [5.56] hl100 0.906 6.500 0.750 0.500 0.125 5.750 06 15 102, 206, 303 nhl100 [23.02] [165.1] [19.05] [12.70] [3.18] hl120 1.313 6.000 1.125 0.750 0.219 4.812 07 15 103, 205, 303 nhl120 [33.34] [152.4] [28.58] [19.05] [5.56] hl130 1.313 6.500 1.125 0.750 0.219 5.312 07 15 103, 205, 303 nhl130 [33.34] [165.1] [28.58] [19.05] [5.56] hl160 1.313 8.000 1.125 0.750 0.219 6.812 07 15 103, 205, 303 nhl160 [33.34] [203.2] [28.58] [19.05] [5.56] hl175 1.313 8.500 1.125 0.750 0.219 7.312 07 15 103, 205, 303 nhl175 [33.34] [215.9] [28.58] [19.05] [5.56] hl225 1.313 10.500 1.125 0.750 0.219 9.312 07 15 103, 205, 303 nhl225 [33.34] [266.7] [28.58] [19.05] [5.56] d styles 14 and 15 b a c b d c a style 02 thru 07 dimension terminal style 02 05 06 07 14 15 a 0.188 0.188 0.250 0.375 0.188 0.250 [4.76] [4.76] [6.35] [9.53] [4.76] [6.35] b 0.406 0.438 0.563 0.625 0.563 0.594 [10.32] [11.11] [14.29] [15.88] [14.29] [15.08] c 0.093 0.104 0.166 0.173 0.050 0.065 [2.36] [2.64] [4.22] [4.39] [1.27] [1.65] d 0.020 0.020 0.020 0.020 0.020 0.031 [0.51] [0.51] [0.51] [0.51] [0.51] [0.79]
document number: 30208 for tec hnical questions, contact: ww2bresistors@vishay.com www.vishay.com revision: 23-feb-11 3 hl, nhl wirewound resistors, industr ial power, tubular (hl), non-inductive tubular (nhl) vishay dale mounting hardware mounting hardware is available for hl resistors, see hl brackets and sliders data sheet for more information: www.vishay.com/doc?30279 material specifications element: copper-nickel alloy of nickel-chrome alloy, depending on resistance value core: ceramic, steatite coating: special high temperature silicone standard terminals: model e terminals are tinned steel terminal bands: steel part marking: vishay dale, model, wattage, value, tolerance, date code nhl non-inductive models of equivalent physical and electrical specifications are available with non-inductive (aryton-perry) winding. they are identified by adding the letter n to the front of the hl type designation (nhl225 for example). for nhl models maximum resistance values are lower, see standard electrical specifications table. derating technical specifications parameter unit hl, nhl resistor characteristics temperature coefficient ppm/c 30 for 10 ? and above; 50 for 1 ? to 9.9 ? ; 90 for 0.1 ? to 0.99 ? short time overload - 10 x rated power for 5 s dielectric withstanding voltage v ac 1000, from terminal to mounting hardware maximum working voltage v ( p x r ) 1/2 insulation resistance ? 1000 m ? minimum dry, 100 m ? minimum after moisture test operating temperature range c - 55 to + 350 performance test conditions of test test limits thermal shock rated power applied until thermally stable, then a minimum of 15 min at - 55 c (2.0 % + 0.05 ? ) ? r short time overload 10 x rated power for 5 s (2.0 % + 0.05 ? ) ? r dielectric withstan ding voltage 1000 v rms for 1 min (0.1 % + 0.05 ? ) ? r low temperature storage - 55 c for 24 h (2.0 % + 0.05 ? ) ? r high temperature exposure 250 h at + 350 c (2.0 % + 0.05 ? ) ? r humidity 75 c, 90 % to 100 % rh, 240 h (5.0 % + 0.05 ? ) ? r load life 1000 h at rated power, + 25 c, 1.5 h on, 0.5 h off (3.0 % + 0.05 ? ) ? r moisture resistance mil-std-202 method 106, 7b not applicable (2.0 % + 0.05 ? ) ? r shock, specified pulse mil-std-202 method 213, 100 g ?s for 6 ms, 10 shocks (0.2 % + 0.05 ? ) ? r vibration, high frequency frequency varied 10 hz to 2000 hz, 20 g peak, 2 directions 6 h each (0.2 % + 0.05 ? ) ? r - 65 - 50 0 50 150 250 350 ambient temperature in c 120 100 80 60 40 20 0 rated power in % 25
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of NHL16007Z750R0JJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X