Part Number Hot Search : 
MAX2385 68HC70 00568 1N5406GP ACT25 FTSO2369 APT50M BT101
Product Description
Full Text Search
 

To Download MTFDDAT128MAM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c400 msata nand flash ssd MTFDDAT128MAM, mtfddat256mam features ? micron ? 25nm mlc nand flash ? rohs-compliant package ? sata 6 gb/s interface ? ata modes supported C pio mode 3, 4 C multiword dma mode 0, 1, 2 C ultra dma mode 0, 1, 2, 3, 4, 5 ? industry-standard, 512-byte sector size support ? native command queuing support with 32-com- mand slot support ? ata-8 acs2 command set compliant ? ata security feature command set and password login support ? secure erase (data page) command set: fast and se- cure erase ? self-monitoring, analysis, and reporting technology (smart) command set ? performance 1, 2 C sequential 128k read: up to 500 mb/s C sequential 128k write: up to 260 mb/s C random 4k read: up to 45,000 iops C random 4k write: up to 50,000 iops C pcmark ? vantage (hdd test suite score): up to 75,000 C read/write latency: 55s (typ) ? reliability C mttf: 1.2 million device hours 3 C static and dynamic wear leveling C uncorrectable bit error rate (uber): <1 sector per 10 15 bits read ? low power consumption C <200mw typ 4 ? endurance: total bytes written (tbw) C 72tb ? capacity 5 (unformatted): 128gb, 256gb ? mechanical C 5mm height C msata connector: 3.3v 5% C caseless design: 50.80mm x 29.85mm x 3.75mm C weight: 10g (max) ? field-updateable firmware ? operating temperature C commercial (0c to +70c) 6 notes: 1. typical i/o performance numbers as meas- ured using iometer with a queue depth of 32 and write cache enabled. 2. 4k transfers used for read/write latency values. 3. the product achieves a mean time to failure (mttf) based on population statistics not relevant to individual units. 4. active power measured during execution of mobilemark ? 2007 with dipm (device-initi- ated power management) enabled. 5. 1gb = 1 billion bytes; formatted capacity is less. 6. drive case temperature. warranty : contact your micron sales representative for further information regarding the product, including product warranties. c400 msata nand flash ssd features pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 1 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. products and specifications discussed herein are subject to change by micron without notice. free datasheet http:///
part numbering information microns realssd ? c400 ssd is available in different configurations and densities. visit www.micron.com for a list of valid part numbers. figure 1: part number chart mt fd d at xxx m am - 1 k x es micron technology product family fd = flash drive drive interface d = sata 6.0 gb/s drive form factor at = msata drive density 128 = 128gb 256 = 256gb nand flash type m = mlc product family am = c400 sector size 1 = 512-byte production status blank = production es = engineering sample operating temperature range blank = commercial (0c to +70c) hardware feature set blank = null aa = contact factory ab = contact factory ac = contact factory firmware feature set blank = null 1 = contact factory 2 = contact factory bom revision for example: 1 = 1st generation nand flash component j = 32gb, mlc, x8, 3.3v (25nm) k = 64gb, mlc, x8, 3.3v (25nm) x xx c400 msata nand flash ssd features pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 2 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
general description microns realssd solid state drive (ssd) uses a single-chip controller with a sata inter- face on the system side and n-channels of micron nand flash internally. packaged in an jedec-standard msata form factor, the ssd integrates easily in existing storage in- frastructures. the ssd is designed to use the sata interface efficiently during both reads and writes while delivering bandwidth-focused performance. ssd technology enables en- hanced boot times, faster application load times, reduced power consumption, and ex- tended reliability. figure 2: functional block diagram nand sata nand nand nand ssd controller dram buffer nand c400 msata nand flash ssd general description pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 3 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
logical block address configuration the drive is set to report the number of logical block addresses (lba) that will ensure sufficient storage space for the specified density. standard lba settings, based on the idema standard (lba1-02), are shown below. table 1: standard lba settings drive size total lba max lba user available bytes decimal hexadecimal decimal hexadecimal (unformatted) 128gb 250,069,680 ee7c2b0 250,069,679 ee7c2af 128,035,676,160 256gb 500,118,192 1dcf32b0 500,118,191 1dcf32af 256,186,209,271 physical configuration table 2: msata dimensions and weight value unit width 29.85 mm (nom) length 50.80 mm (nom) unit weight 10 g (max) height 3.75 mm (max) c400 msata nand flash ssd logical block address configuration pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 4 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
interface connectors figure 3: ssd interface connections p1 p15 primary side secondary side p17 p51 p52 p18 p16 p2 table 3: signal assignments primary side secondary side pin # signal name description pin # signal name description 1 reserved no connect 2 3v3 +3.3v 3 reserved no connect 4 gnd ground 5 reserved no connect 6 1v5 no connect 7 reserved no connect 8 reserved no connect 9 gnd ground 10 reserved no connect 11 reserved no connect 12 reserved no connect 13 reserved no connect 14 reserved no connect 15 gnd ground 16 reserved no connect 17 reserved no connect 18 gnd ground 19 reserved no connect 20 reserved no connect 21 gnd ground 22 reserved no connect 23 +b differential signal pair +b and -b 24 3v3 +3.3v 25 -b 26 gnd ground 27 gnd ground 28 1v5 no connect 29 gnd ground 30 twi two-wire interface 31 -a differential signal pair +a and -a 32 twi 33 +a 34 gnd ground 35 gnd ground 36 reserved no connect 37 gnd ground 38 reserved no connect 39 3v3 +3.3v 40 gnd ground 41 3v3 +3.3v 42 reserved no connect 43 nc no connect 44 reserved no connect 45 optional no connect 46 reserved no connect 47 optional no connect 48 1v5 no connect 49 da/dss drive activity led 50 gnd ground 51 presence presence detection 52 3v3 +3.3v c400 msata nand flash ssd interface connectors pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 5 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
performance measured performance can vary for a number of reasons. the major factors affecting drive performance are the density of the drive and the interface of the host. additional- ly, overall system performance can affect the measured drive performance. when com- paring drives, it is recommended that all system variables are the same, and only the drive being tested varies. performance numbers will vary depending on the host system configuration. table 4: drive performance density 128gb 256gb unit interface speed 6 gb/s 6 gb/s sequential read (128k transfer) 500 500 mb/s sequential write (128k transfer) 175 260 mb/s random read (4k transfer) 45,000 45,000 iops random write (4k transfer) 35,000 50,000 iops read latency 55 55 s write latency 55 55 s pcmark vantage 65,000 75,000 hdd score notes: 1. typical i/o performance numbers as measured using iometer with a queue depth of 32 and write cache enabled. 2. iometer measurements are performed on an 8gb span. 3. 4k transfers used for read/write latency values. 4. system variations may affect measured results. 5. performance numbers are indicative of c400 firmware version 0009 and newer. c400 msata nand flash ssd performance pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 6 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
reliability microns ssds incorporate advanced technology for defect and error management. they use various combinations of hardware-based error correction algorithms and firmware-based static and dynamic wear-leveling algorithms. over the life of the ssd, uncorrectable errors may occur. an uncorrectable error is de- fined as data that is reported as successfully programmed to the ssd but when it is read out of the ssd, the data differs from what was programmed. table 5: uncorrectable bit error rate uncorrectable bit error rate operation <1 sector per 10 15 bits read read mean time to failure mean time to failure (mttf) for the ssd can be predicted based on the component reli- ability data using the methods referenced in the telcordia sr-332 reliability prediction procedures for electronic equipment. table 6: mttf density mttf (operating hours) 1 128gb 1.2 million 256gb 1.2 million note: 1. the product achieves a mean time to failure (mttf) of 1.2 million hours, based on popu- lation statistics not relevant to individual units. endurance endurance for the ssd can be predicted based on the usage conditions applied to the device, the internal nand component cycles, the write amplification factor, and the wear-leveling efficiency of the drive. the table below shows the drive lifetime for each ssd density based on predefined usage conditions. table 7: drive lifetime density drive lifetime (total bytes written) 128gb 72tb 256gb 72tb notes: 1. total bytes written calculated with the drive 90% full. 2. access patterns are 50% sequential and 50% random and consist of the following: 5% are 4k; 5% are 8k; 10% are 16k; 10% are 32k; 35% are 64k; and 35% are 128k. 3. gb/day can be calculated by dividing the total bytes written value by (365 number of years). for example: 72 tb/5 years/365 days = 40 gb/day for 5 years. c400 msata nand flash ssd reliability pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 7 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
electrical characteristics stresses greater than those listed may cause permanent damage to the device. this is a stress rating only, and functional operation of the device at these or any other condi- tions above those indicated in the operational sections of this specification is not im- plied. exposure to absolute maximum rating conditions for extended periods may affect reliability. table 8: msata power consumption density idle average active average sequential write/read maximum (128k transfer) unit 128gb <85 150 3500 2000 mw 256gb <85 160 4000 2200 mw notes: 1. data taken at 25c using a 6 gb/s sata interface. 2. active average power measured while running mobilemark ? 2007 productivity suite. 3. dipm (device-initiated power management) enabled. 4. sequential power measured in iometer max with 128kb transfer size. table 9: maximum ratings parameter/condition symbol min max unit voltage input 3v3 3.14 3.46 v operating temperature t c 0 70 c non-operating temperature C40 85 c rate of temperature change C 20 c/hour relative humidity (non-condensing) 5 95 % notes: 1. temperature is best measured with a thermocouple attached to the center point of the drive controller asic package. this is the larger package closest to the interface connec- tor on the primary side. refer to package dimensions for details. 2. supply voltage slew rate during asynchronous power-down should follow a slope of no steeper than 60 mv/ms. 3. power-off sequence: when the micron c400 ssd is shut down, the ata standby imme- diate (stbi) command should be the last command sent by the host and acknowledged by the ssd. failure to follow this process could result in a longer than normal time-to- ready (ttr) during the subsequent power-on sequence. ttr is the time from power-on to drive ready to accept sata commands. table 10: shock and vibration parameter/condition specification operating shock 1500 g/1.0ms operating vibration 2C500hz at 3.1g c400 msata nand flash ssd electrical characteristics pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 8 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
device id table 11: identity device see note 1 for setting definitions word bit(s) setting default value description 0 general configuration bit-significant information 15 f 0b 0 = ata device 14C8 x 0000100b retired 7 f 0b 1 = removable media device 6 f 1b obsolete 5C3 x 000b retired 2 v 0b response incomplete 1 x 0b retired 0 f 0b reserved 1 3fffh obsolete 2 f c837h specific configuration 3 f 0010h obsolete 4 f 0000h 0000h retired 6 f 003fh obsolete 7 (o)v 0000h 0000h reserved for assignment by the compactflash ? association 9 ( )x 0000h retired 10 (m)f varies serial number (20 ascii characters) 20 ( )x 0000h 0000h 0000h retired/obsolete 23 (m)f varies firmware revision (8 ascii characters) 27 (m)f varies model number (40 ascii characters) 47 15C8 f 80h 80h 7C0 f 10h 00h = reserved 01h-ffh = maximum number of logical sectors that shall be transferred per drq data block on read/write multiple commands 48 trusted computing feature set options 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13C1 f 0000000000000b reserved for the trusted computing group 0 f 0b 1=trusted computing feature set is support c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 9 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 49 capabilities 15C14 f 00b reserved for the identify packet device command. 13 f 1b 1 = standby timer values as specified in this standard are supported 0 = standby timer values shall be managed by the device 12 f 0b reserved for the identify packet device command. 11 f 1b 1= iordy supported 0 = iordy may be supported 10 f 1b 1 = iordy may be disabled 9 1b 1 = lba supported 8 f 1b 1 = dma supported. 7C0 f 00000000b retired 50 capabilities 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13C2 f 000000000000b reserved 1 x 0b obsolete 0 f 1b shall be set to one to indicate a vendor specific standby tim- er value minimum. 51 ( )x 0000h 0000h obsolete 53 15C3 f 0000000000000b reserved 2 f 1b 1 = the fields reported in word 88 are valid 0 = the fields reported in word 88 are not valid 1 f 1b 1 = the fields reported in words (70:64) are valid 0 = the fields reported in words (70:64) are not valid 0 x 1b obsolete 54 ()x 3fffh 0010h 003fh fc10h 00fbh obsolete 59 15 f 0b 1 = the block erase ext command is supported 14 f 0b 1 = the overwrite ext command is supported 13 f 0b 1 = the crypto scramble ext command is supported 12 f 0b 1 = the sanitize feature set is supported 11C9 f 000b reserved 8 v 1b 1 = multiple sector setting is valid 7C0 v 00000001b xxh = current setting for number of logical sectors that shall be transferred per drq data block on read/write multi- ple commands 60 m(f) varies by capacity total number of user addressable logical sectors c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 10 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 62 ()x 0000h obsolete 63 15C11 f 00000b reserved 10 v 0b 1 = multiword dma mode 2 is selected 0 = multiword dma mode 2 is not selected 9 v 0b 1 = multiword dma mode 1 is selected 0 = multiword dma mode 1 is not selected 8 v 0b 1 = multiword dma mode 0 is selected 0 = multiword dma mode 0 is not selected 7C3 f 0000b reserved 2 f 1b 1 = multiword dma mode 2 and below are supported 1 f 1b 1 = multiword dma mode 1 and below are supported 0 f 1b 1 = multiword dma mode 0 is supported 64 15C8 f 0 reserved 7C0 f 03h pio modes supported 65 f 0078h minimum multiword dma transfer cycle time per word cycle time in nanoseconds 66 f 0078h manufacturer's recommended multiword dma transfer cy- cle time cycle time in nanoseconds 67 f 0078h minimum pio transfer cycle time without flow control cycle time in nanoseconds 68 f 0078h minimum pio transfer cycle time with iordy flow control cycle time in nanoseconds 69 f additional supported 15 f 0b 1 = cfast specification support 14 f 1b 1 = deterministic read after trim is supported 13 f 0b 1 = long physical sector alignment error reporting control is supported 12 f 0b 1 = device configuration identify dma and device configuration set dma are supported 11 f 0b 1 = read buffer dma is supported 10 f 0b 1 = write buffer dma is supported 9 f 0b 1 = set max password dma and set max unlock dma are supported 8 f 0b 1 = download microcode dma is supported 7 f 0b reserved for ieee-1667 6 f 0b 1 = optional ata device 28-bit commands supported 5 f 0b 1 = read zero after trim is supported 4C0 f 00000b reserved 70 f 0000h reserved c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 11 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 71 f 0000h 0000h 0000h 0000h reserved for the identify packet device command 75 queue depth 15C5 f 00000000000b reserved 4C0 f 11111b maximum queue depth - 1 76 serial ata capabilities 15C13 f 000b reserved 12 f 1b supports native command queuing priority information 11 f 0b supports unload while ncq commands outstanding 10 f 1b supports phy event counters 9 f 1b supports receipt of host initiated interface power manage- ment requests note: hipm is disabled (bit 9 = 0) for firmware versions 000g and newer 8 f 1b supports native command queueing 7C4 f 0000b reserved for future serial ata signaling speed grades 3 f 1b 1 = supports serial ata gen-3 speed (6.0 gb/s) 2 f 1b 1 = supports serial ata gen-2 speed (3.0 gb/s) 1 f 1b 1 = supports serial ata gen-1 speed (1.5 gb/s) 0 f 0b reserved (set to 0) 77 serial ata additional capabilities 15C6 f 0000000000b reserved for future serial ata definition 5 f 0b supports ncq queue management command 4 f 0b supports ncq streaming 3C1 v 010b coded value indicating current negotiated serial ata signal speed 0 f 0b shall be cleared to zero 78 serial ata features supported 15C7 f 000000000b reserved 6 f 1b 1 = supports software settings preservation 5 f 0b reserved 4 f 0b 1 = supports in-order data delivery 3 f 1b 1 = supports dev initiate interface power management 2 f 1b 1 = supports dma setup auto-activate optimization 1 f 0b 1 = supports non-zero buffer offsets in dma setup fis 0 f 0b reserved (set to 0) c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 12 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 79 serial ata features enabled 15C7 v 000000000b reserved 6 v 1b 1 = software settings preservation enabled 5 v 0b 1 = asynchronous notification enabled 4 v 0b 1 = in-order data delivery enabled 3 v 0b 1 = device initiating interface power management enabled 2 v 0b 1 = dma setup auto-activate optimization enabled 1 v 0b 1 = non-zero buffer offsets in dma setup fis enabled 0 v 0b reserved (set to 0) 80 major revision number 15C10 f 000000b reserved 9 f 1b 1 = supports ata8-acs2 8 f 1b 1 = supports ata8-acs 7 f 1b 1 = supports ata/atapi-7 6 f 1b 1 = supports ata/atapi-6 5 f 1b 1 = supports ata/atapi-5 4 f 1b 1 = supports ata/atapi-4 3 f 1b obsolete 2 s 0b obsolete 1 s 0b obsolete 0 f 0b reserved 81 f 0028h minor revision number 0028h = ata8-acs version 6 c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 13 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 82 command set supported 15 x 0b obsolete 14 f 1b 1 = nop command supported 13 f 1b 1 = read buffer command supported 12 f 1b 1 = write buffer command supported 11 x 0b obsolete 10 f 1b 1 = host protected area feature set supported 9 f 0b 1 = device reset command supported 8 f 0b 1 = service interrupt supported 7 f 0b 1 = release interrupt supported 6 f 1b 1 = read look-ahead supported 5 f 1b 1 = write cache supported 4 f 0b shall be cleared to zero to indicate that the packet feature set is not supported. 3 f 1b 1 = mandatory power management feature set supported 2 f 0b obsolete 1 f 1b 1 = security feature set supported 0 f 1b 1 = smart feature set supported 83 command set supported 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13 f 1b 1 = flush cache ext command supported 12 f 1b 1 = mandatory flush cache command supported 11 f 1b 1 = device configuration overlay feature set supported 10 f 1b 1 = 48-bit address feature set supported 9 f 0b 1 = automatic acoustic management feature set supported 8 f 1b 1 = set max security extension supported 7 f 0b see address offset reserved area boot incits tr27:2001 6 f 0b 1 = set features subcommand required to spin-up after power-up 5 f 0b 1 = power-up in standby feature set supported 4 f 0b obsolete 3 f 1b 1 = advanced power management feature set supported 2 f 0b 1 = cfa feature set supported 1 f 0b 1 = read/write dma queued supported 0 f 1b 1 = download microcode command supported c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 14 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 84 command set/feature supported extension 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13 f 1b 1 = idle immediate with unload feature supported 12 f 0b reserved for technical report incits tr-37-2004 (tlc) 11 f 0b reserved for technical report incits tr-37-2004 (tlc) 10C9 f 00b obsolete 8 f 1b 1 = 64-bit word wide name supported 7 f 0b 1 = write dma queued fua ext command supported 6 f 1b 1 = write dma fua ext and write multiple fua ext commands supported 5 f 1b 1 = general purpose logging feature set supported 4 f 0b 1 = streaming feature set supported 3 f 0b 1 = media card pass through command feature set suppor- ted 2 f 0b 1 = media serial number supported 1 f 1b 1 = smart self-test supported 0 f 1b 1 = smart error logging supported 85 command set/feature enabled. 15 x 0b obsolete 14 f 1b 1 = nop command supported 13 f 1b 1 = read buffer command supported 12 f 1b 1 = write buffer command supported 11 x 0b obsolete 10 v 1b 1 = host protected area feature set enabled 9 f 0b 1 = device reset command supported 8 v 0b 1 = service interrupt enabled 7 v 0b 1 = release interrupt enabled 6 v 1b 1 = look-ahead enabled 5 v 1b 1 = write cache enabled 4 f 0b shall be cleared to zero to indicate that the packet feature set is not supported. 3 f 1b power management feature set is enabled 2 f 0b obsolete 1 v 0b 1 = security mode feature set enabled 0 v 1b 1 = smart feature set enabled c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 15 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 86 command set/feature enabled. 15 1b 1 = words 120-119 are valid 14 f 0b 1 = reserved 13 f 1b 1 = flush cache ext command supported 12 f 1b 1 = flush cache command supported 11 f 1b 1 = device configuration overlay supported 10 f 1b 1 = 48-bit address features set supported 9 v 0b 1 = automatic acoustic management feature set enabled 8 f 0b 1 = set max security enabled by set max set password 7 f 0b reserved for address offset reserved area boot, incits tr27:2001 6 f 0b 1 = set features subcommand required to spin-up after power-up 5 v 0b 1 = power-up in standby feature set enabled 4 v 0b obsolete 3 v 1b 1 = advanced power management feature set enabled 2 f 0b 1 = cfa feature set supported 1 f 0b 1 = read/write dma queued command supported 0 f 1b 1 = download microcode command supported 87 command set/feature enabled/supported 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13 f 1b 1 = idle immediate with unload feature supported 12 v 0b reserved for technical report- incits tr-37-2004 (tlc) 11 v 0b reserved for technical report- incits tr-37-2004 (tlc) 10C9 f 00b obsolete 8 f 1b 1 = 64-bit word wide name supported 7 f 0b 1 = write dma queued fua ext command supported 6 f 1b 1 = write dma fua ext and write multiple fua ext commands supported 5 f 1b 1 = general purpose logging feature set supported 4 v 0b obsolete 3 v 0b 1 = media card pass through command feature set suppor- ted 2 v 0b 1 = media serial number is valid 1 f 1b 1 = smart self-test supported 0 f 1b 1 = smart error logging supported c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 16 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 88 0b ultra dma modes 15 0b reserved 14 0b 1 = ultra dma mode 6 is selected 0 = ultra dma mode 6 is not selected 13 0b 1 = ultra dma mode 5 is selected 0 = ultra dma mode 5 is not selected 12 0b 1 = ultra dma mode 4 is selected 0 = ultra dma mode 4 is not selected 11 0b 1 = ultra dma mode 3 is selected 0 = ultra dma mode 3 is not selected 10 0b 1 = ultra dma mode 2 is selected 0 = ultra dma mode 2 is not selected 9 0b 1 = ultra dma mode 1 is selected 0 = ultra dma mode 1 is not selected 8 0b 1 = ultra dma mode 0 is selected 0 = ultra dma mode 0 is not selected 7 0b reserved 6 0b 1 = ultra dma mode 6 and below are supported 5 1b 1 = ultra dma mode 5 and below are supported 4 1b 1 = ultra dma mode 4 and below are supported 3 1b 1 = ultra dma mode 3 and below are supported 2 1b 1 = ultra dma mode 2 and below are supported 1 1b 1 = ultra dma mode 1 and below are supported 0 1b 1 = ultra dma mode 0 is supported 89 (o)f 0001h time required for security erase unit completion 90 (o)f 0001h time required for enhanced security erase completion 91 (o)v 00feh current advanced power management value 92 (o)v fffeh master password revision code c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 17 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 93 shall be 0000h for sata devices 15 0b shall be cleared to zero 14 0b shall be set to one 13 0b 1 = device detected cblid-above v ih 0 = device detected cblid-below v il device 1 hardware reset result device 0 shall clear these bits to zero device 1 shall set these bits as follows: 12 0b reserved 11 0b 0 = device 1 did not assert pdiag- 1 = device 1 asserted pdiag- 10C9 these bits indicate how device 1 determined the device number: 00 = reserved 01 = a jumper was used 10 = the csel signal was used 11 = some other method was used or the method is un- known 8 0b shall be set to one device 0 hardware reset result. device 1 shall clear these bits to zero. device 0 shall set these bits as follows: 7 0b reserved 6 0b 0 = device 0 does not respond when device 1 is selected. 1 = device 0 responds when device 1 is selected. 5 0b 0 = device 0 did not detect the assertion of dasp- 1 = device 0 detected the assertion of dasp- 4 0b 0 = device 0 did not detect the assertion of pdiag- 1 = device 0 detected the assertion of pdiag- 3 0b 0 = device 0 failed diagnostics. 1 = device 0 passed diagnostics. 2C1 00b these bits indicate how device 0 determined the device number: 00 = reserved 01 = a jumper was used 10 = the csel signal was used 11 = some other method was used or the method is un- known 0 0b shall be set to one 94 15C8 f 00h vendor's recommended acoustic management value 7C0 v 00h current automatic acoustic management value 95 (o)v 0000h stream minimum request size c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 18 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 96 (o)v 0000h streaming transfer time - dma 97 (o)v 0000h streaming access latency - dma and pio 98 (o)f 0000h 0000h streaming performance granularity(98-99) 100 v varies by capacity maximum user lba for 48-bit address feature set 104 (o)v 0000h streaming transfer time - pio 105 ( )f 0008h maximum number of 512-byte blocks of lba range entries per data set management command 106 physical sector size / logical sector size 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13 f 0b 1 = device has multiple logical sectors per physical sector 12 f 0b 1 = device logical sector longer than 256 words 11C4 f 00000000b reserved 3C0 f 0000b 2^x logical sectors per physical sector 107 (o)f 0000h inter-seek delay for iso-7779 acoustic testing in microsec- onds 108 15C12 f 0101b naa (3-0) 11C0 000000001010b ieee oui (23-12) 109 15C4 f 000001110101b ieee oui (11-0) 3C0 varies unique id (35-32) 110 (m)f varies 5-0 unique id (31-16) 111 (m)f varies unique id (15-0) 112 (o)f 0000h 0000h 0000h 0000h reserved for 128 bit world wide name extension to 128 bits 116 (o)v 0000h reserved for incits tr-37-2004 117 (o)f 0000h 0000h words per logical sector c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 19 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 119 commands and feature sets supported (continued from words 84-82) 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13C6 f 00000001b reserved 5 f 0b 1 = free-fall control feature set is supported 4 f 1b 1 = the download microcode command with mode 3 is supported 3 f 1b 1 = read log dma ext and write log dma ext com- mands are supported 2 f 1b 1 = the write-read-verify feature set is supported 1 f 1b 1 = feature set "disable data transfer after error detec- tion" is supported 0 f 0b reserved for ddt 120 commands and feature sets supported or enabled (contin- ued from words 87-85) 15 0b shall be cleared to zero 14 1b shall be set to one 13C6 00000000b reserved 5 0b 1 = free-fall control feature set is enabled 4 1b 1 = the download microcode command with mode 3 is supported 3 1b 1 = the read log dma ext and write log dma ext commands are supported 2 1b 1 = the write uncorrectable ext command is supported 1 0b 1 = the write-read-verify feature set is enabled 0 0b 1= feature set "disable data transfer after error detection" is enabled 0 = feature set "disable data transfer after error detec- tion" is disabled 121 f 0000h 0000h 0000h 0000h 0000h 0000h reserved for expanded supported and enabled settings 127 (o) 0000h obsolete c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 20 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 128 security status 15C9 f 0000000b reserved 8 v 0b security level 0 = high, 1 = maximum 7C6 f 00b reserved 5 f 1b 1 = enhanced security erase supported 4 v 0b 1 = security count expired 3 v 0b 1 = security frozen 2 v 0b 1 = security locked 1 v 0b 1 = security enabled 0 f 1b 1 = security supported 129 ( )x vendor specific data vendor specific 160 cfa power mode 1 15 f 0b word 160 supported 14 f 0b reserved 13 f 0b cfa power mode 1 is required for one or more commands implemented by the device 12 v 0b cfa power mode 1 disabled 11C0 f 000000000000b maximum current in ma 161 x 0000h 0000h 0000h 0000h 0000h 0000h 0000h reserved for assignment by the compactflash association 168 15C4 f 000h reserved 3-0 f 5h device nominal form factor 169 data set management command support 15C1 f 000000000000000 b reserved 0 f 1b 1 = the trim bit in the data set management command is supported 170 f 0000h 0000h 0000h 0000h additional product identifier 174 f 0000h 0000h reserved 176 (o)v varies current media serial number (60 ascii characters) c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 21 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 206 sct command transport 15C12 x 0000b vendor specific 11C6 f 000000b reserved 5 f 1b sct command transport data tables supported 4 f 1b ct command transport features control supported 3 f 1b sct command transport error recovery control supported 2 f 1b sct command transport write same supported 1 f 0b sct command transport long sector access supported 0 f 1b sct command transport supported 207 ( )f 0000h 0000h reserved for ce-ata 209 (o) alignment of logical blocks within a larger physical block 15 f 0b shall be cleared to zero 14 f 1b shall be set to one 13C0 f 00000000000000b 'logical sector' offset within the first physical sector where the first logical sector is placed. 210 (o)v 0000h 0000h write-read-verify sector count mode 3 only 212 (o)f 0000h 0001h verify sector count mode 2 only 214 (o) nv cache capabilities 15C12 f 0000b nv cache feature set version 11C8 f 0000b nv cache power mode feature set version 7C5 f 000b reserved 4 v 0b 1 = nv cache feature set enabled 3C2 f 00b reserved 1 v 0b 1 = nv cache power mode feature set enabled 0 f 0b 1 = nv cache power mode feature set supported 215 (o)v 0000h nv cache size in logical blocks (lsw) 216 (o)v 0000h nv cache size in logical blocks (msw) 217 (m)f 0001h nominal media rotation rate (ata8-acs 1699-d revision 6) nv cache read transfer speed in mb/s (ata8-acs 1699-d revision 3f) 218 (o)v 0000h nv cache write transfer speed in mb/s 219 nv cache options 15C8 f 00h reserved 7C0 f 00h device estimated time to spin up in seconds 220 15C8 f 00h reserved 7C0 v 00h write-read-verify feature set current mode 221 0000h reserved c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 22 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 11: identity device (continued) see note 1 for setting definitions word bit(s) setting default value description 222 transport major revision number. 0000h or ffffh = device does not report version 15C12 0001b transport type - 0 = parallel, 1 = serial, 2-15 = reserved parallel (type = 0) serial (type = 1) 11C6 000000b reserved reserved 5 1b reserved sata rev 3.0 4 1b reserved sata rev 2.6 3 1b reserved sata rev 2.5 2 1b reserved sata ii: extensions 1 1b reserved sata 1.0a 0 1b ata8-apt ata8-ast 223 (m)f 0000h transport minor revision number 224 ( )f 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h reserved for ce-ata 234 (o)f 0001h minimum number of 512 byte units per download mi- crocode command for mode 3 235 00ffh maximum number of 512 byte units per download mi- crocode command for mode 3 236 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h 0000h reserved 255 (m)f integrity word 15C8 varies checksum 7C0 a5h signature note: 1. f = the content of the word is fixed and does not change. v = the content of the word is variable and may change depending on the state of the device or the commands executed by the device. x = the content of the word may be fixed or variable. r = the content of the word is reserved and will be zero. c400 msata nand flash ssd device id pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 23 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
commands table 12: supported ata command set see ata-8 standard for command details command name command code (hex) check power mode 98h or e5h device configuration restore b1h/c1h device configuration freeze lock b1h/c3h device configuration identify b1h/c1h device configuration set b1h/c3h download microcode 92h execute device diagnostic 90h flush cache e7h flush cache ext eah identify device ech idle e3h or 97h idle immediate e1h or 95h initialize device parameters 91h nop 00h read buffer e4h read dma (with retry) c8h read dma (without retry) c9h read dma ext 25h read fpdma queued 60h read log ext 2fh read multiple c4h read multiple ext 29h read native max address f8h read native max address ext 27h read sector(s) ext 24h read sector(s) (with retry) 20h read sector(s) (without retry) 21h read verify sector ext 42h read verify sector(s) (with retry) 40h sct write same 02h/0001h 02h/0002h 02h/0101h 02h/0102h sct return error recovery control 030h/01h sct set error recovery control 03h/01h sct set feature control 04h/01h sct return feature control 04h/02h c400 msata nand flash ssd commands pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 24 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 12: supported ata command set (continued) see ata-8 standard for command details command name command code (hex) sct return feature option flag 04h/03h sct return sct data table 05h/01h security disable password f6h security erase prepare f3h security erase unit f4h security freeze lock f5h security set password f1h security unlock f2h seek 7xh set features efh set max address f9h set max C freeze lock f9h/04h set max C lock f9h/02h set max address ext 37h set multiple mode c6h set max C set password f9h/01h set max C unlock f9h/03h sleep e6h or 99h smart disable operations b0h/d9h smart enable operations b0h/d8h smart enable/disable autosave b0h/d2h smart execute off-line immediate b0h/d4h smart read data b0h/d0h smart read log sector b0h/d5h smart return status b0h/dah smart write log b0h/d6h standby e2h or 96h standby immediate e0h or 94h write buffer e8h write dma (with retry) cah write dma (without retry) cbh write dma ext 35h write dma fua ext 3dh write fpdma queued 61h write log ext 3fh write multiple c5h write multiple ext 39h c400 msata nand flash ssd commands pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 25 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
table 12: supported ata command set (continued) see ata-8 standard for command details command name command code (hex) write multiple fua ext ceh write sector(s) (with retry) 30h write sector(s) ext 34h write uncorrectable ext 45h c400 msata nand flash ssd commands pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 26 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
compliance micron ssds comply with the following: ? rohs green ? ce (europe): en55022, 2006 class b and en55024, 1998 + a1: 2001 + a2:2003 ? fcc: cfr title 47, part 15, ices-003, all class b ? ul (us): approval to ul-60950-1, 2nd edition, 2007-03-27, iec 60950-1:2005, 2nd ed- ition ? bsmi (taiwan): approval to cns 13438 ? c-tick (australia, new zealand): approval to as/nzs cispr22 ? kcc rrl (korea): approval to kcc mu2-c30025, kcc mu2-c30018 class b ? w.e.e.e.: compliance with eu weee directive 2002/96/ec. additional obligations may apply to customers who place these products in the markets where weee is en- forced. ? tuv (germany): approval to iec60950/en60950 ? v cci ? ic (canada): - this class b digital apparatus complies with canadian ices-003. - cet appareil numrique de la classe b est conforme la norme nmb-003 du canada. fcc rules this equipment has been tested and found to comply with the limits for a class b digital device, pursuant to part 15 of the fcc rules. these limits are designed to provide rea- sonable protection against harmful interference in a residential installation. this equip- ment generates, uses, and can radiate radio frequency energy and, if not installed and used in accordance with the instructions, may cause harmful interference to radio com- munications. however, there is no guarantee that interference will not occur in a partic- ular installation. if this equipment does cause harmful interference to radio or televi- sion reception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct the interference by one or more of the following meas- ures: ? reorient or relocate the receiving antenna. ? increase the separation between the equipment and the receiver. ? connect the equipment into an outlet on a circuit different from that to which the re- ceiver is connected. ? consult the dealer or an experienced radio/tv technician for help. c400 msata nand flash ssd compliance pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 27 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
package dimensions figure 4: msata package C 50.80mm 1.35mm 0.053in 1.40mm 0.055in 5.27mm 0.207in 3.11mm 0.122in 4.34mm 0.171in 5.69mm 0.224in 29.85mm 1.175in 50.80mm 2.000in 2.75mm 0.108in 3.53mm 0.139in (2 plcs) 2.08mm 0.082in 2.08mm 0.082in 11.08mm 0.436in 2.83mm 0.111in 2.83mm 0.111in 2.60mm 0.102in (2 plcs) dia thru 1.00mm 0.039in (2 plcs) rad 1.00mm 0.039in 0.75mm 0.030in rad 3.75mm 0.148in p1 c400 msata nand flash ssd package dimensions pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 28 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
references ? serial ata: high-speed serialized at attachment, serial ata working group, available at www.sata-io.org ? sata 3.0 gold ? ata-8 acs2 ? jedec mo-300b (msata ssd assembly) c400 msata nand flash ssd references pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 29 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///
revision history rev. d C 8/12 ? changed mtbf to mttf. ? added new power-off sequence note to maximum ratings table. ? updated note 3 (gb/day) under drive lifetime table. ? added new note to word 76 in device id table. rev. c C 4/12 ? in features section, removed reference to hot-plug-capable and changed caseless de- sign height from 3.80mm to 3.75mm. ? in physical configuration section, changed height from 3.80mm to 3.75mm. ? updated package dimensions figure (msata package C 50.80mm): C 3.80mm to 3.75mm C 0.150in to 0.148in C 1.40mm to 1.35mm C 0.055in to 0.053in rev. b C 3/12 ? production status. rev. a C 10/11 ? initial release. 8000 s. federal way, p.o. box 6, boise, id 83707-0006, tel: 208-368-3900 www.micron.com/productsupport customer comment line: 800-932-4992 micron and the micron logo are trademarks of micron technology, inc. all other trademarks are the property of their respective owners. this data sheet contains minimum and maximum limits specified over the power supply and temperature range set forth herein. although considered final, these specifications are subject to change, as further product development and data characterization some- times occur. c400 msata nand flash ssd revision history pdf: 09005aef8484bfff realssd_c400_msata.pdf - rev. d 8/12 en 30 micron technology, inc. reserves the right to change products or specifications without notice. ? 2011 micron technology, inc. all rights reserved. free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MTFDDAT128MAM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X