Part Number Hot Search : 
64N90 74AUP3G P1100EL IRC840 PC812 2SK1436 89C51RC2 37470
Product Description
Full Text Search
 

To Download MJE13003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  to-126 parameter symbol value unit collector-base voltage v c b o 700 v collector-emitter voltage v c e o 400 v emitter-base voltage v e b o 9 v collector current i c 1.5 a base current i b 0.75 a total dissipation at p t o t 40 w max. operating junction temperature t j 150 o c storage temperature t s t g -55~150 o c MJE13003 description parameter symbol test conditions min. typ. max. unit collector cut-off current i c e o v c b =400v, i e =0 1.0 ma emitter cut-off current i e b o v e b =9v, i c =0 1.0 ma collector-emitter sustaining voltage v c e o i c =10ma, i b =0 400 v dc current gain h f e ( 1 ) v c e =2v, i c =0.5a 8 40 h f e ( 2 ) v c e =2v, i c =1.0a 5 25 collector-emitter saturation voltage v c e ( s a t ) i c =0.5a,i b =100ma 0.5 v i c =1a,i b =250ma 1.0 base-emitter saturation voltage v b e ( s a t ) i c =1a,i b =250ma 1.2 v current gain bandwidth product f t v c e =10v,i c =100ma 4 10 mhz storage time t s i b 1 =i b 2 =0.2a t p =25us 2 4 us switchmode series npn silicon power transistors product specification CC these devices are designed for highvoltage, highspeed power switching inductive circuits where fall time is critical. they are particularly suited for 115 and 220 v switchmode such as switching regulators, inverters, motor controls,applications solenoid/relay drivers and deflection circuits. electrical characteristics absolute maximum ratings ( ta = 25 c) o ( ta = 25 c) o tiger electronic co.,ltd free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MJE13003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X