Part Number Hot Search : 
EBE24B MC6800P 1N5297 TC110 TN5115 TA31136 BU32TA2W BSX53
Product Description
Full Text Search
 

To Download MBRF1030CT-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load derate current by 20%. notes: 1. 300us pulse width,2% duty cycle. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. v oltage: 30 to 100 v current: 10.0 a rohs device mbrf1030ct -g thru. mbrf10100ct -g 3. thermal resistance junction to case. features -metal of silicon rectifier , majority carrier conduction. mechanical data -guard ring for transient protection. -low power loss, high ef ficiency . -epoxy: ul 94-v0 rate flame retardant. -mounting position: any -case: it o-220ab, molded plastic -w eight: 2.24 grams -high current capability . -high surge capacity . -for use in low voltage, high frequency inverters, free wheeling,and polarity protection applications. -polarity: as marked on the body . d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) i t o - 2 2 0 a b 0.118(3.00) 0.102(2.60) 0.173(4.40) 0.189(4.80) 0.511(13.00) 0.551(14.00) 0.622(15.80) 0.583(14.80) 0.118(3.00) 0.102(2.60) 0.138(3.50) 0.122(3.10) 0.386( 9.80) 0.406(10.30) 0.028(0.70) 0.020(0.50) 0 . 0 3 1 ( 0 . 8 0 ) 0 . 0 2 0 ( 0 . 5 0 ) 0 . 1 0 5 ( 2 . 6 7 ) 0 . 0 9 5 ( 2 . 4 1 ) 0.118(3.00) 0.157(4.00) 0.071 (1.80) max 0 . 0 5 9 ( 1 . 5 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0.114(2.90) 0.098(2.50) pa ra m et er sy mb ol un it maximum recurrent peak reverse v oltage maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current ( see fig.1 ) peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load(jedec method) operating t emperature range storage t emperature range 30 21 30 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 120 -55 to +150 -55 to +175 v v v a a v ma 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 10 maximum dc reverse current at rate dc blocking v oltage mbrf 1030ct -g mbrf 1040ct -g mbrf 1050ct -g mbrf 1060ct -g mbrf 1080ct -g mbrf 10100ct -g peak forward v oltage (note 1) if=5a@ t j = 25c if=5a@ t j =125c if=10a@ t j = 25c if=10a@ t j =125c 0.70 0.57 0.80 0.70 0.80 0.65 0.90 0.75 0.85 0.75 0.95 0.85 @ t j = 25c @ t j = 125c 0.1 15 t ypical junction capacitance (note2) c j 170 220 pf t ypical thermal resistance (note3) r jc 3.0 c/w 3.0 c c 45 31.5 45 mbrf 1045ct -g 300 www.kersemi.com
fig.2 - maximum non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 1 250 200 150 100 50 0 300 10 20 100 i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) f i g . 4 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) c a p a c i t a n c e , ( p f ) fig.5 - t ypical junction capacitance 10000 1000 100 f ig .1 - f o rw a rd c u rr e n t d e ra ti n g c u rv e f i g . 3 - t y p i c a l r e v e r c h a r a c t e r i s t i c s case t emperature, (c) number of cycles at 60hz reverse v oltage, (v) 1 10 100 0.1 m b r f 1 0 3 0 c t - g ~ m b r f 1 0 4 5 c t - g t j = 2 5 c f = 1 m h z p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( % ) 6.0 4.0 2.0 8.0 0 25 100 50 75 125 150 175 0 10.0 s i n g l e p h a s e h a l f w a v e 6 0 h z r e s i s t i v e o r i n d u c t i v e l o a d pulse width 8.3ms single half-sine-w ave (jedec method) i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( m a ) a v e r a g e f o r w a r d c u r r e n t , ( a ) 8 0 6 0 0 . 0 1 0 . 1 1 0 1 0 0 0 1 4 0 2 0 4 0 1 0 0 1 2 0 1 . 0 m b r f 1 0 3 0 c t-g ~ m b r f 1 0 6 0 c t-g m b r f 1 0 8 0 c t-g ~ m b r f 1 0 1 0 0 c t-g t j = 1 2 5 c t j = 2 5 c 1 0 0 0 t j = 7 5 c 1 . 0 0 . 1 1 0 0 . 1 0 . 2 0 . 5 0 . 3 0 . 6 0 . 9 0 . 4 0 . 7 0 . 8 1 0 0 1 . 0 m b r f 1 0 3 0 c t-g ~ m b r f 1 0 4 5 c t-g m b r f 1 0 5 0 c t-g ~ m b r f 1 0 6 0 c t-g m b r f 1 0 8 0 c t-g ~ m b r f 1 0 1 0 0 c t-g t j = 2 5 c p u l s e w i d t h 3 0 0 u s 2 % d u t y c y c l e m b r f 1 0 5 0 c t - g ~ m b r f 1 0 6 0 c t - g m b r f 1 0 8 0 c t - g ~ m b r f 1 0 1 0 0 c t - g s c h o t t k y b a r r i e r r e c t i f i e r s www.kersemi.com
s c h o t t k y b a r r i e r r e c t i f i e r s marking code xx / xxx = product type marking code c = compchip logo mbrf1030ct -g part number marking code mbrf1030ct standard packaging c a s e t y p e i t o - 2 2 0 a b 5 0 t u b e ( p c s ) t u b e p a c k 2 , 0 0 0 b o x ( p c s ) mbrf10xxxct mbrf10100ct -g mbrf10100ct mbrf1040ct -g mbrf1040ct mbrf1045ct -g mbrf1045ct mbrf1050ct -g mbrf1050ct mbrf1060ct -g mbrf1060ct mbrf1080ct -g mbrf1080ct www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBRF1030CT-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X