Part Number Hot Search : 
EN2537A MSMA152 N4006 MT140 THL42A SF81S THL42A THL42A
Product Description
Full Text Search
 

To Download KX14-100K2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in mm (inches). general specifications number of contacts 20, 30, 40, 50, 60, 70, 80, 100, 120, 140, 160, 200 (see note 1) contact spacing 0.8mm (.031") current rating 0.5 amps dielectric withstanding voltage 500 vac r.m.s. (for one minute) insulation resistance 100 megohms min. contact resistance 70 milliohms max. operating temperature -40 c to +85 c materials and finishes description materials/finishes insulator kx14 glass-filled lcp/black kx15 straight glass-filled pps/black kx15 right angle glass-filled lcp/black contact copper alloy connecting area: 0.1 m m (.000004") min. gold plating over nickel terminal area:gold flash over nickel or tin-lead over nickel hold down copper alloy/tin-lead over nickel hook pin copper alloy/tin plating hexagon nut brass/nickel plating kx14/15 series connectors 0.8mm (.031") contact spacing, pcb-to-pcb smt connectors the kx14/15 series connectors are low profile, smt type connectors for pcb-to-pcb applications. contact spacing is 0.8mm (.031"). the receptacle (kx14) and plug (kx15) combination offer variable stacking heights of 4 to 18mm (.157 to .709"). these connectors are ideal for use in the personal computer industry where space, weight and high density are critical factors. note 1: please consult jae for availability. ? ? ? ? ? ? ? ? ? ? ? ? ? ? dimensions and specifications subject to change without notice. features ? 0.8mm (.031") contact spacing ? straight receptacle (kx14) and right angle/straight plug (kx15) for paralleled and vertical pcb connections ? 4 to 18mm (.157 to .709") stacking heights ? polarization key prevents mismating ? resistant to vibration and twisting ? available in embossed tape for automatic mounting connector profile (ref.) hold-down type (right-angle side) screw type (right-angle side)
dimensions in mm (inches). kx 15 C ** * * * (blank) series connector type 15 C plug no. of contacts (see note 1) 20, 30, 40, 50, 60, 70, 80 100, 120, 140, 160 polarization key k C with polarization key n C without polarization key termination l C right angle type mounting type (see table below) d, f, j, n contact finish blank C connecting area: gold plating 0.1 m m (.000004") min. over nickel terminal area: gold flash over nickel kx ** C ** * * * * series connector type 14 C receptacle 15 C plug no. of contacts (see note 1) 20, 30, 40, 50, 60, 70, 80 100, 120, 140, 160, 200 polarization key k C with polarization key n C without polarization key stacking height code (see note 2) (receptacle) 2, 5, 8, 11, 14 (plug) 2, 3, 4 mounting type (see table below) b, c, d, e, f contact finish blank C connecting area: gold plating 0.1 m m (.000004") min. over nickel terminal area: gold flash over nickel 1 C connecting area: gold plating 0.1 m m (.000004") min. over nickel terminal area: tin-lead over nickel note 1: please consult jae for availability. note 2: stacking height = stacking height code of kx14 & stacking height code of kx15. note 1: please consult jae for availability. positioning key hold down flange hook pin b ! ! c ! ! ! ! ! ! d ! ! ! ! ! ! e ! ! ! ! f ! ! ! ! mounting type for straight positioning key hold down nut d ! ! ! ! f ! ! j ! ! n ! ! ! ! mounting type for right angle straight right angle ordering information stacking height (parallel pcb to pcb connection) 2 4 (.157) 5 (.197) 6 (.236) 5 7 (.276) 8 (.315) 9 (.354) 8 10 (.394) 11 (.433) 12 (.472) 11 13 (.512) 14 (.551) 15 (.591) 14 16 (.630) 17 (.669) 18 (.709) 234 plug stacking height code receptacle kx14/15 series connectors 0.8mm (.031") contact spacing, pcb-to-pcb smt connectors
dimensions in mm (inches). a 0.1 (.004) c 0.2 (.008) b 0.1 (.004) d 0.3 (.012) 0.25 (.010) 0.7 (.028) 0.7 (.028) 0.8 (.031) 0.05 (.002) (pitch) 0.7 (.028) 0.1 (.004) 0.7 (.028) 0.1 (.004) 5 (.197) 0.15 (.006) 0.58 (.023) dia. 0.03 (.001) 0.78 (.031) dia. 0.03 (.001) 2 (.079) 0.1 (.004) ( flat area) 3.7 (.146) 0.2 (.008) x 0.2 (.008) y 0.3 (.012) lot no. note 1: @ C add stacking height code 2, 5, 8, 11 or 14. * C add mounting type code b, c, d, e or f. + C add contact finish code 1 or blank. refer to mounting and stacking height tables. note 2: please consult jae for availability. 7.2 ( .283) 8.7 ( .342) 12.3 ( .484) 16 ( .630) 11.2 ( .441) 12.7 ( .500) 16.3 ( .642) 20 ( .787) 15.2 ( .598) 16.7 ( .657) 20.3 ( .799) 24 ( .945) 19.2 ( .756) 20.7 ( .815) 24.3 ( .957) 28 (1.102) 23.2 ( .913) 24.7 ( .972) 28.3 (1.114) 32 (1.260) 27.2 (1.071) 28.7 (1.130) 32.3 (1.272) 36 (1.417) 31.2 (1.228) 32.7 (1.287) 36.3 (1.429) 40 (1.575) 39.2 (1.543) 40.7 (1.602) 44.3 (1.744) 48 (1.890) 47.2 (1.858) 48.7 (1.917) 52.3 (2.059) 56 (2.205) 55.2 (2.173) 56.7 (2.232) 60.3 (2.374) 64 (2.520) 63.2 (2.488) 64.7 (2.547) 68.3 (2.689) 72 (2.835) 80.8 (3.181) 82.3 (3.240) 85.85 (3.380) 89.6 (3.528) b 0.1 (.004) a 0.1 (.004) 2.5 (.098) 0.05 (.002) 0.8 (.031) 0.05 (.002) 0.7 (.028) dia. 0.03 (.001) 0.9 (.035) dia. 0.03 (.001) 0.5 (.020) 0.05 (.002) 2.4 (.094) 0.1 (.004) 2.4 (.094) 0.1 (.004) 2.7 (.106) 0.1 (.004) 2.5 (.098) 3 (.118) kx14 ? straight receptacle note 1: shown below is mounting type d with polarization key. note 2: mounting side configuration for 200 contacts is different. please consult jae. applicable pcb dimension (ref.) 20 kx14- 20k @ *+ kx14- 20n @ *+ 30 kx14- 30k @ *+ kx14- 30n @ *+ 40 kx14- 40k @ *+ kx14- 40n @ *+ 50 kx14- 50k @ *+ kx14- 50n @ *+ 60 kx14- 60k @ *+ kx14- 60n @ *+ 70 kx14- 70k @ *+ kx14- 70n @ *+ 80 kx14- 80k @ *+ kx14- 80n @ *+ 100 kx14- 100k @ *+ kx14- 100n @ *+ 120 kx14- 120k @ *+ kx14- 120n @ *+ 140 kx14- 140k @ *+ kx14- 140n @ *+ 160 kx14- 160k @ *+ kx14- 160n @ *+ 200 kx14- 200k @ *+ kx14- 200n @ *+ abcd no. of contacts part number (note 1) with polarization key without polarization key xy 2 0.75 ( .030) 3.55 ( .140) 5 3.75 ( .148) 6.55 ( .258) 8 6.75 ( .266) 9.55 ( .376) 11 9.75 ( .384) 12.55 ( .494) 14 12.75 ( .502) 15.55 ( .612) stacking height code dimension x and y kx14/15 series connectors 0.8mm (.031") contact spacing, pcb-to-pcb smt connectors
dimensions in mm (inches). 7.2 ( .283) 8.7 ( .342) 10.6 ( .417) 16 ( .630) 11.2 ( .441) 12.7 ( .500) 14.6 ( .575) 20 ( .787) 15.2 ( .598) 16.7 ( .657) 18.6 ( .732) 24 ( .945) 19.2 ( .756) 20.7 ( .815) 22.6 ( .890) 28 (1.102) 23.2 ( .913) 24.7 ( .972) 26.6 (1.047) 32 (1.260) 27.2 (1.071) 28.7 (1.130) 30.6 (1.205) 36 (1.417) 31.2 (1.228) 32.7 (1.287) 34.6 (1.362) 40 (1.575) 39.2 (1.543) 40.7 (1.602) 42.6 (1.677) 48 (1.890) 47.2 (1.858) 48.7 (1.917) 50.6 (1.992) 56 (2.205) 55.2 (2.173) 56.7 (2.232) 58.6 (2.307) 64 (2.520) 63.2 (2.488) 64.7 (2.547) 66.6 (2.622) 72 (2.835) 80.8 (3.181) 82.3 (3.240) 84.2 (3.315) 89.6 (3.528) a 0.1 (.004) c 0.2 (.008) b 0.1 (.004) d 0.3 (.012) 0.7 (.028) 0.7 (.028) 0.8 (.031) 0.05 (.002) (pitch) 0.7 (.028) 0.1 (.004) 0.25 (.010) 0.1 (.004) 0.7 (.028) 0.1 (.004) 4.1 (.161) 0.1 (.004) 5 (.197) 0.15 (.006) 0.58 (.023) dia. 0.03 (.001) 0.78 (.031) dia. 0.03 (.001) 2.05 (.081) 0.1 (.004) (flat area) 2 (.079) 0.2 (.008) x 0.15 (.006) y 0.3 (.012) (note 4) lot no. 20 kx15- 20k @ *+ kx15- 20n @ *+ 30 kx15- 30k @ *+ kx15- 30n @ *+ 40 kx15- 40k @ *+ kx15- 40n @ *+ 50 kx15- 50k @ *+ kx15- 50n @ *+ 60 kx15- 60k @ *+ kx15- 60n @ *+ 70 kx15- 70k @ *+ kx15- 70n @ *+ 80 kx15- 80k @ *+ kx15- 80n @ *+ 100 kx15- 100k @ *+ kx15- 100n @ *+ 120 kx15- 120k @ *+ kx15- 120n @ *+ 140 kx15- 140k @ *+ kx15- 140n @ *+ 160 kx15- 160k @ *+ kx15- 160n @ *+ 200 kx15- 200k @ *+ kx15- 200n @ *+ kx15 ? straight plug note 1: shown below is mounting type d with polarization key. note 2: mounting side configuration for 200 contacts is different. please consult jae. abcd no. of contacts part number (note 1) with polarization key without polarization key note 1: @ C add stacking height code 2, 3. or 4. * C add mounting type code b, c, d, e or f. + C add contact finish code 1 or blank. refer to mounting and stacking height tables. note 2: please consult jae for availability. b 0.1 (.004) a 0.1 (.004) 2.5 (.098) 0.05 (.002) 0.8 (.031) 0.05 (.002) 0.7 (.028) dia. 0.03 (.001) 0.9 (.035) dia. 0.03 (.001) 0.5 (.020) 0.05 (.002) 2.4 (.094) 0.1 (.004) 2.1 (.083) 0.1 (.004) 2.1 (.083) 0.1 (.004) 2.5 (.098) 3 (.118) applicable pcb dimension (ref.) xy 2 3.25 ( .128) 3.75 ( .148) 3 4.25 ( .167) 4.75 ( .187) 4 5.25 ( .207) 5.75 ( .226) stacking height code dimension x and y kx14/15 series connectors 0.8mm (.031") contact spacing, pcb-to-pcb smt connectors
dimensions in mm (inches). b 0.1 (.004) a 0.1 (.004) 2.5 (.098) 0.05 (.002) 0.8 (.031) 0.05 (.002) 0.7 (.028) dia. 0.03 (.001) 0.9 (.035) dia. 0.03 (.001) 0.5 (.020) 0.05 (.002) 2.8 (.110) 0.1 (.004) 1.9 (.075) 0.1 (.004) 1.9 (.075) 0.1 (.004) 2.6 (.102) 0.1 (.004) 5.9 (.232) 0.1 (.004) 2.5 (.098) 3 (.118) a 0.1 (.004) c 0.2 (.008) b 0.1 (.004) d 0.3 (.012) 0.8 (.031) 0.8 (.031) 3.7 (.146) 1.7 (.067) 0.2 (.008) 0.8 (.031) 0.05 (.002) (pitch) 5.75 (.226) 0.15 (.006) 0.25 (.010) 0.1 (.004) 0.58 (.023) dia. 0.03 (.001) 0.78 (.031) dia. 0.03 (.001) 2.05 (.081) 0.1 (.004) (flat area) 6.15 (.242) 0.3 (.012) 5.5 (.217) 0.3 (.012) 2.3 (.091) 0.3 (.012) lot no. 2 (.079) kx15 ? right angle plug note: shown below is mounting type d with polarization key. applicable pcb dimension (ref.) abcd no. of contacts part number (note 1) with polarization key without polarization key 7.2 ( .283) 8.7 ( .342) 10.3 ( .406) 16 ( .630) 11.2 ( .441) 12.7 ( .500) 14.3 ( .563) 20 ( .787) 15.2 ( .598) 16.7 ( .657) 18.3 ( .720) 24 ( .945) 19.2 ( .756) 20.7 ( .815) 22.3 ( .878) 28 (1.102) 23.2 ( .913) 24.7 ( .972) 26.3 (1.035) 32 (1.260) 27.2 (1.071) 28.7 (1.130) 30.3 (1.193) 36 (1.417) 31.2 (1.228) 32.7 (1.287) 34.3 (1.350) 40 (1.575) 39.2 (1.543) 40.7 (1.602) 42.3 (1.665) 48 (1.890) 47.2 (1.858) 48.7 (1.917) 50.3 (1.980) 56 (2.205) 55.2 (2.173) 56.7 (2.232) 58.3 (2.295) 64 (2.520) 63.2 (2.488) 64.7 (2.547) 66.3 (2.610) 72 (2.835) 20 kx15- 20kl* kx15- 20nl* 30 kx15- 30kl* kx15- 30nl* 40 kx15- 40kl* kx15- 40nl* 50 kx15- 50kl* kx15- 50nl* 60 kx15- 60kl* kx15- 60nl* 70 kx15- 70kl* kx15- 70nl* 80 kx15- 80kl* kx15- 80nl* 100 kx15-100kl* kx15-100nl* 120 kx15-120kl* kx15-120nl* 140 kx15-140kl* kx15-140nl* 160 kx15-160kl* kx15-160nl* note 1: * C add mounting type code d, f, j or n. refer to mounting and stacking height tables. note 2: please consult jae for availability. kx14/15 series connectors 0.8mm (.031") contact spacing, pcb-to-pcb smt connectors


▲Up To Search▲   

 
Price & Availability of KX14-100K2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X