Part Number Hot Search : 
2J224K G2N7002 SC2411 5NF06 SS159KUA G2N7002 MAX8877 A1182
Product Description
Full Text Search
 

To Download KTN2222AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2004. 1. 29 1/4 semiconductor technical data KTN2222AE epitaxial planar npn transistor revision no : 0 general purpose application. switching application. features low leakage current : i cex =10na(max.) ; v ce =60v, v eb(off) =3v. low saturation voltage : v ce(sat) =0.3v(max.) ; i c =150ma, i b =15ma. complementary to ktn2907ae. dim millimeters a b d e esm 1.60 0.10 0.85 0.10 0.70 0.10 0.27+0.10/-0.05 1.60 0.10 1.00 0.10 0.50 0.13 0.05 c g h j 1 3 2 e b d a g h c j 1. emitter 2. base 3. collector + _ + _ + _ + _ + _ + _ maximum rating (ta=25 ) characteristic symbol rating unit collector-base voltage v cbo 75 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6 v collector current i c 600 ma collector power dissipation (ta=25 ) p c 100 mw junction temperature t j 150 storage temperature range t stg -55 150 marking z g
2004. 1. 29 2/4 KTN2222AE revision no : 0 electrical characteristics (ta=25 ) * pulse test : pulse width 300 s, duty cycle 2%. input impedance h ie i c =1ma, v ce =10v, f=1khz 2 - 8 k i c =10ma, v ce =10v, f=1khz 0.25 - 1.25 voltage feedback ratio h re i c =1ma, v ce =10v, f=1khz - - 8 x10 -4 i c =10ma, v ce =10v, f=1khz - - 4 small-singal current gain h fe i c =1ma, v ce =10v, f=1khz 50 - 300 i c =10ma, v ce =10v, f=1khz 75 - 375 collector output admittance h oe i c =1ma, v ce =10v, f=1khz 5 - 35 i c =10ma, v ce =10v, f=1khz 25 - 200 collector-base time constant c c rbb' i e =20ma, v cb =20v, f=31.8mhz - - 150 ps noise figure nf i c =100 a, v ce =10v, - - 4 db switching time delay time t d v cc =30v, v be(off) =0.5v i c =150ma, i b1 =15ma - - 10 ns rise time t r - - 25 storage time t stg v cc =30v, i c =150ma i b1 =-i b2 =15ma - - 225 fall time t f - - 60 characteristic symbol test condition min. typ. max. unit collector cut-off current i cex v ce =60v, v eb(off) =3v - - 10 na collector cut-off current i cbo v cb =60v, i e =0 - - 0.01 a emitter cut-off current i ebo v eb =3v, i c =0 - - 10 na collector-base breakdown voltage v (br)cbo i c =10 a, i e =0 75 - - v collector-emitter breakdown voltage * v (br)ceo i c =10ma, i b =0 40 - - v emitter-base breakdown voltage v (br)ebo i e =10 a, i c =0 6 - - v dc current gain * h fe (1) i c =0.1ma, v ce =10v 35 - - h fe (2) i c =1ma, v ce =10v 50 - - h fe (3) i c =10ma, v ce =10v 75 - - h fe (4) i c =150ma, v ce =10v 100 - 300 h fe (5) i c =500ma, v ce =10v 40 - - collector-emitter saturation voltage * v ce(sat) 1 i c =150ma, i b =15ma - - 0.3 v v ce(sat) 2 i c =500ma, i b =50ma - - 1 base-emitter saturation voltage * v be(sat) 1 i c =150ma, i b =15ma 0.6 - 1.2 v v be(sat) 2 i c =500ma, i b =50ma - - 2.0 transition frequency f t v ce =20v, i c =20ma, f=100mhz 300 - - mhz collector output capacitance c ob v cb =10v, i e =0, f=1.0mhz - - 8 pf input capacitance c ib v eb =0.5v, i c =0, f=1.0mhz - - 25 pf
2004. 1. 29 3/4 KTN2222AE revision no : 0 c collector current i (ma) 10 dc current gain h fe 1 0.5 collector current i (ma) c 0 collector-emitter voltage v (v) ce ce c i - v h - i transition frequency f (mhz) collector current i (ma) c t f - i 0.4 0.8 1.2 1.6 200 400 600 800 fe c 30 50 100 300 500 1k v =10v ce tc 10 -1 100 -10 -100 -1k -3 k ta=25 c v =10v 1000 ce common emitter ta=25 c 1.8 1000 i =2ma b 3 10 30 100 300 1k ta=-25 c ta=25 c ta=75 c 100 0.5 1 0.6 0.4 0.2 0 collector-emitter saturation ce(sat) 10 330 v - i ce(sat) c 1k 300 i /i =10 c voltage v (v) collector current i (ma) c v ce(sat) common emitter b base-emitter saturation voltage v (v) collector current i (ma) 3 0.2 0.5 be(sat) 1 0 10 30 100 c 1k 300 0.4 i /i =10 common emitter v - i be(sat) cb c 0.6 0.8 1.0 1.2 1.4 1.6 v be(sat) ta=-25 c ta=25 c ta=75 c collector current i (ma) 0.2 0.05 base-emitter voltage v (v) be c 0.3 0.4 0.5 0.6 0.1 0.3 1 3 10 30 100 300 500 0.7 0.8 0.9 1.0 i - v cbe ta=75 c ta=25 c ta=-25 c common emitter v =10v ce 6ma 4ma 8ma 10ma 12ma 14ma 16ma 18ma 20ma v =1v ce v =2v ce ta=25 c 30 300 -3 -30 -300
2004. 1. 29 4/4 KTN2222AE revision no : 0 collector output capacitance cob (pf) collector-base voltage v (v) cb cob - v cb 1.0 -0.1 10 -1.0 -10 -100 -300 common emitter ta=25 c 100 emitter-base voltage v (v) eb collector input capacitance cib (pf) 3.0 30 cib cob f=1mhz, eb cib - v collector power dissipation 0 c 0 ambient temperature ta ( c) pc - ta p (mw) 25 50 75 100 125 150 175 50 100 150 200


▲Up To Search▲   

 
Price & Availability of KTN2222AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X