Part Number Hot Search : 
200D1 OM13077 20020 D1013 A28F40 0LB00 G2211 40266
Product Description
Full Text Search
 

To Download HY5S6B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document is a general product description and is subject to change without notice. hynix do es not assume any responsibilit y for use of circuits described. no patent licenses are implied. rev 0.3 / july 2004 1 HY5S6B6d(l/s)f(p)-xe 4banks x1m x 16bits synchronous dram document title 4bank x 1m x 16bits synchronous dram revision history revision no. history draft date remark 0.1 initial draft sep. 2003 preliminary 0.2 append super-low power group to the data-sheet oct. 2003 preliminary 0.3 changed dc characteristics nov. 2003 changed package information july 2004
this document is a general product description and is subject to change without notice. hynix do es not assume any responsibilit y for use of circuits described. no patent licenses are implied. rev 0.3 / july 2004 2 HY5S6B6d(l/s)f(p)-xe 4banks x1m x 16bits synchronous dram description the hynix low power sdram is suited for non-pc application which use the batteries such as pdas, 2.5g and 3g cellular phones with internet access and multimedia capabilities, mini-notebook, handheld pcs. the hynix HY5S6B6d(l/s)f(p) is a 67,108 ,864bit cmos synchronous dynamic random access memory. it is organized as 4banks of 1,048,576x16. the low power sdram provides for programmable options including cas latency of 1, 2, or 3, read or write burst length of 1, 2, 4, 8, or full page, and the burst count sequence(sequential or interlea ve). and the low power sdram also provides for special programmable options including partial array self refr esh of a quarter bank, a half bank, 1bank, 2banks, or all banks. the hynix HY5S6B6d(l/s)f(p) has the sp ecial low power function of auto tc sr(temperature compensated self re- fresh) to reduce self refresh current consumption. since an internal temperature sensor is implanted, it enables to au- tomatically adjust refresh rate accord ing to temperature without external em rs command. a burst of read or write cycles in progress can be terminated by a burst terminate command or can be interrupted and replaced by a new burst read or write command on any cycle(this pipelined design is not restricted by a 2n rule). deep power down mode is a additional operating mode fo r low power sdram. this mode can achieve maximum power reduction by removing power to the memory array within ea ch sdram. by using this feat ure, the system can cut off alomost all dram power without adding th e cost of a power switch and giving up mother-board power-line layout flexibility. features standard sdram protocol i nternal 4bank operation power supply voltage : vdd = 1.8v, vddq = 1.8v lvcmos compatible i/o interface low voltage interface to reduce i/o power low power features - pasr(partial array self refresh) - auto tcsr (temperature compensated self refresh) - ds (drive strength) - deep power down mode programmable cas latency of 1, 2 or 3 package type : 54ball, 0.8mm pitch fbga (lead free, lead) HY5S6B6d(l/s)fp : lead free HY5S6B6d(l/s)f : lead ordering information part number clock frequency cas latency organization interface HY5S6B6d(l/s)f(p)-se 105mhz 3 4banks x 1mb x 16 lvcmos HY5S6B6d(l/s)f(p)-be 66mhz 2
rev 0.3 / july 2004 3 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram ball assignments 54 ball fbga 0.8mm ball pitch 9 8 7 3 21 a b c d e f g h j 54 ball fbga 0.8mm ball pitch 9 8 7 3 21 a b c d e f g h j h j b c d a g f e vss dq14 dq12 dq10 dq8 udqm nc a8 vss dq15 dq13 dq11 dq9 nc clk a11 a7 a5 vssq vddq vssq vddq vss cke a9 a6 a4 vddq vssq vddq vssq vdd /cas ba0 a0 a3 dq0 dq2 dq4 dq6 ldqm /ras ba1 a1 a2 vdd dq1 dq3 dq5 dq7 /we /cs a10 vdd 1 2 3 7 8 9 < top view >
rev 0.3 / july 2004 4 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram ball description ball out symbol type description f2 clk input clock : the system clock input. all other inputs are registered to the sdram on the rising edge of clk f3 cke input clock enable : controls internal cloc k signal and when deactivated, the sdram will be one of the states among (deep) power down, suspend or self refresh g9 cs input chip select : enables or disables all inputs except clk, cke, udqm and ldqm g7,g8 ba0, ba1 input bank address : selects bank to be activated during ras activity selects bank to be read/written during cas activity h7, h8, j8, j7, j3, j2, h3, h2, h1, g3, h9, g2 a0 ~ a11 input row address : ra0 ~ ra11, column address : ca0 ~ ca7 auto-precharge flag : a10 f8, f7, f9 ras , cas , we input command inputs : ras , cas and we define the operation refer function truth table for details f1, e8 udqm, ldqm input data mask : controls output buffers in read mode and masks input data in write mode a8, b9, b8, c9, c8, d9, d8, e9, e1, d2, d1, c2, c1, b2, b1, a2 dq0 ~ dq15 i/o data input/output : mu ltiplexed data input/output pin a9, e7, j9, a1, e3, j1 v dd /v ss supply power supply for internal circuits a7, b3, c7, d3, a3, b7, c3, d7 v ddq /v ssq supply power supply for output buffers e2, g1 nc - no connection
rev 0.3 / july 2004 5 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram functional block diagram 1mbit x 4banks x 16 i/o low power synchronous dram internal row counter column pre decoder column add counter self refresh logic & timer extended mode register sense amp & i/o gate i/o buffer & logic address register burst counter mode register state machine address buffers bank select column active row active cas latency clk cke cs ras cas we u/ldqm a0 a1 ba1 ba0 a11 pasr row pre decoder refresh dq0 dq15 row decoders row decoders row decoders row decoders column decoders 1mx16 bank 0 1mx16 bank 1 1mx16 bank 2 1mx16 bank 3 memory cell array data out control burst length
rev 0.3 / july 2004 6 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram basic functional description mode register ba1 ba0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 0000 op code 00 cas latency bt burst length op code a9 write mode 0burst read and burst write 1 burst read and single write burst type a3 burst type 0 sequential 1 interleave burst length a2 a1 a0 burst length a3 = 0 a3=1 00 0 1 1 00 1 2 2 01 0 44 01 1 8 8 1 0 0 reserved reserved 1 0 1 reserved reserved 1 1 0 reserved reserved 1 1 1 full page reserved cas latency a6 a5 a4 cas latency 0 0 0 reserved 0 0 1 1 0 1 0 2 0 1 1 3 1 0 0 reserved 1 0 1 reserved 1 1 0 reserved 1 1 1 reserved
rev 0.3 / july 2004 7 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram basic functional description (continued) extended mode register ba1 ba0 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 1000000 ds 00 pasr ds (driver strength) a6 a5 driver strength 00full 0 1 1/2 strength 1 0 1/4 strength 11reserved pasr (partial array self refresh) a2 a1 a0 self refresh coverage 000all banks 0 0 1 half of total bank (ba1=0 or bank 0,1) 0 1 0 quarter of total bank (ba1=ba0=0 or bank 0) 0 1 1 reserved 1 0 0 reserved 1 0 1 half of bank 0(bank 0 and row address msb=0) 1 1 0 quarter of bank 0(bank 0 and row address 2 msbs=0) 1 1 1 reserved
rev 0.3 / july 2004 8 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram power up and initialization like a synchronous dram, low power(lp) sdram must be powered up and initiali zed in a predefined manner. power must be applied to v dd and v ddq (simultaneously). the clock signal must be started at the same time. after power up, an initial pause of 200 usec is required. and a precharge all command will be issued to the lp sdram. then, 8 or more auto refresh cycles will be provided. after the auto refr esh cycles are completed, a mode register set(mrs) command will be issued to program the specific mode of operation (c as latency, burst length, etc.) and a extended mode register set command will be issued to program specific mode of self refresh operation(pasr). the following these cycles, the lp sdram is ready for normal opeartion. programming the registers mode register the mode register contains the specific mode of operation of the lp sdram. this register includes the selection of a burst length(1, 2, 4, 8, full page), a cas latency(1, 2 or 3), a burst type. the mode register set must be done before any activate command after the power up sequence. any contents of the mode register be altered by re-programming the mode register through the execution of mode register set command. extended mode register the extended mode register contains the specific features of self refresh opeartion of the lp sdram. this register in- cludes the selection of partial arrays to be refreshed(half array, quarter array, etc.). the extended mode register set must be done before any activate comma nd after the power up sequence. any cont ents of the mode register be altered by re-programming the mode register through the execution of extended mode register set command. bank(row) active the bank active command is used to ac tivate a row in a specified bank of th e device. this command is initiated by activating cs , ras and deasserting cas , we at the positive edge of the clock. the value on the ba1 and ba0 selects the bank, and the value on the a0-a11 selects the row. this row remain s active for column access until a precharge command is issued to that bank. read and write opeartions can only be initiated on this activated bank after the min- imum t rcd time is passed from the activate command. read the read command is used to initia te the burst read of data. this co mmand is initiated by activating cs , cas , and deasserting we , ras at the positive edge of the clock. ba1 and ba0 inputs select the bank, a7-a0 address inputs select the sarting column location. the value on input a10 determines whether or not auto precharge is used. if auto pre- charge is selected the row being accessed will be precharged at the end of the read burs t; if auto precharge is not selected, the row will remain ac tive for subsequent accesses. the length of burst and the cas latency will be determined by the values programmed during the mrs command. write the write command is used to initia te the burst write of data. this co mmand is initiated by activating cs , cas , we and deasserting ras at the positive edge of the clock. ba1 and ba0 inputs select the bank, a7-a0 address inputs select the starting column location. the va lue on input a10 determines whether or not auto precharge is used. if auto precharge is selected the row being accessed will be precharged at the end of the write burst; if auto pre- charge is not selected, the row will re main active for subsequent accesses.
rev 0.3 / july 2004 9 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram precharge the precharge command is used to close the open row in a particular bank or the open row in all banks. when the precharge command is issued with address a10, high, then al l banks will be precharged, and if a10 is low, the open row in a particular bank will be precharged. the bank(s) will be avai lable when the minimum t rp time is met after the precharge command is issued. auto precharge the auto precharge command is issued to close the open ro w in a particular bank after read or write operation. if a10 is high when a read or write co mmand is issued, the read or write with auto precharge is initiated. burst termination the burst termination is used to terminate the burst operatio n. this function can be acco mplished by asserting a burst stop command or a precharge command during a burst read or write operation. the precharge command interrupts a burst cycle and close the active bank, and the burst stop command terminates the existing burst operation leave the bank open. data mask the data mask comamnd is used to mask read or write data. during a read operation, when this command is issued, data ouputs are disabled and become high impeda nce after two clock delay. during a write operation, when this command is issued, data inputs ca n't be written with no clock delay. clock suspend the clock suspend command is used to suspend the internal clock of lp sdram. during normal access mode, cke is keeping high. when cke is low, it freezes the internal clock and extend s data read and write operations. power down the power down command is used to re duce standby current. before this command is issued , all banks must be pre- charged and trp must be passed after a precharge command. once the power down comman d is initiated by keeping cke low, all of the input buffer except cke are gated off. auto refresh the auto refresh command is used during normal operation and is similar to c br refresh in coventional drams. this command must be issued each time a refresh is requir ed. when an auto refresh command is issued , the address bits is ''don't care'', because the specific address bi ts is generated by internal refresh address counter. self refresh the self refresh command is used to retain cell data in the lp sdram. in the self re fresh mode, the lp sdram oper- ates refresh cycle asynchronously. the self refresh command is initiated li ke an auto refresh command except ck e is disabled(low). the lp sdram can accomplish an special self refresh op eration by the specific modes(pasr) programmed in extended mode registers. the lp sdram can control the refresh rate automatically by the temperature value of auto tcsr(temperature com- pensated self refresh) to reduce self refresh current an d select the memory array to be refreshed by the value of pasr(partial array self refresh). the lp sdram can reduce the self refresh current(i dd6 ) by using these two modes. deep power down the deep power down mode is used to achieve maximum power reduction by cutting the power of the whole memory array of the devices. for more information, see the special operation for low power consumptio n of this data sheet.
rev 0.3 / july 2004 10 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram command truth table note : 1. exiting self refresh occurs by asynchronously bringing cke from low to high. 2. ba1/ba0 must be issued 0/0 in the mode register set, and 1/0 in the extended mode register set. function cken-1 cken cs ras cas we addr a10/ ap ba 0,1 note mode register set h x l l l l op code 2 extended mode register set h x l l l l op code 2 no operation h x l h h h x device deselect h x h x x x x bank active h x l l h h row address v read h x l h l h column l v read with autoprecharge h x l h l h column h v write h x l h l l column l v write with autoprecharge h x l h l l column h v precharge all banks h x l l h l x h x precharge selected bank h x l l h l x l v burst stop h x l h h l x auto refresh h h l l l h x self refresh entry h l l l l h x self refresh exit l h hx x x x1 lh hh precharge power down entry h l hx x x x lh hh precharge power down exit l h hx x x x lh hh clock suspend entry h l hx x x x lv vv clock suspend exit l h x x deep power down entry h l l h h l x deep power down exit l h x x
rev 0.3 / july 2004 11 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram dqm truth table note : 1. h: high level, l: low level, x: don ' t care 2. write dqm latency is 0 clk and read dq m latency is 2 clk function cke n-1 cke n ldqm udqm data write/output enable h x l l data mask/output disable h x h h lower byte write/output enable, upper byte mask/output disable hxl h lower byte mask/output disable, upper byte write/output enable hxh l
rev 0.3 / july 2004 12 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram current state truth table (sheet 1 of 4) current state command action notes cs ras cas we ba0/ ba1 a11-a0 description idle l l l l op code mode register set set the mode register 14 l l l h x x auto or self refresh start auto or self refresh 5 l l h l ba x precharge no operation l l h h ba row add. bank activate activate the specified bank and row lh l l ba col add. a10 write/writeap illegal 4 lh l h ba col add. a10 read/readap illegal 4 l h h h x x no operation no operation 3 h x x x x x device deselect no operation or power down 3 row active l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge precharge 7 l l h h ba row add. bank activate illegal 4 lh l l ba col add. a10 write/writeap start write : optional ap(a10=h) 6 lh l h ba col add. a10 read/readap start read : optional ap(a10=h) 6 l h h h x x no operation no operation h x x x x x device deselect no operation read l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 llhl ba x precharge termination burst: start the precharge l l h h ba row add. bank activate illegal 4 lh l l ba col add. a10 write/writeap termination burst: start write(optional ap) 8,9 lh l h ba col add. a10 read/readap termination burst: start read(optional ap) 8 l h h h x x no operation continue the burst
rev 0.3 / july 2004 13 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram current state truth table (sheet 2 of 4) current state command action notes cs ras cas we ba0/ ba1 a11-a0 description read h x x x x x device deselect continue the burst write l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 llh l ba x precharge termination burst: start the precharge 10 l l h h ba row add. bank activate illegal 4 lh l l ba col add. a10 write/writeap termination burst: start write(optional ap) 8 lh l h ba col add. a10 read/readap termination burst: start read(optional ap) 8,9 l h h h x x no operation continue the burst h x x x x x device deselect continue the burst read with auto precharge l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge illegal 4,12 l l h h ba row add. bank activate illegal 4,12 l h l l ba col add. a10 write/writeap illegal 12 l h l h ba col add. a10 read/readap illegal 12 l h h h x x no operation continue the burst h x x x x x device deselect continue the burst write with auto precharge l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge illegal 4,12 l l h h ba row add. bank activate illegal 4,12 l h l l ba col add. a10 write/writeap illegal 12 l h l h ba col add. a10 read/readap illegal 12 l h h h x x no operation continue the burst h x x x x x device deselect continue the burst
rev 0.3 / july 2004 14 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram current state truth table (sheet 3 of 4) current state command action notes cs ras cas we ba0/ ba1 a11-a0 description precharging l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 llh l ba x precharge no operation: bank(s) idle after t rp l l h h ba row add. bank activate illegal 4,12 l h l l ba col add. a10 write/writeap illegal 4,12 l h l h ba col add. a10 read/readap illegal 4,12 lhh h x x no operation no operation: bank(s) idle after t rp h x x x x x device deselect no operation: bank(s) idle after t rp row activating l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 llh l ba x precharge illegal 4,12 l l h h ba row add. bank activate illegal 4,11,1 2 l h l l ba col add. a10 write/writeap illegal 4,12 l h l h ba col add. a10 read/readap illegal 4,12 lhh h x x no operation no operation: row active after t rcd h x x x x x device deselect no operation: row active after t rcd write recovering l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 llh l ba x precharge illegal 4,13 l l h h ba row add. bank activate illegal 4,12 l h l l ba col add. a10 write/writeap start write: optional ap(a10=h) l h l h ba col add. a10 read/readap start read: optional ap(a10=h) 9 lhh h x x no operation no operation: row active after t dpl
rev 0.3 / july 2004 15 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram current state truth table (sheet 4 of 4) current state command action notes cs ras cas we ba0/ ba1 a11-a0 description write recovering h x x x x x device deselect no operation: row active after t dpl write recovering with auto precharge l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge illegal 4,13 l l h h ba row add. bank activate illegal 4,12 l h l l ba col add. a10 write/writeap illegal 4,12 l h l h ba col add. a10 read/readap illegal 4,9,12 lhh h x x no operation no operation: precharge after t dpl h x x x x x device deselect no operation: precharge after t dpl refreshing l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge illegal 13 l l h h ba row add. bank activate illegal 13 l h l l ba col add. a10 write/writeap illegal 13 l h l h ba col add. a10 read/readap illegal 13 lhh h x x no operation no operation: idle after t rc h x x x x x device deselect no operation: idle after t rc mode register accessing l l l l op code mode register set illegal 13,14 l l l h x x auto or self refresh illegal 13 l l h l ba x precharge illegal 13 l l h h ba row add. bank activate illegal 13 l h l l ba col add. a10 write/writeap illegal 13 l h l h ba col add. a10 read/readap illegal 13 lhh h x x no operation no operation: idle after 2 clock cycles h x x x x x device deselect no operation: idle after 2 clock cycles
rev 0.3 / july 2004 16 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram note : 1. h: logic high, l: logic low, x: don ' t care, ba: bank address, ap: auto precharge. 2. all entries assume that cke was active during the preceding clock cycle. 3. if both banks are idle and cke is inactive, then in power down cycle 4. illegal to bank in specified states. function may be legal in the bank indicated by bank address, depending on the state of that bank. 5. if both banks are idle and cke is inactive, then self refresh mode. 6. illegal if t rcd is not satisfied. 7. illegal if t ras is not satisfied. 8. must satisfy burst interrupt condition. 9. must satisfy bus contention, bus turn around, and/or write recovery requirements. 10. must mask preceding data which don ' t satisfy t dpl . 11. illegal if t rrd is not satisfied 12. illegal for single bank, but legal for other banks in multi-bank devices. 13. illegal for all banks. 14. mode register set and extended mode regist er set is same command truth table except ba1.
rev 0.3 / july 2004 17 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram cke enable(cke) truth table (sheet 1 of 2) current state cke command action notes previous cycle current cycle cs ras cas we ba0, ba1 a11- a0 self refresh h x xx xxx x invalid 1 lhhxxxxx exit self refresh with device deselect 2 lhlhhhxx exit self refresh with no operation 2 lhlhhlxx illegal 2 lhlhlxxx illegal 2 lhllxxxx illegal 2 l l xx xxx x maintain self refresh power down h x xx xxx x invalid 1 lh hx xxx x power down mode exit, all banks idle 2 lhhhx x lhl lxxx x illegal 2 xlxx x xxlx x l l xx xxx x maintain power down mode deep power down h x xx xxx x invalid 1 l h xx xxx x deep power down mode exit 5 l l xx xxx x maintain deep power down mode
rev 0.3 / july 2004 18 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram cke enable(cke) truth table (sheet 2 of 2) note : 1. for the given current state cke must be low in the previous cycle. 2. when cke has a low to high transition, the clock and other in puts are re-enabled asynchronously. when exiting power down mod e, a nop (or device deselect) command is required on the first positive edge of clock after cke goes high. 3. the address inputs depend on the command that is issued. 4. the precharge power down mode, the self refresh mode, and the mode register set can only be entered from the all banks idle state. 5. when cke has a low to high transition, the cloc k and other inputs are re -enabled asynchronously. when exiting deep power down mode, a nop (or device de select) command is required on the first positive edge of clock after cke goes high and is maintained for a minimum 200usec. current state cke command action notes previous cycle current cycle cs ras cas we ba0, ba1 a11- a0 all banks idle hhhxxx refer to the idle state section of the current state truth table 3 hhlhxx 3 hhllhx 3 hhlllhxx auto refresh h h l l l l op code mode register set 4 hlhxxx refer to the idle state section of the current state truth table 3 hllhxx 3 hlllhx 3 hllllhxx entry self refresh 4 h l l l l l op code mode register set l x xx xxx x power down 4 any state other than listed above h h xx xxx x refer to operations of the current state truth table h l xx xxx x begin clock suspend next cycle l h xx xxx x exit clock suspend next cycle l l xx xxx x maintain clock suspend
rev 0.3 / july 2004 19 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram absolute maximum rating dc operating condition (t a = -25 to 85 o c ) note : 1. all voltages are referenced to v ss = 0v 2. v ddq must not exceed the level of v dd ac operating test condition (t a = -25 to 85 o c , v dd = 1.8v, v ss = 0v) note 1. parameter symbol rating unit ambient temperature t a -25 ~ 85 o c storage temperature t stg -55 ~ 125 o c voltage on any pin relative to v ss v in , v out -1.0 ~ 2.6 v voltage on v dd relative to v ss v dd -1.0 ~ 2.6 v voltage on v ddq relative to v ss v ddq -1.0 ~ 2.6 v short circuit output current i os 50 ma power dissipation p d 1w soldering temperature . time t solder 260 . 10 o c . sec parameter symbol min typ max unit note power supply voltage v dd 1.65 1.8 1.95 v 1 power supply voltage v ddq 1.65 1.8 1.95 v 1, 2 input high voltage v ih 0.8*v ddq - v ddq+ 0.3 v 1, 2 input low voltage v il -0.3 - 0.3 v 1, 2 parameter symbol value unit note ac input high/low level voltage v ih / v il 0.9*v ddq /0.2 v input timing measurement reference level voltage v trip 0.5*v ddq v input rise/fall time t r / t f 1ns output timing measurement reference level voltage v outref 0.5*v ddq v output load capacitance for access time measurement cl pf 1 ?vd\w? v????? }??dwu\?}kkx \w? zw?m
rev 0.3 / july 2004 20 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram capacitance (t a = 25 o c, f=1mhz ) dc characterristics i (t a = 25 to 85 o c ) note : 1. v in = 0 to 1.8v. all other pi ns are not tested under v in =0v. 2. d out is disabled. v out = 0 to 1.95v. 3. i out = - 0.1ma 4. i out = + 0.1ma parameter pin symbol -h -/p/s/b unit min max min max input capacitance clk ci1 24.024.0 pf a0~a11, ba0, ba1, cke, cs , ras , cas , we , udqm, ldqm ci2 2 4.0 2 4.0 pf data input/output capacitance d q0 ~ dq15 ci/o 3.5 6.0 3.5 6.0 pf parameter symbol min max unit note input leakage current i li -1 1 ua 1 output leakage current i lo -1.5 1.5 ua 2 output high voltage v oh v ddq -0.2 - v 3 output low voltage v ol -0.2v4
rev 0.3 / july 2004 21 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram dc characteristics ii (t a = 25 to 85 o c ) note : 1. i dd1 and i dd4 depend on output loading and cycle rates. spec ified values are measured with the output open 2. see the tables of next page for more specific i dd6 current values. parameter symbol test condition speed unit note -s -b operating current i dd1 burst length=1, one bank active t rc t rc (min), i ol =0ma 50 35 ma 1 precharge standby current in power down mode i dd2p cke v il (max), t ck = 15ns 0.5 ma i dd2ps cke v il (max), t ck = 0.3 ma precharge standby current in non power down mode i dd2n cke v ih (min), cs v ih (min), t ck = 15ns input signals are changed one time during 2clks. all other pins v dd -0.2v or 0.2v 5.5 ma i dd2ns cke v ih (min), t ck = input signals are stable. 2 active standby current in power down mode i dd3p cke v il (max), t ck = 15ns 1.5 ma i dd3ps cke v il (max), t ck = 1 active standby current in non power down mode i dd3n cke v ih (min), cs v ih (min), t ck = 15ns input signals are changed one time during 2clks. all other pins v dd -0.2v or 0.2v 12 ma i dd3ns cke v ih (min), t ck = input signals are stable. 6 burst mode operating current i dd4 t ck t ck (min), i ol =0ma all banks active 60 40 ma 1 auto refresh current i dd5 t rc t arfc (min), all banks active 80 60 ma self refresh current i dd6 cke 0.2v see next page ma 2 standby current in deep power down mode i dd7 see p.25~26 50 ua - low power : HY5S6B6dlf series - super low power : HY5S6B6dsf series
rev 0.3 / july 2004 22 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram dc characteristics iii - low power (i dd6 ) * HY5S6B6dlf series 1) dc characteristics iii - super low power (i dd6 ) * HY5S6B6dsf series 2) note 1) idd6 vs temp. graph for HY5S6B6dlf note 2) idd6 vs temp. graph for HY5S6B6dsf t e m p . ( o c) memory array unit 4 banks 2 banks 1 bank 85 190 130 100 a 45 120 90 80 a temp. ( o c) memory array unit 4 banks 2 banks 1 bank 85 150 110 90 a 45 100 85 75 a -20 0 20 40 60 80 60 80 100 120 140 160 180 200 idd6 [ua] temp. [ ] e 4 bank 2 bank 1 bank HY5S6B6dlf serise -20 0 20 40 60 80 60 80 100 120 140 160 180 200 idd6 [ua] temp. [ ] e 4 bank 2 bank 1 bank HY5S6B6dlf serise -20 0 20 40 60 80 60 80 100 120 140 160 180 200 idd6 [ua] temp. [ ] e 4 bank 2 bank 1 bank HY5S6B6dsf serise -20 0 20 40 60 80 60 80 100 120 140 160 180 200 idd6 [ua] temp. [ ] e 4 bank 2 bank 1 bank HY5S6B6dsf serise
rev 0.3 / july 2004 23 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram ac characteristics i (ac operating conditions unless otherwise noted) note : 1. assume t r / t f (input rise and fall time) is 1ns. if t r & t f > 1ns, then [(t r +t f )/2-1]ns should be added to the parameter. 2. access time to be measured with input signal s of 1v/ns edge rate, from 0.8v to 0.2v. if t r > 1ns, then (t r /2-0.5)ns should be added to the parameter. parameter symbol s b unit note min max min max system clock cycle time cas latency=3 t ck3 9.5 1000 15 1000 ns cas latency=2 t ck2 15 15 ns clock high pulse width t chw 3.5 - 3.5 - ns 1 clock low pulse width t clw 3.5 - 3.5 - ns 1 access time from clock cas latency=3 t ac3 -7-9 ns 2 cas latency=2 t ac2 -8-9 ns data-out hold time t oh 2.5 - 2.5 - ns data-input setup time t ds 3-4- ns 1 data-input hold time t dh 1.5 - 2 - ns 1 address setup time t as 3-4- ns 1 address hold time t ah 1.5 - 2 - ns 1 cke setup time t cks 3-4- ns 1 cke hold time t ckh 1.5 - 2.0 - ns 1 command setup time t cs 3-4- ns 1 command hold time t ch 1.5 - 2 - ns 1 clk to data output in low-z time t olz 1-1- ns clk to data output in high-z time cas latency=3 t ohz3 79 ns cas latency=2 t ohz2 89ns
rev 0.3 / july 2004 24 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram ac characteristics ii (ac operating conditions unless otherwise noted) note : 1. a new command can be given t rc after self refresh exit. parameter symbol s b unit note min max min max ras cycle time t rc 90 - 90 - ns ras to cas delay t rcd 28.5 - 30 - ns ras active time t ras 60 100k 60 100k ns ras precharge time t rp 28.5 - 30 - ns ras to ras bank active delay t rrd 19 - 30 - ns cas to cas delay t ccd 1-1-clk write command to data-in delay t wtl 0 - 0 - clk data-in to precharge command t dpl 2-2-clk data-in to active command t dal t dpl +t rp dqm to data-out hi-z t dqz 2-2-clk dqm to data-in mask t dqm 0-0-clk mrs to new command t mrd 2-2-clk precharge to data output high-z cas latency=3 t proz3 3- 3- clk cas latency=2 t proz2 22clk power down exit time t dpe 1-1-clk auto refresh cycle time t arfc 90 105 ns self refresh exit time t sre 1-1-clk1 refresh time t ref -64-64ms
rev 0.3 / july 2004 25 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram special operation for low power consumption deep power down mode deep power down mode is an operating mode to achieve ma ximum power reduction by cutting the power of the whole memory array of the devices. data will not be retained once the device enters deep power down mode. full initialization is required when the device exits from deep power down mode. truth table deep power down mode entry the deep power down mode is entered by having cs and we held low with ras and cas high at the rising edge of the clock, while cke is low. the following di agram illustrates deep power down mode entry. current state command cke n-1 cke n cs ras cas we idle deep power down entry h l l h h l deep power downdeep power down exitl h xxxx clk cke cs ras cas we t rp precharge if needed deep power down entry
rev 0.3 / july 2004 26 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram deep power down mode (continued) deep power down mode exit sequence the deep power down mode is exited by asserting cke high. after the exit, the following sequence is needed to enter a new command. 1. maintain nop input conditions for a minimum of 200usec 2. issue precharge commands for all banks of the device 3. issue 8 or more auto refresh commands 4. issue a mode register set command to initialize the mode register 5. issue an extended mode register set command to initialize the extended mode register the following timing diagra m illustrates deep power down mode exit sequence. clk cke cs ras cas we deep power down exit all banks precharge auto refresh auto refresh mode register set extended mode register set new command accepted here 200 s trp trc
rev 0.3 / july 2004 27 HY5S6B6d(l/s)f(p)-xe 4banks x 1m x 16bits synchronous dram package information 54 ball 0.8mm pitch 8mm fbga unit [mm] 1.20max 0.340 0.05 0.450 0.05 8.0 6.40bsc 0.80(typ) a1 index mark 8.00 0.80(typ) 6.40 4.00 0.05 bottom view 0.8 3.20 0.05


▲Up To Search▲   

 
Price & Availability of HY5S6B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X