Part Number Hot Search : 
V285ME10 01900 6V8BC UM3433 K2744 C5121 M1MA15 TLGE62
Product Description
Full Text Search
 

To Download EEEHC0J101P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hc ? eee-27 ? a 0.2 w () reference size d 0.5 h b 0.2 (i) k (p) (i) l + 0.3 max. pressure relief ( 10 and larger) 22 hc j capacitance ( f) rated voltage mark series identification lot number negative polarity marking (? mark for lead-free products black dot (square) features life time : 3000 h to 5000 h at 105 c vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant surface mo unt type series: hc type: v speci? cations category temp. range 40 c to +10 5 c rated w.v. range 6.3 v.dc to 50 v.dc nomi nal cap. range 0.1 f to 1000 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached standard pr oducts list endurance after applying ra ted workin g voltage for +105 c2 c and then being stabilized at +20 c, capacitors shall meet th e following limits. 4 to 6.3 (3 000 hours af ter applying rate d working voltage) 8 to 10 (5000 hours after applying rated working voltage) capacitance change ?0 % of initially measured value tan < 300 % of initially speci ed values dc leakag e current < initially speci ed values shelf life after storag e for 1000 hours at +105 c 2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance. (with voltage treatment) resistance to soldering heat capacitance change ?0 % of initially measured values tan < initially speci ed values dc leakag e current < initially speci ed values hb hc  long life di men sions in mm (not to scale) marking example:6. 3 v 22 f marking colo r : black size code dl a, b h i w p k b 4.0 5.8?.3 4.3 5.5 max. 1.8 0.65?.1 1.0 0.35 - 0.20 c 5.0 5.8?.3 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 - 0.20 d 6.3 5.8?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 d8 6.3 7.7?.3 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 - 0.20 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.2 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.2 + 0.15 + 0.15 + 0.15 + 0.15 frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 frequency correction factor for ripple current j 6.3 v a 10 v c 16 v rated volt age mark e 25 v v 35 v h 50 v (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ hc ? eee-28 ? standard prod ucts w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length size code ripple current (120 hz) (+105 ?) tan (120 hz) (+20 c) taping (v) (?) ( mm) (mm) (ma r .m.s.) (pcs) 6.3 22 4 5.8 b 26 0.30 eeehc0j220r (1) 2 000 47 5 5.8 c 46 0.30 eeehc0j470r (1) 1 000 100 6.3 5.8 d 71 0.30 EEEHC0J101P (1) 1 000 220 6.3 7.7 d8 101 0.30 eeehc0j221xp (1) 900 330 8 10.2 f 230 0.30 eeehc0j331p (2) 500 1000 10 10.2 g 313 0.50 eeehc0j102p (2) 500 10 33 5 5.8 c 43 0.26 eeehc1a330r (1) 1 000 220 8 10.2 f 160 0.26 eeehc1a221p (2) 500 16 10 4 5.8 b 28 0.20 eeehc1c100r (1) 2 000 22 5 5.8 c 39 0.20 eeehc1c220r (1) 1 000 47 6.3 5.8 d 70 0.20 eeehc1c470p (1) 1 000 100 6.3 7.7 d8 81 0.20 eeehc1c101xp (1) 900 470 10 10.2 g 340 0.20 eeehc1c471p (2) 500 25 33 6.3 5.8 d 65 0.16 eeehc1e330p (1) 1 000 47 6.3 7.7 d8 65 0.16 eeehc1e470xp (1) 900 100 8 10.2 f 130 0.16 eeehc1e 101p (2) 500 330 10 10.2 g 238 0.16 eeehc1e 331p (2) 500 35 4.7 4 5.8 b 15 0.14 eeehc1v4r7r (1) 2 000 10 5 5.8 c 28 0.14 eeehc1v100r (1) 1 000 22 6.3 5.8 d 55 0.14 eeehc1v220p (1) 1 000 33 6.3 7.7 d8 57 0.14 eeehc1v330xp (1) 900 220 10 10.2 g 220 0.14 eeehc1v221p (2) 500 50 0.1 4 5.8 b 1 0.12 eeehc1hr10r (1) 2 000 0.22 4 5.8 b 2.6 0.12 eeehc1hr22r (1) 2 000 0.33 4 5.8 b 3.2 0.12 eeehc1hr33r (1) 2 000 0.47 4 5.8 b 5 0.12 eeehc1hr47r (1) 2 000 145.8b100.12 eeehc1h1r0r (1) 2 000 2.2 4 5.8 b 16 0.12 eeehc1h 2r2r (1) 2 000 3.3 4 5.8 b 16 0.12 eeehc1h 3r3r (1) 2 000 4.7 5 5.8 c 23 0.12 eeehc1h4r7r (1) 1 000 10 6.3 5.8 d 35 0.12 eeehc1h100p (1) 1 000 22 6.3 7.7 d8 49 0.12 eeehc1h220xp (1) 900 33 8 10.2 f 91 0.12 eeehc1h330p (2) 500 47 8 10.2 f 100 0.12 eeehc1h470p (2) 500 100 10 10.2 g 160 0.12 eeehc1h101p (2) 500 ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 3000 h ( 8, 10 : 5000 h) 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEEHC0J101P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X