Part Number Hot Search : 
G3202 2N5600 JM3XXK FDS650 SST25VF0 AN77L05 RL207 D102K
Product Description
Full Text Search
 

To Download DP-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  667 related information selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m fiber sensors laser sensors photoelectric sensors micro photoelectric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measurement sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems conforming to emc directive the dual display means that the current value and the threshold value, it makes direct setting of threshold value equipped with a 30 mm 1.181 in square compact-sized dual display. because the current value and the threshold value can be checked at the same time, the threshold value can be set and checked smoothly without having to switch screen modes. on / off operations are still carried out while the threshold values are being set, so setting to the same sensitivity as dial control-type sensors is possible. and naturally a key lock function is also equipped. digital auto reference with analog output current value threshold value man-hours reduced by man-hours reduced by 3/4 3/4 DP-100 with dual display previous model with single display ? 91.8 note current value threshold value setting method operate mode key adjust threshold value return to run operation simply press a button during run operation 3-color display (red, green, orange) the main display changes color in line with changes in the status of output on / off operation, and it also changes color while setting is in progress. the sensor status can therefore be understood easily, and operating errors can be reduced. set : orange off: green (or red) on: red (or green) during normal operation during setting main display readable digital display 12 segments are used and an alphanumeric display has been adopted. this improves visual checking of letters and numbers. DP-100 series dual 3-color display makes operation easier! certified [dp-101(a) /102(a ) only] recognition general terms and conditions ........... f-17 sensor selection guide ................. p.661~ general precautions ..................... p.1405 koreas s-mark ............................. p.1410 panasonic-electric-works.net/sunx * ul 61010c-1 compatible, passed the ul 991 environment test based on semi s2-0200. [category applicable for semiconductor manufacturing: tww2, process equipment] [applicable standards: ul 61010c-1] [additional test / evaluation standards as per intended use: ul 991, semi s2-0200] * passed the ul 991 environment test sc-su1 ........................................... p.917 glossary of terms .......................... p.1373 dual display digital pressure sensor for gas
669 dual display digital pressure sensor DP-100 series selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m fiber sensors laser sensors photoelectric sensors micro photoelectric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measurement sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems functions equipped with two independent comparative outputs, and separate sensing modes can be selected for each of them. since there are two comparative outputs, one of the comparative outputs can even be used for alarm output. in addition, if an output is not being used, it can be disabled. equipped with independent dual output and three output modes standard type comparative output 1 easy mode comparative output 2 easy mode on off on off ?100 kpa p-1 0 kpa p-2 suction checking va cuum breakdown checking vacuum breakdown can also be checked during suction applications! reference pressure alarm output is possible during reference pressure checking! 0 kpa comparative output 1 hysteresis mode comparative output 2 easy mode on off on off lo-1 hi-1 p-2 reference pressure checking alarm output 1 easy mode this mode is used for comparative output on / off control. h (hysteresis) h: fixed p 0 on off comparative output pressure notes: 1) hysteresis can be fxed to one of eight different levels. 2) appears in the sub display for comparative output 1, and appears for comparative output 2. 2 hysteresis mode this mode is used for setting comparative output hysteresis to the desired level and for carrying out on / off control. lo hi 0 on off comparative output h (hysteresis) h: 1 digit or mor e pressure note: or appears in the sub display for comparative output 1, and or appears for comparative output 2. 3 window comparator mode this mode is used for setting comparative output on and off at pressures within the setting range. h (hysteresis) h: fixed h (hysteresis) comparative output lo hi 0 on off pressure notes: 1) hysteresis can be fxed to one of eight different levels. 2) or appears in the sub display for comparative output 1, and or appears for comparative output 2. if the reference pressure of the device changes, the auto-reference function partially shift the comparative output judgment level by the amount that the reference pressure shifts, and the remote zero-adjustment function can reset the display value to zero via external input. these functions are ideal for places where the reference pressure fuctuates wildly, or where fne settings are desired. equipped with auto-reference / remote zero-adjustment functions, more precise pressure management is possible with a minimum of effort multi-function type with auto-reference function applied 20 15 0 ?5 ok comparative output: window comparator mode hi-1?0, lo-1?? 5 when auto-reference input is applied, the reference pressure ?30? is added to the threshold level. if the reference pressure changes to ?20? or ?40?, the auto-reference input compensates for this every time by changing th e threshold level, so any variation in the filling pressure can be ignored. 30 auto-reference inpu t sets the absolute threshold leve l the display remains at ?30? and only the threshold level is changed. threshold level before applying auto-reference inpu t tr ial 1 25 ti me pressure tr ial 1 auto-reference input value ? comparative output: window comparator mode hi-1?0, lo-1??5 sets the absolute threshold leve l with remote zero-adjustment function applied 20 15 0 ?5 ok when remote zero-adjustment input is applied, the reference pressure is forced to ?0?. if the re ference pressure changes to ?20? or ?40?, the remote zero-adjustment inpu t adjusts the reference pressure to ?0? every time the reference pressure changes, so any variation in the fi lling pressure can be ignored. 30 remote zero-adjustment inpu t threshold level before applyin g remote zero-adjustment inpu t threshold level after applying remote zero-adjustment inpu t 25 ti me pressure displayed when remote zero-adjustmen t input is applied? ?5 the display is forced to ?0?, and only th e filling pressure drop range is displayed. 0 threshold level after applying auto-reference input
dual display digital pressure sensor DP-100 series 670 selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m fiber sensors laser sensors photoelectric sensors micro photoelectric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measurement sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems functions the sub display can be set to indicate any other desired values or letters apart from the threshold value. this eliminates the need for tasks such as affxing a label to the device to indicate the normal pressure value. sub display can be customized the DP-100 setting details appear in the digital display. because the settings are in numeric form that can be easily understood, it is useful for times such as when receiving technical support by telephone. setting details can be understood at a glance 1st digit: setting status for comparative output 1 5th digit: response time setting 6th digit: display unit setting 7th digit: display refresh rate setting 8th digit: eco mode setting 2nd digit: setting status for comparative output 2 3rd digit: threshold value setting 4th digit: display color setting mounting an exclusive mounting bracket that is suitable for 1 to 6 mm 0.039 to 0.236 in panel thickness is available. tight installation to panels is possible ta kes up much less space ti ght installation is possibl e front protection cover available ms-dp1-3 an exclusive mounting bracket (ms-dp1-1) that supports tight installation is available space savings can also be obtained if an l-shaped mounting bracket is used. cable can be connected with one-touch connection * connection cable the accessory connector attached cable (2 m 6.562 ft) can be connected easily with one-touch connection. commercially-available connectors can be used for cable connections. only the required length of cable needs to be used, which contributes to a reduced amount of wastage for unneeded cable. a single mounting hole! * options: 1 m 3.281 ft / 3 m 9.843 ft / 5 m 16.404 ft types are also available. ? ms-dp1-1 ? ms-dp1-5 ceiling mounting floor mounting rear mounting positioning bosses for easier mounting bracket installation tight installation is possibl e types without connector attached cable are also available dp-10-j environmentally friendly commercially-available parts can be used! commercially-available parts can be used!
671 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m m8 connector g 1/8 male thread m5 female thread mating cable cn-24a-c2 (cable length 2 m 6.562 ft) cn-24a-c5 (cable length 5 m 16.404 ft) m8 piug-in connector types are also available (for europe) switch-over of the pressure port or fat mounting on the wall is possible rc 1 / 8 conversion bushing improves compatibility with the previous model dp-11-e-p-j for short pressure port type for short pressure port type varieties * the illustration shows connection using an elbow joint. the elbow joint is sold separately. compact size with a depth of only 30 mm 1.181 in , so that it can easily ft into narrow spaces. further, 10 g lighter than standard types. this reduces the loads on movable parts such as robot arms. by mounting the fat attachment to dp-10-m(-p), pressure port and cable can now be pulled out in downward, left or right directions. flat mounting on surfaces such as the wall is made possible. by equipping the push-in converter with dp-10-m(-p), pressure port can be converted from m5 female thread to rc1/8 female thread. bore diameter conversion to the dp2 / dp3 series is possible. short pressure port type is lightweight and takes up little space dp-10-m standard type short pressure port type shortened to 12.5 mm 0.492 in ! light weight 30g approx. shortened to 12.5 mm 0.492 in ! light weight 30g approx. m5 female thread + r 1/8 male thread elbow joint m5 female thread [material: stainless steel (sus)] 30 mm 1.181 in short pressure port type dp-10-m ms-dp1-7 m5 female thread rc1/8 female thread conversion bushing flat attachment 3 possible directions to mount ms-dp1-f 20 mm 0.787 in pitch previous model model no. pressure port ms-dp1-fm ms-dp1-fr ms-dp1-fn ms-dp1-fe m5 female thread rc1/8 female thread npt1/8 female thread g1/8 female thread previous model dp2 / dp3 series can be switched over to DP-100 series. 20 mm 0.787 in pitch
dual display digital pressure sensor DP-100 series 672 fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m order guide type appearance rated pressure range model no. pressure port comparative output standard pressure port type asia standard for low pressure *cn-14a-c2 ( ) ( ) connector attached cable 2 m 6.562 ft is attached. excluding m8 plug-in connector type C100.0 to +100.0 kpa dp-101 m5 female thread + r 1/8 male thread npn open-collector transistor for high pressure C0.100 to +1.000 mpa dp-102 multi-function for low pressure C100.0 to +100.0 kpa dp-101a for high pressure C0.100 to +1.000 mpa dp-102a europe standard for low pressure C100.0 to +100.0 kpa dp-101-e-p m5 female thread + g 1/8 male thread pnp open-collector transistor for high pressure C0.100 to +1.000 mpa dp-102-e-p multi-function for low pressure C100.0 to +100.0 kpa dp-101a-e-p for high pressure C0.100 to +1.000 mpa dp-102a-e-p m8 plug-in connector type standard for low pressure C100.0 to +100.0 kpa dp-111-e-p-j m5 female thread + g 1/8 male thread pnp open-collector transistor for high pressure C0.100 to +1.000 mpa dp-112-e-p-j multi-function for low pressure C100.0 to +100.0 kpa dp-111a-e-p-j for high pressure C0.100 to +1.000 mpa dp-112a-e-p-j north america standard for low pressure C100.0 to +100.0 kpa dp-101-n m5 female thread + npt 1/8 male thread npn open-collector transistor dp-101-n-p pnp open-collector transistor for high pressure C0.100 to +1.000 mpa dp-102-n npn open-collector transistor dp-102-n-p pnp open-collector transistor multi-function for low pressure C100.0 to +100.0 kpa dp-101a-n npn open-collector transistor dp-101a-n-p pnp open-collector transistor for high pressure C0.100 to +1.000 mpa dp-102a-n npn open-collector transistor dp-102a-n-p pnp open-collector transistor short pressure port type asia standard for low pressure C100.0 to +100.0 kpa dp-101-m m5 female thread npn open-collector transistor for high pressure C0.100 to +1.000 mpa dp-102-m multi-function for low pressure C100.0 to +100.0 kpa dp-101a-m for high pressure C0.100 to +1.000 mpa dp-102a-m type without connector attached cable type without connector attached cable cn-14a-c2 is available. when ordering this type, suffx -j to the model no. (e.g.) type without connector atlached cable of dp-101-n is dp-101-n-j accessory ? cn-14a-c2 (connector attached cable 2 m 6.562 ft)
673 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m options recommended connector contact: sphd-001t-p0.5, housing: pap-04v-s (manufactured by j.s.t. mfg.co., ltd.) note: contact the manufacturer for details of the recommended products. recommended crimping tool model no.: yc-610r (manufactured by j.s.t. mfg. co., ltd.) note: contact the manufacturer for details of the recommended products. ? ms-dp1-2 ? ms-dp1-3 ? ms-dp1-4 panel mounting bracket, front protection cover front protection cover ms-dp1-3 panel mounting bracket ms-dp1-2 DP-100 panel mounting bracket ms-dp1-4 d p2 -2 0 ?101.3k pa o ut2 o ut1 mode 0-a dj dp2 / dp3 insert remove remove mounting holes for dp2 / dp3 series can be used as is. front protection cover dpx-04 (optional) can be installed on ms-dp1-4. designation model no. description connector attached cable cn-14a-c1 length: 1 m 3.281 ft 0.2 mm 2 4-core cabtyre cable with connector on one end cable outer diameter: ?3.7 mm ?0.146 in cn-14a-c2 (note) length: 2 m 6.562 ft cn-14a-c3 length: 3 m 9.843 ft cn-14a-c5 length: 5 m 16.404 ft connector attached cable (flexible cable) cn-14a-r-c1 length: 1 m 3.281 ft 0.2 mm 2 4-core fexible cabtyre cable with connector on one end cable outer diameter: ?3.7 mm ?0.146 in cn-14a-r-c2 length: 2 m 6.562 ft cn-14a-r-c3 length: 3 m 9.843 ft cn-14a-r-c5 length: 5 m 16.404 ft m8 connector attached cable cn-24a-c2 length: 2 m 6.562 ft for m8 plug-in connector type the connector on one end cable outer diameter: ?4 mm ?0.157 in cn-24a-c5 length: 5 m 16.404 ft connector cn-14a set of 10 housings and 40 contacts sensor mounting bracket ms-dp1-1 allows sensors to be installed on the fooring or ceiling. multiple sensors can also be mounted closely. ms-dp1-5 allows sensors to be installed on the wall. multiple sensors can also be mounted closely. panel mounting bracket ms-dp1-2 allows installation to panels with thickness of 1 to 6 mm 0.039 to 0.236 in . multiple sensors can also be mounted closely. ms-dp1-4 allows replacement from dp2 / dp3 series to DP-100 series. for newly designed set-up, please use panel mounting bracket ms-dp1-2 for panel mounting. front protection cover ms-dp1-3 protects the adjustment surfaces of sensors. (can be attached when using the panel mounting bracket) conversion bushing ms-dp1-7 by equipping with dp-10-m(-p), pressure port can be converted to rc1/8 female thread. replacement from dp2 / dp3 series is possible. flat attachment ms-dp1-fm m5 female thread pressure port and cable can now be pulled out in downward, left or right directions. flat mounting on surfaces such as the wall is made possible. ms-dp1-fr rc1/8 female thread ms-dp1-fn npt1/8 female thread ms-dp1-fe g1/8 female thread copy unit sc-su1 copy the controller settings to other controllers. note: the connector attached cable cn-14a-c2 is supplied with the DP-100 series. (excluding m8 plug-in connector type). sensor mounting bracket ms-dp1-1 m3 (length 6 mm 0.236 in) screws with washers accessory for ms-dp1-1 ( ) sensor mounting bracket ? ms-dp1-1 sensor mounting bracket ms-dp1-5 m3 (length 6 mm 0.236 in) screws with washers accessory for ms-dp1-5 ( ) ? ms-dp1-5 connector attached cable ? cn-14a-c ? cn-14a-r-c m8 connector attached cable ? cn-24a-c ?9 ?0.354 (unit: mm in) 31.4 1.236 ?4 ?0.157 conversion bushing ? ms-dp1-7 conversion bushing ms-dp1-7 m5 female thread rc1/8 female thread ? ms-dp1-fm ? ms-dp1-fr ? ms-dp1-fn ? ms-dp1-fe flat attachment ms-dp1-fm 15 g approx. ms-dp1-fr/fn/fe 25 g approx. net weight: two m3 (length 8 mm 0.315 in ) screws, two m4 (length 20 mm 0.787 in ) screws are attached. copy unit ? sc-su1
dual display digital pressure sensor DP-100 series 674 fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m specifications notes: 1) where measurement conditions have not been specifed precisely, the conditions used were an ambient temperature of +20 c +68 f. 2) model nos. of asia type having -m are short pressure port type. model nos. of north america type having the suffx -p are pnp output type. 3) cannot be used at the same time. type standard multi-function for low pressure for high pressure for low pressure for high pressure model no. asia (note 2) dp-101 (-m)(-p) dp-102 (-m)(-p) dp-101a (-m)(-p) dp-102a (-m)(-p) europe dp-101-e-p dp-102-e-p dp-101a-e-p dp-102a-e-p m8 plug-in connector type dp-111-e-p-j dp-112-e-p-j dp-111a-e-p-j dp-112a-e-p-j item north america (note 2) dp-101-n (-p) dp-102-n (-p) dp-101a-n (-p) dp-102a-n (-p) type of pressure gauge pressure rated pressure range C100.0 to +100.0 kpa C0.100 to +1.000 mpa C100.0 to +100.0 kpa C0.100 to +1.000 mpa set pressure range C100.0 to +100.0 kpa C1.020 to +1.020 kgf/cm 2 C1.000 to +1.000 bar C14.50 to +14.50 psi C750 to +750 mmhg C29.5 to +29.5 inhg C0.100 to +1.000 mpa C100 to +1,000 kpa C1.02 to +10.20 kgf/cm 2 C1.00 to +10.00 bar C14.6 to +145.0 psi C100.0 to +100.0 kpa C1.020 to +1.020 kgf/cm 2 C1.000 to +1.000 bar C14.50 to +14.50 psi C750 to +750 mmhg C29.5 to +29.5 inhg C0.100 to +1.000 mpa C100 to +1,000 kpa C1.02 to +10.20 kgf/cm 2 C1.00 to +10.00 bar C14.6 to +145.0 psi pressure withstandability 500 kpa 1.5 mpa 500 kpa 1.5 mpa applicable fuid non-corrosive gas selectable unit for low pressure: kpa, kgf/cm 2 , bar, psi, mmhg, inhg, for high pressure: mpa, kpa, kgf/cm 2 , bar, psi supply voltage 12 to 24 v dc 10 % ripple p-p 10 % or less power consumption normal operation: 840 mw or less (current consumption 35 ma or less at 24 v supply voltage) eco mode: 600 mw or less at std (current consumption 25 ma or less at 24 v supply voltage) 480 mw or less at full (current consumption 20 ma or less at 24 v supply voltage) comparative output npn open-collector transistor ? maximum sink current: 100 ma ? applied voltage: 30 v dc or less (between comparative output and 0 v) ? residual voltage: 2 v or less (at 100 ma sink current) pnp open-collector transistor ? maximum source current: 100 ma ? applied voltage: 30 v dc or less (between comparative output and +v) ? residual voltage: 2 v or less (at 100 ma source current) output operation / output modes no / nc (selectable by key operation) / easy mode / hysteresis mode / window comparator mode hysteresis minimum 1 digit (variable) (however, 2 digits when using psi unit) repeatability 0.1 % f.s. (within 2 digits) 0.2 % f.s. (within 2 digits) 0.1 % f.s. (within 2 digits) 0.2 % f.s. (within 2 digits) response time 2.5 ms, 5 ms, 10 ms, 25 ms, 50 ms, 100 ms, 250 ms, 500 ms, 1,000 ms, 5,000 ms, selectable by key operation short-circuit protection incorporated external input (note 3) auto-reference function / remote zero-adjustment function C on voltage: 0.4 v dc or less off voltage: 5 to 30 v dc, or open input impedance: 10 k approx. input time: 1 ms or more on voltage: 5 v to +v dc off voltage: 0.6 v dc or less, or open input impedance: 10 k approx. input time: 1 ms or more analog voltage output (note 3) C output voltage: 1 to 5 v dc zero point: within 3 v 5 % f.s. span: within 4 v 5 % f.s. linearity: within 1 % f.s. output impedance: 1 k approx. output voltage: 0.6 to 5 v zero point: within 1 v 5 % f.s. span: within 4.4 v 5 % f.s. linearity: within 1 % f.s. output impedance: 1 k approx. display 4 digits + 4 digits 3-color lcd display (display refresh rate: 250 ms, 500 ms, 1,000 ms, selectable by key operation) displayable pressure range C100.0 to +100.0 kpa C1.020 to +1.020 kgf/cm 2 C1.000 to +1.000 bar C14.50 to +14.50 psi C750 to +750 mmhg C29.5 to +29.5 inhg C0.100 to +1.000 mpa C100 to +1,000 kpa C1.02 to +10.20 kgf/cm 2 C1.00 to +10.00 bar C14.6 to +145.0 psi C100.0 to +100.0 kpa C1.020 to +1.020 kgf/cm 2 C1.000 to +1.000 bar C14.50 to +14.50 psi C750 to +750 mmhg C29.5 to +29.5 inhg C0.100 to +1.000 mpa C100 to +1,000 kpa C1.02 to +10.20 kgf/cm 2 C1.00 to +10.00 bar C14.6 to +145.0 psi indicator orange led comparative output 1 operation indicator, comparative output 2 operation indicator: lights up when each comparative output is on orange led comparative output 1 operation indicator: lights up when comparative output is on, analog voltage output operation indicator: lights up when setting environmental resistance protection ip40 (iec) ambient temperature C10 to +50 c +14 to +122 f, storage: C10 to +60 c +14 to +140 f (no dew condensation or icing allowed) ambient humidity 35 to 85 % rh, storage: 35 to 85 % rh voltage withstandability 1,000 v ac for one min. between all supply terminals connected together and enclosure insulation resistance 50 m, or more, with 500 v dc megger between all supply terminals connected together and enclosure vibration resistance 10 to 500 hz frequency, 3 mm 0.118 in amplitude or maximum acceleration 196 m/s 2 , in x, y and z directions for two hours each (when panel is mounted: 10 to 150 hz frequency, 0.75 mm 0.030 in amplitude or maximum acceleration 49 m/s 2 , in x, y and z directions for two hours each) shock resistance 100 m/s 2 acceleration (10 g approx.) in x, y and z directions for three times each temperature characteristics within 0.5 % f.s. (at +20 c +68 f) within 1 % f.s. (at +20 c +68 f) within 0.5 % f.s. (at +20 c +68 f) within 1 % f.s. (at +20 c +68 f) pressure port asia: m5 female thread + r (pt) 1/8 male thread (excluding dp--m(-p)), europe: m5 female thread + g 1/8 male thread, north america: m5 female thread + npt 1/8 male thread material enclosure: pbt (glass fber reinforced), lcd display: acrylic, pressure port: stainless steel (sus303)] , mounting threaded part: brass (nickel plated), switch part: silicone rubber connecting method / cable length connector / total length up to 100 m 328.084 ft (less than 30 m 98.425 ft when conforming to ce marking) is possible with 0.3 mm 2 , or more, cable. weight net weight: 40 g approx. [dp-10-m(-p): 30 g approx.], gross weight: 135 g approx. [dp-10-m(-p): 125 g approx.] accessories cn-14a-c2 (connector attached cable 2 m 6.562 ft): 1pc. (excluding m8 plug-in connector type)
675 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m 1k z d1 d 1 d 2 load t r 1 t r 2 100ma max. 1 2 3 4 users circuit internal circuit 12 to 24 v dc 10 % + C (white) analog voltage output or external input (black) comparative output 1 (brown) +v (blue) 0 v te rminal no. color code of connector attached cable sensor circuit i/o circuit and wiring diagrams i/o circuit diagram terminal arrangement diagram 1 2 3 4 terminal no. designation 1 +v 2 comparative output 1 3 standard type: comparative output 2 multi-function type: analog voltage output or external input 4 0 v users? circuit internal circuit d 12 to 24 v dc 10 % + ? load load t r 1 z d2 z d1 t r 2 100ma max. 100ma max. (blue) 0 v 1 te rminal no. color code of connector attached cable 2 3 4 (black) comparative output 1 (white) comparative output 2 (brown) +v sensor circuit standard type multi-function type symbols d: reverse supply polarity protection diode z d1, z d1 : surge absorption zener diode tr 1 , tr 2 : npn output transistor 1k users circuit internal circuit d 1 d 2 12 to 24 v dc 10 % + C (white) analog voltage output or external input load (black) comparative output 1 (brown) +v t r 1 5v z d1 t r 2 100ma max. (blue) 0 v 1 3 2 4 te rminal no. color code of connector attached cable sensor circuit symbols d 1 , d 2 : reverse supply polarity protection diode z d1 : surge absorption zener diode tr 1 : pnp input transistor tr 2 : npn output transistor dp-10 npn output type users? circuit internal circuit 12 to 24 v dc 10 % + ? (black) comparative output 1 load load (white) comparative output 2 (brown) +v t r 1 z d2 z d1 t r 2 100ma max. 100ma max. (blue) 0 v d 1 2 3 4 te rminal no. color code of connector attached cable sensor circuit i/o circuit diagram terminal arrangement diagram 1 2 3 4 terminal no. designation 1 +v 2 comparative output 1 3 standard type: comparative output 2 multi-function type: analog voltage output or external input 4 0 v standard type multi-function type symbols d: reverse supply polarity protection diode z d1, z d1 : surge absorption zener diode tr 1 , tr 2 : pnp output transistor symbols d 1 , d 2 : reverse supply polarity protection diode z d1 : surge absorption zener diode tr 1 : pnp output transistor tr 2 : npn input transistor dp-10-p pnp output type
dual display digital pressure sensor DP-100 series 676 fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m z d1 d 1 d 2 (white) analog voltage output or external input load (black) comparative output 1 t r 1 t r 2 100 ma max. 1 4 2 3 users? circuit internal circuit 12 to 24 v dc 10 % + ? (brown) +v (blue) 0 v sensor circuit te rminal no. color code of connection cable 1k 12 to 24 v dc 10 % + ? (black) comparative output 1 load load (white) comparative output 2 t r 1 z d2 z d1 t r 2 100 ma max. 100 ma max. (blue) 0 v d 1 4 2 3 users? circuit internal circuit sensor circuit te rminal no. color code of connection cable (brown) +v i/o circuit diagram terminal arrangement diagram terminal no. designation 1 +v 2 standard type: comparative output 2 multi-function type: analog voltage output or external input 3 0 v 4 comparative output 1 standard type multi-function type symbols d: reverse supply polarity protection diode z d1, z d1 : surge absorption zener diode tr 1 , tr 2 : pnp output transistor mounting ? the ms-dp1-1 sensor mounting bracket is available separately, and it should be used for mounting. when tightening the sensor to the sensor mounting bracket, use a tightening torque of 0.5 nm or less. sensor mounting bracket ms-dp1-1 (optional) m3 (length 6 mm 0.236 in ) screws with washers (accessory for ms-dp1-1 ) ? the ms-dp1-2 panel mounting bracket (optional) and the ms-dp1-3 front protection cover (optional) are also available. front protection cover ms-dp1-3 (optional) panel mounting bracke t ms-dp1-2 (optional) connection connector attached cable [cn-14a (-r)-c] ? do not apply stress directly to the connection cable leader or to the connector. conditions in use for ce conformity ? the DP-100 series is a ce conformity product complying with emc directive. the harmonized standard with regard to immunity that applies to this product is en 61000-6-2 and the following condition must be met to conform to that standard. conditions ? the line to connect with this sensor should be less than 30 m 98.425 ft. precautions for proper use refer to general precautions. i/o circuit and wiring diagrams 1 2 3 4 symbols d 1 , d 2 : reverse supply polarity protection diode z d1 : surge absorption zener diode tr 1 : pnp output transistor tr 2 : npn input transistor dp-11-e-p-j pnp output type ? never use this product as a sensing device for personnel protection. ? in case of using sensing devices for personnel protection, use products which meet laws and standards, such as osha, ansi or iec etc., for personnel protection applicable in each region or country. ? the DP-100 series is designed for use with non-corrosive gas. it cannot be used with liquid or corrosive gas.
677 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m precautions for proper use refer to general precautions. ? the ms-dp1-4 panel mounting bracket is available when switching from the dp2 / dp3 series. ? if connecting a commercially-available coupling to the pressure port, attach a 12 mm 0.472 in spanner (14 mm 0.551 in spanner for DP-100-e type) to the hexagonal section of the pressure port to secure it, and tighten at a torque of 9.8 nm or less. if it is tightened using excessive torque, it may damage the coupling or the pressure port. in addition, wrap sealing tape around the coupling when connecting it to prevent leaks. ? if connecting a commercially-available joint to the pressure port of the dp-10-m, hold the main unit in your hand to steady it, and tighten to a torque of 1.0 nm or less. if it is tightened to an excessive torque, the joint or the main unit may become damaged. ? if connecting a commercially-available joint to the pressure port of the ms-dp1-7, tighten to a torque of 9.8 nm or less. ? make sure to mount ms-dp1-f with the sensor properly. if it is not mounted properly, air leakage may occur. ? take care that the excessive mounting and dismounting of this product may cause deterioration of the o-ring. ? if you touch the o-ring of ms-dp1-f, or any scratch or dust, etc. is attached to it, air leakage may occur and the sensing performance may deteriorate. take suffcient care when using and storing ms-dp1-f. ? the tightening torque should be 1 nm or less when connecting a coupling to the pressure port of ms-dp1-fm. ? when connecting the coupling to the pressure port of ms-dp1-fr/fe/fn, hold the pressure port with a 14 mm 0.551 in spanner and make sure that the tightening torque is 9.8 nm or less. in addition, in order to prevent any leakage, wind a sealing tape on the coupling when connecting. ? an conversion bushing is available for when using the dp-10-m short pressure port type. it can be used to switch between this model and the dp2 / dp3 series. when connecting to the pressure port, use a tightening torque of 1.0 nm or less. ? the ms-dp1-f fat attachment is available. if using the ms-dp1-f fat attachment (optional), install by following the procedures given below. 1 decide the direction of this product to mount with the sensor. 2 mount this product with the m3 female threads of the sensor by using the attached m3 (length 8 mm 0.315 in) screws. the tightening torque should be 0.5 nm or less. 3 mount this product with the mounting surface by using the attached m4 (length 20 mm 0.787 in) screws. the tightening torque should be 1.2 nm or less. mounting piping flat attachment dp2-20 ?1 01 .3kp a out2 ou t1 mode 0- ad j front protective cover dpx-04 (optional) can be installed on ms-dp1-4. dp2 / dp3 DP-100 insert remove remove panel mounting bracket ms-dp1-4 mounting holes for dp2 / dp3 series can be used as is. conversion bushing ms-dp1-7 m5 female thread rc1/8 female thread note: it is not possible to mount this product such that the pressure port faces upward. pressure port faces downward pressure port faces leftward pressure port faces rightward pressure port faces upward m3 (length 8 mm 0.315 in ) screw (accessory) m3 female thread m3 female thread connector attached cable groove m4 (length 20 mm 0.787 in ) screw (accessory) note: take care that if the cable with connector is sticking out of the side groove of this product when mounting, the cable may disconnected. connector attached cable groove m4 (length 20 mm 0.787 in ) screw (accessory) note: take care that if the cable with connector is sticking out of the side groove of this product when mounting, the cable may disconnected. 12 mm 0.472 in spanner 14 mm 0.551 in spanner coupling (purchase separately.) pressure por t 14 mm 0.551 in spanne r note: do not tighten the pressure port by holding the product with the spanner. it may cause the product breakage.
dual display digital pressure sensor DP-100 series 678 fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m precautions for proper use refer to general precautions. pro mode ? if the mode selection key is pressed and held for 5 sec. in run mode, the mode will switch to pro mode. ? if the mode selection key is pressed while a setting is being made, the mode will switch to run mode. in this case, the settings that have been changed will be entered. setting item description sub display switching changes the information in the sub display during run mode operation to the desired alphanumeric display. display refresh rate switching changes the display refresh rate for the pressure value displayed in the main display. hysteresis fx value switching sets the response time for easy mode and window comparator mode. (8 steps) linked display color switching (standard type only) allows the display color for the main display to be switched in line with the output operation for comparative output 1 or comparative output 2. eco mode setting allows power consumption to be reduced by dimming the display or turning it off. setting check code allows the setting details to be checked via codes. setting copy mode allows the setting details for the master sensor to be copied to slave sensors. reset setting resets the settings to the factory settings. ? ? ? ? ? ? ? ? ? ? ? ? adj. ? ? analog voltage output auto- reference remote zero-adjustment comparative output 1 comparative output 2 no off off comparative output 1 p-1, lo-1 nc no comparative output 2 hi-1 no nc comparative output 1 p-2, lo-2 nc no comparative output 2 hi-2 no nc nc comparative output 1 nc no comparative output 2 easy code hysteresis window comparator easy hysteresis window comparator red when on green when on always red always green 1st digit analog voltage output / external input no / nc switching comparative output 2 output mode comparative output 1 output mode no / nc switching display color for main display threshold value display display color linking standard type only 2nd digit standard type multi-function type 3rd digit 4th digit 2.5 ms mpa 250 ms off 5 ms kpa 500 ms std 10 ms kgf/cm 2 1,000 ms full 25 ms bar ? ? 50 ms psi ? ? 100 ms mmhg ? ? 250 ms inchhg ? ? 500 ms ? ? ? 1,000 ms ? ? ? 5,000 ms ? ? ? response time unit switching display refresh rate eco mode 5th digit 6th digit 7th digit 8th digit code others ? use within the rated pressure range. ? do not apply pressure exceeding the pressure withstandability value. the diaphragm will get damaged and correct operation shall not be maintained. ? do not use during the initial transient time (0.5 sec. approx.) after the power supply is switched on. ? avoid dust, dirt, and steam. ? take care that the sensor does not come in direct contact with water, oil, grease, or organic solvents, such as, thinner, etc. ? do not insert wires, etc., into the pressure port. the diaphragm will get damaged and correct operation shall not be maintained. ? do not operate the keys with pointed or sharp objects. menu setting mode ? if the mode selection key is pressed and held for 2 sec. in run mode, the mode will switch to menu setting mode. ? if the mode selection key is pressed while a setting is being made, the mode will switch to run mode. in this case, the settings that have been changed will be entered. setting item description comparative output 1 output mode setting sets the output mode for comparative output 1. comparative output 2 output mode setting (standard type only) sets the output mode for comparative output 2. analog voltage output / external input switching (multi-function type only) allows switching between analog voltage output and auto-reference input / remote zero-adjustment input. no / nc switching sets normally open (no) or normally closed (nc). response time setting sets the response time. the response time can be selected from 2.5 ms, 5 ms, 10 ms, 25 ms, 50 ms, 100 ms, 250 ms, 500 ms, 1,000 ms and 5,000 ms. display color switching for main display allows the color for the main display to be changed. the colors can be set to red / green or green / red to correspond to on / off output, or it can be fxed at red or green all the time. unit switching pressure unit can be changed. run mode ? this is the normal operating mode. setting item description threshold value setting the threshold values for on / off operation can be changed directly by pressing the increment key (up) and the decrement key (down). zero-adjustment function this forces the pressure value display to be reset to zero when the pressure port is open on the atmospheric pressure side. key lock function stops key operations from being accepted. peak hold / bottom hold function displays the peak value and bottom value for fuctuating pressure. the peak value appears in the main display, and the bottom value appears in the sub display. table of codes
679 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m dimensions (unit: mm in) the cad data in the dimensions can be downloaded from our website. dp-10 sensor 20 0.787 20 0.787 m3 female thread, 4 0.157 deep m5 female thread 12 0.472 connector 1.5 0.059 30 1.181 30 1.181 9.5 0.374 42.5 1.673 7.5 0.295 r (pt) 1/8 male thread (north america: npt 1/8) 25.5 1.004 europe g 1/8 male thread 10 0.394 7 0.276 14 0.551 europe dp-10-m(-p) sensor 30 1.181 30 1.181 20 0.787 1.5 0.059 4.5 0.177 ?8.3 ?0.327 30 1.181 20 0.787 25.5 1.004 m5 female thread, 4 0.157 deep m3 female thread, 4 0.157 deep connector dp-11-e-p-j sensor 30 1.181 30 1.181 47.5 1.870 7 0.276 25.5 1.004 15 0.591 7 0.276 1.5 0.059 g 1/8 male thread 9.5 0.374 4.5 0.177 m3 female thread, 4 0.157 deep m5 female thread m8 connector 20 0.787 20 0.787 14 0.551 cn-14a-c cn-14a-r-c connector attached cable (optional, cn-14a-c2 is attached to the sensor) 35 1.378 8 0.315 50 0.969 l ?3.7 ?0.146 cable 8 0.315 model no. length l cn-14a( -r) -c1 1,000 39.370 cn-14a( -r) -c2 2,000 78.740 cn-14a( -r) -c3 3,000 118.110 cn-14a( -r) -c5 5,000 196.850 ? length l
dual display digital pressure sensor DP-100 series 680 fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m dimensions (unit: mm in) the cad data in the dimensions can be downloaded from our website. ms-dp1-1 sensor mounting bracket (optional) ms-dp1-5 sensor mounting bracket (optional) ms-dp1-2 ms-dp1-3 panel mounting bracket (optional), front protection cover (optional) assembly dimensions assembly dimensions assembly dimensions material: cold rolled carbon steel (spcc) (uni-chrome plated) two m3 (length 6 mm 0.236 in ) screws with washers are attached. material: cold rolled carbon steel (spcc) (uni-chrome plated) two m3 (length 6 mm 0.236 in ) screws with washers are attached. note: the panel thickness should be 1 to 6 mm 0.039 to 0.236 in . note: the panel thickness should be 1 to 6 mm 0.039 to 0.236 in . material: pom (panel mounting bracket) polycarbonate (front protection cover) mounting drawing with dp-10 mounting drawing with dp-10-m mounting drawing with dp-10 when 1 unit is installed when n units are installed horizontally in series when n units are installed vertically in series 4.2 0.165 9.5 0.374 14.5 0.571 2-r2.1 r0.083 ?2.3 ?0.091 1 0.039 22 0.866 t 2 t 0.079 20 0.787 5.5 0.217 44 1.732 r13 r0.512 13 0.512 20 0.787 30 1.181 20 0.787 2-?3.5 ?0.138 5.3 0.209 ( ) 4.2 0.165 9.5 0.374 2-r2.1 r0.083 22 0.866 14.5 0.571 25.5 1.004 15 0.591 30 1.181 30 1.181 45 1.772 45 1.772 7.5 0.295 1.5 0.059 9.5 0.374 t 2 t 0.079 30 1.181 42.5 1.673 12 0.472 22.75 0.896 20 0.787 29.5 1.161 20 0.787 13.5 0.531 4.5 0.177 44.5 1.752 30 1.181 28 1.102 t 1.5 t 0.059 8.5 0.335 ?4.5 ?0.177 2-?3.5 ?0.138 20 0.787 ( ) 20 0.787 4.5 0.177 28.5 1.122 49.5 1.949 ?4.5 ? 0.177 49.5 1.949 30 1.181 29.5 1.161 53.5 2.106 1.5 0.059 4.5 0.177 30 1.181 r6.75 r0.266 16 0.630 ?8.3 ?0.327 t 1.5 t0.059 28 1.102 20 0.787 34.5 1.358 20 0.787 34.5 1.358 39.3 1.547 ( ) ( ) 8.7 0.343 7.2 0.283 11 0.433 9.5 0.374 7.5 0.295 panel thickness dimension 1 to 6 mm 0.039 to 0.236 in 18.3 0.720 33.4 1.315 50 1.969 33.4 1.315 m3 female thread, 4 0.157 deep connector front protection cover m5 female thread, 4 0.157 deep (52 2.047 max) 12 0.472 r(pt) 1 / 8 male thread view a 31 0 ? 0.4 31 0 ?0.4 1.220 0 ?0.016 1.220 0 ? 0.016 31 1.220 n + 3.5 0.138 (n-1) 55 2.165 or more 31 1.220 n + 3.5 0.138 (n-1) 55 2.165 or more 31 0 ? 0.4 31 0 ? 0.4 1.220 0 ? 0.016 1.220 0 ? 0.016 panel cut-out dimensions
681 dual display digital pressure sensor DP-100 series fiber sensors laser sensors photo- electric sensors micro photo- electric sensors area sensors light curtains pressure / flow sensors inductive proximity sensors particular use sensors sensor options simple wire-saving units wire-saving systems measure- ment sensors static control devices endoscope laser markers plc / terminals human machine interfaces energy consumption visualization components fa components machine vision systems uv curing systems selection guide pressure/ digital display pressure/ head-separated flow other products DP-100 dp-m spacer connector m5 female thread 12 0.472 56 2.205 80 3.150 36 1.417 +0.5 0 + 0.020 0 36 1.417 +0.5 0 + 0.020 0 note: the panel tickness should be 1 to 32 mm 0.039 to 1.260 in. material: panel mounting bracket body nylon 6 panel mounting bracket stainless steel (sus304) spacer cold rolled carbon steel (spcc)(uni-chrome plated) material: brass (nickel plated) weight: 10 g approx. note: ms-dp1-fr has a rc1/8 female thread. ms-dp1-fn has a npt1/8 female thread. 30 1.181 30 1.181 40 1.575 42.7 1.681 ( ) 3 0.118 36 1.417 6.5 0.256 26.5 1.043 9.7 0.382 ( ) 42.7 1.681 panel thickness dimension 1 to 3.2 mm 0.039 to 0.126 in 8 0.315 front protection cover (dpx-04) panel mounting bracket body panel mounting bracket r 1 / 8 male thread 40 1.575 3.5 0.138 7.8 0.307 8 0.315 11 0.433 10 0.394 14 0.551 m5 male thread gasket rc 1 / 8 female thread 0.5 0.020 ( ) 15.8 0.622 dimensions (unit: mm in) the cad data in the dimensions can be downloaded from our website. ms-dp1-4 panel mounting bracket (optional) ms-dp1-7 conversion bushing (optional) ms-dp1-fm flat attachment (optional) ms-dp1-fr/fn/fe flat attachment (optional) assembly dimensions mounting drawing with dp-10 panel cut-out dimensions assembly dimensions assembly dimensions mounting drawing with dp-10 -m mounting drawing with dp-10 -m m5 female thread 8.5 0.335 20 0.787 5.5 0.217 6.5 0.256 44.5 1.752 24 0.945 44.5 1.752 2-?4.3 ?0.169 11.5 0.453 37 1.457 17.5 0.689 11 0.433 30 1.181 24 0.945 24 0.945 30 1.181 ( ) ( ) material: enclosurepolybutylene terephthalate (pbt) (glass fber reinforced) pressure port stainless steel (sus303) o-ringhydrogenated nitrile butadiene rubber (h-nbr) weight: 15 g approx. (fat attachment only) two m3 (length 8 mm 0.315 in) screws, two m4 (length 20 mm 0.787 in) screws are attached. 5.5 0.217 6.5 0.256 37 1.457 11 0.433 8.5 0.335 17.5 0.689 11.5 0.453 pressure port g 1 / 8 female thread (note) 20 0.787 14 0.551 13.5 0.531 product distinguishing mark ms-dp1-fr: 0 line ms-dp1-fn: 1 line ms-dp1-fe: 2 line 52.5 2.067 ( ) 24 0.945 ( ) 30 1.181 24 0.945 2-?4.3 ?0.169 52.5 2.067 30 1.181 24 0.945 material: enclosurepolybutylene terephthalate (pbt) (glass fber reinforced) pressure portstainless steel (sus303) o-ringhydrogenated nitrile butadiene rubber (h-nbr) weight: 25 g approx. (fat attachment only) two m3 (length 8 mm 0.315 in) screws, two m4 (length 20 mm 0.787 in) screws are attached.
memo 682


▲Up To Search▲   

 
Price & Availability of DP-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X