Part Number Hot Search : 
SL1914 1102C 527281TK 10248 MAX334 BAL6688 15SMC11A AR2508L
Product Description
Full Text Search
 

To Download CIF859 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cif 090 91 7 rf. aa15, aac16, aac20, ab1 5 , abc16, abc20, abd16, abd20, aeb1 6, aeb20 epoxy base 16/10th - 35 ? positive resin, blue c o loured bleue, without marbling ? micro defi n ition ? resin thic kness: 2,5 . ? adhesive anti uv protection. ? guarantee 5 years. ? individual plastic packaging ? excellent quality ? resists to every acids ? long life storage size in mm 1 side 2 sides 150 x 200 aa 15 ab 15 epoxy base 4/10th - 35 size in mm 1 side 2 sides 100 x 160 aac 16 abc 16 200 x 300 aac 20 abc 20 epoxy base 8/10th - 35 - high qualified stratified - 8 glass tissue layers - standard mil 13949 f for fr4 - ul 94 vo exists in 2 and 4/10th, upon request. size in mm 1 side 2 sides 100 x 160 adb 16 aeb 16 200 x 300 adb 20 aeb 20 ed it le 13/11/200 8 pag e n1/6
cif 090 91 7 rf. ag 611, ag621 , ag631, ajp20 tinned copper clad pads drilled at 2,54 mm pitch. ? -> drillin g 1 mm square pads 2 mm each side. gap of 0, 54 mm on the whole surf ace. connec tor din 41612. size in mm item code 100 x 160 ag 611 double sided epoxy , thickness 16/10 th tinned copper clad pads drilled at 2,54 mm pitch. ? -> drillin g 1 mm square pads 2 mm on sides. gap of 0.54 mm on the w hole surface. 2.54 mm pitch plug-in connector. size in mm item code 100 x 160 ag 621 tinned copper clad pads drilled at 2,54 mm pitch. ? -> drillin g 1 mm square pads 2 mm on sides. gap of 0.54 mm on the w hole surface. connector din 41612. size in mm item code 100 x 160 ag 631 single sided bakelite 35 , thickness 15/ 10t h tinne d copper clad strips or pads drilled at 2,54 mm pitch. ? -> drillin g 1 mm. gap of 0,5 4 mm on th e whole sur f ace. width of tracks 2 mm over the whole surface. size in mm item code strips item code pads 100 x 200 ajb 20 ajp 20 ed it le 13/11/200 8 pag e n2/6
cif 090 91 7 rf. du80, du85 carbide drill bits ? monopiece. queue rei n forced 3,17 ? in stock fro m 0,4 mm to 3,17 mm ? minimum drilling spee d 20 000 tr/min ? most little is the diameter, higher wil be the speed ? descent speed from 1,6 to 4 m/mi n ? (mm) item code ? (mm) item code 0,6 du 66 2 , 0 du 80 1,1 du 71 2 , 5 du 85 rf. dufd1 carbide milling bit ? monopiec e carbide tool ? queue 3,17 mm - front face ? (mm) cote c in mm item code 2,0 8,0 dufd 1 rf. ep11 6 drilling ply w ood basic configuration process item code qty drilling boards, by 10 drilling ep116 1 ed it le 13/11/200 8 pag e n3/6
cif 090 91 7 rf. CIF859 desoldering station - handy 8 59 ke y featur es for handy 859: ? ergonomic desoldering gun ? build-in vacuum pump, with strong suction ? entirely esd new auto desoldering station. the handy 859 station has a very light and easy handle ergonomic desoldering gun for easy work. a closed circuit temperature s ensor ensures a regular and accura te heating. the station is entirely esd. it is also autonomous thanks to built-in vacuum pump. the station is delivered complete with iron stand and cleaning kit. many nozzles are available: description item code handy 859 CIF859 technical characteristics handy 85 9 desoldering temperature 280c to 450c outlet tension 27 v ac desoldering gun power 60 w depressur e power 680 mmhg desoldering extraction air flow 15 l/min power totale 130 w net weight 6,7 kg dimensions l x w x h 162 x 250 x 160 mm electrical s upply 230 v ? 50/60hz accessories for handy 859 item code nozzle ? 0.8 mm a1002 nozzle ? 1.0 mm a1003 nozzle ? 1.2 mm a1006 nozzle ? 1.5 mm a1007 ed it le 13/11/200 8 pag e n4/6
cif 090 91 7 rf. v700043, v700044 rien rf. f42202 solder flu x for repair packaging adapted to repair operations. frost flux is packaged in a syringe to have a very accurate deposit on the surface. each syringe is deliv ered with a manual plunger; it can be connected to a dispenser or due to the standard syringe shape. description item code no clean frost flux wit h plunger, syringe 10 cc f42 202 rf. f42240 lead free allo y s description packaging item code alloys sn96.5ag3cu0.5, 12% of flux syringe 10 ml f42 240 rf. i43410, i43411, i43412 the nozzles for filtrate c ? units nozzles for filtratec? units item code a luminium nozzle ? 50 mm, bevelled end 45 i43 410 black plastic nozzle ? 32 mm i43 411 black plastic nozzle ? 50 mm i43 412 ed it le 13/11/200 8 pag e n5/6
cif 090 91 7 ed it le 13/11/200 8 pag e n6/6 rf. i43512 filter small hood dedic ated to f ilter fumes, solvents, acids? for a better view, this equipment has a transparent upper cover. the small hood sits directly on the workbenc h surface. strong ir on manufacturing with an epoxy paint coating to avoid any corrosion risk. an extraction pipe of diameter 75 mm allows eas ily co nnecting the cabinet to the filter units filtrix or filtratec. description item code filter small hood sh 75 i43 512 technical characteristics model sh 75 internal dimensions (l x w x h) 745 x 386 x 375 mm transparent upper cover yes connecting pipe ? 75 mm yes extenral dimensions (l x w x h) 750 x 400 x 380 mm net weight 11,10 kg rf. i43510 range of 2 cabinets conceived to filter fu mes, solvents, acids... for a better view, the cabinet has transpar ent openings on each side and includes in- line a removable front glass screen. the air curtain cabinet directkly sits on a workbench surface. st rong iron manufaturing with an eopxy paint coating to avoid any corrosion risk. an extraction pipe of diameter 75 mm allows eas ily co nnecting the cabinet to the filter units filtrix or filtratec. model item code air curtain cabinet cab 8050 i43 510 technical characteris t ics model cab 8050 internal dimensions (l x w x h) in mm 795 x 450 x 460 e x t e r n a l d i m e n s i o n s w i t h o u t extr action pipe (l x w x h) in mm 800 x 460 x 462 e x t e r n a l d i m e n s i o n s w i t h extraction pipe (l x w x h) in mm 800 x 460 x 504 removable front glass screen yes connecting pipe ? 75 mm yes net weight 12 kg


▲Up To Search▲   

 
Price & Availability of CIF859

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X