Part Number Hot Search : 
AS5304 CCA028V1 C3216X7 AD1838AS 85238 CX162 OMAP2430 KA7533
Product Description
Full Text Search
 

To Download CC45SL3AD680JY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? all specifications are subject to change without notice.  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications. issue date: july 2011 mid-high voltage ceramic capacitors cc45 series disk type with lead low dissipation at high frequency general use
(1/4) 003-02 / 20110711 / e4c3_cc45.fm  all specifications are subject to change without notice. mid-high voltage ceramic capacitors(disk with lead) low dissipation at high frequency cc45 series features  high voltage ceramic capacitors series (for temperature compensation), low dissipation factor and higher reliability has been achieved through the use of tdk original dielectric and copper for electrode material due to nice matching of the ceramic dielectrics material for low dissipation factor, and copper for electrode.  low dissipation factor, and decreased self-heating temperature in the high frequency, and high voltage application.  the rated voltage of 6kv series have been added the rated voltage of 3kv series.  these products shall conform to rohs directive due to lead(pb) free of lead wire and internal solder material.  this product is compatible with halogen-free external resin coating (we recommend halogen-free products as standard). operating temperature range: ?25 to +125c (the maximum operating temperature of 125c includes capacitor self-generated heat of up to 20c.) product identification (1) type (2) shape (3) capacitance temperature characteristics (4) rated voltage (5) nominal capacitance (6) capacitance tolerance (7) class (8) lead type (9) general use (10) halogen-free compatible product capacitance temperature characteristics and tolerance capacitance and dimensions temperature characteristics: sl(+350 to ?1000ppm/c) rated voltage edc: 1kv ? ? : lead shape symbol conformity to rohs directive cc 45 sl 3ad 101 j y n n a (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) temperature characteristics test temperature range capacitance tolerance sl(+350 to ?1000ppm/c) +20 to +85c c(0.25pf) d(0.5pf) j(5%) part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d cc45sl3ad100jy ? ? na cc45sl3ad100jy ? ? n 10 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad120jy ? na cc45sl3ad120jy ? n 12 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad150jy ? na cc45sl3ad150jy ? n 15 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad180jy ? na cc45sl3ad180jy ? n 18 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad220jy ? na cc45sl3ad220jy ? n 22 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad270jy ? na cc45sl3ad270jy ? n 27 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad330jy ? na cc45sl3ad330jy ? n 33 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad390jy ? na cc45sl3ad390jy ? n 39 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad470jy ? na cc45sl3ad470jy ? n 47 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad560jy ? na cc45sl3ad560jy ? n 56 5.5 5.0 5.01.5 0.60.05 v1 CC45SL3AD680JY ? na CC45SL3AD680JY ? n 68 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad820jy ? na cc45sl3ad820jy ? n 82 6.0 5.0 5.01.5 0.60.05 v1 cc45sl3ad101jy ? na cc45sl3ad101jy ? n 100 6.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad121jy ? na cc45sl3ad121jy ? n 120 7.0 5.0 5.01.5 0.60.05 v1 cc45sl3ad151jy ? na cc45sl3ad151jy ? n 150 7.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad181jy ? na cc45sl3ad181jy ? n 180 8.0 5.0 5.01.5 0.60.05 v1 cc45sl3ad221jy ? na cc45sl3ad221jy ? n 220 8.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad271jy ? na cc45sl3ad271jy ? n 270 9.0 5.0 5.01.5 0.60.05 v1 cc45sl3ad331jy ? na cc45sl3ad331jy ? n 330 10.0 5.0 5.01.5 0.60.05 v1 cc45sl3ad391jy ? na cc45sl3ad391jy ? n 390 10.5 5.0 5.01.5 0.60.05 v1 cc45sl3ad471jy ? na cc45sl3ad471jy ? n 470 11.5 5.0 7.51.5 0.60.05 v2 cc45sl3ad561jy ? na cc45sl3ad561jy ? n 560 12.5 5.0 7.51.5 0.60.05 v2 cc45sl3ad681jy ? na cc45sl3ad681jy ? n 680 13.5 5.0 7.51.5 0.60.05 v2 cc45sl3ad821jy ? na cc45sl3ad821jy ? n 820 14.5 5.0 7.51.5 0.60.05 ? cc45sl3ad102jy ? na cc45sl3ad102jy ? n 1,000 16.0 5.0 10.02 0.60.05 ?  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/4) 003-02 / 20110711 / e4c3_cc45.fm  all specifications are subject to change without notice. capacitance and dimensions temperature characteristics: sl(+350 to ?1000ppm/c) rated voltage edc: 2kv ? ? : lead shape symbol rated voltage edc: 3kv ? ? : lead shape symbol part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d cc45sl3dd100jy ? ? na cc45sl3dd100jy ? ? n 10 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd120jy ? na cc45sl3dd120jy ? n 12 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd150jy ? na cc45sl3dd150jy ? n 15 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd180jy ? na cc45sl3dd180jy ? n 18 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd220jy ? na cc45sl3dd220jy ? n 22 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd270jy ? na cc45sl3dd270jy ? n 27 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd330jy ? na cc45sl3dd330jy ? n 33 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd390jy ? na cc45sl3dd390jy ? n 39 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd470jy ? na cc45sl3dd470jy ? n 47 5.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd560jy ? na cc45sl3dd560jy ? n 56 6.0 5.0 5.01.5 0.60.05 v1 cc45sl3dd680jy ? na cc45sl3dd680jy ? n 68 6.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd820jy ? na cc45sl3dd820jy ? n 82 7.0 5.0 5.01.5 0.60.05 v1 cc45sl3dd101jy ? na cc45sl3dd101jy ? n 100 7.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd121jy ? na cc45sl3dd121jy ? n 120 8.0 5.0 5.01.5 0.60.05 v1 cc45sl3dd151jy ? na cc45sl3dd151jy ? n 150 8.5 5.0 5.01.5 0.60.05 v1 cc45sl3dd181jy ? na cc45sl3dd181jy ? n 180 9.0 5.0 5.01.5 0.60.05 v1 cc45sl3dd221jy ? na cc45sl3dd221jy ? n 220 10.0 5.0 5.01.5 0.60.05 v1 cc45sl3dd271jy ? na cc45sl3dd271jy ? n 270 11.0 5.0 7.51.5 0.60.05 v2 cc45sl3dd331jy ? na cc45sl3dd331jy ? n 330 11.5 5.0 7.51.5 0.60.05 v2 cc45sl3dd391jy ? na cc45sl3dd391jy ? n 390 12.5 5.0 7.51.5 0.60.05 v2 cc45sl3dd471jy ? na cc45sl3dd471jy ? n 470 13.5 5.0 7.51.5 0.60.05 v2 cc45sl3dd561jy ? na cc45sl3dd561jy ? n 560 14.5 5.0 7.51.5 0.60.05 v3 cc45sl3dd681jy ? na cc45sl3dd681jy ? n 680 16.0 5.0 10.02 0.60.05 ? part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d cc45sl3fd100jy ? ? na cc45sl3fd100jy ? ? n 10 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd120jy ? na cc45sl3fd120jy ? n 12 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd150jy ? na cc45sl3fd150jy ? n 15 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd180jy ? na cc45sl3fd180jy ? n 18 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd220jy ? na cc45sl3fd220jy ? n 22 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd270jy ? na cc45sl3fd270jy ? n 27 5.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd330jy ? na cc45sl3fd330jy ? n 33 6.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd390jy ? na cc45sl3fd390jy ? n 39 6.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd470jy ? na cc45sl3fd470jy ? n 47 6.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd560jy ? na cc45sl3fd560jy ? n 56 7.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd680jy ? na cc45sl3fd680jy ? n 68 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd820jy ? na cc45sl3fd820jy ? n 82 8.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd101jy ? na cc45sl3fd101jy ? n 100 8.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd121jy ? na cc45sl3fd121jy ? n 120 9.5 6.0 7.51.5 0.60.05 v2 cc45sl3fd151jy ? na cc45sl3fd151jy ? n 150 10.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd181jy ? na cc45sl3fd181jy ? n 180 11.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd221jy ? na cc45sl3fd221jy ? n 220 12.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd271jy ? na cc45sl3fd271jy ? n 270 13.0 6.0 7.51.5 0.60.05 v2 cc45sl3fd331jy ? na cc45sl3fd331jy ? n 330 14.0 6.0 7.51.5 0.60.05 v3 cc45sl3fd391jy ? na cc45sl3fd391jy ? n 390 15.0 6.0 7.51.5 0.60.05 ? cc45sl3fd471jy ? na cc45sl3fd471jy ? n 470 16.0 6.0 10.02 0.60.05 ?
(3/4) 003-02 / 20110711 / e4c3_cc45.fm  all specifications are subject to change without notice. capacitance and dimensions temperature characteristics: sl(+350 to ?1000ppm/c) rated voltage edc: 6kv ? ? : lead shape symbol list of standard lead shapes the lead type is indicated by the letter which is the 15th character of the product name. dimensions in mm  we recommend using a vertical kink type.  for bulk products, we recommend a short lead type with the symbol n. part no. capacitance (pf) dimensions(mm) taping dimensions halogen-free product current product d max. t max. f d cc45sl3jd030cy ? ? na cc45sl3jd030cy ? ? n 3 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd050dy ? na cc45sl3jd050dy ? n 5 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd080dy ? na cc45sl3jd080dy ? n 8 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd100jy ? na cc45sl3jd100jy ? n 10 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd120jy ? na cc45sl3jd120jy ? n 12 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd150jy ? na cc45sl3jd150jy ? n 15 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd180jy ? na cc45sl3jd180jy ? n 18 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd220jy ? na cc45sl3jd220jy ? n 22 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd270jy ? na cc45sl3jd270jy ? n 27 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd330jy ? na cc45sl3jd330jy ? n 33 7.5 6.0 7.51.5 0.60.05 v2 cc45sl3jd390jy ? na cc45sl3jd390jy ? n 39 8.0 6.0 7.51.5 0.60.05 v2 cc45sl3jd470jy ? na cc45sl3jd470jy ? n 47 8.5 6.0 7.51.5 0.60.05 v2 long lead short lead taping vertical kink symbol g symbol n symbol v straight symbol a symbol h symbol p example) tdk product name: cc45sl3ad101jynna n: lead type (vertical kink, short) 25min. 4max. d t f d 5 1 4max. d t f d 16 +1.5 ?0.5 4max. d t 25min. 3max. d t f d 7 1 3max. d t f d 20 +1.5 ?0.5 d t  for more information about products with other capacitance or other data, please contact us.
(4/4) 003-02 / 20110711 / e4c3_cc45.fm  all specifications are subject to change without notice. taping dimemsions vertical kink lead type item symbol dimensions (mm) remarks v1 v2 v3 body diameter d depends on the s pecification of each product. body thickness t depends on the specification of each product. lead-wire diameter ?d 0.60.05 0.60.05 0.60.05 pitch of component p 12.71.0 15.01.0 30.01.0 including the slant of body feed hole pitch p 0 12.70.3 15.00.3 15.00.3 excepting the tape splicing part feed hole center to lead p 1 3.850.7 3.750.7 3.750.7 feed hole center to component center p 2 6.351.3 7.51.3 7.51.3 lead-to lead distance f 5+0.8, ?0.2 7.50.8 7.50.8 measuring point is bottom kink component alignment ? h 02.0 02.0 02.0 including the slanting body due to bending lead-wire tape width w 18.0+1.0, ?0.5 18.0+1.0, ?0.5 18.0+1.0, ?0.5 adhesive tape width w 0 11.5min. 11.5min. 11.5min. hole position w 1 9.00.5 9.00.5 9.00.5 adhesive tape position w 2 3.0max. 3.0max. 3.0max. adhesive tape do not stick out the tape bottom of kink from tape center h 0 16.0+1.5, ?0.5 16.0+1.5, ?0.5 16.0+1.5, ?0.5 height of body from tape center h 1 46.0max. 46.0max. 46.0max. lead-wire protrusion 1.0max. 1.0max. 1.0max. feed hole diameter d 0 4.00.2 4.00.2 4.00.2 total tape thickness t 0.60.3 0.60.3 0.60.3 do not including adhesive tape length of snipped lead l 11.0max. 11.0max. 11.0max. coating on lead c 4.0max. 4.0max. 4.0max. height of kink a 4.0max. 4.0max. 4.0max. measuring point is bottom kink spring action s 2.0max. 2.0max. 2.0max. p p 2 d p 0 d 0 ?d a h 0 w h 1 w 1 t ? h ? h s h 0 c l t w 0 w 2 f p 1 v1, v2 p p 2 d p 0 ?d a h 0 w h 1 w 1 t ? h ? h s h 0 c l t w 0 w 2 f p 1 d 0 v3


▲Up To Search▲   

 
Price & Availability of CC45SL3AD680JY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X